Part Number Hot Search : 
12864F MM1566 LTC1662C DS2422S LTC1662C NTE5953 LA1600 74AHC1
Product Description
Full Text Search
 

To Download AT24001-H3Y-4N Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  all specification & dimensions are subject to change, please call your nearest foxconn sales representative for update information . specifications ddr ii connector at240 series vertical type, t/h type 1. 00mm [.039?] pitch 240 pos . mechanical contact retention force: 0.75lbs (0.34kgf) min. per contact durability: 25 cycles dram board insertion force: 3 oz max. per contact electrical voltage raging: 250v ac current rating: 1 .0a max., 30 j max., in temperature rise insulation resistance: 1000m w min. initial dielectric withstanding voltage: 500v ac at sea level low level contact resistance: 30m w max. initial physical housing: thermoplastic, ul 94v - 0 rated in yellow color contact: copper a lloy ejector: thermoplastic, ul 94v - 0 rated in ivory or natural color metal hold down: copper alloy operating temperature: - 55 j to +105 j drawing ordering information vertrical 40=240 pos. 0=3.15 [.124] 1=2.67 [.105] tail length 1.00mm pitch ddr ii dimm no. of pos. memory socket extension code 7=15u" gold contact area plating 2=20u" gold 6=10u" gold 3=30u" gold 1=gold flash 4n=tin/lead plating type 4f=lead free product no.: a t 2 4 0 * * - h 3 y- * *


▲Up To Search▲   

 
Price & Availability of AT24001-H3Y-4N

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X