Part Number Hot Search : 
E004846 KIA78L05 DD502 KA22136 R6522 BZV85130 21M10 3015BGC
Product Description
Full Text Search
 

To Download ASVC-0806-1R0J Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  shielded low dcr high current power inductor ||||||||||||||| asvc standard specifications: applications: features: size varies pb rohs compliant parameters abracon p/n: asvc series operating temperature: -40c to + 125c storage temperature: -40c to + 125c, 70% rh max. ri core material: test condition: 1.0v/100khz abracon is iso 9001 / qs 9000 certified abracon is iso 9001 / qs 9000 certified 30332 esperanza, rancho santa margarita, california 92688 tel 949-546-8000 | fax 949-546-8001 | www.abracon.com revised: 10.10.07 visit www.abracon.com for terms & conditions of sale ? shielded construction, auto machine assembly ? high saturation point and high current ? high frequency up to 1.0 mhz ? auto machine winding to low dc resistance ? all lead-free (rohs - no pb) ? pc servers and computer motherboards ? dc/dc converter in distributed power systems ? different core materials for a variety of applications 0.47 0.90 50000 40000 0.60 0.90 50000 40000 0.80 0.90 50000 39000 1.00 1.40 45000 34000 1.50 2.30 42000 31000 2.00 3.50 35000 24000 2.40 3.50 25000 20000 3.30 5.00 22000 18000 0.47 0.95 50000 38000 0.60 0.95 50000 38000 0.80 1.60 45000 33000 1.00 1.60 35000 32000 1.50 2.20 25000 31000 2.00 4.00 30000 21000 0.47 0.95 50000 43000 0.60 0.95 50000 43000 0.80 1.60 45000 38000 1.00 1.60 35000 36000 1.50 2.20 25000 34000 2.00 4.00 30000 26000 0.25 0.80 50000 48000 0.35 0.80 40000 48000 asvc-1108c-1r5 asvc-1108c-2r0 asvc-1108t-r35 asvc-1310-1r0 asvc-1310-r60 part number l ( h)* dcr (m ) max. @25oc electrical characteristics / asvc-1310p i-sat(a) max.*** idc (a) typ.** asvc-1310-r80 asvc-1108-2r0 part number dcr (m ) max. @25oc idc (a) typ.** i-sat(a) max.*** asvc-1310-r47 l ( h)* asvc-1108c-r80 asvc-1108c-1r0 electrical characteristics / asvc-1108c asvc-1108c-r47 asvc-1108c-r60 asvc-1310-1r5 asvc-1310-2r4 asvc-1310-3r3 asvc-1310-2r0 electrical characteristics / asvc-1108p part number l ( h)* dcr (m ) max. @25oc idc (a) typ.** i-sat(a) max.*** asvc-1108-r47 asvc-1108-r60 asvc-1108-r80 asvc-1108-1r0 asvc-1108-1r5 electrical characteristics / asvc-1108t part number l ( h)* dcr (m ) max. @25oc idc (a) typ.** i-sat(a) max.*** asvc-1108t-r25 p:iron core, t: iron +mn-zn dual materials, c: iron core with cover
shielded low dcr high current power inductor ||||||||||||||| asvc options and part identification: (left blank if standard) size varies pb rohs compliant abracon is iso 9001 / qs 9000 certified abracon is iso 9001 / qs 9000 certified 30332 esperanza, rancho santa margarita, california 92688 tel 949-546-8000 | fax 949-546-8001 | www.abracon.com revised: 10.10.07 visit www.abracon.com for terms & conditions of sale outline drawing: dimensions: mm 0.47 2.30 40000 28000 0.60 2.30 35000 28000 0.80 3.50 27000 22000 1.00 5.20 22000 18000 0.56 2.30 23000 25000 0.68 2.30 21000 20000 0.82 3.50 17000 17000 1.20 5.20 17000 21000 % 5 j % 0 1 k m 20% asvc - - asvc-0806c-1r2 asvc-0806c-r82 asvc-0806-r80 asvc-0806-1r0 asvc-0806c-r56 please refer to the tables above. inductance code part number electrical characteristics / asvc-0806c l ( h)* dcr (m ) max. @25oc idc (a) typ.** asvc-0806-r47 asvc-0806-r60 i-sat(a) max.*** electrical characteristics / asvc-0806p part number e c n a r e l o t e c n a t c u d n i l ( h)* dcr (m ) max. @25oc idc (a) typ.** i-sat(a) max.*** asvc-0806c-r68 ra m circuit dia g a (max) b (max) c d (max) 0.531 0.492 0.138 0.020 0.394 (13.5) (12.5) (3.5 0.5) (10) 0.461 0.461 0.138 0.020 0.335 (11.7) (11.7) (3.5 0.5) (8.5) 0.461 0.461 0.138 0.020 0.374 (11.7) (11.7) (3.5 0.5) (9.5) 0.461 0.461 0.138 0.020 0.335 (11.7) (9.7) (3.5 0.5) (8.5) 0.323 0.323 0.138 0.020 0.236 (8.2) (8.2) (3.5 0.5) (6.0) 0.323 0.323 0.138 0.020 0.276 (8.2) (8.2) (3.5 0.5) (7.0) asvc-0806p asvc-0806c series asvc-1310p asvc-1108p asvc-1108c asvc-1108t e 0.04~ 0.07 ( 1.0~ 1.7) .003~ 0.06 ( 0.8~ 1.5) .003~ 0.06 ( 0.8~ 1.5) 0.055 ( 0.7~ 0.9) 0.03~ 0.04 ( 0.7~ 0.9) ( 1.4) 0.03~ 0.04 b a c e d s e i r e s 0806p 0806c 1108p 1108c 1108t 1310p dimension (max.) p, c, t means core material code note: (*) l test parameters: 100khz, 1.0vrms, 0adc. (**) idc: heating current that will cause an approximate ? t of 40c without core loss; please contact our sales department for details (***) i-sat : saturation current that will cause l approximately 20% rolloff with 25c ambient 13.5x12.5x10.0mm 8.2x8.2x6.0mm 8.2x8.2x7.0mm 11.7x11.7x8.5mm 11.7x11.7x9.5mm 11.7x9.7x8.5mm
shielded low dcr high current power inductor ||||||||||||||| asvc size varies pb rohs compliant abracon is iso 9001 / qs 9000 certified abracon is iso 9001 / qs 9000 certified 30332 esperanza, rancho santa margarita, california 92688 tel 949-546-8000 | fax 949-546-8001 | www.abracon.com revised: 10.10.07 visit www.abracon.com for terms & conditions of sale packing: quantity = 100pcs/pvc; pvc case = 230*150*15m/m e : 2 38 *1 56 *1 60 m / m inb o x s iz e : 8pv c c a s e / b o x q uantity s ize: 3 20 * 251 * 170m / m o utb o x s : 2 inb o x/ o utb ox q uantity storag e 1. temperature and humidity conditions: less than 40 0 0 and 70 % rh. 2. recommended products should be used within 6 months form the time of deliver y. 3 . the packa g in g material should be kept where no chlorine or sul f ur exists in the air . stora ge 1. products should be handled with care to avoid dama g e or contamination from perspiratio n a n d s kin o il s . 2. the use of tweezers or vacuum pick up is stron g l y recommended for individual components . 3 . bulk handlin g should ensure that abrasion and mechanical shock are minimized . 1 5 0 2 3 0 1 5 2 3 8 15 6 1 6 0 2 5 1 3 2 8 1 7 0


▲Up To Search▲   

 
Price & Availability of ASVC-0806-1R0J

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X