Part Number Hot Search : 
MBR30 4805S 5Y563 4801A MBR20H STP40NF 56F83 F5N50FT
Product Description
Full Text Search
 

To Download AISM-1008-1R2K-T Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  aism-1008 ||||||||||||||| ? vcrs, video cameras ? lcd tvs, mini-tvs, tv tuners ? automobile audio systems ? computer products & peripherals ? highly reliable in sudden temperature and humidity change ? accurate dimensions for automatic surface mounting ? resistant to mechanical shocks and sudden temperature ? low dcr and high current, suitable for power line applicatio ns smd molded wound chip inductors electrical specifications: features: applications: abracon is iso 9001 / qs 9000 abracon is iso 9001 / qs 9000 certified 30332 esperanza, rancho santa margarita, california 92688 tel 949-546-8000 | fax 949-546-8001 | www.abracon.com revised: 02.08.08 visit www.abracon.com for terms & conditions of sale 2.5 x 2.0 x 1.8mm options & part identification: (left blank if standard) aism -1008 - - g n i g a k c a p e c n a t c u d n i j= 5%; k=10%; m=20% t tape and reel tolerance please refer to the table parameters abracon p/n: aism-1008-xxx series operating temperature: -40c to + 85c storage temperature: -55c to + 125c tolerance q test freq. srf(mhz) dcr( )idc(ma) (%) (min) (mhz) (min) (max) (max) 0.22 j / k / m 25 25.2 230 0.70 190 0.27 j / k / m 25 25.2 210 0.75 180 0.33 j / k / m 25 25.2 190 0.85 170 0.39 j / k / m 25 25.2 175 0.95 160 0.47 j / k / m 25 25.2 160 1.00 155 0.56 j / k / m 25 25.2 150 1.10 150 0.68 j / k / m 25 25.2 135 1.25 140 0.82 j / k / m 25 25.2 125 1.40 130 1.0 j / k / m 25 7.96 115 0.65 195 1.2 j / k / m 25 7.96 100 0.75 180 1.5 j / k / m 25 7.96 90 0.85 170 1.8 j / k / m 25 7.96 85 0.95 160 2.2 j / k / m 25 7.96 80 1.05 155 2.7 j / k / m 25 7.96 75 1.20 145 3.3 j / k / m 25 7.96 65 1.30 135 3.9 j / k / m 25 7.96 60 1.40 130 4.7 j / k / m 25 7.96 55 1.6 125 5.6 j / k / m 25 7.96 50 1.8 120 6.8 j / k / m 25 7.96 45 2.0 115 8.2 j / k / m 25 7.96 40 2.2 105 10 j / k / m 25 2.52 32 3.5 80 12 j / k / m 25 2.52 30 3.8 75 15 j / k / m 25 2.52 28 4.4 70 18 j / k / m 25 2.52 25 5.0 65 22 j / k / m 25 2.52 22 5.8 60 27 j / k / m 20 2.52 21 6.3 115 33 j / k / m 20 2.52 20 7.1 110 39 j / k / m 20 2.52 18 9.5 90 47 j / k / m 20 2.52 17 11.0 80 56 j / k / m 20 2.52 16.0 12.1 75 68 j / k / m 20 2.52 15.0 16.6 70 82 j / k / m 20 2.52 13.0 19.0 65 100 j / k / m 15 0.796 12.0 21.0 60 l( h) aism-1008-8r2 aism-1008-100 aism-1008-120 part no. aism-1008-3r9 aism-1008-4r7 aism-1008-5r6 aism-1008-6r8 aism-1008-1r8 aism-1008-3r3 aism-1008-r82 aism-1008-1r0 aism-1008-1r2 aism-1008-1r5 aism-1008-2r7 aism-1008-r22 aism-1008-r27 aism-1008-r33 aism-1008-r39 aism-1008-r47 aism-1008-r56 aism-1008-220 aism-1008-270 aism-1008-330 aism-1008-390 aism-1008-r68 aism-1008-150 aism-1008-180 aism-1008-2r2 aism-1008-101 aism-1008-470 aism-1008-560 aism-1008-680 aism-1008-820 tolerance : j=5%;k=10%;m=20%;k is standard * the rated current indicates the current when the inductance decreases to 65% of its initial value or dc current when the temperature of coil is increased by 30 pb rohs compliant
aism-1008 ||||||||||||||| smd molded wound chip inductors abracon is iso 9001 / qs 9000 abracon is iso 9001 / qs 9000 certified 30332 esperanza, rancho santa margarita, california 92688 tel 949-546-8000 | fax 949-546-8001 | www.abracon.com revised: 02.08.08 visit www.abracon.com for terms & conditions of sale 2.5 x 2.0 x 1.8mm dimension: inch/mm outline drawing: tape & reel: tape and reel 2,000pcs/reel dimensions of tape dimensions of reel dimensions: mm c b a w a b c w (mm) 1782 602 13.50.5 8.0+2.0/-0.0 series aism-1008 a ( mm ) b ( mm ) t ( mm ) p ( mm ) pcs/reel 2.3 0.1 2.9 0.1 2.1 0.1 4.0 0.1 2000 abracon p/n aism-1008


▲Up To Search▲   

 
Price & Availability of AISM-1008-1R2K-T

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X