Part Number Hot Search : 
FST6210L WT22L SI4442DY 4520B C2500 ASRD733T STUP036 LB8904M
Product Description
Full Text Search
 

To Download 8T3L14C35AE Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  with the increasing requirement for low profle and emi shielding, souriau has more than doubled its 8t range. 38999 series ii 8t connectors 38999 bayonet circular connector for more compacity a wide range rohs plating available (black zinc nickel) 11 different shells available 43 layouts available (from size 8 to 24) 3 8 lt 8t lower profle design lightweight space saving (30% shorter compared to 8lt) 3 high density connector from 1 to 128 contacts 3 high reliability emi shielding excellent shock vibration & fuid resistance qpl approuved 3
38999 series ii 8t connectors 2 description ? low profle ? bayonet locking system ? 11 shell types ? 43 layouts ? high density connector from 1 to 128 contacts ? an excellent shock vibration and fuid resistance ? qpl qualifed ? standards: - m il-c 38999 series ii - n fc 93422 he 309 - v g 96912 series ii - p an 6433-1 - b s 9522 n 003 applications ? civil and military aerospace ? communications equipments ? ballistic missiles & weapon systems ? medical instrumentation technical features mechanical ? shell: aluminum alloy ? plating: black zinc nickel (z) nickel (f) olive green cadmium (b) hard anodized (c) ? insulator: thermoplastic ? grommet and seal: silicone elastomer ? contact: copper alloy ? plating: gold over nickel ? endurance: 500 mating cycles environmental ? temperature range: zinc nickel plating (z): -65c +1 75c cadmium plating (b): -65c +1 75c nickel plating (f): -65c +200c har d anodized (c): -65c +200c ? sealing (mated connector s): differential pressure 1 bar leakage 8cm3/h ? salt spray to: mil-std 1344 method 1001: . 500 hours (plating b & z) . 48 hours (plating f & c) n fc 93422: 48 hours (plating f & c) ? damp heat: mil-c 38999: 10 cycles (24 hours) nfc 93422: 56 days ? resistance to fuids: to mil-l 38999: mil-l 7808, mil-l 23699, mil-h 5606, mil-a 8243, mil-l 25769, mil-g 3056, mil-t 5624 (jp5); hydraulic fuids; solvents to nfc 93422: f 46, f 54, 0/180, h 515, h 542, xh 45 ? shock: 300g, 3ms duration ? vibration: random 100 to 1000hz - 1g2/hz ? contact retention (mini force in n): size 22d: 44n size 16: 1 10n size 20: 67n size 1 2: 110n electrical ? test voltage (vrms): ? contact resistance: size 22d: 14.6m ? size 20: 7.3m ? size 16: 3.8m? ? insulation resistance: 5000m? (at 500vdc) ? contact rating: size 22d: 5a size 16: 1 3a size 20: 7.5a size 1 2: 23a ? shell continuity: black zinc nickel plating: 2.5m? olive green plating: 2.5m ? nickel plating: 1m? service sea level at 21 000 m m 1300 800 i 1800 1000 ii 2300 1000
38999 series ii 8t connectors 3 box solutions space saving: shell size comparison 8t / 8lt 8 lt 38999 series l example: 8lt 15 8t 38999 series li example: 8t 15 ? rear mounting ? front mounting ? integrated backshell ? jam nut 8t shorter for all shell types compared to 8lt !
38999 series ii 8t connectors 4 shell types 8t2 ms27508e 8t3 ms27497t 8t0 ms27472t 8t4 ms27499e 8t10 ms27472e 8t5 ms27484t with grounding ring 8t15 ms27484e with grounding ring 8t6 ms27473t without grounding ring 8t16 ms27473e without grounding ring plugs receptacles front mounting rear mounting 8t1 in line receptacle 8t7 m s27474t jam nut receptacle
38999 series ii 8t connectors 5 short grommet integrated backshell with accessories threads receptacle plug recep- tacle plug receptacle square fange + rear mounting square fange + front mounting with grounding ring without grounding ring square fange + front mounting with grounding ring without grounding ring square fange + front mounting square fange + rear mounting in line jam nut 8t2 8t4 8t15 8t16 8t10 8t5 8t6 8t0 8t3 8t1 8t7 features by shell types from your need ... ... to our solution ! a versatile range available ! ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ?
38999 series ii 8t connectors 6 ordering information note : connectors supplied with standard contacts mil-c-38999 series ii basic series 8t 0 14 b 35 p n shell type: 0: square fange receptacle (front mount with accessories threads) 1: in line receptacle (with accessories threads) 2: square fange receptacle (rear mount without accessories threads) 3: square fange receptacle (rear mount with accessories threads) 4: square fange receptacle (front mount without accessories threads) 5: plug with rfi shielding 6: plug without rfi shielding 7: jam nut receptacle (with accessories threads) 10: square fange receptacle (front mount, rear knurling) 15 : plug with rfi shielding (rear knurling) 16 : plug without rfi shielding (rear knurling) type: none: connectors with standard crimp contacts l: receptacle with long spill (male and female size #22d) c: receptacle with short spill (male and female size #22d, #20, #16) p: receptacle with solder cup (male size #22d) shell size: 08 - 10 - 12 - 14 - 16 - 18 - 20 - 22 - 24 plating: z: black zinc nickel f: nickel b: olive drab cadmium c: hard anodized contact layout: see tables p. 7 & 8 contact type: p: pin s: socket a: connector supplied less pin contact or with specifc contacts (connector marking : a + orientation) b: female connector without contact or with special contacts (connector marking : b + orientation) orientation: n, a, b, c, d & e special custom: none: standard plastic cap m: antistatic plastic cap l: for p and s contact type only, connector delivered without contacts, connector marking p or s (without l) basic series ms 27497t 14 b 35 p n shell type & class: 27472t: square fange receptacle (front mount with accessories threads) 27508e: square fange receptacle (rear mount without accessories threads) 27497t: square fange receptacle (rear mount with accessories threads) 27499e: square fange receptacle (front mount without accessories threads) 27484t: plug with rfi shielding 27473t: plug without rfi shielding 27474t: jam nut receptacle (with accessories threads) 27472e: square fange receptacle (front mount, rear knurling) 27484e: plug with rfi shielding (rear knurling) 27473e: plug without rfi shielding (rear knurling) shell size: 08 - 10 - 12 - 14 - 16 - 18 - 20 - 22 - 24 plating: z: black zinc nickel b: olive drab cadmium f: nickel contact layout: see tables p. 7 & 8 contact type: p: pin s: socket a: connector supplied less pin contact or with specifc contacts (connector marking : a + orientation) b: female connector without contact or with special contacts (connector marking : b + orientation) orientation: n, a, b, c, d & e special custom: none: standard plastic cap m: antistatic plastic cap l: for p and s contact type only, connector delivered without contacts, connector marking p or s (without l) souriau - part numbers
38999 series ii 8t connectors 7 contact layouts 08 6#22d service m 3#20 service i 35 98 7#20 service i 6#20 service i 5#20 service i 10 05* 98 99 13#22d service m 35 * layout not available on 8t2 & 8t4 (short grommet). on demand only, please consult us. ** layout not available on 8t2 & 8t4 (short grommet) / layout available on other types (long grommet) but only with male insert. for female version or short grommet, please consult us. 12 4#16 service i 6#22d 2#12 service m 10#20 service i 22#22d service m 8#20 service i 04* 08** 35 98 26* 3#16 service i 03 14 5#16 service ii 8#20 4#16 service i 37#22d service m 19#20 service i 18#20 service i 14#20 1#16 service i 05* 18 * 19 * 35 97* 15 * 16 26* 35 99 2#16 21#20 service i 6#12 or 6#12 coax service i 08* 8#16 service ii 26#20 service i 55#22d service m 06
38999 series ii 8t connectors 8 16#16 service ii 41#20 service i 37#20 2#16 service i 79#22d service m 11#12 service i 11 * 16 35 39 41 20 53#20 service i 55#20 service i 100#22d service m 21#16 service i 21* 35 53* 55 32#20 service i 32 22 61#20 service i 128#22d service m 29#16 service i 12 # 12 12#16 service ii 19#12 service i 19 * 24* 29* 35 61* 24 48#20 8#16 service i 04 * layout not available on 8t2 & 8t4 (short grommet). on demand only, please consult us. for further information contact us at contactmilaero@souriau.com or visit our web site www.souriau.com mae8tp00302en ? copyright souriau january 2011 - all information in this document presents only general particulars and shall not form part of any contract. all rights reserved to souriau for changes without prior notifcation or public announcement. any duplication is prohibited, unless approved in writing. 35 11#16 service ii 32#20 service i 66#22d service m 26#20 2#16 service i 28 11 * 32 18 contact #22d contact #20 contact #16 contact #12 contact #10 contact #8 contact #8 power contact #8 quadrax contact #4 power


▲Up To Search▲   

 
Price & Availability of 8T3L14C35AE

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X