Part Number Hot Search : 
TVR1D BYW95 TC52425 74LV1G ACPP2010 M74HC40 2SK35 74LV1G
Product Description
Full Text Search
 

To Download 8-8-M-175P Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  grayhill, inc. ? 561 hillgrove avenue ? lagrange, illinois 60525-5997 ? usa ? phone: 708-354-1040 ? fax: 708-354-2820 ? www.gr ayhill.com optical and mechanical encoders optical encoders .650 (16,51) .265.020 (6,73) .210.020 (5,33) .408 (10,36) header is samtec p/n mtms-108-58-t-s-485 or equivalent .380.003 (9,650,07) ?1.000.015 (25,40,38) ?.810 (20,57) .615.003 (15,620,07) .250 (6,35) ?.050.003 (1,270,07) locating pin .040 .003 (1,02 0,07) connector is amp p/n 0-215083-8 or equivalent ?.250.002 (6,350,05) m17x1 thread .598 .015 (15,19 0 ,38) .205 .001 (5,2 1 0 ,02) .219 .003 (5,5 6 0 ,07) .580 .015 (14,7 3 0 ,38) .708 .015 (17,9 8 0 ,38) pivot point 4.000 .200 4.000 (5,08) series 60a joystick features ? optical encoder, pushbutton, and joystick in one shaft ? long life, high reliability ? compatible with cmos, hcmos, and ttl logic ? choices of cable length and termination ? customized solutions available dimensions in inches (and millimeters) pin version circuitry and joystick operation standard quadrature 2-bit code applications ? global positioning/driver information systems ? medical equipment control ? radio control ? robotics ? commercial appliances x direction joystick y direction joystick power +5.0v 2 3 4 6 5 *external pull-up resistors required for operation (2.2k ? ). r* r* ground switch pushbutton normally open output b output a 8 7 1 * defined by locating pin on top of housing x low y low x high y high* 2.5v encoder 38 unless otherwise specified, standard tolerance are: linear .025 diameter .010 angle 2.0
optical and mechanical encoders grayhill, inc. ? 561 hillgrove avenue ? lagrange, illinois 60525-5997 ? usa ? phone: 708-354-1040 ? fax: 708-354-2820 ? www.gr ayhill.com optical encoders series angle of throw: detent: 18 = 18 or 20 positions; non-detent: 08 = 18 or 20 positions; non-turn: 00 = joystick and pushbutton only joystick contacts: 2 = 2 discrete contacts 4 = 4 discrete contacts 60a18-4-040s 8 = 4 contacts in 8 possible directions termination: s = stripped cable; .050" centers; c = connector; .050" centers; p = pin; .050" centers cable termination: 040 = 4.0in. cable is terminated with amp connector p/n 215083-6. see amp mateability guide for mating connector details. *eliminate cable length if ordering pins (ex: 60a18-4-p) specifications rotary electrical and mechanical ratings operating voltage: 5.00 0.25 vdc supply current: 20 ma maximum at 5 vdc output: open collector phototransistor. external pull up resistors are required output code: 2-bit quadrature, channel a leads channel b by 90 electrically during clockwise rotation of the shaft logic output characteristics: high: no less than 3.5 vdc low: no greater than 1.0 vdc minimum sink current: 2.0 ma power consumption: 100 mw maximum mechanical life: 1 million rotational cycles of operation (1 cycle is a rotation through all positions and a full return) average rotational torque: 2.0 1.0 in- oz initially, torque shall be within 50% of initial value throughout life mounting torque: 15 in-lbs. maximum shaft push-out force: 45 lbs minimum shaft pull-out force: 45 lbs minimum terminal strength: 15 lbs terminal pull-out force minimum for cabled and header termination solderability: 95% free of pin holes and voids pushbutton electrical and mechanical ratings rating: 10 ma at 5 vdc resistive contact resistance: less than 10 ohms life: 1 million actuations minimum contact bounce: < 4 ms make, 10 ms break actuation force: 400 150 grams force shaft travel: 0.020 0.010 inches joystick electrical and mechanical ratings supply current: 5 ma maximum output code: 2-bit logic output characteristics: neutral: 2.5 0.5 vdc high: > 4.5 vdc low: < 0.5 vdc angle of throw: 8 2 in all directions life: 500,000 actuations in each direction environmental ratings operating temperature range: -40c to 85c storage temperature range: -55c to 100c relative humidity: 96 hours at 90-85% humidity at 40c vibration: harmonic motion with amplitude of 15g, within a varied 10 to 2000 hz frequency for 12 hours mechanical shock: test 1: 100g for 6ms half-sine wave with a velocity change of 12.3 ft/s test 2: 100g for 6ms sawtooth wave with a velocity change of 9.7 ft/s materials and finishes assembly studs: 305 stainless steel detent housing: polyamide polymer (nylon 6/10 alloy) printed circuit boards: glass cloth epoxy double clad with copper gold over nickel plated infrared emitting diode chips: gallium aluminum arsenide silicon phototransistor chips: gold and aluminum alloys ordering information available from your local grayhill component distributor. for prices and discounts, contact a local sales office, an authorized local distributor, or grayhill. resistors: metal oxide on ceramic substrate solder pins: brass, plated with tin shaft: polyamide polymer (nylon 6/10 alloy) with stainless steel insert detent balls: carbon steel plated with nickel detent springs: music wire plated with tin code rotor: 33% glass reinforced nylon 66 pushbutton dome: stainless steel pushbutton dome retainer: polycarbonate joystick housing: polyamide polymer (nylon 6/10 alloy) joystick contact: stainless steel, silicone rubber, brass with silver cladding, high-temp thermoplastic, phosphor bronze with silver cladding cable: copper stranded with plating in pvc insulation connector: pa 4.6 with tin over nickel plated phosphor bronze lockwashers: stainless steel with passivate finish hex nuts: 303 stainless steel label: tt406 thermal transfer cast film solder: sn/ag/cu, lead-free, no clean mounting nut: polyurethane lubricating grease: nye nyogel 774l options contact grayhill for custom terminations, rotational torque, number of positions, shaft configurations, and resolutions. control knobs are also available. ? indicates logic high; blank indicates logic low. code repeats every 4 positions. clockwise rotation position output a output b 1 2 3 4 ? ?? ? waveform and truth table standard quadrature 2-bit code 6 5 4 3 2 1 position number output "b" output "a" high high low low encoder 39
grayhill, inc. ? 561 hillgrove avenue ? lagrange, illinois 60525-5997 ? usa ? phone: 708-354-1040 ? fax: 708-354-2820 ? www.grayhill.com optical and mechanical encoders optical encoders cable length .200 [5,08] ? 1.000 25,4 [ ] .436 11,07 [ ] .537 13,64 [ ] .040 1,02 [ ] .886 22,5 [ ] .950 24,13 [ ] .460 11,68 [ ] .219 5,56 [ ] .250 6,35 [ ] pivot point .125 3,18 [ ] .591 15,01 [ ] .628 15,95 [ ] ? .810 20,57 [ ] .380 9,65 [ ] ? .050 1,27 [ ] .582 14,78 [ ] .205 5,21 [ ] .407 10,34 [ ] .615 15,62 [ ] .945 24 [ ] .120 3,05 [ ? m17x1 thread series 60ad optical encoder with integrated joystick and pushbutton fe atures ? dome contacts provide excellent tactile feedback in all directions ? choices of actuation force, cable length and termination ? customized solutions available appli cations ? aerospace ? automotive ? medical devices dimensions in inches (and millimeters) unless otherwise specifed, standard tolerance are: linear .025 diameter .010 angle 2.0 angle of throw: 18= 18 or 20 positions joystick: 4= four contacts & directions; 8= four contacts & eight directions 60ad18-4-m-060s termination: 0.050" center p= pin header; c= connector; s= stripped cable cable length: 020 thru 250 in 1/2 inch increments, 060= 6.0 inch cable force option: (see table) l=low, m=medium, h=high ordering infor mation for prices and custom confgurations, contact a local sales offce, an authorized distributor, or grayhill's sales department. option l m h 1 actuation force (joystick) [g] 550200 725200 1050250 2 actuation force (pushbutton) [g] 625200 800200 1100250 3 average rotational torque [in-oz] 1.500.75 3.501.75 5.002.00
optical and mechanical encoders grayhill, inc. ? 561 hillgrove avenue ? lagrange, illinois 60525-5997 ? usa ? phone: 708-354-1040 ? fax: 708-354-2820 ? www.grayhill.com optical encoders joyst ick oper ation + encoder wavefor m and tr uth tabl e standard quadrature 2-bit code neutral neutral neutral neutral neutral neutral specifi cations r otary specifcations operating voltage: 5.00 0.25 vdc supply current: 20ma max at 5 vdc minimum sink current: 2.0ma at 5 vdc power consumption: 0.1mw max at 5 vdc output: open collector phototransistor, 2.2k w external pull-up resistors are required output code: 2-bit quadrature, channel a leads channel b by 90 in clockwise rotation logic output characteristics: high: no less than 3.5 vdc low: no greater than 1.0 vdc mechanical life: 1 million rotational cycles (through all positions and a full return) r otational torque: see table maximum r otational speed: 100 rpm mounting torque: 15 in-oz. maximum shaft push/pull out force: 45 lbs min. shaft side-load force: 20 lbs. min. terminal strength: 15 lbs pull-out force min. pushbutton specifcations r ating: 10 ma at 5 vdc resistive contact resistance: less than 10 ohms contact bounce: < 4ms make, <10 ms break mechanical life: 1 million actuations min. actuation force: see table pushbutton travel: .027 .010 in. joystick specifcations supply current: 5ma max output code: 2-bit logic output characteristics: neutral position: 2.5 0.5 vdc high-state position: >4.5 vdc low-state position: <0.5 vdc mechanical life: 500k cycles min. actuation force: see table angle of throw: 3.5 +2/-1 e nvironmental ratings operating temp. r ange: -40c to 85c storage temp. r ange: -55c to 100c r elative humidity: 96 hours at 90-95% humidity at 40c vibration: harmonic motion with amplitude of 15g, within 10 to 2000 hz for 12 hours mechanical shock: test 1: 100g for 6ms half-sine wave with a velocity change of 12.3 ft/s test 2: 100g for 6ms sawtooth wave with a velocity change of 9.7 ft/s materials and finishes detent housing: nylon 6/10 shaft: nylon 6/10 shaft i nsert: 303 stainless steel joystick housing: nylon 6,10 centering plate: nylon 6,10 detent balls: carbon steel detent springs: music wire dome contacts: stainless steel dome housings: polycarbonate over brass- lead frame dome r etainers: nylon 6,0; 30% glass-flled joystick actuators: polyphthalamide; 50% glass flled pushbutton dome r etainer: polycarbonate printed circuit board: nema grade fr-4. glass-cloth epoxy, double clad with copper infrared e mitter: gallium arsenide phototransistor: planar silicon r esistors: metal oxide on ceramic substrate solder: 95.5% sn, 3% ag, 0.5% cu options contact grayhill for custom terminations, rotational torque, number of positions, shaft confgurations, and resolutions.
grayhill, inc. ? 561 hillgrove avenue ? lagrange, illinois 60525-5997 ? usa ? phone: 708-354-1040 ? fax: 708-354-2820 ? www.grayhill.com optical and mechanical encoders optical encoders series 60c multi-function joystick fe atures ? three-in-one joystick, optical encoder and pushbutton ? compact packaging ? choices of cable length and termination ? customized solutions available appli cations ? avionics ? medical equipment ? automotive navigation, information & entertainment equipment dimensions in inches (and millimeters) unless otherwise specifed, standard tolerance are: linear .025 diameter .010 angle 2.0 fr ont mounting rear mounting joyst ick oper ation encoder waveform joyst ick encoder switch sche matic tr uth tabl e standard quadrature 2-bit code
optical and mechanical encoders grayhill, inc. ? 561 hillgrove avenue ? lagrange, illinois 60525-5997 ? usa ? phone: 708-354-1040 ? fax: 708-354-2820 ? www.grayhill.com optical encoders series angle of throw: 22= 22.5 or 16 positions r otation torque: m= medium torque pushbutton: 7= 485 grams joystick: 4= four directions 60c22-m7-4-060s termination: 0.050" center ribbon cable with; c= connector; s= 0.1" stripped end cable length: 025 thru 250 in 1/2 inch increments, 060= 6.0 inch cable ordering infor mation available from your local grayhill distributor. for prices and discounts, contact a local sales offce, an authorized distributor, or grayhill. specifi cations r otary e lectrical and mechanical ratings operating voltage: 5.00 0.25 vdc supply current: 35ma typ at 5 vdc power consumption: 175mw typ at 5vdc output: direct output from inverting schmitt trigger output code: 2-bit quadrature, channel a leads channel b by 90 in cw rotation logic output characteristics: high: no less than 3.5 vdc low: no greater than 1.0 vdc mechanical life: 500k rotational cycles (through all positions and a full return) r otational torque: medium torque option 3.00 + 2.00 in-oz, torque shall be within 50% of initial value throughout life mounting torque: 15 in-lbs. maximum shaft push/pull out force: 25 lbs minimum terminal strength: 15 lbs terminal minimum joystick e lectrical and mechanical ratings operating voltage: 5.00 0.25 vdc supply current: 35ma at typ at 5 vdc power consumption: 175mw typ at 5vdc output: direct output from inverting schmitt trigger logic output characteristics: high: no less than 3.5 vdc low: no greater than 1.0 vdc mechanical life: 500k cycles (through all positions and a full return) angle of throw: 8 max. in all directions pushbutton e lectrical and mechanical ratings r ating: 10 ma at 5 vdc resistive contact resistance: less than 10 ohms contact bounce: < 4ms make, 10 ms break mechanical life: 500k actuations minimum actuation force: option 7 = 485 115grams pushbutton travel: 0.033 0.015 inches to contact; 0.075 inches maximum e nvironmental ratings operating temperature r ange: -40c to 85c storage temperature r ange: -55c to 100c r elative humidity: 96 hours at 90-95% humidity at 40c vibration: harmonic motion with amplitude of 15g, within a varied 10 to 2000 hz mechanical shock: test 1: 100g for 6ms half-sine wave with a velocity change of 12.3 ft/s test 2: 100g for 6ms sawtooth wave with a velocity change of 9.7 ft/s thermocycle: 4 hours cycling between -40c to 85c materials and finishes bushing: thermoplastic shaft outer: thermoplastic upper housing: thermoplastic pushbutton r ocker: thermoplastic pushbutton actuator: thermoplastic i nner shaft slide: thermoplastic slider plate: thermoplastic backplate: thermplastic lightpipe, joystick: thermoplastic lightpipe, 16 pos: thermoplastic centering profle: thermoplastic shaft i nner: aluminum pins: stainless steel barbed rivet: stainless steel detent balls: carbon steel 100 with nickel fnish centering balls: carbon steel 100 with nickel fnish detent springs: tinned music wire centering springs: tinned music wire cable asm: .050 round conductor fat cable, pvc coated. conductors are stranded, top - coated wire solder: 95.5% sn, 4% ag, 0.5% cu dome: stainless steel pcb 16 pos: nema grade fr-4. plating is gold or palladium over nickel infrared e mitter: gallium aluminum arsenide phototransistor: planar silicon r esistor: carbon flm schmitt trigger: rohs compliant tssop, 14 pin lubricating grease: nyogel 774l label: tt406 thermal transfer cast flm options contact grayhill for custom terminations, rotational torque, number of positions, shaft confgurations, and resolutions. control knobs are also available. contr ol knobs ? 1.344 ? .505 .695 .080 ? 1.150 .585 .487 .002 inner knob p/n 607702 outter knob p/n 607703


▲Up To Search▲   

 
Price & Availability of 8-8-M-175P

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X