Part Number Hot Search : 
D789D UHE0J183 LB1833 2N440308 MSO5SM D1NJ10 C1551 LA1050
Product Description
Full Text Search
 

To Download 74LVCH16541ADGG Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1. general description the 74lvch16541a is a high-performance, low-power and low-voltage si-gate cmos device and superior to most advanced cmos compatible ttl families. inputs can be driven from either 3.3 v or 5 v devices. in 3-state operating, outputs can handle 5 v. these features allow the use of these devices in a mixed 3.3 v and 5 v environment. the 74lvch16541a is a 16-bit buffer/line driver with 3-state outputs. the 3-state outputs are controlled by the output enable inputs (1 oen and 2 oen). a high on n oen causes the outputs to assume a high-impedance off-state. 2. features n 5 volt tolerant inputs and outputs for interfacing with 5 v logic n wide supply voltage range from 1.2 v to 3.6 v n cmos low-power consumption n multibyte ?ow-through standard pin-out architecture n low inductance multiple power and ground pins for minimum noise and ground bounce n direct interface with ttl levels n high-impedance outputs when v cc =0v n complies with jedec standard no. 8-1a n all data inputs have bushold n esd protection: u hbm eia/jesd22-a114-a exceeds 2000 v u mm eia/jesd22-a115-a exceeds 200 v. n speci?ed from - 40 c to +85 c and - 40 c to +125 c. 74lvch16541a 16-bit buffer/line driver; 3-state rev. 02 18 february 2004 product data sheet
9397 750 12699 ? koninklijke philips electronics n.v. 2004. all rights reserved. product data sheet rev. 02 18 february 2004 2 of 17 philips semiconductors 74lvch16541a 16-bit buffer/line driver (3-state) 3. quick reference data [1] c pd is used to determine the dynamic power dissipation (p d in m w). p d =c pd v cc 2 f i n+ s (c l v cc 2 f o ) where: f i = input frequency in mhz; f o = output frequency in mhz; c l = output load capacitance in pf; v cc = supply voltage in volts; n = total load switching outputs; s (c l v cc 2 f o ) = sum of the outputs. [2] the condition is v i = gnd to v cc . 4. ordering information table 1: quick reference data gnd = 0 v; t amb =25 c; t r =t f 2.5 ns. symbol parameter conditions min typ max unit t phl ,t plh propagation delay nan to nyn v cc = 3.3 v; c l = 50 pf 1.0 2.3 4.2 ns t pzh , t pzl 3-state output enable time n oen to 1yn v cc = 3.3 v; c l = 50 pf 1.0 2.9 5.6 ns t phz , t plz 3-state output disable time n oen to nyn v cc = 3.3 v; c l = 50 pf 1.5 3.2 5.5 ns c i input capacitance - 5.0 - pf c pd power dissipation capacitance per buffer outputs enabled [1] [2] -16-pf outputs disabled [1] [2] -4-pf table 2: ordering information type number package temperature range name description version 74LVCH16541ADGG - 40 to +125 c tssop48 plastic thin shrink small outline package; 48 leads; body width 6.1 mm sot362-1 74lvch16541adl - 40 to +125 c ssop48 plastic shrink small outline package; 48 leads; body width 7.5 mm sot370-1
9397 750 12699 ? koninklijke philips electronics n.v. 2004. all rights reserved. product data sheet rev. 02 18 february 2004 3 of 17 philips semiconductors 74lvch16541a 16-bit buffer/line driver (3-state) 5. functional diagram fig 1. iec logic symbol. fig 2. logic diagram. 23 mna057 37 12 11 9 8 6 5 47 46 44 43 41 40 38 a7 a0 a1 a2 a3 a4 a5 a6 2 3 1y7 1y6 1y5 1y4 1y3 1y2 1y0 1y1 26 22 20 19 17 16 36 35 33 32 30 29 27 a7 a0 a1 a2 a3 a4 a5 a6 13 14 2y7 2y6 2y5 2y4 2y3 2y2 2y0 2y1 25 24 1oe2 1oe1 2oe2 2oe1 48 1 & & en 1 1 2 2 47 46 44 43 41 40 38 37 2 3 5 6 8 9 11 12 1 48 1a0 1a1 1a2 1a3 1a4 1a5 1a6 1a7 1y0 1y1 1y2 1y3 1y4 1y5 1y6 1y7 1oe1 1oe2 mna056 36 35 33 32 30 29 27 26 13 14 16 17 19 20 22 23 24 25 2a0 2a1 2a2 2a3 2a4 2a5 2a6 2a7 2y0 2y1 2y2 2y3 2y4 2y5 2y6 2y7 2oe1 2oe2 fig 3. bushold circuit. to internal circuit mna004 v cc data input
9397 750 12699 ? koninklijke philips electronics n.v. 2004. all rights reserved. product data sheet rev. 02 18 february 2004 4 of 17 philips semiconductors 74lvch16541a 16-bit buffer/line driver (3-state) 6. pinning information 6.1 pinning 6.2 pin description fig 4. pin con?guration. 16541 1oe1 1oe2 1y0 1a0 1y1 1a1 gnd gnd 1y2 1a2 1y3 1a3 v cc v cc 1y4 1a4 1y5 1a5 gnd gnd 1y6 1a6 1y7 1a7 2y0 2a0 2y1 2a1 gnd gnd 2y2 2a2 2y3 2a3 v cc v cc 2y4 2a4 2y5 2a5 gnd gnd 2y6 2a6 2y7 2a7 2oe1 2oe2 mna055 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 48 47 46 45 44 43 42 41 40 39 38 37 36 35 34 33 32 31 30 29 28 27 26 25 table 3: pin description pin symbol description 11 oe1 output enable input (active low) 2 1y0 data output 3 1y1 data output 4 gnd ground (0 v) 5 1y2 data output 6 1y3 data output 7v cc positive supply voltage 8 1y4 data output 9 1y5 data output 10 gnd ground (0 v) 11 1y6 data output
9397 750 12699 ? koninklijke philips electronics n.v. 2004. all rights reserved. product data sheet rev. 02 18 february 2004 5 of 17 philips semiconductors 74lvch16541a 16-bit buffer/line driver (3-state) 12 1y7 data output 13 2y0 data output 14 2y1 data output 15 gnd ground (0 v) 16 2y2 data output 17 2y3 data output 18 v cc positive supply voltage 19 2y4 data output 20 2y5 data output 21 gnd ground (0 v) 22 2y6 data output 23 2y7 data output 24 2 oe1 output enable input (active low) 25 2 oe2 output enable input (active low) 26 2a7 data input 27 2a6 data input 28 gnd ground (0 v) 29 2a5 data input 30 2a4 data input 31 v cc positive supply voltage 32 2a3 data input 33 2a2 data input 34 gnd ground (0 v) 35 2a1 data input 36 2a0 data input 37 1a7 data input 38 1a6 data input 39 gnd ground (0 v) 40 1a5 data input 41 1a4 data input 42 v cc positive supply voltage 43 1a3 data input 44 1a2 data input 45 gnd ground (0 v) 46 1a1 data input 47 1a0 data input 48 1 oe2 output enable input (active low) table 3: pin description continued pin symbol description
9397 750 12699 ? koninklijke philips electronics n.v. 2004. all rights reserved. product data sheet rev. 02 18 february 2004 6 of 17 philips semiconductors 74lvch16541a 16-bit buffer/line driver (3-state) 7. functional description 7.1 function table [1] h = high voltage level; l = low voltage level; x = dont care; z = high-impedance off-state. 8. limiting values [1] the input and output voltage ratings may be exceeded if the input and output current ratings are observed. [2] above 60 c the value of p tot derates linearly with 5.5 mw/k. 9. recommended operating conditions table 4: function table [1] input output n oe1 n oe2 nan nyn llll llhh xhxz hxxz table 5: limiting values in accordance with the absolute maximum rating system (iec 60134). voltages are referenced to gnd (ground = 0 v). symbol parameter conditions min max unit v cc supply voltage - 0.5 +6.5 v v i input voltage [1] - 0.5 +6.5 v i ik input diode current v i <0 - - 50 ma i ok output diode current v o >v cc or v o <0 - 50 ma v o output voltage output high or low state [1] - 0.5 v cc + 0.5 v output 3-state [1] - 0.5 +6.5 v i o output source or sink current v o = 0 to v cc - 50 ma i cc , i gnd v cc or gnd current - 100 ma t stg storage temperature - 65 +150 c p tot power dissipation t amb = - 40 c to +125 c [2] - 500 mw table 6: recommended operating operations symbol parameter conditions min max unit v cc supply voltage for maximum speed performance 2.7 3.6 v for low-voltage applications 1.2 3.6 v v i input voltage 0 5.5 v
9397 750 12699 ? koninklijke philips electronics n.v. 2004. all rights reserved. product data sheet rev. 02 18 february 2004 7 of 17 philips semiconductors 74lvch16541a 16-bit buffer/line driver (3-state) 10. static characteristics v o output voltage output high or low state 0 v cc v output 3-state or v cc = 0 v 0 5.5 v t amb operating ambient temperature in free air - 40 +125 c t r , t r input rise and fall times v cc = 1.2 v to 2.7 v 0 20 ns/v v cc = 2.7 v to 3.6 v 0 10 ns/v table 6: recommended operating operations continued symbol parameter conditions min max unit table 7: static characteristics at recommended operating conditions; voltages are referenced to gnd (ground = 0 v). symbol parameter conditions min typ max unit t amb = - 40 c to +85 c [1] v ih high-level input voltage v cc = 1.2 v v cc --v v cc = 2.7 v to 3.6 v 2.0 - - v v il low-level input voltage v cc = 1.2 v - - gnd v v cc = 2.7 v to 3.6 v - - 0.8 v v oh high-level output voltage v i =v ih or v il i o = - 100 m a; v cc = 2.7 v to 3.6 v v cc - 0.2 v cc -v i o = - 12 ma; v cc = 2.7 v v cc - 0.5 - - v i o = - 18 ma; v cc = 3.0 v v cc - 0.6 - - v i o = - 24 ma; v cc = 3.0 v v cc - 0.8 - - v v ol low-level output voltage v i =v ih or v il i o = 100 m a; v cc = 2.7 v to 3.6 v - 0 0.20 v i o = 12 ma; v cc = 2.7 v - - 0.40 v i o = 24 ma; v cc = 3.0 v - - 0.55 v i li input leakage current v i = 5.5 v or gnd; v cc = 3.6 v [2] - 0.1 5 m a i oz 3-state output off-state current v i =v ih or v il ; v o = 5.5 v or gnd; v cc = 3.6 v [2] - 0.1 5 m a i off power-off leakage supply current v i or v o = 5.5 v; v cc = 0 - 0.1 10 m a i cc quiescent supply current v i =v cc or gnd; i o = 0; v cc = 3.6 v - 0.1 20 m a d i cc additional quiescent supply current per input pin v i =v cc - 0.6 v; i o =0; v cc = 2.7 v to 3.6 v - 5 500 m a c i input capacitance - 5.0 - pf i bhl bushold low sustaining current v i = 0.8 v; v cc = 3.0 v [3] [4] 75 - - m a i bhh bushold high sustaining current v i = 2.0 v; v cc = 3.0 v [3] [4] - 75 - - m a i bhlo bushold low overdrive current v cc = 3.6 v [3] [5] 500 - - m a
9397 750 12699 ? koninklijke philips electronics n.v. 2004. all rights reserved. product data sheet rev. 02 18 february 2004 8 of 17 philips semiconductors 74lvch16541a 16-bit buffer/line driver (3-state) [1] all typical values are measured at v cc = 3.3 v and t amb =25 c. [2] for bushold parts, the bushold circuit is switched off when v i >v cc allowing 5.5 v on the input pin. [3] for data inputs only; control inputs do not have a bushold circuit. [4] the speci?ed sustaining current at the data inputs holds the input below the speci?ed v i level. [5] the speci?ed overdrive current at the data input forces the data input to the opposite logic input state. i bhho bushold high overdrive current v cc = 3.6 v [3] [5] - 500 - - m a t amb = - 40 c to +125 c v ih high-level input voltage v cc = 1.2 v v cc --v v cc = 2.7 v to 3.6 v 2.0 - - v v il low-level input voltage v cc = 1.2 v - - gnd v v cc = 2.7 v to 3.6 v - - 0.8 v v oh high-level output voltage v i =v ih or v il i o = - 100 m a; v cc = 2.7 v to 3.6 v v cc - 0.3 - - v i o = - 12 ma; v cc = 2.7 v v cc - 0.65 - - v i o = - 18 ma; v cc = 3.0 v v cc - 0.75 - - v i o = - 24 ma; v cc = 3.0 v v cc - 1.0 - - v v ol low-level output voltage v i =v ih or v il i o = 100 m a; v cc = 2.7 v to 3.6 v - - 0.3 v i o = 12 ma; v cc = 2.7 v - - 0.6 v i o = 24 ma; v cc = 3.0 v - - 0.8 v i li input leakage current v i = 5.5 v or gnd; v cc = 3.6 v [2] -- 20 m a i oz 3-state output off-state current v i =v ih or v il ; v o = 5.5 v or gnd; v cc = 3.6 v [2] -- 20 m a i off power-off leakage supply current v i or v o = 5.5 v; v cc = 0 - - 20 m a i cc quiescent supply current v i =v cc or gnd; i o = 0; v cc = 3.6 v - - 80 m a d i cc additional quiescent supply current per input pin v i =v cc - 0.6 v; i o =0; v cc = 2.7 v to 3.6 v - - 5000 m a i bhl bushold low sustaining current v i = 0.8 v; v cc = 3.0 v [3] [4] 60 - - m a i bhh bushold high sustaining current v i = 2.0 v; v cc = 3.0 v [3] [4] - 60 - - m a i bhlo bushold low overdrive current v cc = 3.6 v [3] [5] 500 - - m a i bhho bushold high overdrive current v cc = 3.6 v [3] [5] - 500 - - m a table 7: static characteristics continued at recommended operating conditions; voltages are referenced to gnd (ground = 0 v). symbol parameter conditions min typ max unit
9397 750 12699 ? koninklijke philips electronics n.v. 2004. all rights reserved. product data sheet rev. 02 18 february 2004 9 of 17 philips semiconductors 74lvch16541a 16-bit buffer/line driver (3-state) 11. dynamic characteristics [1] all typical values are measured at t amb = 25 c. [2] these typical values are measured at v cc = 3.3 v. [3] skew between any two outputs of the same package switching in the same direction. this parameter is guaranteed by design. table 8: dynamic characteristics at recommended operating conditions; voltages are referenced to gnd (ground = 0 v); see figure 7 symbol parameter conditions min typ max unit t amb = - 40 c to +85 c [1] t phl , t plh propagation delay nan to nyn see figure 5 v cc = 1.2 v ---ns v cc = 2.7 v 1.0 - 5.0 ns v cc = 3.0 v to 3.6 v [2] 1.0 2.3 4.2 ns t pzh , t pzl 3-state output enable time n oen to nyn see figure 6 v cc = 1.2 v - 17 - ns v cc = 2.7 v 1.5 - 6.9 ns v cc = 3.0 v to 3.6 v [2] 1.0 2.9 5.6 ns t phz , t plz 3-state output disable time n oen to nyn see figure 6 v cc = 1.2 v - 9.0 - ns v cc = 2.7 v 1.5 - 6.5 ns v cc = 3.0 v to 3.6 v [2] 1.5 3.2 5.5 ns t sk(0) skew v cc = 3.0 v to 3.6 v [3] - - 1.0 ns c pd power dissipation capacitance per buffer outputs enabled [4] [5] -16-pf outputs disabled [4] [5] -4-pf t amb = - 40 c to +125 c t phl , t plh propagation delay nan to nyn see figure 5 v cc = 1.2 v ---ns v cc = 2.7 v 1.0 - 6.5 ns v cc = 3.0 v to 3.6 v 1.0 - 5.5 ns t pzh , t pzl 3-state output enable time n oen to nyn see figure 6 v cc = 1.2 v ---ns v cc = 2.7 v 1.0 - 9.0 ns v cc = 3.0 v to 3.6 v 1.0 - 7.0 ns t phz , t plz 3-state output disable time n oen to nyn see figure 6 v cc = 1.2 v ---ns v cc = 2.7 v 1.5 - 8.5 ns v cc = 3.0 v to 3.6 v 1.5 - 7.0 ns t sk(0) skew v cc = 3.0 v to 3.6 v [3] - - 1.5 ns
9397 750 12699 ? koninklijke philips electronics n.v. 2004. all rights reserved. product data sheet rev. 02 18 february 2004 10 of 17 philips semiconductors 74lvch16541a 16-bit buffer/line driver (3-state) [4] c pd is used to determine the dynamic power dissipation (p d in m w). p d =c pd v cc 2 f i n+ s (c l v cc 2 f o ) where: f i = input frequency in mhz; f o = output frequency in mhz; c l = output load capacitance in pf; v cc = supply voltage in volts; n = total load switching outputs; s (c l v cc 2 f o ) = sum of the outputs. [5] the condition is v i =gnd to v cc . 12. waveforms measurement points are given in t ab le 9 . logic levels: v ol and v oh are typical output voltage drop that occur with the output load. fig 5. input nan to output nyn propagation delays. table 9: measurement points supply voltage input output v cc v m v m 1.2 v 0.5 v cc 0.5 v cc 2.7 v 1.5 v 1.5 v 3.0 v to 3.6 v 1.5 v 1.5 v mna171 nan input nyn output t plh t phl gnd v i v m v m v m v m v oh v ol
9397 750 12699 ? koninklijke philips electronics n.v. 2004. all rights reserved. product data sheet rev. 02 18 february 2004 11 of 17 philips semiconductors 74lvch16541a 16-bit buffer/line driver (3-state) measurement points are given in t ab le 10 . logic levels: v ol and v oh are typical output voltage drop that occur with the output load. fig 6. 3-state enable and disable times. table 10: measurement points supply voltage input output v cc v m v m v x v y 1.2 v 0.5 v cc 0.5 v cc v ol + 0.1 v cc v oh - 0.1 v cc 2.7 v 1.5 v 1.5 v v ol + 0.3 v v oh - 0.3 v 3.0 v to 3.6 v 1.5 v 1.5 v v ol + 0.3 v v oh - 0.3 v col015 t plz t phz outputs disabled outputs enabled v y v x outputs enabled output low-to-off off-to-low output high-to-off off-to-high noen input v i v ol v oh v cc v m gnd gnd t pzl t pzh v m v m
9397 750 12699 ? koninklijke philips electronics n.v. 2004. all rights reserved. product data sheet rev. 02 18 february 2004 12 of 17 philips semiconductors 74lvch16541a 16-bit buffer/line driver (3-state) [1] the circuit performs better when r l = 1000 w . test data is given in t ab le 11 de?nitions test circuit: r t = termination resistance should be equal to output impedance z o of the pulse generator. c l = load capacitance including jig and probe capacitance. r l = load resistance. v ext = test voltage for switching times. fig 7. load circuitry for switching times. table 11: test data supply voltage input load v ext v cc v i t r , t f c l r l t plh, t phl t pzh, t phz t pzl, t plz 1.2 v v cc 2.5 ns 50 pf 500 w [1] open gnd 2 v cc 2.7 v 2.7 v 2.5 ns 50 pf 500 w open gnd 2 v cc 3.0 v to 3.6 v 2.7 v 2.5 ns 50 pf 500 w open gnd 2 v cc v ext v cc v i v o mna616 d.u.t. c l r t r l r l pulse generator
9397 750 12699 ? koninklijke philips electronics n.v. 2004. all rights reserved. product data sheet rev. 02 18 february 2004 13 of 17 philips semiconductors 74lvch16541a 16-bit buffer/line driver (3-state) 13. package outline fig 8. package outline tssop48. unit a 1 a 2 a 3 b p cd (1) e (2) eh e ll p qz y w v q references outline version european projection issue date iec jedec jeita mm 0.15 0.05 0.2 0.1 8 0 o o 0.1 dimensions (mm are the original dimensions). notes 1. plastic or metal protrusions of 0.15 mm maximum per side are not included. 2. plastic interlead protrusions of 0.25 mm maximum per side are not included. sot362-1 99-12-27 03-02-19 w m q a a 1 a 2 d l p q detail x e z e c l x (a ) 3 0.25 124 48 25 y pin 1 index b h 1.05 0.85 0.28 0.17 0.2 0.1 12.6 12.4 6.2 6.0 0.5 1 0.25 8.3 7.9 0.50 0.35 0.8 0.4 0.08 0.8 0.4 p e v m a a tssop48: plastic thin shrink small outline package; 48 leads; body width 6.1 mm sot362-1 a max. 1.2 0 2.5 5 mm scale mo-153
9397 750 12699 ? koninklijke philips electronics n.v. 2004. all rights reserved. product data sheet rev. 02 18 february 2004 14 of 17 philips semiconductors 74lvch16541a 16-bit buffer/line driver (3-state) fig 9. package outline ssop48. unit a 1 a 2 a 3 b p cd (1) e (1) eh e ll p qz y w v q references outline version european projection issue date iec jedec jeita mm 0.4 0.2 2.35 2.20 0.25 0.3 0.2 0.22 0.13 16.00 15.75 7.6 7.4 0.635 1.4 0.25 10.4 10.1 1.0 0.6 1.2 1.0 0.85 0.40 8 0 o o 0.18 0.1 dimensions (mm are the original dimensions) note 1. plastic or metal protrusions of 0.25 mm maximum per side are not included. sot370-1 99-12-27 03-02-19 (1) w m b p d h e e z e c v m a x a y 48 25 mo-118 24 1 q a a 1 a 2 l p q detail x l (a ) 3 pin 1 index 0 5 10 mm scale ssop48: plastic shrink small outline package; 48 leads; body width 7.5 mm sot370-1 a max. 2.8
philips semiconductors 74lvch16541a 16-bit buffer/line driver (3-state) 9397 750 12699 ? koninklijke philips electronics n.v. 2004. all rights reserved. product data sheet rev. 02 18 february 2004 15 of 17 14. revision history table 12: revision history document id release date data sheet status change notice order number supersedes 74lvch16541a_2 20040218 product data - 9397 750 12699 74lvch16541a_1 modi?cations: ? the format of this data sheet has been redesigned to comply with the new presentation and information standard of philips semiconductors. ? t ab le 7 : added values for t amb = - 40 c to +125 c ? t ab le 8 : added values for t amb = - 40 c to +125 c 74lvch16541a_1 19980519 product speci?cation - 9397 750 04535 -
philips semiconductors 74lvch16541a 16-bit buffer/line driver (3-state) 9397 750 12699 ? koninklijke philips electronics n.v. 2004. all rights reserved. product data sheet rev. 02 18 february 2004 16 of 17 15. data sheet status [1] please consult the most recently issued data sheet before initiating or completing a design. [2] the product status of the device(s) described in this data sheet may have changed since this data sheet was published. the l atest information is available on the internet at url http://www.semiconductors.philips.com. [3] for data sheets describing multiple type numbers, the highest-level product status determines the data sheet status. 16. de?nitions short-form speci?cation the data in a short-form speci?cation is extracted from a full data sheet with the same type number and title. for detailed information see the relevant data sheet or data handbook. limiting values de?nition limiting values given are in accordance with the absolute maximum rating system (iec 60134). stress above one or more of the limiting values may cause permanent damage to the device. these are stress ratings only and operation of the device at these or at any other conditions above those given in the characteristics sections of the speci?cation is not implied. exposure to limiting values for extended periods may affect device reliability. application information applications that are described herein for any of these products are for illustrative purposes only. philips semiconductors make no representation or warranty that such applications will be suitable for the speci?ed use without further testing or modi?cation. 17. disclaimers life support these products are not designed for use in life support appliances, devices, or systems where malfunction of these products can reasonably be expected to result in personal injury. philips semiconductors customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify philips semiconductors for any damages resulting from such application. right to make changes philips semiconductors reserves the right to make changes in the products - including circuits, standard cells, and/or software - described or contained herein in order to improve design and/or performance. when the product is in full production (status production), relevant changes will be communicated via a customer product/process change noti?cation (cpcn). philips semiconductors assumes no responsibility or liability for the use of any of these products, conveys no license or title under any patent, copyright, or mask work right to these products, and makes no representations or warranties that these products are free from patent, copyright, or mask work right infringement, unless otherwise speci?ed. 18. contact information for additional information, please visit: http://www.semiconductors.philips.com for sales of?ce addresses, send an email to: sales.addresses@www.semiconductors.philips.com level data sheet status [1] product status [2] [3] de?nition i objective data development this data sheet contains data from the objective speci?cation for product development. philips semiconductors reserves the right to change the speci?cation in any manner without notice. ii preliminary data quali?cation this data sheet contains data from the preliminary speci?cation. supplementary data will be published at a later date. philips semiconductors reserves the right to change the speci?cation without notice, in order to improve the design and supply the best possible product. iii product data production this data sheet contains data from the product speci?cation. philips semiconductors reserves the right to make changes at any time in order to improve the design, manufacturing and supply. relevant changes will be communicated via a customer product/process change noti?cation (cpcn).
? koninklijke philips electronics n.v. 2004 all rights are reserved. reproduction in whole or in part is prohibited without the prior written consent of the copyright owner. the information presented in this document does not form part of any quotation or contract, is believed to be accurate and reliable and may be changed without notice. no liability will be accepted by the publisher for any consequence of its use. publication thereof does not convey nor imply any license under patent- or other industrial or intellectual property rights. date of release: 18 february 2004 document order number: 9397 750 12699 published in the netherlands philips semiconductors 74lvch16541a 16-bit buffer/line driver (3-state) 19. contents 1 general description . . . . . . . . . . . . . . . . . . . . . . 1 2 features . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1 3 quick reference data . . . . . . . . . . . . . . . . . . . . . 2 4 ordering information . . . . . . . . . . . . . . . . . . . . . 2 5 functional diagram . . . . . . . . . . . . . . . . . . . . . . 3 6 pinning information . . . . . . . . . . . . . . . . . . . . . . 4 6.1 pinning . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4 6.2 pin description . . . . . . . . . . . . . . . . . . . . . . . . . 4 7 functional description . . . . . . . . . . . . . . . . . . . 6 7.1 function table . . . . . . . . . . . . . . . . . . . . . . . . . . 6 8 limiting values. . . . . . . . . . . . . . . . . . . . . . . . . . 6 9 recommended operating conditions. . . . . . . . 6 10 static characteristics. . . . . . . . . . . . . . . . . . . . . 7 11 dynamic characteristics . . . . . . . . . . . . . . . . . . 9 12 waveforms . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10 13 package outline . . . . . . . . . . . . . . . . . . . . . . . . 13 14 revision history . . . . . . . . . . . . . . . . . . . . . . . . 15 15 data sheet status . . . . . . . . . . . . . . . . . . . . . . . 16 16 de?nitions . . . . . . . . . . . . . . . . . . . . . . . . . . . . 16 17 disclaimers . . . . . . . . . . . . . . . . . . . . . . . . . . . . 16 18 contact information . . . . . . . . . . . . . . . . . . . . 16


▲Up To Search▲   

 
Price & Availability of 74LVCH16541ADGG

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X