Part Number Hot Search : 
SP6132CU MMST5401 LTM8032 LTC34 512K3 SSM3K14T U63716DC HB170
Product Description
Full Text Search
 

To Download 608-36T24-61P-B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  amphenol 608 series circular environmental connectors approved to bs9522 f0020 (pattern 608) ce30 design features ? keyway polarisation. ? ni aluminium bronze shells. ? threaded anti vibration coupling mechanism. ? crimp or solder contacts. ? - 55 to + 1 25 c temp range ? high impact strength the amphenol 608 series is a range of nickel aluminium bronze connectors with a 2 start acme thread coupling mechanism. the rugged design features and highly corrosion resistant materials make this connector series i deal for marine applications where equipment is continually exposed to rough treatment and salt laden atmosphere. amphenol limited
connector styles straight plug british standard part no c2560 - xx - xx - xxxx amphenol part no (crimp) 608 - 36t - xx - xxxx (sol der) 608 - 56t - xx - xxxx a max. a 1 max. c d!a max. e max. f thread h max. shell size mm in. mm in. mm in. mm in. (class 2a) mm in. 8 21.1 .83 7 / 16 ? 28 u.n.e.f. 10 23.8 .94 9 / 16 ? 24 u.n.e.f. 12 28.2 1.11 14.8 .58 11 / 16 ? 24 u.n.e.f. 14 31.4 1.24 13 / 16 ? 20 u.n.e.f. 22.98 .905 16 32.9 1.30 25.4 1.00 36.5 1.44 15 / 16 ? 20 u.n.e.f. 18 39.3 1.55 1 1 / 16 ? 18 u.n.e.f. 20 42.5 1.67 1 3 / 16 ? 18 u.n.e.f. 22 45.3 1.78 1 6.3 .64 1 5 / 16 ? 18 u.n.e.f. 24.89 .980 24 48.4 1.91 1 7 / 16 ? 18 u.n.e.f. wall mount receptacle british standard part no c2561 - xx - xx - xxxx amphenol part no (crimp) 608 - 30t - xx - xxxx (solder) 608 - 50t - xx - xxxx max panel thickness, shell size 8 - 18, 0.10in (2.6mm) 20 - 24, 0.24in (6.1 mm) a max. a 1 max. b max. c max e max. f thread max. d dia .13 .005 shell size mm. in. mm. in. mm. in. mm. in. mm. in. (class 2a) mm. in. mm in. 8 21.1 .83 7 / 16 ? 28 u.n.e.f. 10 24.3 . 96 9 / 16 ? 24 u.n.e.f. 12 26.6 1.05 11 / 16 ? 24 u.n.e.f. 14 32.9 1.30 25.6 1.01 11.7 46 29.0 1.15 1.8 .07 13 / 16 ? 20 u.n.e.f. 22.98 .905 3.1 .12 16 31.2 1.23 15 / 16 ? 20 u.n.e.f. 18 33.8 1.33 1 1 / 16 ? 18 u.n.e.f. 20 37.0 1.46 1 3 / 16 ? 18 u.n.e.f. 22 34.6 1.37 27.2 1.07 14.8 58 40.1 1.58 2.6 .10 1 5 / 16 ? 18 u.n.e.f. 26.41 1.040 24 15.5 61 43.3 1.71 1 7 / 16 ? 18 u.n.e.f. 3.9 .15 jam nut receptacle single hole fixing (with accessory thread) b ritish standard part no c2562 amphenol part no (crimp) 608 - 37t - xx - xxxx (solder) 608 - 57t - xx - xxxx max panel thickness, shell size 8 - 18, 0.10 in (2.6mm) 20 - 24, 0.24in (6.1 mm) a max. a1 max. b max. c max. d max. e max. k max. shell size mm. in. mm. in. mm. in. mm. in. mm. in. mm. in. mm. in. 8 27.4 1.08 24.3 .96 19.3 .76 10 30.5 1.20 27.4 1.08 22.7 .89 12 32.9 1.30 30.0 1.18 17.7 .70 35.4 1.39 32.2 1.27 27.2 1. 07 14 38.4 1.51 35.4 1.39 3.3 .13 30.5 1.20 16 41.7 1.64 38.5 1.52 33.6 1.32 18 44.7 1.76 41.6 1.64 36.9 1.45 20 49.6 1.95 46.5 1.83 39.9 1.57 22 34.6 1.37 32.7 1.29 22.5 .89 57.6 2.07 49.7 1.96 4.1 .16 43.2 1.70 24 23.6 .93 55.8 2.20 52.8 2.08 46.3 1.82 jam nut receptacle single hole fixing (no accessory thread, solder contacts only) british standard part no c2563 - xx - xx - xxxx amphenol p art no (solder) 608 - 57a - xx - xxxx max panel thickness, shell size 8 - 18, 0.10in (2.6mm) 20 - 24, 0.24in (6.1 mm) a max. b max. c max. d max. e max. h max. k max. shell size mm. in. mm. in. mm. in. mm. in. mm. in. mm. in. mm. in. 8 27.4 1. 08 24.3 .96 19.3 .76 10 30.5 1.2 27.4 1.08 22.7 .89 12 35.4 1.39 32.2 1.27 27.2 1.07 14 38.4 1.51 35.4 1.4 30.5 1.2 16 41.7 1.64 38.5 1.52 33.6 1.32 18 25.6 1.01 17.7 .70 44.7 1.76 41.6 1.64 3.3 .13 21.4 .84 36.9 1.45 20 49.6 1.95 46.5 1.83 39.9 1.57 22 22.5 .89 52.6 2.07 49.7 1.96 27.0 1.06 43.2 1.7 24 27.2 1.0 7 23.6 .93 55.8 2.20 52.8 2.08 4.1 .16 28.0 1.10 46.3 1.82
insert arrangements panel mounting details arrangement crimp solder no contacts contact size rating 08 - 33 x x 3 20 1 10 - 02 x x 2 16 2 10 - 06 x x 6 20 1 12 - 03 x x 3 16 2 12 - 10 x x 10 20 1 14 - 05 x x 5 16 2 14 - 15 x x 15 20 16 1 14 - 19 x x 19 20 1 16 - 08 x x 8 16 2 16 - 26 x x 26 20 1 18 - 11 x x 11 16 2 18 - 32 x x 32 20 1 20 - 16 x x 16 16 2 20 - 41 x x 41 20 1 22 - 21 x x 21 16 2 22 - 55 x x 55 20 1 24 - 61 x x 61 20 1 a dia w dia x y dia z .13 .005 t crs min .25 .010 crs (t.p.) v crs min .13 .005 .13 .005 shell size mm. in. mm. in. mm. in. mm. in. mm. in. mm. in . mm. in. 8 22.7 .89 14.3 .56 15.09 .954 27.4 1.08 15.90 .626 14.94 .588 10 25.4 1.00 17.3 .68 18.26 .719 30.5 1.2 18.92 .745 17.91 .705 12 29.8 1.18 21.4 .84 20.62 .812 35.4 1.39 23.70 .933 22.33 .879 14 33.0 1.30 24.4 .96 23.01 .906 38. 4 1.51 26.77 1.054 25.45 1.002 16 38.1 1.50 27.7 1.09 24.61 .969 41.7 1.64 29.95 1.179 28.65 1.128 18 40.9 1.61 30.8 1.21 26.97 1.062 44.7 1.76 33.12 1.304 31.83 1.253 20 44.0 1.74 3.41 1.34 29.36 1.156 49.3 1.94 36.30 1.429 35.00 1.378 22 3.3 .13 46.8 1.85 37.1 1.46 31.75 1.250 52.8 2.08 39.47 1.554 38.18 1.503 24 4.2 .17 50.0 1.97 40.1 1.59 34.93 1.375 55.8 2.20 42.65 1.679 41.35 1.628 voltage rating 1 2 sea level working voltage dc 700 1250 voltage proof dc 2100 3000 *please note that the e stablishment of electrical safety factors is left entirely in the designer's hands, since he is in the best position to know what peak voltages, switching surges, transients, etc . can be expected in a particular circuit
connector ordering codes ampheno l part no british standard part no accessory and tool ordering code accessories
keyway orientation angle shell size ?n? `b? ?c? ?e? ?f? 08 105 - - 118 82 10 105 85 125 115 85 12 105 89 121 115 85 14 105 91 119 75 120 16 105 93 117 75 120 18 105 95 115 75 120 20 105 95 115 75 120 22 105 97 113 75 120 24 105 97 113 75 120 contact insertion select the proper insertion tool for the size of contact as per table the insertion tool and procedure are the same for both pin and socket contacts slide rear accessory and sleeve over wire bundle lay wire in groove of insertion tool and slide contact into front of 1001 until it is properly located in tool probe insert contact into the correct hole in the rear face of the grommet keeping contact in line wi th the axis of the hole, apply a smooth even push on the tool until the contact is fully seated in position note it is essential that the contact and tool are correctly aligned with the axis of hole during insertion to prevent damage to contacts withdraw t ool at right angles to grommet surface until completely free of connector all contacts must be inserted whether in circuit or not and the appropriate size sealing plug used behind any contacts that are not wired. push the sealing plug by hand until it is f ully seated. contact removal caution extra care is required in this operation to prevent damage to the connector remove the rear accessory and sleeve and slide back on wire bundle select the proper removal tool for the size of contact from table the same tool is used for both pin and socket contacts position the removal tool over the contacts to be removed and push until tool probe is fully bottomed, shown when indicator band enters insert hole tool is inserted to first band only when removing pin contacts and to second band for socket contacts removal slide the plunger knob forward to remove contact n b removed tool is inserted into hole of connector. contact size insertion tool part no removal tool part no grommet sealing plug 20 ms 24256a - 20 (t 2594 - 20) ms 242568 - 20 (t 2018 - 20) 162gb - 130 - 20000 16 ms 24256a - 16 (t 2594 - 16) ms24256r - 16 (t 2018 - 16) 162gb - 130 - 16000 contact size wire size crimp jaw setting 24 no 2 22 no 3 20 20 no 4 20 no 4 18 no 5 16 16 no 6 crimping jaw setting crimp wire to c ontact use (m22520 1 - 01) with turret head (m22520/1 - 02). release and rotate turret knob to proper contact size (as per colour code) and lock adjust selector knob on handle to correct wire size (see table) insert stripped wire into contact pocket until it is visible through inspection hole fully seat contact in crimp tool positioner and close handles in one full stroke (the rachel will not release until tool has completed full stroke) inspect crimp for wire visibility through inspection hole wire stripping strip 5 6mm ( 220 in ) to 6 6mm (.260 in ) of insulation from end of wire for both size 20 and 16 contacts taking care not to cut or nick strands. if ends fray twist them back to their original lay contact size colour code contact part nos quantity per pa ck suitable wire sizes permissible insulation o.d. range for grommet sealing stripping lengths a w g in mm in mm in mm 20 red pin: 162gb - 149 - 20,000 - 05 - pk25 25 2012224 0.032 - 0.020 0.047 ? 0.085 0.220 ? 0.260 skt: 16268 - 101 - 20,000 - 05 - pk25 25 0.81 - 0.51 1.19 ? 2.16 5.6 ? 6.6 16 blue pin: 162gb - 149 - 16,000 - 05 - pk25 25 0.051 - 0.032 0.066 ? 0.109 0.220 ? 0.260 skt: 16268 - 101 - 16.000 - 05 - pk25 25 16:18:20 1.2 95 - 0.81 1.675 - 2.77 5.6 ? 6.6 assembly instructions connectors are supplied with a full complement of contacts but can be supplied separately.
amphenol 608 specials hermetic receptacles wall mount, jam nut, soldermount combat serial highway 100 w data bus, def stan 00 - 19 amphenol 716 series consult factory for availability. full range tooled - consult factory for data. through bulkhead receptacles low pass emi filter receptacles consult factory for availability. consult factory for availabili ty. notice products are sold subject to amphenol's conditions of sale ("the standard conditions"). all specifications and statements contained herein are believed to be correct at the time of printing, but no representation or warranty, express or implied, is given as to any specification or statement contained herein. product specifications including performance characteristics are typical only and subject to deviation. specifications are also subject to change without notice. user should not assume that a ll safety measures are indicated or that other measures may not be required. no representation or warranty, express or implied, is given that any use of products (including any stated or suggested use) does not infringe any patent, registered design or oth er third party rights and no stated or suggested use of products can be taken to recommend any such infringement. amphenol limited thanet way, whitstable, kent, ct5 3jf, england. telephone: (01227) 773200 fax: (01227) 276571
amphenol 608 series rfi sealed backshells for 608 crimp connectors shell size dia ?a? max length ?b? max dia ?c? max 8 21.00 106.70 21.03 10 23.8 106.70 23.80 12 28.15 106.70 28.27 14 31.30 106.70 31.34 16 36.45 111.70 36.50 18 39 .25 111.70 39.27 20 42.40 113.40 42.42 22 45.34 113.40 45.21 24 48.00 113.40 48.39 shell size thread ?a? thread ?b? part no nato no 5935 - 99 - 654 - 8 11 / 16 x 20 un - 2a 7 / 16 x 28 unef - 2b 608 - 146 - 08 6250 10 13 / 16 x 20 unef - 2a 9 / 16 x 24 unef - 2b 608 - 146 - 10 6251 12 11 / 16 x 20 unef - 2a 11 / 16 x 24 unef - 2b 608 - 146 - 12 6252 14 1 1 / 16 x 20 un - 2a 13 / 16 x 20 unef - 2b 608 - 146 - 14 6253 16 1 1 / 4 x 20 un - 2a 15 / 16 x 20 unef - 2b 608 - 146 - 16 6254 18 1 3 / 8 x 20 un - 2a 1 1 / 16 x 18 unef - 2b 608 - 146 - 18 6255 20 1 1 / 2 x 20 un - 2a 1 3 / 16 x 18 unef - 2b 608 - 146 - 20 6256 22 1 9 / 16 x 20 un - 2a 1 5 / 16 x 18 unef - 2b 608 - 146 - 22 6257 24 1 11 / 16 x 20 un - 2a 1 7 / 16 x 18 unef - 2b 608 - 146 - 24 6258 shell size thread 'a' thread 'b' part no nato no. connector outlet 5935 - 99 - 654 10 8 11 / 16 x 20 9 / 18 x 24 608 - 147 - 10 6268 un - 2a unef - 2b 12 10 13 / 16 x 20 11 / 16 x 24 608 - 147 - 12 6269 unef - 2a unef - 2b 14 10 13 / 16 x 20 13 / 16 x 20 608 - 147 - 14 6270 unef - 2a unef - 2b 16 12 15 / 16 x 20 15 / 16 x 20 608 - 147 - 16 6271 unef - 2a unef - 2b 18 14 1 13 / 16 x 20 1 1 / 16 x 20 608 - 147 - 18 6272 un - 2a unef - 2b 20 16 1 1 / 4 x 20 1 5 / 16 x 18 608 - 147 - 20 6273 un - 2a unef - 2b 22 16 1 1 / 4 x 20 1 5 / 16 x 18 608 - 147 - 22 6274 un - 2a unef - 2b 24 18 3 / 8 x 20 1 11 / 16 x 18 608 - 147 - 24 6275 un - 2a unef - 2b ma rine products amphenol ltd
608 series rfi sealed backshells for 608 crimp connectors shell size ?a? dia max. length ?a? max. thread 'c' part no nato no 5935 - 99 - 654 - 8 21.00 65.55 11 / 16 x 20 un - 2b 608 - 148 - 08 6284 10 23.80 65.55 13 / 16 x 20 unef - 2b 608 - 148 - 10 62 85 12 28.15 65.55 15 / 16 x 20 unef - 2b 608 - 148 - 12 6286 14 31.30 65.55 1 1 / 16 x 20 un - 2b 608 - 148 - 14 6287 16 36.45 70.55 1 1 / 4 x 20 un - 2b 608 - 148 - 16 6288 18 39.25 70.55 1 3 / 8 x 20 un - 2b 608 - 148 - 18 6289 20 42.40 70.55 1 1 / 2 x 20 un - 2b 608 - 148 - 20 6290 22 4 5.34 70.55 1 9 / 16 x 20 un - 2b 608 - 148 - 22 6291 24 48.00 70.55 1 11 / 16 x 20 un - 2b 608 - 148 - 24 6292 rear section shell size cable diameter (mm) part number nato number 5935 - 99 - 654 8 8mm to 4mm 608 - 149 - 6302 6302 10 11mm to 7mm 608 - 149 - 6303 6303 8mm to 4mm 608 - 149 - 6305 6305 12 14mm to 10mm 608 - 149 - 6310 6310 11 mm to 7mm 608 - 149 - 6311 6311 14 17mm to 13mm 608 - 149 - 6537 6537 14mm to 10mm 608 - 149 - 6314 6314 11mm to 7mm 608 - 149 - 6316 6316 16 20mm to 16mm 608 - 149 - 6320 6320 17mm to 13mm 608 - 149 - 6322 6322 14mm to 10mm 608 - 149 - 6325 6325 11 mm to 7mm 608 - 149 - 6538 6538 18 23mm to 19mm 608 - 149 - 6360 6360 20mm to 16mm 608 - 149 - 6361 6361 17mm to 13mm 608 - 149 - 6539 6539 20 14mm to 10mm 608 - 149 - 6541 6541 26mm to 22mm 608 - 149 - 6542 6542 23mm to 19mm 608 - 149 - 6543 6543 20mm to 16mm 608 - 149 - 6335 6335 17mm to 13mm 608 - 149 - 6337 6337 14mm to 10mm 608 - 149 - 6544 6544 22 29mm to 25mm 608 - 149 - 6545 6545 26mm to 22mm 608 - 149 - 6343 6343 23mm to 19mm 608 - 149 - 6546 6546 20mm to 16mm 608 - 149 - 6344 6344 17mm to 13 mm 608 - 149 - 6547 6547 24 32mm to 28mm 608 - 149 - 6548 6548 29mm to 25mm 608 - 149 - 6549 6549 26mm to 22mm 608 - 149 - 6550 6550 23mm to 19mm 608 - 149 - 6348 6348 20mm to 16mm 608 - 149 - 6349 6349 17mm to 13mm 608 - 149 - 6551 6551 note: size 20 seal plugs are supp lied with each seal kit notice: products are sold subject to amphenol?s condition of sale ("the standard conditions'). all specifications and statements are believed to be correct at the lime of printing, but no representation of warranty, express or impli ed is given as to any specification or statement contained herein. product specifications including performance characteristics are typical only, and subject to deviation. specifications are also subject to change without notice. user should not assume tha t all safety measures are indicated or that any other measures may not be required. no representation or warranty, express or implied, is given that any use of products (including any stated or suggested use) does not infringe any patent, registered design or other third party rights and no suggested use of products can be taken to recommend such infringement. amphenol amphenol limited thanet way, whitstable, kent ct5 3jf tel. 0227 773200 fax 0227 276571


▲Up To Search▲   

 
Price & Availability of 608-36T24-61P-B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X