Part Number Hot Search : 
28F800 SAA2023 SMB10 ESJC07 SAA2023 ESJC07 R1100 H2014
Product Description
Full Text Search
 

To Download 40000MHZX091100UCTB Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  euro quartz euroquartz limited blacknell lane crewkerne somerset uk ta18 7he tel: +44 (0)1460 230000 fax: +44 (0)1460 230001 email: info@euroquartz.co.uk www.euroquartz.co.uk 7 x 5mm smd hcmos description xo91miniature oscillators consist of a ttl/cmos-compatible hybrid circuit together with a miniature quartz crystal packaged in a low- profile, industry-standard ceramic package. the high quality design and materials employed provide a highly reliable clock oscillator in a miniature package while mass production methods ensure that the xo91 provides a cost-effective oscillator solution. miniature 7.0 x 5.0 x 1.4mm hermetically-sealed package frequency range 500khz to 125mhz tristate (enable/disable) function as standard supply voltage range 1.8, 2.5, 3.3 or 5.0 volts xo91 series oscillators frequency range: 500khz to 125.0mhz supply voltage: 1.8, 2.5, 3.3 or 5.0 volts 10% output logic: hcmos/lsttl frequency stability* temperature range stability 0 to +50c: from 10ppm -20 to +70c: from 15ppm -40 to +85c: from 25ppm -55 to +125c: from 100ppm rise/fall time: see table output voltage: high ?1?: 90%vdd minimum low ?0?: 10%vdd maximum output load cmos: 15pf (50pf available) ttl: 10 lsttl loads duty cycle: 50%5% typical supply current: see table operating temperature 0~50c (light commercial) 0~70c (commercial) -40~+85 (industrial) -55~+105c (military) storage temperature: -55~+125c startup time 500khz to 32mhz: 5ms max. 32mhz+ to 125mhz: 10ms max. (to reach 90% amplitude at 252c) ageing: 5ppm max. in first year phase jitter rms: <1ps typical enable time: 100ms max. disable time: 100ns max. tristate function (pad 1): output (pad 3) is active if pad 1 is not connected or a voltage to pad 1 is 'high'. output is high impedance when 'low' or ground is applied to pad 1. * frequency stability is inclusive of calibration tolerance at 25c, frequency change due to shock & vibration, 10 supply voltage variation and stability over temperature range. note: parameters are measured at ambient temperature of 25c, supply voltage as stated and a load of 15pf specification frequency range supply voltage (10%) +1.8v 500khz to 32mhz 32mhz+ to 50mhz 40mhz+ to 125mhz 8ma 10ma 15ma 25ma 4ns max. 10ma 14ma 16.5ma 35ma 3ns max. 25ma 30ma 35ma 40ma 2ns max. current consumption & rise/fall time outline & dimensions +2.5v +3.3v +5.0v rise/fall time solder temperature profile page 1 of 2
euro quartz euroquartz limited blacknell lane crewkerne somerset uk ta18 7he tel: +44 (0)1460 230000 fax: +44 (0)1460 230001 email: info@euroquartz.co.uk www.euroquartz.co.uk example: 16.000mhz xo91050ucta part numbering frequency series designation xo91 stability* 100 = 100ppm 50 = 50ppm 25 = 25ppm output universal operating temp. range c = 0+70c d = -20~+70c i = -40~+85c m = -55~+125c (100ppm only) tristate function supply voltage blank = 5.0 volts a = 3.3 volts b = 2.5 volts c = 1.8 volts * for other stability requirements enter figure required. 7 x 5mm smd hcmos xo91 series oscillators page 2 of 2 rohs status: compliant storage temperature range: -50 to +100c humidity: 85% rh, 85c for 48 hours hermetic seal: leak rate 2x10 -8 atm -cm 3 /s max. solderability: mil-std-202f method 208e reflow: 260c for 10 sec (see diagram) vibration: mil-std-202f method 204, 35g, 50 to 2000hz shock: mil-std-202f method 213b, test condition e, 1000g ? sinewave environmental performance specification


▲Up To Search▲   

 
Price & Availability of 40000MHZX091100UCTB

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X