Part Number Hot Search : 
221M25 TPCF8304 100124AA BA3402 LA7791T 500J0 USM6G48A TC58NV
Product Description
Full Text Search
 

To Download 2N7002W Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ds30099 rev. 4p-1 1 of 3 2N7002W new product 2N7002W n-channel enhancement mode field effect transistor features low on-resistance low gate threshold voltage low input capacitance fast switching speed low input/output leakage ultra-small surface mount package maximum ratings @ t a = 25c unless otherwise specified characteristic symbol 2N7002W units drain-source voltage v dss 60 v drain-gate voltage r gs 1.0m w v dgr 60 v gate-source voltage continuous pulsed v gss 20 40 v drain current (note 1) continuous continuous @ 100c pulsed i d 115 73 800 ma total power dissipation (note 1) derating above t a = 25c p d 200 1.60 mw mw/c thermal resistance, junction to ambient r q ja 625 k/w operating and storage temperature range t j ,t stg -55 to +150 c note: 1. valid provided that terminals are kept at specified ambient temperature. 2. pulse width 300 m s, duty cycle 2%. a e j l m b c h g d k top view d s g mechanical data case: sot-323, molded plastic terminals: solderable per mil-std-202, method 208 terminal connections: see diagram marking: k72 weight: 0.006 grams (approx.) sot-323 dim min max a 0.30 0.40 b 1.15 1.35 c 2.00 2.20 d 0.65 nominal e 0.30 0.40 g 1.20 1.40 h 1.80 2.20 j 0.0 0.10 k 0.90 1.00 l 0.25 0.40 m 0.10 0.25 all dimensions in mm power semiconductor
ds30099 rev. 4p-1 2 of 3 2N7002W new product electrical characteristics @ t a = 25 c unless otherwise specified characteristic symbol min typ max unit test condition off characteristics (note 2) drain-source breakdown voltage bv dss 60 70 ? v v gs = 0v, i d = 10 m a zero gate voltage drain current @ t c = 25c @ t c = 125c i dss ?? 1.0 500 a v ds = 60v, v gs = 0v gate-body leakage i gss ?? 10 na v gs = 20v, v ds = 0v on characteristics (note 2) gate threshold voltage v gs(th) 1.0 ? 2.0 v v ds =v gs , i d =-250 m a static drain-source on-resistance @ t j = 25c @t j = 125c r ds (on) ? 3.2 4.4 7.5 13.5 w v gs = 5.0v, i d = 0.05a v gs = 10v, i d = 0.5a on-state drain current i d(on) 0.5 1.0 ? a v gs = 10v, v ds = 7.5v forward transconductance g fs 80 ?? ms v ds =10v, i d = 0.2a dynamic characteristics input capacitance c iss ? 22 50 pf v ds = 25v, v gs = 0v f = 1.0mhz output capacitance c oss ? 11 25 pf reverse transfer capacitance c rss ? 2.0 5.0 pf switching characteristics turn-on delay time t d(on) ? 7.0 20 ns v dd = 30v, i d = 0.2a, r l = 150 w ,v gen = 10v, r gen = 25 w turn-off delay time t d(off) ? 11 20 ns note: 1. valid provided that terminals are kept at specified ambient temperature. 2. pulse width 300 m s, duty cycle 2%.
ds30099 rev. 4p-1 3 of 3 2N7002W new product 0 0.2 0.4 0.6 0.8 1.0 01 2 3 4 5 i , drain-source current (a) d v , drain-source voltage (v) fig. 1 on-region characteristics ds v = 10v 9.0v 8.0v 7.0v 6.5v 6.0v 5.0v 4.5v 4.0v 3.5v 3.0v 2.5v 2.0/1.0v gs 5.5v 5.0v 0 1 2 3 4 5 0 0.2 r , normalized drain-source on-resist ance ds(on) i , drain current (a) fig. 2 on-resistance vs drain current d v = 5.0v gs t=25c j v = 10v gs 6 7 0.4 0.6 0.8 1.0 0 0.5 1.0 1.5 2.0 -55 -30 -5 20 45 70 95 120 145 r , normalized drain-source on-resist ance ds(on) t , junction temperature ( c) fig. 3 on-resistance vs junction temperature j v = 10v, i gs d = 0.5a v = 5.0v, i gs d = 0.05a 0 v , gate to source voltage (v) fig. 4 on-resistance vs. gate-source voltage gs i = 50ma d i = 500ma d 1 2 3 4 5 6 0 2 4 6 8 1012141618 r , normalized drain-source on-resist ance ds(on)


▲Up To Search▲   

 
Price & Availability of 2N7002W

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X