Part Number Hot Search : 
HCT40 2010A MAX6105 JM11402 2N7002W A3130 R1EX24 MMSZ5226
Product Description
Full Text Search
 

To Download 1EDK1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  libertyville, il (847) 680-7400 18 dk 18 dk series enhanced performance k series rfi power line filters ul recognized csa certified vde approved dk series the dk series rfi power line filters are general purpose common mode and differential mode filters with higher performance line-to-line attenuation than the vk series. the edk series has the same high performance line-to-line attenuation while still meeting the very low leakage current requirements of vde portable equipment and ul544 nonpatient care equipment. electrical schematic specifications maximum leakage current, each line-to-ground @ 120 vac 60 hz: .4 ma .22 ma @ 250 vac 50 hz: .7 ma .38 ma hipot rating (one minute): line-to-ground 2250 vdc line-to-line 1450 vdc operating frequency: 50/60 hz rated voltage: 120/250 vac rated current: @ 120 vac @ 250 vac 1vdk/1edk 1a 1a 3vdk/3edk 3a 3a 6vdk/6edk 6a 6a 10vdk/10edk 10a 8a 20edk/20edk 20a 16a minimum insertion loss in db: line-to-ground in 50 ohm circuit current frequency?mhz rating .15 .5 1 5 10 30 vdk models 1a, 3a 18 30 40 48 48 40 6a, 10a, 20a 10 22 30 39 44 50 edk models 1a, 3a 17 27 33 45 45 40 6a, 10a, 20a 10 19 25 34 40 46 line-to-line in 50 ohm circuit current frequency?mhz rating .15 .5 1 5 10 30 vdk, edk models 1a, 3a 18 47 62 60 50 45 6a, 10a, 20a 20 43 55 65 60 55 resistor location for reference only. dk6 dk1 dk3 vdk models edk models
libertyville, il (847) 680-7400 dk 19 case dimensions metric shown in italics. a b c d e part no. (max) (max) (max) (max) 1vdk1, 1EDK1 3.35 2.07 1.16 2.375 2.81 85.1 52.6 29.5 60.33 71.4 1vdk3, 1edk3 2.07 2.07 1.16 2.375 2.81 52.6 52.6 29.5 60.33 71.4 3vdk1, 3edk1 3.85 2.07 1.16 2.938 3.35 6vdk1, 6edk1 97.8 52.6 29.5 74.63 85.1 3vdk3, 3edk3 2.56 2.07 1.16 2.938 3.35 6vdk3, 6edk3 65.0 52.6 29.5 74.63 85.1 10vdk1, 3.85 2.07 1.32 2.938 3.35 10edk1 97.8 52.6 33.5 74.63 85.1 10vdk3, 2.57 2.07 1.32 2.938 3.35 10edk3 65.3 52.6 33.5 74.63 85.1 20vdk1, 3.85 2.58 1.78 2.938 3.35 20edk1 97.8 65.5 45.2 74.63 85.1 20vdk6 3.46 2.58 1.78 2.938 3.35 87.9 65.5 45.2 74.63 85.1 ordering information consult your local corcom sales representative for pricing. case styles metric shown in italics. series dk 20vdk1/20edk1 vdk1/edk1 vdk3/edk3 torque 18 2 in.lb. .015 .38 available part numbers 1vdk1 1EDK1 1vdk3 1edk3 3vdk1 3edk1 3vdk3 3edk3 6vdk1 6edk1 6vdk3 6edk3 10vdk1 10edk1 10vdk3 10edk3 20vdk1 20edk1 20vdk6 typical dimensions wire leads: min. mounting holes: dia. (2) 4.0 101.6 . 188 4.78 typical dimensions terminals: (5) holes: dia.(4) slot: mounting holes: dia.(2) . 250 6.35 . 07 1.8 . 188 4.78 . 07 x .16 1.8 x 4.1 typical dimensions terminals: (5) holes: dia.(4) slot: mounting holes: dia.(2) . 250 6.35 . 07 1.8 . 188 4.78 . 07 x .16 1.8 x 4.1 20vdk6


▲Up To Search▲   

 
Price & Availability of 1EDK1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X