Part Number Hot Search : 
AK8813P AK8813P 5962R KRC102M 908JL16 NL1027 1N5254 ALVCH
Product Description
Full Text Search
 

To Download UCD1C101MCL1GS Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  aluminum electrolytic capacitors a2 47 j cd cd chip type, low impedance specifications chip type, low impedance temperature range up to +105 c. designed for surface mounting on high density pc board. applicable to automatic mounting machine fed with carrier tape. compliant to the rohs directive (2002/95/ec). series ( 4 to 8 6.2 ) ( 12.5 to 18 ) ( 8 10, 10 ) v code 6.3 j 10 a 16 c 25 e 35 v 50 h 63 j 80 k 100 2a voltage chip type type numbering system (example : 16v 100 f) 0.3 max. d 0.5 b 0.2 a 0.2 a 0.2 c 0.2 0.5 max. e h h 0.3 max. d 0.5 b 0.2 a 0.2 a 0.2 c 0.2 0.5 max. e l 0.3 l 0.5 series capacitance lot no. lot no. capacitance plastic platform plastic platform series trade mark voltage ( j : 6.3v ) voltage (e : 25v) negative positive negative positive a2 220e cd trade mark pressure relief vent u 1 c 2 d 3 1 4 c 5 1 6 0 7 1 8 m 9 c 10 l 11 1 12 g 13 s 14 d 4 to 6.3 8 (6.2l) cl cl 8 (10l) 10(10l,13.5l) nl 10(7.7l) cl 12.5 to 18 nq configuration size code package code capacitance tolerance ( 20%) rated capacitance (100 f) rated voltage (16v) series name type code a b c e l h 4 5.8 1.8 4.3 4.3 1.0 5.8 0.5 to 0.8 5 5.8 2.1 5.3 5.3 1.3 5.8 0.5 to 0.8 6.3 5.8 2.4 6.6 6.6 2.2 5.8 0.5 to 0.8 6.3 7.7 2.4 6.6 6.6 2.2 7.7 0.5 to 0.8 (mm) 8 6.2 3.3 8.3 8.3 2.3 6.2 0.5 to 0.8 8 10 2.9 8.3 8.3 3.1 10 0.8 to 1.1 10 7.7 3.2 10.3 10.3 4.5 7.7 0.8 to 1.1 10 10 3.2 10.3 10.3 4.5 10 0.8 to 1.1 10 13.5 3.2 10.3 10.3 4.5 13.5 0.8 to 1.1 d l a b c e l h 12.5 13.5 4.8 13.6 13.6 4.0 13.5 1.0 to 1.4 16 16.5 5.4 17.1 17.1 6.3 16.5 1.0 to 1.4 18 16.5 6.4 19.1 19.1 6.3 16.5 1.0 to 1.4 d l item performance characteristics category temperature range rated voltage range rated capacitance range capacitance tolerance leakage current stability at low temperature endurance shelf life resistance to soldering heat marking 55 to +105c 6.3 to 100v 1 to 3300f 20% at 120hz, 20c after 2 minutes' application of rated voltage, leakage current is not more than 0.01 cv or 3 ( a), whichever is greater. after storing the capacitors under no load at 105 c for 1000 hours and then performing voltage treatment based on jis c 5101-4 clause 4.1 at 20 c, they shall meet the specified values for the endurance characteristics listed above. the capacitors are kept on a hot plate for 30 seconds, which is maintained at 250 c. the capacitors shall meet the characteristic requirements listed at right when they are removed from the plate and restored to 20c. 6.3 2 3 4 z25c / z+20c z40c / z+20c z55c / z+20c measurement frequency : 120hz measurement frequency : 120hz at 20 c for capacitance of more than 1000 f, add 0.02 for every increase of 1000 f. capacitance change tan leakage current within 10% of the initial capacitance value less than or equal to the initial specified value less than or equal to the initial specified value capacitance change tan leakage current within 30% of the initial capacitance value 200% or less than the initial specified value 300% or less than the initial specified value for 63v or more less than or equal to the initial specified value rated voltage ( v ) tan ( max. ) rated voltage ( v ) impecance ratio zt / z20 ( max. ) 10 2 3 4 16 2 3 4 25 2 3 3 35 2 3 3 50 2 3 3 63 2 3 3 80 2 3 3 100 2 3 3 6.3 0.26 10 0.19 16 0.16 25 0.14 35 0.12 50 0.10 63 0.08 80 0.08 100 0.07 1 1: size 8 6.2 only 2 2 : except : 10 7.7l cd low impedance low impedance taping taping 4 to 10 12.5 to 18 gs ms tr ay 12.5 to 18 zd code package size ud cl tangent of loss angle (tan ) the specifications listed at right shall be met when the capacitors are restored to 20 c after the rated voltage is applied for 5000 hours ( 2000 hours for l 10 mm: 50v or less, and for l 10mm: 63v or more ) at 105c. nichicon trade mark voltage series capacitance lot no. d 0.5 l 1.0 c 0.2 b 0.2 e h plastic platform 330 f cd 50v h1015 pressure relief vent 0.3 max. 0.5 max. positive a 0.2 a 0.2 negative dimension table in next page. cat.8100b
aluminum electrolytic capacitors cap. ( f ) code v 6.3 0j 10 1a 16 1c 25 1e 35 1v 50 1h series 1 2.2 3.3 4.7 10 15 22 27 33 47 56 68 100 150 220 330 390 470 680 1000 1500 2200 3300 010 2r2 3r3 4r7 100 150 220 270 330 470 560 680 101 151 221 331 391 471 681 102 152 222 332 1.35 1.35 0.70 1.35 0.70 0.70 0.36 0.70 0.36 0.36 0.36 0.32 0.26 0.16 0.18 0.16 0.18 0.16 0.08 0.08 0.08 90 90 160 90 160 160 240 160 240 240 240 290 300 600 600 600 600 600 850 950 1100 4 5.8 4 5.8 5 5.8 4 5.8 5 5.8 5 5.8 6.3 5.8 5 5.8 6.3 5.8 6.3 5.8 6.3 5.8 6.3 7.7 8 6.2 8 10 10 7.7 8 10 10 7.7 8 10 10 10 10 13.5 12.5 13.5 1.35 0.70 1.35 0.70 0.36 0.36 0.36 0.36 0.36 0.32 0.26 0.16 0.18 0.16 0.18 0.08 0.08 0.08 0.08 90 160 90 160 240 240 240 240 240 290 300 600 600 600 600 850 850 950 1100 4 5.8 5 5.8 4 5.8 5 5.8 6.3 5.8 6.3 5.8 6.3 5.8 6.3 5.8 6.3 5.8 6.3 7.7 8 6.2 8 10 10 7.7 8 10 10 7.7 10 10 10 10 10 13.5 12.5 13.5 1.35 1.35 1.35 0.70 0.70 0.36 0.70 0.36 0.36 0.36 0.36 0.32 0.32 0.26 0.16 0.18 0.16 0.18 0.08 0.08 0.08 90 90 90 160 160 240 160 240 240 240 240 290 290 300 600 600 600 600 850 950 1100 4 5.8 4 5.8 4 5.8 5 5.8 5 5.8 6.3 5.8 5 5.8 6.3 5.8 6.3 5.8 6.3 5.8 6.3 5.8 6.3 7.7 6.3 7.7 8 6.2 8 10 10 7.7y 8 10 10 7.7y 10 10 10 13.5 12.5 13.5 1.35 0.70 0.70 0.36 0.70 0.36 0.36 0.36 0.36 0.32 0.26 0.16 0.18 0.16 0.18 0.16 0.08 0.08 0.08 0.035 90 160 160 240 160 240 240 240 240 290 300 600 600 600 600 600 850 950 1100 1800 4 5.8 5 5.8 5 5.8 6.3 5.8 5 5.8 6.3 5.8 6.3 5.8 6.3 5.8 6.3 5.8 6.3 7.7 8 6.2 8 10 10 7.7 8 10 10 7.7 8 10 10 10 10 13.5 12.5 13.5 16 16.5 1.35 1.35 0.70 0.70 0.36 0.36 0.32 0.32 0.16 0.16 0.18 0.16 0.18 0.08 0.08 0.08 0.08 0.035 90 90 160 160 240 240 290 290 600 600 600 600 600 850 950 1100 1100 1800 4 5.8 4 5.8 5 5.8 5 5.8 6.3 5.8 6.3 5.8 6.3 7.7 6.3 7.7 8 10 8 10 10 7.7 8 10 10 7.7 10 10 10 13.5 12.5 13.5 12.5 13.5 16 16.5 2.70 2.70 2.70 2.70 1.50 0.86 0.86 0.66 0.63 0.66 0.63 0.32 0.36 0.16 0.16 0.14 0.12 0.12 0.073 0.073 60 60 60 60 90 170 170 195 200 195 200 350 330 700 700 800 900 900 1610 1610 4 5.8 4 5.8 4 5.8 4 5.8 5 5.8 6.3 5.8 6.3 5.8 6.3 7.7 8 6.2 6.3 7.7 8 6.2 8 10 10 7.7 10 10 10 10 10 13.5 12.5 13.5 12.5 13.5 16 16.5 16 16.5 case size d l (mm) 63 1j 80 1k 100 2a 3.3 4.7 10 22 33 47 68 100 150 220 330 470 680 3r3 4r7 100 220 330 470 680 101 151 221 331 471 681 3.00 1.50 1.20 1.20 0.65 0.65 0.35 0.35 0.16 0.16 0.082 0.08 50 80 120 120 250 250 400 400 800 800 1410 1690 5 5.8 6.3 5.8 6.3 7.7 8 6.2 8 10 8 10 10 10 10 10 12.5 13.5 12.5 13.5 16 16.5 18 16.5 5.00 3.00 2.40 2.40 1.30 1.30 0.70 0.32 0.32 0.32 0.17 0.15 25 40 60 60 130 130 200 500 500 500 793 917 5 5.8 6.3 5.8 6.3 7.7 8 6.2 8 10 8 10 10 10 12.5 13.5 12.5 13.5 12.5 13.5 16 16.5 18 16.5 1.30 0.70 0.32 0.32 0.17 0.17 0.15 0.15 130 200 500 500 793 793 917 917 8 10 10 10 12.5 13.5 12.5 13.5 16 16.5 16 16.5 18 16.5 18 16.5 case size d l (mm) rated ripple impedance rated ripple impedance max. impedance ( ? ) at 20 c 100khz, rated ripple current ( marms ) at 105 c 100khz frequency coefficient 50hz 0.35 120hz 0.50 300hz 0.64 1khz 0.83 10khz or more 1.00 dimensions cap. ( f ) code v frequency coefficient of rated ripple current : in this case, 6 will be put at 12th digit of type numbering system. cd taping specifications are given in page 23. recommended land size, soldering by refrow are given in page 18, 19. please refer to page 3 for the minimum order quantity. cat.8100b


▲Up To Search▲   

 
Price & Availability of UCD1C101MCL1GS

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X