Part Number Hot Search : 
IR2110L6 LA5779MP HMC464 TL3700 ML4335 P4SL0 TS2937 KU10N14
Product Description
Full Text Search
 

To Download TP810PW100RJE Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1-866-9-ohmite ? intl 1-847-258-0300 ? fax 1-847-574-7522 ? www.ohmite.com ? info@ohmite.com high ene rgy/ surge t h ick film radial tp series high energy thick film on alumina substrate substrate alumina resistor thick film coating glass terminals solder plated phosphor bronze thermal conductivity 20 watts/meter/c temperature coefficient 1 to 100: 100 ppm/c 101 and up: 50 ppm/c tolerance 1%, 5% and 10% power rating based on 25c free air resistance range 10 ohms to 1m ohm. consult factory for other values maximum operating voltage 350 vac, 500 vdc through glass, 1000 vac, 1500 vdc through substrate energy rating 100j: 100ms pulse with 100uf capacitor, not to exceed 1500 volts derating 100% @ 25c to 0% @ 180c ambient. characteristics fea tures ? high-temp terminal construction ? wide resistance range ? low inductance (50nh- 100nh) ? high power density ? easy to install. pc-mountable v t e= energy (joules) t= ti me (seconds) v= vo ltage (volts) r= resistance (ohms) c= capacitance (farads) e = ?cv 2 1 2 t = rc pulse tp series high energy resistors offer the user the benefits of non-inductive performance and high power density. as an added feature, they provide the impulse energy capability normally associated with wirewound or composition resistors. double- sided screen printing of pulse-tolerant thick film ink, coupled with a sophisticated scan-cut laser trimming process, maximize the energy withstanding capabili - ties of the tp series. standard part numbers for tp series tp810pw10r0je tp810pw20r0je tp810pw50r0je TP810PW100RJE tp810pw470rje tp810pw1k00je tp810pw4k70je tp810pw10k0je dimensions (.020 in. / .508mm) ordering informa tion 0.020" 0.51mm typ. 0.150" 3.8 mm ref. 0.200" / 5.08 mm 0.050" / 1.27 mm dia. finished pins 0.070" / 1.78 mm 0.040" / 1.02 mm 0.240" / 6.10 mm 0.300" / 7.62 m m 0.040" / 1.02 mm typ. 0.800" 20.32mm 1.00"/25.40mm 1.00"/25.40mm power rating 10 = 10 watts tp810pw4k50 j e series tolerance k = 10% j = 5% package pw = wraparound terminal resistance value (?) 10r0 = 10.0 2k00 = 2,000 45k0 = 45,000 pin spacing 8 = 0.80" rohs compliant
mouser electronics authorized distributor click to view pricing, inventory, delivery & lifecycle information: ohmite: ? tp810pw20r0je? tp810pw20r0ke? tp810pw10r0ke? tp810pw1k00je? tp810pw100rke? tp810pw50r0je? tp810pw1k00ke? tp810pw4k70je? tp810pw470rke? tp810pw10k0ke? tp810pw4k70ke? TP810PW100RJE? tp810pw50r0ke? tp810pw470rje? tp810pw10k0je? tp810pw10r0je


▲Up To Search▲   

 
Price & Availability of TP810PW100RJE

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X