Part Number Hot Search : 
K2231 BZX84C3 BZ5227B MIC2586 04506 SLR343 74LS13 DD110F
Product Description
Full Text Search
 

To Download SIMB-A01-6G200A1E Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  semi-industrial motherboards features simb-a01 ? intel lga775 socket supports intel ? core 2 quad/core 2 duo/pentium/ celeron processor ? intel q35 + ich9r chipset ? four 240-pin ddr2 800 mhz up to 8 gb ? intel graphics media accelerator 3100 ? realtek alc888, 5.1 + 2 channel hd streaming audio ? dual realtek rtl8111c gigabit lan ? 1 pcie x16, 1 pcie x1, 5 pci ? 4 com (5/12 v), 12 usb, 6 sata ii, 1 ide ? tpm 1.2, 16-bit gpio ? supports raid 0, 1, 5, 10 specifcations processor system cpu intel core2 quad intel core2 duo intel pentium dual-core intel celeron max. speed q9400 2.66 ghz e8400 3.0 ghz e6500 2.6 ghz 440 2.0 ghz l2 cache 6 mb 6 mb 2 mb 512 kb chipset intel q35 + ich9r bios ami 32 mbit , spi front side bus 800/1066/1333 mhz expansion slots pci 32-bit/33 mhz, 5 slot pcie x16 4.0 gb/s per direction, 1 slot pcie x1 250 mb/s per direction, 1 slot full-size mini-pcie - memory technology dual channel ddr2 667/800 mhz max. capacity 8 gb socket 4 x 240-pin dimm graphics controller intel graphics media accelerator 3100 integrated vram intel dvmt 4.0 supports up to 284 mb video memory vga 1, on board gma 3100 lvds through add2 lvds card dvi through add2 dvi card hdmi through add2 hdmi card dual display - ethernet interface 10/100/1000 mbps controller gbe-lan1: realtek rtl8111c , gbe-lan2: realtek rtl8111c connector rj-45 x 2 sata max data transfer rate 300 mb/s channel 6 eide mode ata 100/66/33 channel 1 (max. 2 devices) rear i/o vga 1 dvi - ethernet 2 usb 4 (usb 2.0) audio 3 (line-out, line-in, mic-in) parallel 1 (lpt) serial 1 (rs-232) ps/2 2 (1 x keyboard and 1 x mouse) internal connectors usb 8 (usb 2.0) serial 3 (1 x rs-232/422/485 and 2 x rs-232 ) ide 1 sata 6 (sata ii) parallel - gpio 16-bit (8-bit di and 8-bit do) watchdog timer output system reset interval programmable 1~ 255 sec/min security tpm onboard tpm 1.2 by infneon slb9635 power requirements power on +12 v +5 v +3.3 v 5 vsb 3.52 a 3.58 a 2.86 a 0.74 a environment temperature operating non-operating 0 ~ 50 c (32 ~ 122 f) -20 ~ 70 c (-4 ~ 158 f) physical characteristics dimensions 305 x 244 mm (12" x 9.6") intel ? lga775 core?2 quad / core?2 duo atx with vga, 4 com and dual lan rohs compliant 2002/95/ec all product specifications are subject to change without notice last updated : 11-jun-2012
www.advantech.com/products online download block diagram simb-a01 ordering information p/n cpu chipset vga gbe usb com sata SIMB-A01-6G200A1E intel core 2 quad / core 2 duo / pentium / celeron intel q35 + ich9r 1 2 12 (4 rear, 8 internal) 4 rs-232 (1 rear, 3 internal) 6 sata ii note: minimum order quantity is 200 pieces i/o view mouse 2 lan keyboard vga mic-in line-out lpt line-in com 4 usb packing list description quantity sata cable kit (sata/power) 1 i/o shield 1 startup manual 1 (per 10 units) driver cd 1 (per 10 units) optional accessories part number description 1960022033t000 lga775 cpu cooler for 2u chasis 1700002204 usb cable with two ports, 27 cm 1700003195 usb cable with two ports, 17.5 cm 1700008461 usb cable with two ports, 30.5 cm r ealt ek al c888 hd a udio 12 x usb 2.0 por ts usb 2.0 32-bit/33mh z 5 x pci slots pci 2.2 spi r om spi ddr2 800/667mh z ddr2 800/667mh z i n t el q35 i n t el ich9r fsb dmi i n t el l ga775 core 2 quad/core 2 duo/ pentium/celeron processor 800/ 1066/ 1333mh z channel a vga channel b sa t a ii ddr2 800/667mh z ddr2 800/667mh z vga pcie x16 slot pcie x 16 400mh z 6 x sa t a ii por ts gl ci lan 1 r ealt ek r tl8111c pcie x1 lan 2 r ealt ek r tl8111c pcie x1 pcie x1 3gb/s pcie x1 slot jmb368 2gb/s ide lpc w inbond 83627dhg- a 1 rs -232 por t , 1 fdd ,1lpt tp m fintek 81216ad 2 rs -232 por ts , 1 rs -232/422/485 por t


▲Up To Search▲   

 
Price & Availability of SIMB-A01-6G200A1E

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X