Part Number Hot Search : 
FRP1005 PE6040 IL101 NCP5393A TS942IPT Z3SMC18 MP1423 DF005
Product Description
Full Text Search
 

To Download SCD220H Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  zowie (150v~200v / 2.0a) scd215h and SCD220H uni t : mm absolute maximum ratings (ta = 25 o c) v rrm scd215h 150 SCD220H 200 v i f(av) a i fsm a t j t stg 50 -55 to +150 -55 to +150 8.3ms single half sine-wave item average forward current symbol conditions unit peak forward surge current operating junction temperature range rating 2.0 repetitive peak reverse voltage storage temperature range schottky barrier diode * halogen-free type * compliance to rohs product * lead less chip form, no lead damage * low power loss, high efficiency * high current capability, low vf * plastic package has underwriters laboratory flammability classification 94v-0 features * switching mode power supply applications * portable equipment battery applications * high frequency rectification * dc / dc converter * telecommunication application * 3,000 pieces per 7" (178mm 2mm) reel * 4 reels per box * 6 boxes per carton packing case : packed with frp substrate and epoxy underfilled terminals : pure tin plated (lead-free), solderable per mil-std-750, method 2026. polarity : laser cathode band marking weight : 0.02 gram mechanical data outline dimensions 2.20 0.1 0. 5 0 0.95 0.2 0.95 0.2 4.5 0.1 0.05 o c o c electrical characteristics (ta = 25 o c) v f item symbol conditions min. typ. type v i f = 2.0a v scd215h - 0.83 0.88 i f = 2.0a v SCD220H - 0.86 0.90 max. unit forward voltage (note 1) o c/w - 88 - r th(ja) junction to ambient (note 2) thermal resistance o c/w - 28 - r th(jl) junction to lead (note 2) pf - 110 - c j v r = 4v, f = 1.0 mhz junction capacitance ua - 1.0 50 i rrm repetitive peak reverse current v r = max. v rrm , ta = 25 o c 2011/03 rev. 1 notes : (1) pulse test width pw=300usec , 1% duty cycle. (2) mounted on p.c. board with 0.2 x 0.2"(5.0 x5.0mm) copper pad areas. marking cathode mark amps class series code voltage class scd 215 jedec : sma do-214ac 0.96 + 0.2 - 0.1 halogen-free type . case : 2010 voltage class : 15 = 150v, 20 = 200v
zowie (150v~200v/2.0a) scd215h and SCD220H 2011/03 rev. 1 fig.1 - forward current derating curve average forward rectified current, amperes 2.0 1.5 1.0 0.5 0 0 25 50 75 100 125 150 175 resistive or inductive load p.c.b. mounted on 0.2x0.2"(5.0x5.0mm) copper pad areas lead temperature, o c fig.2 - maximum non-repetitive peak forward surge current peak forward surge current, amperes number of cycles at 60hz 8.3ms single half sine-wave 0 10 40 50 20 30 1 10 100 fig.4 - typical reverse characteristics percent of rated peak reverse voltage,% instantaneous reverse current, microamperes fig.5 - typical junction capacitance tj = 25 o c f=1.0mhz vsig=50mvp-p reverse voltage, volts .1 junction capacitance, pf 400 1.0 10 100 100 10 0.1 0.001 10 0.01 0.10 1.00 0.2 0.3 0.4 0.5 0.6 0.9 1.1 1.0 0.8 0.7 iinstantaneous forward current, (a) forward voltage, (v) fig.3 - typical instantaneous forward characteristics ta = 2 5 o c 0.10 0.01 0 20 1.0 10 100 1000 tj=125 o c tj=100 o c tj=25 o c 40 60 80 100


▲Up To Search▲   

 
Price & Availability of SCD220H

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X