Part Number Hot Search : 
A1200 PN100 2102D A1200 C1001 24C00 DTA114 A2721
Product Description
Full Text Search
 

To Download PSM1-252P-10 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  single line filters high current/high voltage surface mount emi filters & 3 terminal emi filter chips t le lm le l w .020 (0.50) .002 ( 0.05) .070 (1.75) (4x both ends middle terminal .120 (3.00) sq. (both ends) .020 (0.50) .057 (1.46) .120 (3.00) .020 (0.50) .010 (0.25) .315 (8.00) .235 (6.00) .083 (2.10) so. 0.8 .020 (0.5) r max. 4 plcs. .232 (5.90) 0.26 .315 (8.00) max. solder plated .050 (1.27 0.05) .113 (2.85) .014 (.35) .020 (.500) min. .020 (.500) min. .012/.040 (0.3/1.0) .012/.040 (0.3/1.0) figure 1 figure 2 part number figure capacitance tolerance current ratings rated voltage circuit -55? to +125? psm4-103z-20-* 10,000 pf 80% / -20% psm4-402z-20-* 4,000 pf 80% / -20% 20 amps 200vdc c psm4-102m-20-* 1 1,000 pf 100% / 0% psm1-402z-10-* 4,000 pf 80% / -20% PSM1-252P-10-* 2,500 pf 100% / 0% 10 amps 200vdc p i psm1-102m-10-* 1,000 pf +/-20% ssm1-152p-10-* 2 1,500 pf 100% / 0% 10 amps 100vdc ssm4-152p-10-* 1,500 pf 100% / 0% c rated rated ir dc body capacitance temp. voltage current (megohms resistance operating part number size (in picofarad) tolerance charac. (volts dc) (amps dc) min.) (ohm max.) temp. sf0805x223sbnd-* 0805 22,000 +50/-20% x7r 50 1.0 10,000 0.08 -55/+125? sf1205x473sbnd-* 1205 47,00 +50/-20% x7r 50 1.0 5,000 0.08 -55/+125? (2 amp filter) sf1806y224zbne-* 1806 220,000 +80/-20% y5v? 50 2.0 1,000 0.04 -25/+85? -* = denotes packaging style. replace with t for tape and reel or b for bulk. contact factory for more information. ? = temperature characteristic is +30/-80% end middle body body body terminal terminal body length width thickness length length style/size (l) (w) (t) (le) (lm) sf0805 0.079+/-0.008 0.049+/-0.008 0.032+/-0.008 0.012 +/-0.008 0.024+/-0.008 (2.0 +/-0.2) (1.25 +/-0.2) (0.8 +/-0.2) (0.3 +/-0.2) (0.6 +/-0.2) sf1205 0.079+/-0.008 0.049+/-0.008 0.032+/-0.008 0.012 +/-0.008 0.024+/-0.008 (2.0 +/-0.2) (1.25 +/-0.2) (0.8 +/-0.2) (0.3 +/-0.2) (0.6 +/-0.2) sf1806 0.079+/-0.008 0.049+/-0.008 0.032+/-0.008 0.012 +/-0.008 0.024+/-0.008 (2.0 +/-0.2) (1.25 +/-0.2) (0.8 +/-0.2) (0.3 +/-0.2) (0.6 +/-0.2) high current 3 terminal emi filter chips mechanical dimensions: high current/high voltage surface mount emi filters dimensions in inches (mm) dimensions in inches (mm) -* = denotes packaging style. replace with t for tape and reel or b for bulk. contact factory for more information. ? = temperature characteristic is +30/-80%
single line filters high current/high v oltage hermetically sealed threaded case filters high current/high v oltage hermetically sealed filters ? . 6 8 7 . 0 1 5 ( 1 7 . 4 5 . 3 8 ) 5 / 1 6 e 2 4 u n f e 2 a t h d . . 2 5 0 ( 6 . 3 5 ) . 7 3 5 m a x . ( 1 8 . 6 2 ) x l ?.685 .003 .375 w .o.f . i.d. has notch .250 fla t .090 5/16 - 24unf - 2a .025 1.25 max. .965 .935 .965 max. mounting surface .030 max., 2pl. hea t shrink tubing both ends .250 (2x) .302 .010 (2x) .250 nema quick connect terminal (both ends) rot anium p/n 55470 quick connect crimped & soldered terminal stud (both ends) .312 .007 figure 1 figure 2 rated v olta g e minim um inser tion loss (db) min. dcr max. p ar t 85 c 125 c i cap. max. l 30 150 300 1 10 100 1 number fig. dc a c dc a c amp f ohms ckt in. (mm) khz khz khz mhz mhz mhz ghz 51-322-014 1 450 240 400 240 25.00 0.360 0.007 lb 0.750 (19.050) 5 17 23 34 48 62 70 51-322-015 1 450 240 400 240 25.00 0.360 0.007 l t 0.750 (19.050) 5 17 23 34 48 62 70 51-322-312* 2 60 10.00 0.006 lb 14 28 34 44 70 70 70 * denotes par ts that are ul recogniz ed to ul1459 and cer tified to csa c22.2 mechanical dimensions: dimensions in inches (mm)
high current/high v oltage resin sealed filters high current filters are ideal f or use in high current 5 v olt logic b us , b ut also can be used f or +/- 48vdc telephone r ac k b us , high current s witch mode po w er supplies and dc charging systems . features n current r atings up to 100 amps n contin uous v oltage r atings up to 2000vdc/240v a c n u .l. 1459 recogniz ed and csa c22.2 appro v ed v ersions a v ailab le n rugged bolt-in style f or easy installation * denotes par ts that meet 1500v a c dielectr ic withstanding v oltage per ul 1283 and csa c22.2 ** also a v ailab le through spectr um control s author iz ed distr ib utors . note: 54-853 ser ies is designed to address high mechanical torque requirements . no te: the threads on the b ushing ma y ha ve an undercut or 1-1/2 imperfect threads a t the hex interf a ce. minim um inser tion loss (db) 1 600 240 25 c 4700pf+\-20% 12 20 30 33 50 50 1 600 240 25 c 0.01 f=\-20% 3 7 20 25 35 40 57 57 2 2000 25 pi 1500 pf 5 15 50 50 50 50 rated v olta g e 125 c 54-844-001* 54-844-002* 1280-060** model i minim um 1 3 10 30 100 300 1 10 figure dc a c amp ckt capacitance mhz mhz mhz mhz mhz mhz ghz ghz dimensions in inches (mm) 1 1 / 2 i m p e r f e c t t h d s . . 0 6 0 m a x . , t y p . 5 / 1 6 2 4 u n f 2 a t h d . . 2 5 0 ( 6 . 3 5 ) . 5 0 0 ( 1 2 . 7 ) h e x . 2 5 ( 6 . 3 5 ) m i n . . 2 5 ( 6 . 3 5 ) m i n . . 2 5 ( 6 . 3 5 ) m i n . . 2 5 ( 6 . 3 5 ) m i n . 3 / 8 3 2 u n e f 2 a t h d . . 5 0 0 ( 1 2 . 7 ) . 0 2 0 ( . 5 1 ) . 3 7 5 ( 9 . 3 5 ) . 9 9 0 0 . 3 1 ( 2 5 . 1 5 . 7 9 ) . 7 4 0 . 0 3 1 ( 1 8 . 6 1 . 7 9 ) . 1 2 5 ( 3 . 1 8 ) figure 2 figure 1 mechanical dimensions:
high current/high v oltage resin sealed filters
high current/high v oltage single line feed-thru filters features n a v ailab le f or applications utilizing 400-600vdc , or 250v a c n l and pi configur ations n inser tion loss of 60 db at 150 khz n threaded nec k mounting applications n high v oltage medical equipment n c .o .t .s . (commercial-off-the-shelf) militar y (meets or e xceeds the standard listed in mil-std-220a) n industr ial equipment and controls n t elecomm unication base stations n data tr ansmission equipment options: n designed to meet mil-f-15733/72/73/74 n other configur ations a v ailab le: t , ll ? circuit ?i circuit ? circuit performance curves ?oub le l circuit t ypical insertion loss per mil-std-220a (under full load) electrical specifications v oltage: 125 & 250v a c , 0-400 hz 400 & 600vdc max. v oltage dr op: 1% of r ated v oltage t emperatur e range: -55c? to +85c? without der ating insulation resistance: in e xcess of 1000 m d.c. t est v oltage: 4.2x r ated a.c . v oltage (in accordance with method 301 mil-std-202 with v oltage applied thr u resistance of 1 ohm/v oltage minim um f or one min ute) insertion loss: (minim um db at 150khz) attenuation: (in accordance with mil-std-220a) l cir cuits: 30 db pi cir cuits: 60 db
5004-7069 .5 1.00 1.63 .345 7/16-20 .406 .375 .440 5004-7073 1.0 1.00 2.38 .345 7/16-20 .406 .375 .440 5004-7077 2.5 1.00 2.13 .345 7/16-20 .406 .375 .440 5004-7081 5.0 1.25 2.19 .407 3/4-20 .484 .453 .659 5004-7085 10.0 1.25 2.88 .407 3/4-20 .484 .453 .659 5004-7089 15.0 1.50 4.44 .407 3/4-20 .750 .687 .659 5004-7093 20.0 1.75 3.69 .407 3/4-20 .750 .687 .659 5004-7097 30.0 2.00 3.50 .595 1-1/8-18 .750 .703 1.049 5004-6998 50.0 2.25 4.56 .563 1-1/8-18 .968 .750 1.051 p ar t no. w/ current c capacitor on rating a b thread d e f g threaded end (amps) dia. lgth. lgth. threads ??circuit ?i?circuit high current/high v oltage single line feed-thru filters p ar t no. w/ current c capacitor on rating a b thread d e f g threaded end (amps) dia. lgth. lgth. threads 5004-7068 .5 1.00 1.50 .345 7/16-20 .406 .375 .375 5004-7072 1.0 1.00 2.00 .345 7/16-20 .406 .375 .375 5004-7076 2.5 1.00 2.75 .345 7/16-20 .406 .375 .375 5004-7080 5.0 1.25 2.06 .407 3/4-20 .484 .453 .659 5004-7084 10.0 1.25 3.50 .407 3/4-20 .484 .453 .659 5004-7088 15.0 1.50 3.69 .407 3/4-20 .750 .687 .659 5004-7092 20.0 1.75 3.50 .407 3/4-20 .750 .687 .659 5004-7096 30.0 2.00 3.31 .595 1-1/8-18 .750 .703 1.049 5004-6999 50.0 2.25 4.25 .563 1-1/8-18 .968 .750 1.051 125/208 v olts a c / 400vdc 250/440 v olts a c / 600vdc 5004-7041 .5 1.00 1.63 .345 7/16-20 .406 .375 .440 5004-7044 1.0 1.00 2.38 .345 7/16-20 .406 .375 .440 5004-7047 2.5 1.00 2.13 .345 7/16-20 .406 .375 .440 5004-7050 5.0 1.25 2.19 .407 3/4-20 .484 .453 .659 5004-7053 10.0 1.25 2.88 .407 3/4-20 .484 .453 .659 5004-7056 15.0 1.50 4.44 .407 3/4-20 .750 .687 .659 5004-7059 20.0 1.75 3.69 .407 3/4-20 .750 .687 .659 5004-7062 30.0 2.00 3.50 .595 1-1/8-18 .750 .703 1.049 5004-7065 50.0 2.25 4.56 .563 1-1/8-18 .968 .750 1.051 5004-7040 .5 1.00 1.50 .345 7/16-20 .406 .375 .375 5004-7043 1.0 1.00 2.00 .345 7/16-20 .406 .375 .375 5004-7046 2.5 1.00 2.75 .345 7/16-20 .406 .375 .375 5004-7049 5.0 1.25 2.06 .407 3/4-20 .484 .453 .659 5004-7052 10.0 1.25 3.50 .407 3/4-20 .484 .453 .659 5004-7055 15.0 1.50 3.69 .407 3/4-20 .750 .687 .659 5004-7058 20.0 1.75 3.50 .407 3/4-20 .750 .687 .659 5004-7061 30.0 2.00 3.31 .595 1-1/8-18 .750 .703 1.049 5004-7064 50.0 2.25 4.25 .563 1-1/8-18 .968 .750 1.051 125/208 v olts a c / 400vdc 250/440 v olts a c / 600vdc
high current/high v oltage single line feed-thru filters high current single line f eed-thr u filters from spectr um control are ideal to meet broad frequency applications . this ser ies filters emi/rfi with 150-500 amp current with a c and dc v oltages . these filters are ideal f or cellular base stations , telephone s witching stations and high v olt - age po w er supply applications . features n ideal f or high current applications n excellent filter ing in a compact, dur ab le pac kage n bolt-in style f or easy installation n current r atings to 500 amps n v oltage r atings up to 1000vdc and 240v a c n a v ailab le with single , dual, and tr iple f eed-thr us n v ar ious capacitance r atings (up to 1.68 m f) n rugged constr uction f or indoor and outdoor applications n v ar ious mounting br ac k ets a v ailab le n lo w cost emi solution n design fle xibility applications n t elecomm unications (cellular base stations , telephone s witching r ac ks , etc.) n p o w er supplies n ser v ers t ypical inser tion loss (db) 0.1 1 10 100 frequency (mhz) 0.01 m f 0.02 m f 0.04 m f 0.03 m f 70 60 50 40 30 20 10 0 80 0.01 1000 1.68 m f 90 electrical specifications curr ent ratings/bolt size: 150 amps . . . . . . 10 mm 200 amps . . . . . . 12 mm 250 amps . . . . . . 12 mm 300 amps . . . . . . 14 mm 400 amps . . . . . . 16 mm 500 amps . . . . . . 18 mm t emperatur e range: -25 c to 85 c p ar t no. figure v olta g e rating @ current rating capacitance v alue -40c to +85c 52-226-001 a 50vdc max. 300 amps 0.02 f min. @ 50vdc 52-226-002 b 50vdc max. 300 amps 0.02 f min. @ 50vdc 52-226-006 c 50vdc max. 150 amps 0.02 f min. @ 50vdc 52-226-008 d 65vdc max. 200 amps 0.02 f min. @ 50vdc 52-226-009 e 50vdc max. 150 amps 0.02 f min. @ 50vdc 52-226-004 f 200vdc max. 200 amps 1.68 f min. @ 50vdc 52-226-015 g 200vdc max. 200 amps 1.68 uf min. @ 50vdc 52-267-002 h 200vdc max. 200 amps 1.68 f min. @ 40vdc 52-267-003 i 200vdc max. 200 amps 1.68 f min. @ 40vdc 52-267-008 j 200vdc max. 200 amps 0.02 f min. @ 40vdc 52-267-009 k 200vdc max. 60 amps 1.68 f min. @ 50vdc 52-267-010 l 200vdc max. 250 amps 1.68 f min. @ 40vdc 52-267-011 m 40vdc max. 100 amps 1.68 f min. @ 40vdc 52-267-012 n 250vdc max. 100 amps 1.00 f+20% @ 40vdc
. 8 7 4 ( 2 2 . 2 0 ) ( 2 x ) . 1 7 7 ( 4 . 5 ) ( 2 x ) 1 . 2 9 9 ( 3 3 . 0 ) 1 . 9 8 4 ( 4 9 . 5 ) 1 . 4 9 6 ( 3 8 . 0 ) . 8 0 7 ( 2 0 . 5 ) 5 . 3 9 3 ( 1 3 7 . 0 ) 5 . 0 3 9 ( 1 2 8 . 0 ) . 1 7 7 ( 4 . 5 ) ( 2 x ) . 8 2 6 ( 2 1 . 0 ) 1 . 6 5 2 ( 4 2 . 0 ) . 2 0 4 . 0 0 5 ( 5 . 2 . 1 3 ) t h r u ( 4 x ) . 1 1 8 . 0 0 5 ( 3 . 0 . 1 3 ) m 1 0 x 1 . 5 - 6 g s t u d t i n p l a t e d b r a s s 1 . 2 9 5 . 0 2 ( 2 x ) ( 3 2 . 9 0 . 6 ) . 0 6 3 ( 1 . 6 ) 1 . 2 5 ( 3 1 . 7 5 ) 2 . 5 9 8 m a x . ( 6 6 . 0 ) 4 . 0 1 5 . 0 2 ( 1 0 2 . 0 . 6 ) . 8 2 6 ( 2 1 . 0 ) m i n . 1 . 5 0 ( 3 8 . 8 ) . 0 6 3 ( 1 . 6 ) 4 . 6 7 ( 1 1 8 . 6 ) 4 . 2 0 ( 1 0 6 . 6 ) . 2 3 6 ( 6 . 0 ) ( 2 x ) . 3 1 4 ( 8 . 0 ) ( 2 x ) 1 . 8 1 1 ( 4 6 . 0 ) 1 . 4 9 8 ( 3 8 . 0 ) 1 . 5 8 7 ( 4 0 . 3 ) 1 . 2 2 1 ( 3 1 . 0 ) 2 . 4 4 1 ( 6 2 . 0 ) 2 . 5 9 8 ( 6 6 . 0 ) m a x . 1 . 2 9 5 . 0 2 ( 2 x ) ( 3 2 . 9 0 . 6 ) 4 . 0 1 5 . 0 2 ( 1 0 2 . 0 0 . 6 ) . 8 2 6 ( 2 1 . 0 ) m i n . t h r d . l e n g t h 2 . 0 4 7 . 0 2 ( 5 2 . 0 0 . 6 ) . 1 2 5 ( 3 . 1 8 ) t y p . f o r l a b e l l o c a t i o n d a t e c o d e s c i 2 4 - 0 0 5 8 - 4 7 0 0 ( 3 x ) s c i 2 4 - 0 0 5 8 - 4 8 0 0 m 1 4 x 2 . 0 - 6 g s t u d ( 2 x ) s c i 2 2 - 0 8 3 3 - 0 1 0 0 b r a c k e t a s s e m b l y s c i 2 4 - 0 0 5 8 - 4 8 0 0 . 2 0 4 . 0 0 5 t h r u ( 4 x ) ( 5 . 2 . 1 3 ) high current/high v oltage single line feed-thru filters sq 52 - 226 - 004 200vdc 200a xxxx 1.102 0.02 (28.0 .5) .921 (23.4) .047 (1.2) 3.976 0.02 (101.0 0.5) .961 0.02 (24.4 0.5) 1.890 (48.0) 1.969 0.02 (50.0 0.5) m10x1.5 ?6g studs 1.909 0.02 (48.5 0.5) 3.799 (96.5) 3.406 (86.5) 1.801 (45.75) 0.197 (5.00) 0.197 (5.00) 1.772 (45.0) 1.378 (35.0) 0.689 (17.5) 1.053 0.01 (26.75 0.3) (6x) ?0.185 0.004 (4.70 0.1) (2x) ?.378 0.004 (max) (35.0 0.1) 0.197 (5.00) mechanical dimensions figure a p/n 52-226-001 4 . 6 6 9 ( 1 1 8 . 6 ) 4 . 1 9 6 ( 1 0 6 . 6 ) . 3 1 4 ( 8 . 0 ) ( 2 x ) 1 . 4 9 6 ( 3 8 . 0 ) 1 . 5 8 6 ( 4 0 . 3 ) . 2 0 4 ( 5 . 2 ) t h r u ( 4 x ) 2 . 4 4 1 ( 6 2 . 0 ) 1 . 2 2 0 ( 3 1 . 0 ) . 2 3 6 ( 6 . 0 ) ( 2 x ) 1 . 2 9 5 . 0 2 ( 3 2 . 9 0 . 6 ) ( 2 x ) 2 . 5 9 8 m a x . ( 6 6 . 0 ) 4 . 0 1 5 . 0 2 ( 1 0 2 . 0 0 . 6 ) . 8 2 6 ( 2 1 . 0 ) m i n . t h r d . l e n g t h . 1 2 5 ( 3 . 1 8 ) t y p . f o r l a b e l l o c a t i o n d a t e c o d e 4 5 ? c h a m f e r b o t h e n d s s c i 2 4 - 0 0 5 8 - 4 8 0 0 m 1 4 x 2 . 0 - 6 g s t u d ( 2 x ) . 2 7 6 . 0 1 6 ( 7 . 4 ) . 0 6 3 ( 1 . 6 ) 1 . 2 5 ( 3 1 . 7 5 ) 1 . 8 1 1 ( 4 6 . 0 ) . 8 7 4 ( 2 2 . 2 0 ) ( 2 x ) . 1 7 7 ( 4 . 5 ) ( 2 x ) 1 . 2 9 9 ( 3 3 . 0 ) 1 . 9 8 4 ( 4 9 . 5 ) 1 . 4 9 6 ( 3 8 . 0 ) . 8 0 7 ( 2 0 . 5 ) 5 . 3 9 3 ( 1 3 7 . 0 ) 5 . 0 3 9 ( 1 2 8 . 0 ) . 1 7 7 ( 4 . 5 ) ( 2 x ) . 8 2 6 ( 2 1 . 0 ) 1 . 6 5 2 ( 4 2 . 0 ) . 2 0 4 . 0 0 5 ( 5 . 2 . 1 3 ) t h r u . 1 1 8 . 0 0 5 ( 3 . 0 . 1 3 ) m 1 0 x 1 . 5 - 6 g s t u d t i n p l a t e d b r a s s 1 . 2 9 5 . 0 2 ( 2 x ) ( 3 2 . 9 0 . 6 ) m 1 0 x 1 . 5 - 6 g s t u d - b r a s s ( u n p l a t e d ) 1 . 4 1 3 . 0 0 2 ( 3 5 . 9 0 . 6 ) . 2 4 8 ( 6 . 3 ) ( 2 x ) . 4 2 9 ( 1 0 . 9 ) . 0 6 3 ( 1 . 6 ) 1 . 2 5 ( 3 1 . 7 5 ) 2 . 5 9 8 m a x . ( 6 6 . 0 ) 4 . 0 1 5 . 0 2 ( 1 0 2 . 0 0 . 6 ) . 8 2 6 ( 2 1 . 0 ) m i n . d a t e c o d e 2 . 0 . 8 7 4 ( 2 2 . 2 0 ) ( 2 x ) . 1 7 7 ( 4 . 5 ) ( 2 x ) 1 . 2 9 9 ( 3 3 . 0 ) 1 . 9 8 4 ( 4 9 . 5 ) 1 . 4 9 6 ( 3 8 . 0 ) . 8 0 7 ( 2 0 . 5 ) 5 . 3 9 3 ( 1 3 7 . 0 ) 5 . 0 3 9 ( 1 2 8 . 0 ) . 1 7 7 ( 4 . 5 ) ( 2 x ) . 8 2 6 ( 2 1 . 0 ) 1 . 6 5 2 ( 4 2 . 0 ) . 2 0 4 . 0 0 5 ( 5 . 2 . 1 3 ) t h r u ( 4 x ) . 1 1 8 . 0 0 5 ( 3 . 0 . 1 3 ) m 1 0 x 1 . 5 - 6 g s t u d t i n p l a t e d b r a s s 1 . 2 9 5 . 0 2 ( 2 x ) ( 3 2 . 9 0 . 6 ) m 1 0 x 1 . 5 - 6 g s t u d - b r a s s ( u n p l a t e d ) 1 . 4 2 1 . 0 1 2 ( 3 6 . 1 0 . 3 ) . 2 4 8 ( 6 . 3 ) ( 2 x ) . 4 2 9 ( 1 0 . 9 ) . 0 6 3 ( 1 . 6 ) 1 . 2 5 ( 3 1 . 7 5 ) 1 . 8 9 0 . 0 2 m a x . ( 4 8 . 0 0 . 6 ) 2 . 7 1 7 . 0 2 ( 8 9 . 0 . 6 ) . 8 2 6 ( 2 1 . 0 ) m i n . d a t e c o d e m 1 0 x 1 . 5 - 6 g s t u d t i n p l a t e d b r a s s 7 . 0 m i n .
high current/high v oltage single line feed-thru filters 3 . 9 5 6 ( 1 0 0 . 5 ) 3 . 4 0 5 ( 8 6 . 5 ) 1 . 3 7 8 ( 3 5 . 0 ) . 9 6 4 ( 2 5 . 4 ) 1 . 7 0 2 ( 4 3 . 2 5 ) 1 . 5 0 6 ( 3 8 . 2 5 ) 1 . 3 7 8 ( 3 5 . 0 ) 1 . 9 2 9 ( 4 9 . 0 ) p e m c l s - m 4 - 1 ( 6 p l a c e s ) 1 . 0 2 3 ( 2 6 . 0 ) 1 . 9 0 9 1 . 9 6 8 ( 4 8 . 5 5 0 ) 1 . 2 5 9 ( 3 2 . 0 ) . 2 4 8 ( 6 . 3 ) 1 . 8 8 9 ( 4 8 . 0 ) . 0 7 8 ( 2 . 0 ) m a x . r e d . 9 8 4 ( 2 5 . 0 ) b l a c k 8 . 8 5 8 + . 7 8 7 / - 0 ( 2 2 5 . 0 + 2 0 . 0 / - 0 ) 1 0 . 4 3 3 + . 7 8 / - 0 ( 2 6 5 . 0 + 2 0 . 0 / - 0 ) 7 . 4 8 0 + . 7 8 7 / - 0 ( 1 9 0 . 0 + 2 0 . 0 / - 0 ) 2 . 9 5 5 ( 7 5 . 0 ) 5 . 5 1 6 ( 1 4 0 . 0 ) 2 . 7 2 6 ( 6 9 . 2 ) 1 . 3 6 3 ( 3 4 . 6 ) m 1 0 x 1 . 5 - 6 g s t u d 5 . 5 2 0 ( 1 4 0 . 1 0 ) 2 . 0 9 2 ( 5 3 . 1 0 ) 1 . 3 8 2 ( 3 5 . 0 8 ) 1 . 7 7 7 ( 4 5 . 1 0 ) 3 . 4 2 8 ( 8 7 . 0 0 ) 2 . 7 1 9 ( 6 9 . 0 0 ) 1 . 5 2 ( . 0 6 0 ) 2 . 9 5 5 ( 7 5 . 0 ) 5 . 5 1 6 ( 1 4 0 . 0 ) 2 . 7 2 6 ( 6 9 . 2 0 ) 1 . 3 6 3 ( 3 4 . 6 0 ) 5 . 5 2 0 ( 1 4 0 . 1 0 ) 4 . 5 7 0 ( 1 1 6 . 0 0 ) 2 . 4 0 3 ( 5 1 . 0 0 ) 2 . 2 8 5 ( 5 8 . 0 0 ) . 2 8 3 ( 7 . 2 ) ( 2 x ) p e m b s o s - m 4 - 6 ( 6 x ) m 1 0 x 1 . 5 - 6 g s t u d . 0 8 0 ( 1 . 5 2 ) 2 . 0 9 2 ( 5 3 . 1 0 ) 1 . 3 8 2 ( 3 5 . 0 8 ) 1 . 7 7 7 ( 4 5 . 1 0 ) 3 . 4 2 8 ( 8 7 . 0 0 ) 2 . 7 1 9 ( 6 9 . 0 0 ) 4 . 8 0 7 ( 1 2 2 . 0 0 ) 1 . 8 0 1 ( 4 5 . 7 5 ) 0 . 1 9 7 ( 5 . 0 0 ) 0 . 1 9 7 ( 5 . 0 0 ) 1 . 7 7 2 ( 4 5 . 0 ) 1 . 3 7 8 ( 3 5 . 0 ) 0 . 6 8 9 ( 1 7 . 5 ) 0 . 1 9 7 ( 5 . 0 0 ) 1 . 9 0 9 0 . 0 2 ( 4 8 . 5 0 . 5 ) 1 . 0 5 3 0 . 0 1 ( 2 6 . 7 5 0 . 3 ) ( m a x ) 1 . 3 7 8 0 . 0 0 4 ( 2 x ) ( 3 5 . 0 0 . 1 ) 1 . 1 0 2 0 . 0 2 ( 2 8 . 0 0 . 5 ) 0 . 9 6 1 0 . 0 2 ( 2 4 . 4 0 . 5 ) 0 . 9 2 1 ( 2 3 . 4 ) 3 . 9 7 6 0 . 0 2 ( 1 0 1 . 0 0 . 5 ) 0 . 0 4 7 ( 1 . 2 ) . 4 7 2 ( 1 2 . 0 ) r e f . 1 . 8 9 0 ( 4 8 . 0 ) 1 . 9 6 9 0 . 0 2 ( 5 0 . 0 0 . 5 ) m 1 0 x 1 . 5 - 6 g s t u d s 3 . 7 9 9 ( 9 6 . 5 ) 3 . 4 0 6 ( 8 6 . 5 0 ) . 1 8 5 0 . 0 0 4 ( 6 x ) ( 4 . 7 0 0 . 1 )
high current/high v oltage single line feed-thru filters 1 . 1 0 2 0 . 0 2 ( 2 8 . 0 0 . 5 ) 0 . 9 2 1 ( 2 3 . 4 ) 0 . 9 6 1 0 . 0 2 ( 2 4 . 4 0 . 5 ) 3 . 9 7 6 0 . 0 2 ( 1 0 1 . 0 0 . 5 ) . 0 4 7 ( 1 . 2 ) . 4 7 2 ( 1 2 . 0 ) ( r e f . ) m 1 0 x 1 . 5 - 6 g s t u d s 1 . 8 9 0 ( 4 8 . 0 ) 1 . 9 6 9 0 . 0 2 ( 5 0 . 0 0 . 5 ) 0 . 1 8 5 0 . 0 0 4 ( 6 x ) ( 4 . 7 0 0 . 1 ) ( m a x ) 1 . 3 7 8 0 . 0 0 4 ( 2 x ) ( 3 5 . 0 0 . 1 ) 1 . 9 0 9 0 . 0 2 ( 4 8 . 5 0 . 5 ) 1 . 0 5 3 0 . 0 1 ( 2 6 . 7 5 0 . 3 ) 1 . 3 7 8 ( 3 5 . 0 0 ) 0 . 6 8 9 ( 1 7 . 5 ) 0 . 1 9 7 ( 5 . 0 ) 0 . 1 9 7 ( 5 . 0 ) 1 . 7 7 2 ( 4 5 . 0 ) 3 . 7 9 9 ( 9 6 . 5 ) 3 . 4 0 6 ( 8 6 . 5 0 ) 1 . 8 0 1 ( 4 5 . 7 5 ) 0 . 1 9 7 ( 5 . 0 0 ) 3 . 7 9 9 ( 9 6 . 5 ) 3 . 4 0 6 ( 8 6 . 5 0 ) 1 . 8 0 1 ( 1 5 . 7 5 ) 0 . 1 9 7 ( 5 . 0 ) 0 . 1 9 7 ( 5 . 0 ) 1 . 7 7 2 ( 4 5 . 0 ) 1 . 3 7 8 ( 3 5 . 0 0 ) 0 . 6 8 9 ( 1 7 . 5 ) 0 . 1 8 5 0 . 0 0 4 ( 6 x ) ( 4 . 7 0 0 . 1 ) . 1 9 7 ( 5 . 0 ) 1 . 0 5 3 0 . 0 1 ( 2 6 . 7 5 0 . 3 ) 1 . 9 0 9 0 . 0 2 ( 4 8 . 5 0 . 5 ) ( m a x ) 1 . 3 7 8 0 . 0 0 4 ( 2 x ) ( 3 5 . 0 0 . 1 ) 0 . 6 1 0 0 . 0 2 ( 1 5 . 5 0 . 5 ) . 0 4 7 ( 1 . 2 ) 0 . 1 1 8 0 . 0 2 ( 3 0 . 5 ) 3 . 1 9 0 . 1 6 ( 8 1 . 0 4 ) . 0 3 9 ( 1 . 0 0 ) 1 . 8 9 0 ( 4 8 . 0 ) 1 . 9 6 9 0 . 0 2 ( 5 0 . 0 0 . 5 ) 3 . 7 9 9 ( 9 6 . 5 ) 3 . 4 0 6 ( 8 6 . 5 0 ) 1 . 8 0 1 ( 4 5 . 7 5 ) 0 . 1 8 5 0 . 0 0 4 ( 6 x ) ( 4 . 7 0 0 . 1 ) ( m a x ) 1 . 3 7 8 0 . 0 0 4 ( 2 x ) ( 3 5 . 0 0 . 1 ) . 1 9 7 ( 5 . 0 ) 1 . 0 5 3 0 . 0 1 ( 2 6 . 7 5 0 . 3 ) 1 . 9 0 9 0 . 0 2 ( 4 8 . 5 0 . 5 ) 0 . 1 9 7 ( 5 . 0 ) 0 . 1 9 7 ( 5 . 0 ) 0 . 6 8 9 ( 1 7 . 5 ) 1 . 7 7 2 ( 4 5 . 0 ) 1 . 3 7 8 ( 3 5 . 0 0 ) 0 . 6 1 0 0 . 0 2 ( 1 5 . 5 0 . 5 ) . 0 4 7 ( 1 . 2 ) 0 . 1 1 8 0 . 0 2 ( 3 0 . 5 ) 3 . 1 9 0 . 1 6 ( 8 1 . 0 4 ) 1 . 8 9 0 ( 4 8 . 0 ) 1 . 9 6 9 0 . 0 2 ( 5 0 . 0 0 . 5 ) . 0 3 9 ( 1 . 0 0 ) 3 . 7 9 9 ( 9 6 . 5 ) 3 . 4 0 6 ( 8 6 . 5 0 ) 1 . 8 0 1 ( 4 5 . 7 5 ) 0 . 1 9 7 ( 5 . 0 ) 0 . 1 9 7 ( 5 . 0 ) 0 . 6 8 9 ( 1 7 . 5 ) 1 . 7 7 2 ( 4 5 . 0 ) 1 . 3 7 8 ( 3 5 . 0 0 ) 1 . 0 5 3 0 . 0 1 ( 2 6 . 7 5 0 . 3 ) 0 . 1 9 7 ( 5 . 0 ) 1 . 9 0 9 0 . 0 2 ( 4 8 . 5 0 . 5 ) 0 . 1 8 5 0 . 0 0 4 ( 6 x ) ( 4 . 7 0 0 . 1 ) ( m a x ) 1 . 3 7 8 0 . 0 0 4 ( 2 x ) ( 3 5 . 0 0 . 1 ) . 0 3 9 ( 1 . 0 0 ) 1 . 8 9 0 ( 1 8 . 0 ) 1 . 9 6 9 0 . 0 2 ( 5 0 . 0 0 . 5 ) 0 . 6 1 0 0 . 0 2 ( 1 5 . 5 0 . 5 ) . 0 4 7 ( 1 . 2 ) 0 . 1 1 8 0 . 0 2 ( 3 0 . 5 ) 3 . 1 9 0 . 1 6 ( 8 1 . 0 4 )


▲Up To Search▲   

 
Price & Availability of PSM1-252P-10

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X