Part Number Hot Search : 
UPD3575 A1006 SHD12 BTX18 F2015ERW E075WB 480000 78006AP
Product Description
Full Text Search
 

To Download PFP-M Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  e3xr-gm e3xr-gm 2 grooved head sensor ideal for register mark detection in printing and packaging equipment registration sensor -slotted e3xr-gm green or red light source according to color mark fast response time, less than 1 ms sensitivity adjuster and stability indicator allow fine tuning switch selectable light-on/dark-on operation pre-leaded with 2 m (6.6 ft) cable sensors ordering information light source color red led green led part number npn output e3xr-gm5re4 e3xr-gm5ge4 pnp output e3xr-gm5rb4 e3xr-gm5gb4 accessories description part number mounting track din rail, 50 cm (1.64 ft) length pfp-50n din rail, 1 m (3.28 ft) length pfp-100n end plate PFP-M spacer pfp-s replacement parts description part number mounting bracket (supplied with each sensor) e39-l48 typical application detecting marks on transparent film
e3xr-gm e3xr-gm 3 part number e3xr-gm5r  4 e3xr-gm5g  4 supply voltage 12 to 24 vdc 10% with 10% max. permissible ripple peak-to-peak method of detection through beam type mounted in a grooved head current consumption 40 ma max. sensing distance 5 mm (0.197 in) groove width light source red led, pulse modulated green led, pulse modulated detectable object type marks of 2 x 3 mm (0.079 x 0.118 in) min. on transparent film operation mode light-on/dark-on, switch selectable sensitivity adjustable, four-turn potentiometer mutual interference protection provided control dc type npn with current source (e3xr-gm5 e4) output solid pnp (e3xr-gm5 b4) state max. load npn: load (sink) logic: 80 ma max. voltage (source) logic: 1.5 to 4 ma max. pnp: load (source) logic: 100 ma max. max. on-state 1 vdc at 80 ma voltage drop response time on 0.5 ms max. 1 ms max. off 0.5 ms max. 1 ms max. circuit short-circuit and reverse polarity protection protection indicators light incident (red led), output stability (green led) materials lens plastic case plastic cable sheath vinyl mounting two 3.2 mm dia. side through holes, din rail track mount or e39-l48 mounting bracket included connections prewired 3-conductor cable, 2 m (6.56 ft) length weight approx. 80 g (3 oz.) enclosure ratings iec 144 ip65 standards conformance iec 947-5-2 ambient operating -25 to 55 c (-13 to 131 f) temperature storage -25 to 70 c (-13 to 158 f) specifications output circuit diagrams npn output e3xr-gm5      e4 e3xr-gm e3xr-gm note: iec colors are shown in parentheses.
e3xr-gm e3xr-gm 4 dimensions unit: mm (inch) npn output light-on dark-on pnp output light-on dark-on timing charts pnp output e3xr-gm5      b4
e3xr-gm e3xr-gm 5 omron electronics llc omron canada, inc. one east commerce drive 885 milner avenue schaumburg, il 60173 scarborough, ontario m1b 5v8 1-800-55-omron 416-286-6465 cat. no. cedsax4 11/01 specifications subject to change without notice. printed in the u.s.a. omron on-line global - http://www.omron.com usa - http://www.omron.com/oei canada - http://www.omron.com/oci


▲Up To Search▲   

 
Price & Availability of PFP-M

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X