Part Number Hot Search : 
16010 RS1MB LH28F160 PW654425 3SMC110A 5KE11A RS403 SR540
Product Description
Full Text Search
 

To Download PAT20012 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? ? thyristor module maximum ratings approx net weight:500g grade parameter parameter parameter parameter symbol pat/pah20012 pat/pah20016 unit repetitive peak off-state voltage v drm 1200 1600 non repetitive peak off-state voltage v dsm 1300 1700 v repetitive peak reverse voltage v rrm 1200 1600 non repetitive peak reverse voltage v rsm 1300 1700 v parameter parameter parameter parameter conditions conditions conditions conditions max rated max rated max rated max rated value value value value unit average rectified output current i o(av) 50hz half sine wave condition tc=75 c 200 a rms on-state current i t(rms) 314 a surge on-state current i tsm 50 hz half sine wave,1pulse non-repetitive 4000 a i squared t i 2 t 2msec to 10msec 80000 a 2 s critical rate of turned-on current di/dt v d =2/3v drm , i tm =2 ? i o , tj=125 c i g =300ma, di g /dt=0.2a/ s 100 a/ s peak gate power p gm 5 w average gate power p g(av) 1 w peak gate current i gm 2 a peak gate voltage v gm 10 v peak gate reverse voltage v rgm 5 v operating junctiontemperature range tjw -40 to +125 c storage temperature range tstg -40 to +125 c isoration voltage viso base plate to terminals, ac1min 2500 v case mounting m6 screw 2.5 to 3.5 mounting torque terminals ftor m8 screw 9.0 to 10.0 n ? m value per 1 arm features * isolated base * dual thyristors or thyristor and diode anti-parallel circuit * high surge capability * ul recognized, file no. e187184 typical applications * rectified for general use PAT20012 pat2001 6 PAT20012 pat2001 6 PAT20012 pat2001 6 PAT20012 pat2001 6 pah20012 pah2001 6 pah20012 pah2001 6 pah20012 pah2001 6 pah20012 pah2001 6 outline drawing 200a / 1200v to 1600v ? pat pah
? ? electrical ? thermal characteristics maximum value. characteristics symbol test conditions min. typ. max. unit peak off-state current i dm v dm = v drm, tj= 125 c 80 ma peak reverse current i rm v rm = v rrm, tj= 125 c 80 ma peak forward voltage v tm i tm = 600a, tj=25 c 1.28 v tj=-40 c 300 tj=25 c 150 gate current to trigger i gt v d =6v,i t =1a tj=125 c 80 ma tj=-40 c 5 tj=25 c 3 gate voltage to trigger v gt v d =6v,i t =1a tj=125 c 2 v gate non-trigger voltage v gd v d =2/3v drm tj=125 c 0.25 v critical rate of rise of off-state voltage dv/dt v d =2/3v drm tj=125 c 500 v/ s turn-off time tq i tm =i o ,v d =2/3v drm dv/dt=20v/ s, v r =100v -di/dt=20a/ s, tj=125 c 100 s turn-on time tgt 6 s delay time td 2 s rise time tr v d =2/3v drm tj=125 c i g =300ma, di g /dt=0.2a/ s 4 s latching current i l tj=25 c 150 ma holding current i h tj=25 c 100 rth(j-c) junction to case 0.2 thermal resistance rth(c-f) base plate to heat sink with thermal compound 0.1 c/w value per 1arm
? ? pat/pah2001x outline drawing (dimensions in mm) pat pah ?



▲Up To Search▲   

 
Price & Availability of PAT20012

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X