Part Number Hot Search : 
14D181K B7720 SERIES MCR01 MUR10 MSN3402 79L15AC MXP4002
Product Description
Full Text Search
 

To Download NTCS0603E3103 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ntcs0603e3.....t www.vishay.com vishay bccomponents revision: 25-feb-13 1 document number: 29056 for technical questions, contact: nlr@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 smd 0603, glass protected ntc thermistors features ? tcr ranging from - 7 %/k at - 40 c to - 2 %/k at 150 c ? tolerance on r 25 down to 1 %, and on b 25/85 down to 1 % ? suitable for wave or reflow soldering ? nisn terminations ? fully glass coated and protected ? cul recognized for safety applications (file e148885) ? aec-q200 qualified ? material categorization: for definitions of compliance please see www.vishay.com/doc?99912 applications ? temperature sensing, prote ction and compensation in automotive, industrial, telecom and consumer applications. examples are: - battery chargers - power suppliers - office equipment - lcd compensation - in-car entertainment description size 0603 chip thermistors with a negative temperature coefficient. the device has no marking. packaging available in 8 mm punched pape r tape on reel package of 4000 units. design-in support for complete curve computation, visit: www.vishay.com/resistors-non-linear/curve-computation-list/ notes (1) replace * in sap by j for 5 %, h for 3 %, g for 2 %, f for 1 % tolerance on r 25 (2) type ntcs0603e3202*lt only ava ilable in 5 % tolerance on r 25 (3) type ntcs0603e3153*mt is not ul recognized quick reference data parameter value unit resistance value at 25 c 2.0k to 100k ? tolerance on r 25 -value 1; 2; 3; 5 % b 25/85 -value 3420 to 4100 k tolerance on b 25/85 -value 1 % maximum dissipation at 25 c 125 mw thermal time constant ?? 8s dissipation factor d 3.0 mw/k operating temperature range at zero power - 40 to + 150 c weight ? 0.006 g electrical data and ordering information r 25 -value (k ? ) b 25/85 -value (k) tolerance on b 25/85 (%) sap material and ordering number (1) 2.0 3420 1 ntcs0603e3202*lt (2) 2.2 3520 1 ntcs0603e3222*mt 2.7 3600 1 ntcs0603e3272*mt 4.7 3830 1 ntcs0603e3472*ht 10 3435 1 NTCS0603E3103*lt 10 3610 1 NTCS0603E3103*mt 10 3960 1 NTCS0603E3103*ht 15 3600 1 ntcs0603e3153*mt (3) 22 3730 1 ntcs0603e3223*mt 33 3860 1 ntcs0603e3333*ht 47 3960 1 ntcs0603e3473*ht 68 3985 1 ntcs0603e3683*ht 100 4100 1 ntcs0603e3104*xt
ntcs0603e3.....t www.vishay.com vishay bccomponents revision: 25-feb-13 2 document number: 29056 for technical questions, contact: nlr@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 dimensions in millimeters soldering conditions this smd thermistor is only suitable for wave or reflow soldering, in accordance with jedec j-std-020. the maximum temperature of 260 c during 40 s should not be exceeded. typical examples of a soldering processes that will pro vide reliable joints without damage, are shown below. packaging tape specifications all tape specifications are in accordance with iec 60286-3. basi c dimensions are given below. carrier tape material is paper. paper tape notes (1) measured 0.3 mm above base pocket (2) p 0 pitch cumulative error over any 10 pitches 0.2 mm t l 1 w l 2 l 3 l 4 l 1 wt l 2 and l 3 min. l 4 min. 1.6 0.15 0.8 0.15 0.8 0.15 0.2 0.4 time (s) 0 50 100 150 200 200 250 100 150 temperature (c) 50 0 300 250 260 c 245 c 215 c 180 c 130 c 2 k/s 40 s 10 s 10 s reflow soldering lead (pb)-free reflow solderin g profile 260 c 245 c 235 c 170 c 120 c 2 k/s max. time (s) 0 50 100 150 200 350 200 250 100 150 temperature (c) 50 0 300 40 s max. 60 s 20 s min. normal limit 250 300 6 k/s max. 2.4 1.0 0.8 recommended solder land pattern dimensions (mm) f w p 0 p 2 d 0 b 0 a 0 p 1 e 1 jwb288 t t 1 dimensions of paper tape in millimeters parameter dimension tolerance a 0 (1) 1.15 0.1 b 0 (1) 1.9 0.1 w8.0 0.2 e 1 1.75 0.1 f 3.5 0.05 d 0 1.55 0.05 p 0 (2) 4.0 0.1 p 1 4.0 0.1 p 2 2.0 0.05 t tape thickness 1.1 max. t 1 cover tape < 0.1 -
ntcs0603e3.....t www.vishay.com vishay bccomponents revision: 25-feb-13 3 document number: 29056 for technical questions, contact: nlr@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 for complete curve computation, visit: www.vishay.com/resistors-non-l inear/curve-computation-list/ resistance values at interm ediate temperatures with r 25 at 2.0 k ? , 2.2 k ? , 2.7 k ? , and 4.7 k ? t oper (c) part number ntcs0603e3202*mt part number ntcs0603e3222*mt part number ntcs0603e3272*mt part number ntcs0603e3472*ht r t ( ? ) tcr (%/k) r t ( ? ) tcr (%/k) r t ( ? ) tcr (%/k) r t ( ? ) tcr (%/k) - 40 44 297 - 5.93 53 503 - 6.11 65 247 - 6.26 152 832 - 6.66 - 35 33 114 - 5.71 39 637 - 5.89 48 436 - 6.03 110 192 - 6.43 - 30 25 010 - 5.51 29 680 - 5.68 36 340 - 5.82 80 369 - 6.20 - 25 19 076 - 5.32 22 451 - 5.48 27 539 - 5.61 59 267 - 5.98 - 20 14 687 - 5.14 17 149 - 5.29 21 069 - 5.42 44 170 - 5.78 - 15 11 410 - 4.96 13 221 - 5.11 16 265 - 5.23 33 252 - 5.58 - 10 8940.4 - 4.80 10 283 - 4.94 12 664 - 5.06 25 276 - 5.39 - 5 7062.8 - 4.64 8066.2 - 4.77 9940.1 - 4.89 19 392 - 5.21 0 5623.4 - 4.48 6378.5 - 4.62 7862.7 - 4.72 15 009 - 5.04 5 4510.9 - 4.34 5083.1 - 4.47 6265.2 - 4.57 11 716 - 4.87 10 3644.4 - 4.20 4080.7 - 4.32 5027.3 - 4.42 9219.5 - 4.71 15 2964.6 - 4.06 3299.2 - 4.18 4060.9 - 4.28 7311.4 - 4.56 20 2427.4 - 3.94 2685.5 - 4.05 3301.2 - 4.14 5841.3 - 4.42 25 2000.0 - 3.81 2200.0 - 3.93 2700.0 - 4.02 4700.0 - 4.28 30 1657.7 - 3.70 1813.5 - 3.80 2221.1 - 3.89 3807.5 - 4.15 35 1382.0 - 3.58 1503.7 - 3.69 1837.3 - 3.77 3104.5 - 4.02 40 1158.4 - 3.48 1253.9 - 3.58 1528.0 - 3.66 2547.2 - 3.90 45 976.12 - 3.37 1051.3 - 3.47 1277.2 - 3.55 2102.4 - 3.78 50 826.68 - 3.27 886.05 - 3.37 1072.8 - 3.45 1745.3 - 3.67 55 703.51 - 3.18 750.49 - 3.27 905.29 - 3.35 1456.8 - 3.56 60 601.48 - 3.09 638.72 - 3.18 767.40 - 3.25 1222.4 - 3.46 65 516.53 - 3.00 546.09 - 3.09 653.33 - 3.16 1030.9 - 3.36 70 445.49 - 2.92 468.95 - 3.00 558.52 - 3.07 873.61 - 3.26 75 385.79 - 2.84 404.41 - 2.92 479.37 - 2.99 743.79 - 3.17 80 335.42 - 2.76 350.18 - 2.84 413.02 - 2.90 636.11 - 3.08 85 292.73 - 2.69 304.40 - 2.76 357.17 - 2.83 546.36 - 3.00 90 256.40 - 2.61 265.61 - 2.69 309.97 - 2.75 471.22 - 2.92 95 225.37 - 2.55 232.60 - 2.62 269.92 - 2.68 408.03 - 2.84 100 198.77 - 2.48 204.39 - 2.55 235.83 - 2.61 354.67 - 2.77 105 175.88 - 2.42 180.22 - 2.49 206.70 - 2.54 309.43 - 2.69 110 156.11 - 2.35 159.41 - 2.42 181.72 - 2.48 270.91 - 2.62 115 138.98 - 2.29 141.44 - 2.36 160.24 - 2.41 238.01 - 2.56 120 124.09 - 2.24 125.88 - 2.3 141.70 - 2.35 209.79 - 2.49 125 111.11 - 2.18 112.35 - 2.25 125.65 - 2.30 185.50 - 2.43 130 99.757 - 2.13 100.55 - 2.19 111.72 - 2.24 164.53 - 2.37 135 89.796 - 2.08 90.239 - 2.14 99.589 - 2.19 146.36 - 2.31 140 81.033 - 2.03 81.192 - 2.09 88.997 - 2.13 130.57 - 2.26 145 73.304 - 1.98 73.235 - 2.04 79.724 - 2.08 116.80 - 2.20 150 66.468 - 1.94 66.218 - 1.99 71.585 - 2.04 104.76 - 2.15
ntcs0603e3.....t www.vishay.com vishay bccomponents revision: 25-feb-13 4 document number: 29056 for technical questions, contact: nlr@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 for complete curve computation, visit: www.vishay.com/resistors-non-l inear/curve-computation-list/ resistance values at intermediate temperatures with r 25 at 10 k ? , 15 k ? , and 22 k ? t oper (c) part number NTCS0603E3103*lt part number NTCS0603E3103*mt part number NTCS0603E3103*ht part number ntcs0603e3153*mt part number ntcs0603e3223*mt r t ( ? ) tcr (%/k) r t ( ? ) tcr (%/k) r t ( ? ) tcr (%/k) r t ( ? ) tcr (%/k) r t ( ? ) tcr (%/k) - 40 183 402 - 5.54 243 448 - 6.06 347 116 - 6.66 362 484 - 6.07 603 212 - 6.28 - 35 139 680 - 5.35 180 772 - 5.85 250 089 - 6.45 269 089 - 5.85 443 043 - 6.06 - 30 107 381 - 5.17 135 623 - 5.65 182 023 - 6.25 201 888 - 5.64 328 858 - 5.86 - 25 83 297 - 4.99 102 751 - 5.46 133 804 - 6.06 152 997 - 5.45 246 572 - 5.66 - 20 65 175 - 4.82 78 576 - 5.28 99 313 - 5.87 117 051 - 5.26 186 661 - 5.47 - 15 51 419 - 4.66 60 623 - 5.10 74 408 - 5.68 90 361 - 5.09 142 608 - 5.29 - 10 40 889 - 4.51 47 168 - 4.94 56 257 - 5.50 70 354 - 4.92 109 910 - 5.12 - 5 32 763 - 4.36 36 995 - 4.78 42 910 - 5.33 55 223 - 4.76 85 420 - 4.96 0 26 444 - 4.21 29 240 - 4.63 33 009 - 5.16 43 682 - 4.61 66 919 - 4.80 5 21 493 - 4.08 23 280 - 4.49 25 602 - 5.00 34 807 - 4.47 52 827 - 4.66 10 17 586 - 3.95 18 664 - 4.35 20 015 - 4.85 27 929 - 4.33 42 007 - 4.51 15 14 482 - 3.82 15 064 - 4.22 15 767 - 4.70 22 561 - 4.20 33 638 - 4.38 20 11 999 - 3.70 12 236 - 4.10 12 512 - 4.55 18 340 - 4.08 27 117 - 4.25 25 10 000 - 3.59 10 000 - 3.98 10 000 - 4.41 15 000 - 3.96 22 000 - 4.12 30 8355.2 - 3.56 8220.3 - 3.86 8046.8 - 4.28 12 340 - 3.85 17 958 - 4.00 35 7004.1 - 3.49 6795.2 - 3.75 6517.6 - 4.15 10 207 - 3.74 14 746 - 3.89 40 5891.3 - 3.43 5647.3 - 3.65 5312.5 - 4.03 8488.7 - 3.64 12 176 - 3.77 45 4972.5 - 3.36 4717.5 - 3.55 4356.6 - 3.91 7095.4 - 3.54 10 109 - 3.67 50 4211.6 - 3.29 3960.3 - 3.45 3593.6 - 3.79 5959.8 - 3.44 8435.9 - 3.57 55 3579.7 - 3.22 3340.4 - 3.36 2981.0 - 3.68 5029.4 - 3.35 7075.0 - 3.47 60 3053.3 - 3.15 2830.3 - 3.27 2486.2 - 3.58 4263.3 - 3.26 5962.1 - 3.38 65 2613.3 - 3.08 2408.6 - 3.18 2084.3 - 3.48 3629.6 - 3.18 5047.4 - 3.29 70 2244.5 - 3.01 2058.4 - 3.10 1756.2 - 3.38 3102.9 - 3.10 4292.0 - 3.20 75 1934.4 - 2.94 1766.2 - 3.02 1486.9 - 3.28 2663.2 - 3.02 3665.1 - 3.12 80 1672.8 - 2.87 1521.4 -2.95 1264.7 - 3.19 2294.6 - 2.94 3142.6 - 3.04 85 1451.3 - 2.81 1315.4 - 2.87 1080.6 - 3.10 1984.3 - 2.87 2705.2 - 2.96 90 1263.4 - 2.74 1141.4 - 2.80 927.23 - 3.02 1722.0 - 2.80 2337.6 - 2.88 95 1103.3 - 2.68 993.91 - 2.73 798.94 - 2.94 1499.6 - 2.73 2027.3 - 2.81 100 966.49 - 2.62 868.35 - 2.67 691.16 - 2.86 1310.2 - 2.67 1764.3 - 2.74 105 849.29 - 2.55 761.11 - 2.61 600.23 - 2.78 1148.3 - 2.61 1540.7 - 2.68 110 748.56 - 2.50 669.19 - 2.54 523.20 - 2.71 1009.6 - 2.55 1349.9 - 2.61 115 661.73 - 2.44 590.14 - 2.48 457.68 - 2.64 890.23 - 2.49 1186.4 - 2.55 120 586.65 - 2.38 521.94 - 2.43 401.76 - 2.57 787.23 - 2.43 1045.9 - 2.49 125 521.56 - 2.32 462.92 - 2.37 353.85 - 2.51 698.07 - 2.38 924.73 - 2.43 130 464.96 - 2.27 411.68 - 2.32 312.65 - 2.44 620.67 - 2.32 819.95 - 2.38 135 415.62 - 2.22 367.08 - 2.27 277.10 - 2.38 553.27 - 2.27 729.04 - 2.32 140 372.48 - 2.17 328.14 - 2.22 246.34 - 2.32 494.43 - 2.22 649.93 - 2.27 145 334.66 - 2.12 294.05 - 2.17 219.62 - 2.27 442.91 - 2.18 580.89 - 2.22 150 301.43 - 2.07 264.12 - 2.12 196.35 - 2.21 397.69 - 2.13 520.48 - 2.17
ntcs0603e3.....t www.vishay.com vishay bccomponents revision: 25-feb-13 5 document number: 29056 for technical questions, contact: nlr@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 for complete curve computation, visit: www.vishay.com/resistors-non-l inear/curve-computation-list/ resistance values at intermediate temperatures with r 25 at 33 k ? , 47 k ? , 68 k ? , and 100 k ? t oper (c) part number ntcs0603e3333*ht part number ntcs0603e3473*ht part number ntcs0603e3683*ht part number ntcs0603e3104*xt r t ( ? ) tcr (%/k) r t ( ? ) tcr (%/k) r t ( ? ) tcr (%/k) r t ( ? ) tcr (%/k) - 40 1 061 183 - 6.70 1 643 693 - 6.85 2 324 376 - 6.77 3 921 252 - 7.03 - 35 764 125 - 6.44 1 174 859 - 6.59 1 667 529 - 6.52 2 774 565 - 6.77 - 30 557 158 - 6.20 850 461 - 6.34 1 211 148 - 6.28 1 988 706 - 6.52 - 25 411 058 - 5.97 623 018 - 6.11 889 917 - 6.05 1 442 861 - 6.28 - 20 306 646 - 5.75 461 557 - 5.89 661 047 - 5.84 1 058 901 - 6.06 - 15 231 157 - 5.55 345 583 - 5.69 496 103 - 5.64 785 573 - 5.85 - 10 175 977 - 5.36 261 354 - 5.49 375 941 - 5.45 588 793 - 5.65 - 5 135 223 - 5.18 199 536 - 5.31 287 504 - 5.28 445 602 - 5.47 0 104 827 - 5.01 153 714 - 5.13 221 786 - 5.11 340 346 - 5.29 5 81 946 - 4.84 119 427 - 4.97 172 502 - 4.95 262 229 - 5.12 10 64 569 - 4.69 93 541 - 4.81 135 221 - 4.79 203 723 - 4.96 15 51 262 - 4.54 73 832 - 4.66 106 786 - 4.65 159 522 - 4.80 20 40 989 - 4.40 58 703 - 4.52 84 928 - 4.51 125 851 - 4.66 25 33 000 - 4.27 47 000 - 4.38 68 000 - 4.38 100 000 - 4.52 30 26 741 - 4.14 37 881 - 4.25 54 796 - 4.26 80 003 - 4.39 35 21 804 - 4.02 30 726 - 4.13 44 427 - 4.14 64 422 - 4.26 40 17 884 - 3.91 25 073 - 4.01 36 232 - 4.02 52 200 - 4.14 45 14 751 - 3.80 20 579 - 3.89 29 714 - 3.91 42 548 - 4.02 50 12 234 - 3.69 16 984 - 3.79 24 499 - 3.81 34 879 - 3.91 55 10 198 - 3.59 14 092 - 3.68 20 304 - 3.71 28 749 - 3.80 60 8543.9 - 3.49 11 751 - 3.58 16 909 - 3.61 23 820 - 3.70 65 7191.9 - 3.40 9847.6 - 3.49 14 149 - 3.52 19 835 - 3.60 70 6081.4 - 3.31 8290.7 - 3.40 11 893 - 3.43 16 597 - 3.51 75 5164.9 - 3.22 7011.4 - 3.31 10 041 - 3.34 13 951 - 3.42 80 4405.0 - 3.14 5955.0 - 3.22 8512.2 - 3.26 11 780 - 3.33 85 3772.0 - 3.06 5078.7 - 3.14 7245.5 - 3.18 9988.4 - 3.25 90 3242.6 - 2.99 4348.7 - 3.07 6191.1 - 3.11 8504.3 - 3.17 95 2797.8 - 2.91 3737.8 - 2.99 5310.0 - 3.03 7269.4 - 3.09 100 2422.8 - 2.84 3224.6 - 2.92 4570.7 - 2.96 6237.5 - 3.02 105 2105.3 - 2.78 2791.8 - 2.85 3948.0 - 2.90 5371.7 - 2.95 110 1835.5 - 2.71 2425.3 - 2.87 3421.5 - 2.83 4642.5 - 2.88 115 1605.4 - 2.65 2113.9 - 2.72 2974.8 - 2.77 4025.9 - 2.81 120 1408.5 - 2.59 1848.4 - 2.65 2594.5 - 2.71 3502.7 - 2.75 125 1239.5 - 2.53 1621.2 - 2.59 2269.6 - 2.65 3057.1 - 2.68 130 1093.9 - 2.47 1426.1 - 2.54 1991.2 - 2.59 2676.4 - 2.62 135 968.07 - 2.42 1258.1 - 2.48 1751.9 - 2.53 2350.1 - 2.57 140 859.04 - 2.36 1112.9 - 2.42 1545.5 - 2.48 2069.5 - 2.51 145 764.28 - 2.31 987.19 - 2.37 1367.1 - 2.43 1827.4 - 2.46 150 681.69 - 2.26 877.91 - 2.32 1212.3 - 2.38 1617.9 - 2.40
legal disclaimer notice www.vishay.com vishay revision: 02-oct-12 1 document number: 91000 disclaimer all product, product specifications and data are subject to change without notice to improve reliability, function or design or otherwise. vishay intertechnology, inc., its affiliates, agents, and employee s, and all persons acting on it s or their behalf (collectivel y, vishay), disclaim any and all liability for any errors, inaccuracies or incompleteness contained in any datasheet or in any o ther disclosure relating to any product. vishay makes no warranty, repres entation or guarantee regarding the suitabilit y of the products for any particular purpose or the continuing production of any product. to the maximum extent permitted by applicable law, vi shay disclaims (i) any and all liability arising out of the application or use of any product, (ii) any and all liability, including without limitation specia l, consequential or incidental damages, and (iii) any and all i mplied warranties, including warra nties of fitness for particular purpose, non-infringement and merchantability. statements regarding the suitability of products for certain type s of applications are based on vishays knowledge of typical requirements that are often placed on vishay products in generic applications. such statements are not binding statements about the suitability of products for a particular application. it is the customers responsib ility to validate that a particu lar product with the properties descri bed in the product specification is suitable fo r use in a particular application. parameters provided in datasheets and/or specification s may vary in different applications an d performance may vary over time. all operating parameters, including typical pa rameters, must be validated for each customer application by the customers technical experts. product specifications do not expand or otherwise modify vish ays terms and condit ions of purchase, including but not limited to the warranty expressed therein. except as expressly indicate d in writing, vishay products are not designed for use in medical, life-saving, or life-sustaining applications or for any other application in which the failure of the vi shay product could result in personal injury or death. customers using or selling vishay products not expressly indicated for use in such applications do so at their own risk. pleas e contact authorized vishay personnel to ob tain written terms and conditions regarding products designed for such applications. no license, express or implied, by estoppel or otherwise, to any intellectual prope rty rights is granted by this document or by any conduct of vishay. product names and markings noted herein may be trad emarks of their respective owners. material category policy vishay intertechnology, inc. hereby certi fies that all its products that are id entified as rohs-compliant fulfill the definitions and restrictions defined under directive 2011/65/eu of the euro pean parliament and of the council of june 8, 2011 on the restriction of the use of certain hazardous substances in electrical and electronic equipment (eee) - recast, unless otherwis e specified as non-compliant. please note that some vishay documentation may still make reference to rohs directive 2002/95/ ec. we confirm that all the products identified as being compliant to directive 2002 /95/ec conform to directive 2011/65/eu. vishay intertechnology, inc. hereby certifi es that all its products that are identified as ha logen-free follow halogen-free requirements as per jedec js709a stan dards. please note that some vishay documentation may still make reference to the iec 61249-2-21 definition. we co nfirm that all the products identified as being compliant to iec 61249-2-21 conform to jedec js709a standards.


▲Up To Search▲   

 
Price & Availability of NTCS0603E3103

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X