Part Number Hot Search : 
10030 2F0515XS 0100C L2006D6 MBT5401 D1680 SC9235 LT1073
Product Description
Full Text Search
 

To Download NB6LQ572M Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? semiconductor components industries, llc, 2009 november, 2009 ? rev. 0 1 publication order number: NB6LQ572M/d NB6LQ572M 2.5v / 3.3v differential 4:1 mux w/input equalizer to 1:2 cml clock/data fanout / translator multi ? level inputs w/ internal termination description the NB6LQ572M is a high performance differential 4:1 clock / data input multiplexer and a 1:2 cml clock / data fanout buffer that operates up to 6 ghz / 8 gbps respectively with a 2.5 v or 3.3 v power supply. each inx/inx input pair incorporates a fixed equalizer receiver, which when placed in series with a clock / data path, will enhance the degraded signal transmitted across an fr4 backplane or cable interconnect. for applications that do not require equalization, consider the nb6l572m, which is pin ? compatible to the NB6LQ572M. the differential clock / data inputs have internal 50  termination resistors and will accept differential lvpecl, cml, or lvds logic levels. the NB6LQ572M incorporates a pair of select pins that will choose one of four differential inputs and will produce two identical cml output copies of clock or data. as such, the NB6LQ572M is ideal for sonet, gige, fiber channel, backplane and other clock/data distribution applications. the two differential cml outputs will swing 400 mv when externally loaded and terminated with a 50  resistor to v cc and are optimized for low skew and minimal jitter. the NB6LQ572M is offered in a low profile 5x5mm 32 ? pin qfn pb ? free package. application notes, models, and support documentation are available at www.onsemi.com. the NB6LQ572M is a member of the eclinps max ? family of high performance clock products. features ? input data rate > 8 gb/s typical ? data dependent jitter < 10 ps ? maximum input clock frequency > 6 ghz typical ? random clock jitter < 0.8 ps rms ? low skew 1:2 cml outputs, < 15 ps max ? 4:1 multi ? level mux inputs, accepts lvpecl, cml lvds ? input eq for backplane and cable interconnect compensation ? 150 ps typical propagation delay ? 45 ps typical rise and fall times ? differential cml outputs, 400 mv peak ? to ? peak, typical ? operating range: v cc = 2.375 v to 3.6 v with gnd = 0 v ? internal 50  input termination resistors ? v refac reference output ? qfn ? 32 package, 5mm x 5mm ? 40 c to +85 c ambient operating temperature ? these are pb ? free devices qfn32 mn suffix case 488am see detailed ordering and shipping information on page 9 of this data sheet. ordering information marking diagram http://onsemi.com 32 1 nb6l q572m awlyyww   1 a = assembly location wl = wafer lot yy = year ww = work week  = pb ? free package (note: microdot may be in either location)
NB6LQ572M http://onsemi.com 2 50  50  in3 vt3 in3 50  50  in2 vt2 in2 50  50  in1 vt1 in1 figure 1. simplified block diagram 50  50  in0 vt0 in0 eq0 eq1 eq2 eq3 0 1 2 3 sel0 sel1 cml outputs 4:1 mux vrefac3 vrefac2 vrefac1 vrefac0 multilevel inputs lvpecl, lvds, cml q0 q0 q1 q1 figure 2. pinout: qfn ? 32 (top view) 1 2 3 4 5 6 7 8 24 23 22 21 20 19 18 17 910111213 16 15 14 32 31 30 29 28 25 26 27 in0 vt0 vrefac0 in0 in1 vt1 vrefac1 in1 gnd vcc q1 vcc nc sel1 vcc q1 gnd vcc q0 vcc sel0 nc vcc q0 vrefac3 vt3 in3 vrefac2 vt2 in2 in3 in2 exposed pad (ep) NB6LQ572M table 1. input select function table sel1* sel0* clock / data input selected 0 0 in0 input selected 0 1 in1 input selected 1 0 in2 input selected 1 1 in3 input selected *defaults high when left open.
NB6LQ572M http://onsemi.com 3 table 2. pin description pin number pin name i/o pin description 1, 4 5, 8 25, 28 29, 32 in0, in0 in1, in1 in2, in2 in3, in3 lvpecl, cml, lvds input non ? inverted, inverted, differential clock or data inputs 2, 6 26, 30 vt0, vt1 vt2, vt3 internal 100  center ? tapped termination pin for inx/inx 15 18 sel0 sel1 lvttl/lvcmos input input select pins, default high when left open through a 94 k  pullup resistor. input logic threshold is v cc /2. see select function, table 1. 14, 19 nc ? no connect 10, 13, 16 17, 20, 23 vcc ? positive supply voltage. all v cc pins must be connected to the positive power supply for correct dc and ac operation. 11, 12 21, 22 q0 , q0 q1 , q1 cml output non ? inverted, inverted differential outputs. 9, 24 gnd negative supply voltage, connected to ground 3 7 27 31 vref ? ac0 vref ? ac1 vref ? ac2 vref ? ac3 ? output voltage reference for capacitor ? coupled inputs ? ep ? the exposed pad (ep) on the qfn ? 32 package bottom is thermally connected to the die for improved heat transfer out of package. the exposed pad must be at- tached to a heat ? sinking conduit. the pad is electrically connected to the die, and must be electrically connected to gnd. 1. in the dif ferential configuration when the input termination pins (vt0, vt1, vt2, vt3) are connected to a common termination voltage or left open, and if no signal is applied on inx/inx input, then the device will be susceptible to self ? oscillation. 2. all v cc , and gnd pins must be externally connected to a power supply for proper operation.
NB6LQ572M http://onsemi.com 4 table 3. attributes characteristics value esd protection human body model machine model > 2 kv > 200 v r pu ? selx input pull ? up resistor 94 k  moisture sensitivity (note 3) qfn ? 32 level 1 flammability rating oxygen index: 28 to 34 ul 94 v ? 0 @ 0.125 in transistor count 275 meets or exceeds jedec spec eia/jesd78 ic latchup test 3. for additional information, see application note and8003/d. table 4. maximum ratings symbol parameter condition 1 condition 2 rating unit v cc positive power supply gnd = 0 v ? 0.5 v to +4.0 v v in positive input voltage gnd = 0 v ? 0.5 to v cc +0.5 v v inpp differential input voltage |in ? inx | 1.89 v i out output current through r t (50  resistor)  40 ma i in input current through rt (50  resistor)  40 ma i vrefac vrefac sink or source current  1.5 ma t a operating temperature range ? 40 to +85 c t stg storage temperature range ? 65 to +150 c  ja thermal resistance (junction ? to ? ambient) (note 4) 0 lfpm 500 lfpm qfn32 qfn32 31 27 c/w  jc thermal resistance (junction ? to ? case) (note 4) qfn32 12 c/w t sol wave solder  20 sec 265 c stresses exceeding maximum ratings may damage the device. maximum ratings are stress ratings only. functional operation above t he recommended operating conditions is not implied. extended exposure to stresses above the recommended operating conditions may af fect device reliability. 4. jedec standard multilayer board ? 2s2p (2 signal, 2 power) with 8 filled thermal vias under exposed pad.
NB6LQ572M http://onsemi.com 5 table 5. dc characteristics cml output v cc = 2.375 v to 3.6 v , gnd = 0 v, t a = ? 40 c to +85 c (note 5) symbol characteristic min typ max unit power supply v cc power supply voltage v cc = 3.3 v v cc = 2.5 v 3.0 2.375 3.3 2.5 3.6 2.625 v i cc power supply current for v cc v cc = 3.3 v (inputs and outputs open) v cc = 2.5 v 130 115 165 150 ma cml outputs (note 6) v oh output high voltage v cc = 3.3 v v cc = 2.5 v v cc ? 30 3270 2470 v cc ? 10 3290 2490 v cc 3300 2500 mv v ol output low voltage v cc = 3.3 v v cc = 2.5 v v cc ? 650 2650 v cc ? 650 1850 v cc ? 450 2850 v cc ? 450 2050 v cc ? 300 3000 v cc ? 300 2200 mv differential clock inputs driven single ? ended (figures 7 & 8) (note 8) v ih single ? ended input high voltage v th + 100 v cc mv v il single ? ended input low voltage gnd v th ? 100 mv v th input threshold reference voltage range (note 8) 1100 v cc ? 100 mv v ise single ? ended input voltage (v ih ? v il ) 200 1200 mv vrefac v ref ? ac output reference voltage (100  a load) 1050 v cc ? 1250 v cc ? 1050 mv differential inputs driven differentially (figures 9 & 10) (note 9) v ihd differential input high voltage (in, in ) 1200 v cc mv v ild differential input low voltage (in, in ) 0 v ihd ? 100 mv v id differential input voltage (in, in ) (v ihd ? v ild ) 100 1200 mv v cmr input common mode range (differential configuration, note 10) (figure 11) 1050 v cc ? 50 mv i ih input high current in / inx (vtin / v tinx open) ? 150 150  a i il input low current in / inx (vtin / v tinx open) ? 150 150  a control input (selx pin) v ih input high voltage for control pin v cc x 0.65 v cc v v il input low voltage for control pin gnd v cc x 0.35 v i ih input high current ? 150 150  a i il input low current ? 150 150  a termination resistors r tin internal input termination resistor (measured from inx to vtx) 45 50 55  r tout internal output termination resistor 45 50 55  note: device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printe d circuit board with maintained transverse airflow greater than 500 lfpm. electrical parameters are guaranteed only over the declared operating temperature range. functional operation of the device exceeding these conditions is not implied. device specification limit values are applied individually under normal operating conditions and not valid simultaneously. 5. input and output parameters vary 1:1 with v cc . 6. cml outputs loaded with 50  to v cc for proper operation. 7. v th is applied to the complementary input when operating in single ? ended mode. 8. v th , v ih , v il,, and v ise parameters must be complied with simultaneously. 9. v ihd , v ild, v id and v cmr parameters must be complied with simultaneously. 10. v cmr min varies 1:1 with gnd, v cmr max varies 1:1 with v cc . the v cmr range is referenced to the most positive side of the differential input signal.
NB6LQ572M http://onsemi.com 6 table 6. ac characteristics v cc = 2.375 v to 3.6 v, gnd = 0 v, t a = ? 40 c to +85 c (note 11) symbol characteristic min typ max unit f max maximum input clock frequency v out  250 mv 5 6 ghz f datamax maximum operating data rate nrz, (prbs23) 6.5 8 gbps f sel maximum toggle frequency, selx 20 40 mhz v outpp output voltage amplitude (@ v inppmin ) f in 5 ghz (note 12) (figure 12) 250 400 mv t plh , t phl propagation delay to differential outputs measured at differential crosspoint @ 1 ghz inx/inx to qx/qx @ 50 mhz selx to qx 125 200 4 250 10 ps ns t pd te m p c o differential propagation delay temperature coefficient 100  fs/ c tskew output ? output skew (within device) (note 13) device ? device skew (tpdmax ? tpdmin) 0 5 15 25 ps t dc output clock duty cycle (reference duty cycle = 50%) f in = 1 ghz 45 50 55 %  n phase noise, fin = 1 ghz 10 khz 100 khz 1 mhz 10 mhz 20 mhz 40 mhz ? 134 ? 136 ? 149 ? 150 ? 150 ? 150 dbc t   n integrated phase jitter (figure x) fin = 1 ghz, 12 khz  20 mhz offset (rms) 35 fs t jitter random clock jitter, rj(rms) (note 14) f in 5 ghz deterministic jitter, dj (note 15) (fr4 12?) f in 6.5 gbps 0.2 1 0.8 5 ps rms ps pk ? pk crosstalk induced jitter (adjacent channel) (note 16) 0.35 0.7 ps rms v inpp input voltage swing (differential configuration) (note 17) 100 1200 mv t r, , t f output rise/fall times @ 1 ghz; (20% ? 80%), v in = 400 mv qx, qx 20 35 50 ps note: device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printe d circuit board with maintained transverse airflow greater than 500 lfpm. electrical parameters are guaranteed only over the declared operating temperature range. functional operation of the device exceeding these conditions is not implied. device specification limit values are applied individually under normal operating conditions and not valid simultaneously. 11. measured using a 100 mvpk ? pk source, 50% duty cycle clock source. all output loading with external 50  to v cc . input edge rates 40 ps (20% ? 80%). 12. output voltage swing is a single ? ended measurement operating in differential mode. 13. skew is measured between outputs under identical transitions and conditions. duty cycle skew is defined only for dif ferential operation when the delays are measured from cross ? point of the inputs to the cross ? point of the outputs. 14. additive rms jitter with 50% duty cycle clock signal. 15. additive peak ? to ? peak data dependent jitter with input nrz data at prbs23. 16. crosstalk is measured at the output while applying two similar clock frequencies that are asynchronous with respect to each other at the inputs. 17. input voltage swing is a single ? ended measurement operating in differential mode.
NB6LQ572M http://onsemi.com 7 f in , clock input frequency (ghz) figure 3. clock output voltage amplitude (v outpp ) vs. input frequency (f in ) at ambient temperature (typical) output voltage amplitude (mv) 0 100 200 300 400 500 600 01 8 7 6 5 4 23 q amp (mv) f data , data rate (gbps) figure 4. inside eye height vs. input data rate (gbps) at ambient temperature (typical), fr4 = 12? 01 8 7 6 5 4 23 eye height (mv) 0 100 200 300 400 500 600 figure 5. typical NB6LQ572M equalizer application and interconnect with prbs23 pattern at 6.5 gbps q q inx fr4 ? 12 inch backplane driver dj1 dj2 dj3 NB6LQ572M vtx inx
NB6LQ572M http://onsemi.com 8 figure 6. input structure figure 7. differential input driven single ? ended figure 8. v th diagram figure 9. differential inputs driven differentially figure 10. differential inputs driven differentially figure 11. vcmr diagram figure 12. ac reference measurement v ihd v ild v id = |v ihd(in) ? v ild(in) | in in in v th in in in in in q q t plh t phl v inpp = v ih (in) ? v il (in) v outpp = v oh (q) ? v ol (q) 50  50  inx vtx inx v cc gnd v thmin v thmax vth in v ihmax v ilmax v ih v th v il v ihmin v ilmin v cc gnd v cmmin v cmmax v cmr in in v ihdmax v ildmax v id = v ihd ? v ild v ihdtyp v ildtyp v ihdmin v ildmin v th v ih v il figure 13. selx to qx timing diagram tpd tpd v cc / 2 v cc / 2 selx q q v cc
NB6LQ572M http://onsemi.com 9 v cc lvpecl driver in 50  z o = 50  z o = 50  50  in NB6LQ572M v cc v cc cml driver in 50  z o = 50  z o = 50  50  in NB6LQ572M v cc v t = v cc figure 14. lvpecl interface figure 15. lvds interface v t = v cc ? 2.0 v figure 16. standard 50  load cml interface v cc lvds driver in 50  z o = 50  z o = 50  50  in NB6LQ572M v cc v t = open gnd gnd gnd gnd gnd gnd v cc differential driver in 50  z o = 50  z o = 50  50  in NB6LQ572M v cc v t = vrefac* figure 17. capacitor ? coupled differential interface (v t connected to external v refac ) gnd gnd *vrefac bypassed to ground with a 0.01  f capacitor. clkx clkx figure 18. typical cml output structure and termination (v cc = 2.5 v or 3.3 v) v cco 50  50  16 ma 50  50  v cc (receiver) gnd figure 19. alternative output termination (v cc = 2.5 v, only) v cc = 2.5 v 50  50  16 ma gnd 50  50  q q q q receiver NB6LQ572M NB6LQ572M 50  gnd device ordering information device package shipping ? NB6LQ572Mmng qfn ? 32 (pb ? free) 74 units / rail NB6LQ572Mmnr4g qfn ? 32 (pb ? free) 1000 / tape & reel ?for information on tape and reel specifications, including part orientation and tape sizes, please refer to our tape and reel packaging specifications brochure, brd8011/d.
NB6LQ572M http://onsemi.com 10 package dimensions qfn32 5*5*1 0.5 p case 488am ? 01 issue o seating 32 x k 0.15 c (a3) a a1 d2 b 1 9 16 17 32 2 x 2 x e2 32 x 8 24 32 x l 32 x bottom view exposed pad top view side view d a b e 0.15 c pin one location 0.10 c 0.08 c c 25 e a 0.10 b c 0.05 c notes: 1. dimensions and tolerancing per asme y14.5m, 1994. 2. controlling dimension: millimeters. 3. dimension b applies to plated terminal and is measured between 0.25 and 0.30 mm terminal 4. coplanarity applies to the exposed pad as well as the terminals. plane dim min nom max millimeters a 0.800 0.900 1.000 a1 0.000 0.025 0.050 a3 0.200 ref b 0.180 0.250 0.300 d 5.00 bsc d2 2.950 3.100 3.250 e 5.00 bsc e2 e 0.500 bsc k 0.200 ??? ??? l 0.300 0.400 0.500 2.950 3.100 3.250 *for additional information on our pb ? free strategy and soldering details, please download the on semiconductor soldering and mounting techniques reference manual, solderrm/d. soldering footprint* 0.50 pitch 3.20 0.28 3.20 32 x 28 x 0.63 32 x 5.30 5.30 on semiconductor and are registered trademarks of semiconductor components industries, llc (scillc). scillc reserves the right to mak e changes without further notice to any products herein. scillc makes no warranty, representation or guarantee regarding the suitability of its products for an y particular purpose, nor does scillc assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including wi thout limitation special, consequential or incidental damages. ?typical? parameters which may be provided in scillc data sheets and/or specifications can and do vary in different application s and actual performance may vary over time. all operating parameters, including ?typicals? must be validated for each customer application by customer?s technical experts. scillc does not convey any license under its patent rights nor the rights of others. scillc products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the scillc product could create a sit uation where personal injury or death may occur. should buyer purchase or use scillc products for any such unintended or unauthorized application, buyer shall indemnify and hold scillc and its of ficers, employees, subsidiaries, af filiates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, direct ly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that scillc was negligent regarding the design or manufacture of the part. scillc is an equal opportunity/affirmative action employer. this literature is subject to all applicable copyright laws and is not for resale in any manner. publication ordering information n. american technical support : 800 ? 282 ? 9855 toll free usa/canada europe, middle east and africa technical support: phone: 421 33 790 2910 japan customer focus center phone: 81 ? 3 ? 5773 ? 3850 NB6LQ572M/d eclinps max is a trademark of semiconductor component industries, llc (scillc). literature fulfillment : literature distribution center for on semiconductor p.o. box 5163, denver, colorado 80217 usa phone : 303 ? 675 ? 2175 or 800 ? 344 ? 3860 toll free usa/canada fax : 303 ? 675 ? 2176 or 800 ? 344 ? 3867 toll free usa/canada email : orderlit@onsemi.com on semiconductor website : www.onsemi.com order literature : http://www.onsemi.com/orderlit for additional information, please contact your local sales representative


▲Up To Search▲   

 
Price & Availability of NB6LQ572M

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X