Part Number Hot Search : 
ACLU1 BD241TU CLV1185A FN4711 C2245 BUK76 SI570 MIW1142
Product Description
Full Text Search
 

To Download MW173KB1203F01 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ___________________________________________________ ___________________________________________________ ________________________ 1 of 3 sl power electronics corp ? 6050 king drive ventura, ca 93003 ? phone 805.486.4565 ? fax 858.712.2040 ? email: info@slpower.com ? www.slpower.com line and load voltage regulation excluding cord line: +/-1% load: +/-5% ripple 1% vp-p max. transient response 0.5ms for 50% load change, typical. protection overcurrent protection (hiccup). short circuit protection input voltage range universal input 100-240vac, -10%, +10% line frequency 47-63hz input current 90 vac 1.0a, max. protection internal primary current fuse, inrush limiting thermal performance operating temperature full load, no derating, convection cooling, non- vented case 0 c to 40 c relative humidity non-condensing 5% to 95% altitude 0 to 10,000 feet output specifications input specifications environmental specifications topology switching - fixed frequency flyback efficiency designed to meet eisa requirements - see page 3 hold-up time @ 115vac 18ms, min. dialectric withstand 4,000vac or 5,656vdc primary-secondary; 1,500vac or 2,150vdc primary - f.g; 500vdc secondary - f.g. storage temp. -30 c to 85 c approvals and safety standards ul60601-1 iec/en60601-1 emc: en60601-1-2/ en55024 mtbf 100,000 calculated hours case and dimensions desktop style: 3.74"l x 2.13"w x 1.26"h 95mm l x 54mm w x 33mm h case material black 94v0 polycarbonate cord and connectors 18awg, 1,800mm 2 conductor. (5v, 6v model: 1,500mm). ault #3 connector. other connectors are available. general specifications mw173kb universal 20 ? 32 watt series medical switch-mode power supply 3 year warranty ? 100-240vac universal input ? desktop style ? 5v to 24v single output models, up to 32w ? modified and custom designs ? regulated output with low ripple ? impact-resistant polycarbonate enclosure ? no load power consumption < 0.50w ? designed to meet eisa requirements (see page 3 for details). specifications all specifications are typical at nominal input, fu ll load at 25 c unless otherwise stated .
___________________________________________________ ___________________________________________________ ________________________ 2 of 3 sl power electronics corp ? 6050 king drive ventura, ca 93003 ? phone 805.486.4565 ? fax 858.712.2040 ? email: info@slpower.com ? www.slpower.com product family k manufacturing location b design revision changes 05 output voltage: 05=5v, 09=9v, 12=12v, 15=15v, 18=18 v, 24=24v, 48=48v. 03 output connector. "03" connector is standard. see below. other output connectors available. contact the factory for more details model number key f input receptacle. see below for options. "f" rece ptacle (iec320, c14 type, grounded) is standard. 01 modification designator. "01" is standared part, " 02" and higher denotes a modified model. mw173 output parameters model number volts (v) output current (max) max watts ripple (vp-p max) mw173kb0503f01 5 v 4.00 a 20.0 w 50mv mw173kb0603f01 7.5 v 3.00 a 22.5 w 75mv mw173kb0903f01 9 v 3.00 a 27.0 w 90mv MW173KB1203F01 12 v 2.50 a 30.0 w 120mv mw173kb1503f01 15 v 2.00 a 30.0 w 150mv mw173kb1803f01 18 v 1.67 a 30.0 w 180mv mw173kb2403f01 24 v 1.33 a 32.0 w 240mv note: part numbers above include #3 output connect or and iec320 c14 grounded input receptacle. see b elow for other options. wall-plug iec320 - c14 iec320 - c18 iec320 - c8 n. am erica class i class ii class ii japan grounded ungro unde d "shaver" f ixe d (f) (q) (n) (b) desktop ac input receptacle options mw173kb universal 20-32 watt series medical switch mode power supply 3 year warranty
___________________________________________________ ___________________________________________________ ________________________ 3 of 3 sl power electronics corp ? 6050 king drive ventura, ca 93003 ? phone 805.486.4565 ? fax 858.712.2040 ? email: info@slpower.com ? www.slpower.com 2007 energy independence and security act - eisa the energy independence and security act of 2007 wa s passed in december of 2007 and addresses minimum efficiency standards and standby levels for class a external power suppl ies that are 250 watts and under. this law stipula tes that external power supplies manufactured on july 1, 2008 and beyond me et certain minimum efficiency and standby criteria as defined below. minimum efficiency criteria: active mode is defined as when a power supply?s inp ut is connected to a line voltage ac and it?s outpu t is connected to a dc or ac load, drawing a portion of the product?s power outp ut. depending upon the power rating for the power supply, it must meet the minimum efficiency criteria outlined below. energy-efficiency criteria for active mode: output power on adapter label 0 to < 1 watt > 1 watt to 51 watts > 51 watts minimum average efficiency percentage 0.50 * output power on the label [0.09 * ln (output power on adapter label)] + 0.50 0.85 energy consumption criteria for no load mode: the power supply must also meet a requirement for w hen its input is connected to line voltage ac but i ts output is not connected to a load. depending upon the power output of the suppl y, it must keep its energy consumption below the fo llowing values: output power on adapter label 0 to < 250 watts maximum power consumption in no-load mode 0.50 watts notes: 1. center contact = positive 2. connector is switchcraft 760 plug or equivalent . 3. suggested mating connector is switchcraft 712a jack or equivalent. output connector information 4. other output connector options are available. contact your local representative for details. data sheet ? 2011 sl power electronics corp. the i nformation and specifications contained herein are believed to be correct at the time of publication. rev. 2-13-2011 however, sl power accepts no responsibility for con sequences arising from reproduction errors or inacc uracies. specifications are subject to change with out notice. mw173kb universal 20-32 watt power supply medical switch mode power supply 3 year warranty


▲Up To Search▲   

 
Price & Availability of MW173KB1203F01

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X