Part Number Hot Search : 
LSU426 MKW2543 AK6416A D211ERU XR494 MPC92469 01901 4AVC16
Product Description
Full Text Search
 

To Download LTD-5621AG Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  lite-on technology corporation property of lite-on only part no.: LTD-5621AG page: 1 of 5 bns-od-c131/a4 features 0.56inch (14.22mm) digit height continuous uniform segments low power requirement excellent characters appearance high brightness & high contrast wide viewing angle solid state reliability categorized for luminous intensity description the LTD-5621AG is a 0.56inch (14.22mm) digit height dual digit seven-segment display. the device utiliz es green led chips, which are made from gap on a transparent gap substrate, and has a gray face and green segments. device part no. description green LTD-5621AG common anode rt. hand decimal
lite-on technology corporation property of lite-on only part no.: LTD-5621AG page: 2 of 5 bns-od-c131/a4 package dimensions notes: all dimensions are in millimeters. tolerance s are 0.25 mm unless otherwise noted. internal circuit diagram
lite-on technology corporation property of lite-on only part no.: LTD-5621AG page: 3 of 5 bns-od-c131/a4 pin connection no. connection 1 cathode e (digit 1) 2 cathode d (digit 1) 3 cathode c (digit 1) 4 cathode dp (digit 1) 5 cathode e (digit 2) 6 cathode d (digit 2) 7 cathode g (digit 2) 8 cathode c (digit 2) 9 cathode dp (digit 2) 10 cathode b (digit 2) 11 cathode a (digit 2) 12 cathode f (digit 2) 13 common anode digit 2 14 common anode digit 1 15 cathode b (digit 1) 16 cathode a (digit 1) 17 cathode g (digit 1) 18 cathode f (digit 1)
lite-on technology corporation property of lite-on only part no.: LTD-5621AG page: 4 of 5 bns-od-c131/a4 absolute maximum rating at t a =25 parameter maximum rating unit power dissipation per chip 75 mw peak forward current per chip ( 1/10 duty cycle, 0.1ms pulse width ) 100 ma continuous forward current per chip derating linear from 25 per chip 25 0.33 ma ma/ reverse voltage per chip 5 v operating temperature range -35 to +85 storage temperature range -35 to +85 solder temperature: max 260 for max 3sec at 1.6mm below seating plane trical / optical characteristics at t a =25 o c parameter symbol min. typ. max. unit test condition average luminous intensity i v 800 2400 m cd i f =10ma peak emission wavelength l p 565 nm i f =20ma spectral line half-width dl 30 nm i f =20ma dominant wavelength l d 569 nm i f =20ma forward voltage per chip v f 2.1 2.6 v i f =20ma reverse current per chip i r 100 m a v r =5v luminous intensity matching ratio i v -m 2:1 i f =10ma note: luminous intensity is measured with a light s ensor and filter combination that approximates the cie (commision internationale de leclai rage) eye-response curve.
lite-on technology corporation property of lite-on only part no.: LTD-5621AG page: 5 of 5 bns-od-c131/a4 typical electrical / optical characteristic curves (25 o c ambient temperature unless otherwise noted)


▲Up To Search▲   

 
Price & Availability of LTD-5621AG

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X