Part Number Hot Search : 
P6KE500A AOD11S60 C1473 P6KE75CA MB85R BAYP18 WP710 S1A120D0
Product Description
Full Text Search
 

To Download LQW15AN20NG00B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 data sheet ! note: 1. this datasheet is downloaded from the website of murata manufacturing co., ltd. therefore, it?s speci? cations are subject to change or our products in it may be discontinued without advance notice. please check with our sales representatives or product engineers before ordering. 2. this datasheet has only typical speci? cations because there is no space for detailed speci? cations. therefore, please approve our product speci? cations or transact the approval sheet for product speci? cations before ordering. http://www.murata.com/ 1 inductors (coils) > chip inductor (chip coil) > for high frequency horizontal wire wound 2012.9.6 o this data sheet is applied for chip inductors (chip coils) used for general electronics equipment for your design. chip inductor (chip coil) for high frequency horizontal wire wound lqw15a_00 series (0402 size) c dimensions 1.00.1 0.50.1 0.100.05 0.20.1 0.20.1 w ? w 0.60.1 0.50.1 inductance (nh) 1.5-23 24-120 (in mm) ? 0.50.1 c packaging code packaging minimum quantity d 180mm paper tape 10000 b bulk(bag) 500 c rated value ( p : packaging code) part number inductance test frequency rated current max. of dc resistance q (min.) test frequency self resonance frequency (min.) lqw15an1n5b00 p 1.5nh 0.1nh 100mhz 1000ma 0.03ohm 10 250mhz 18.0ghz lqw15an1n5c00 p 1.5nh 0.2nh 100mhz 1000ma 0.03ohm 10 250mhz 18.0ghz lqw15an1n5d00 p 1.5nh 0.5nh 100mhz 1000ma 0.03ohm 10 250mhz 18.0ghz lqw15an2n4b00 p 2.4nh 0.1nh 100mhz 850ma 0.05ohm 20 250mhz 15.0ghz lqw15an2n4c00 p 2.4nh 0.2nh 100mhz 850ma 0.05ohm 20 250mhz 15.0ghz lqw15an2n4d00 p 2.4nh 0.5nh 100mhz 850ma 0.05ohm 20 250mhz 15.0ghz lqw15an2n5b00 p 2.5nh 0.1nh 100mhz 850ma 0.05ohm 20 250mhz 15.0ghz lqw15an2n5c00 p 2.5nh 0.2nh 100mhz 850ma 0.05ohm 20 250mhz 15.0ghz lqw15an2n5d00 p 2.5nh 0.5nh 100mhz 850ma 0.05ohm 20 250mhz 15.0ghz lqw15an2n7b00 p 2.7nh 0.1nh 100mhz 850ma 0.05ohm 20 250mhz 15.0ghz lqw15an2n7c00 p 2.7nh 0.2nh 100mhz 850ma 0.05ohm 20 250mhz 15.0ghz lqw15an2n7d00 p 2.7nh 0.5nh 100mhz 850ma 0.05ohm 20 250mhz 15.0ghz lqw15an2n9b00 p 2.9nh 0.1nh 100mhz 750ma 0.07ohm 20 250mhz 15.0ghz lqw15an2n9c00 p 2.9nh 0.2nh 100mhz 750ma 0.07ohm 20 250mhz 15.0ghz lqw15an2n9d00 p 2.9nh 0.5nh 100mhz 750ma 0.07ohm 20 250mhz 15.0ghz lqw15an3n9b00 p 3.9nh 0.1nh 100mhz 750ma 0.07ohm 25 250mhz 10.0ghz lqw15an3n9c00 p 3.9nh 0.2nh 100mhz 750ma 0.07ohm 25 250mhz 10.0ghz lqw15an3n9d00 p 3.9nh 0.5nh 100mhz 750ma 0.07ohm 25 250mhz 10.0ghz lqw15an4n1b00 p 4.1nh 0.1nh 100mhz 750ma 0.07ohm 25 250mhz 10.0ghz lqw15an4n1c00 p 4.1nh 0.2nh 100mhz 750ma 0.07ohm 25 250mhz 10.0ghz lqw15an4n1d00 p 4.1nh 0.5nh 100mhz 750ma 0.07ohm 25 250mhz 10.0ghz lqw15an4n3b00 p 4.3nh 0.1nh 100mhz 750ma 0.07ohm 25 250mhz 10.0ghz lqw15an4n3c00 p 4.3nh 0.2nh 100mhz 750ma 0.07ohm 25 250mhz 10.0ghz lqw15an4n3d00 p 4.3nh 0.5nh 100mhz 750ma 0.07ohm 25 250mhz 10.0ghz lqw15an4n7b00 p 4.7nh 0.1nh 100mhz 750ma 0.07ohm 25 250mhz 8.0ghz lqw15an4n7c00 p 4.7nh 0.2nh 100mhz 750ma 0.07ohm 25 250mhz 8.0ghz operating temperature range (self-temperature rise is not included): -55 to +125c only for re? ow soldering. continued on the following page.
2 data sheet ! note: 1. this datasheet is downloaded from the website of murata manufacturing co., ltd. therefore, it?s speci? cations are subject to change or our products in it may be discontinued without advance notice. please check with our sales representatives or product engineers before ordering. 2. this datasheet has only typical speci? cations because there is no space for detailed speci? cations. therefore, please approve our product speci? cations or transact the approval sheet for product speci? cations before ordering. http://www.murata.com/ 2 inductors (coils) > chip inductor (chip coil) > for high frequency horizontal wire wound 2012.9.6 o this data sheet is applied for chip inductors (chip coils) used for general electronics equipment for your design. continued from the preceding page. part number inductance test frequency rated current max. of dc resistance q (min.) test frequency self resonance frequency (min.) lqw15an4n7d00 p 4.7nh 0.5nh 100mhz 750ma 0.07ohm 25 250mhz 8.0ghz lqw15an5n1b00 p 5.1nh 0.1nh 100mhz 600ma 0.12ohm 25 250mhz 8.0ghz lqw15an5n1c00 p 5.1nh 0.2nh 100mhz 600ma 0.12ohm 25 250mhz 8.0ghz lqw15an5n1d00 p 5.1nh 0.5nh 100mhz 600ma 0.12ohm 25 250mhz 8.0ghz lqw15an5n8b00 p 5.8nh 0.1nh 100mhz 700ma 0.12ohm 25 250mhz 8.0ghz lqw15an5n8c00 p 5.8nh 0.2nh 100mhz 700ma 0.12ohm 25 250mhz 8.0ghz lqw15an5n8d00 p 5.8nh 0.5nh 100mhz 700ma 0.12ohm 25 250mhz 8.0ghz lqw15an6n2b00 p 6.2nh 0.1nh 100mhz 700ma 0.09ohm 25 250mhz 8.0ghz lqw15an6n2c00 p 6.2nh 0.2nh 100mhz 700ma 0.09ohm 25 250mhz 8.0ghz lqw15an6n2d00 p 6.2nh 0.5nh 100mhz 700ma 0.09ohm 25 250mhz 8.0ghz lqw15an6n8g00 p 6.8nh 2% 100mhz 700ma 0.09ohm 25 250mhz 6.0ghz lqw15an6n8h00 p 6.8nh 3% 100mhz 700ma 0.09ohm 25 250mhz 6.0ghz lqw15an6n8j00 p 6.8nh 5% 100mhz 700ma 0.09ohm 25 250mhz 6.0ghz lqw15an7n3g00 p 7.3nh 2% 100mhz 570ma 0.13ohm 25 250mhz 6.0ghz lqw15an7n3h00 p 7.3nh 3% 100mhz 570ma 0.13ohm 25 250mhz 6.0ghz lqw15an7n3j00 p 7.3nh 5% 100mhz 570ma 0.13ohm 25 250mhz 6.0ghz lqw15an7n5g00 p 7.5nh 2% 100mhz 570ma 0.13ohm 25 250mhz 6.0ghz lqw15an7n5h00 p 7.5nh 3% 100mhz 570ma 0.13ohm 25 250mhz 6.0ghz lqw15an7n5j00 p 7.5nh 5% 100mhz 570ma 0.13ohm 25 250mhz 6.0ghz lqw15an8n2g00 p 8.2nh 2% 100mhz 540ma 0.14ohm 25 250mhz 5.5ghz lqw15an8n2h00 p 8.2nh 3% 100mhz 540ma 0.14ohm 25 250mhz 5.5ghz lqw15an8n2j00 p 8.2nh 5% 100mhz 540ma 0.14ohm 25 250mhz 5.5ghz lqw15an8n7g00 p 8.7nh 2% 100mhz 540ma 0.14ohm 25 250mhz 5.5ghz lqw15an8n7h00 p 8.7nh 3% 100mhz 540ma 0.14ohm 25 250mhz 5.5ghz lqw15an8n7j00 p 8.7nh 5% 100mhz 540ma 0.14ohm 25 250mhz 5.5ghz lqw15an9n1g00 p 9.1nh 2% 100mhz 540ma 0.14ohm 25 250mhz 5.5ghz lqw15an9n1h00 p 9.1nh 3% 100mhz 540ma 0.14ohm 25 250mhz 5.5ghz lqw15an9n1j00 p 9.1nh 5% 100mhz 540ma 0.14ohm 25 250mhz 5.5ghz lqw15an9n5g00 p 9.5nh 2% 100mhz 540ma 0.14ohm 25 250mhz 5.5ghz lqw15an9n5h00 p 9.5nh 3% 100mhz 540ma 0.14ohm 25 250mhz 5.5ghz lqw15an9n5j00 p 9.5nh 5% 100mhz 540ma 0.14ohm 25 250mhz 5.5ghz lqw15an10ng00 p 10nh 2% 100mhz 500ma 0.17ohm 25 250mhz 5.5ghz lqw15an10nh00 p 10nh 3% 100mhz 500ma 0.17ohm 25 250mhz 5.5ghz lqw15an10nj00 p 10nh 5% 100mhz 500ma 0.17ohm 25 250mhz 5.5ghz lqw15an11ng00 p 11nh 2% 100mhz 500ma 0.14ohm 30 250mhz 5.5ghz lqw15an11nh00 p 11nh 3% 100mhz 500ma 0.14ohm 30 250mhz 5.5ghz lqw15an11nj00 p 11nh 5% 100mhz 500ma 0.14ohm 30 250mhz 5.5ghz lqw15an12ng00 p 12nh 2% 100mhz 500ma 0.14ohm 30 250mhz 5.5ghz lqw15an12nh00 p 12nh 3% 100mhz 500ma 0.14ohm 30 250mhz 5.5ghz lqw15an12nj00 p 12nh 5% 100mhz 500ma 0.14ohm 30 250mhz 5.5ghz lqw15an13ng00 p 13nh 2% 100mhz 430ma 0.21ohm 25 250mhz 5.0ghz lqw15an13nh00 p 13nh 3% 100mhz 430ma 0.21ohm 25 250mhz 5.0ghz lqw15an13nj00 p 13nh 5% 100mhz 430ma 0.21ohm 25 250mhz 5.0ghz lqw15an15ng00 p 15nh 2% 100mhz 460ma 0.16ohm 30 250mhz 5.0ghz lqw15an15nh00 p 15nh 3% 100mhz 460ma 0.16ohm 30 250mhz 5.0ghz operating temperature range (self-temperature rise is not included): -55 to +125c only for re? ow soldering. continued on the following page.
3 data sheet ! note: 1. this datasheet is downloaded from the website of murata manufacturing co., ltd. therefore, it?s speci? cations are subject to change or our products in it may be discontinued without advance notice. please check with our sales representatives or product engineers before ordering. 2. this datasheet has only typical speci? cations because there is no space for detailed speci? cations. therefore, please approve our product speci? cations or transact the approval sheet for product speci? cations before ordering. http://www.murata.com/ 3 inductors (coils) > chip inductor (chip coil) > for high frequency horizontal wire wound 2012.9.6 o this data sheet is applied for chip inductors (chip coils) used for general electronics equipment for your design. continued from the preceding page. part number inductance test frequency rated current max. of dc resistance q (min.) test frequency self resonance frequency (min.) lqw15an15nj00 p 15nh 5% 100mhz 460ma 0.16ohm 30 250mhz 5.0ghz lqw15an16ng00 p 16nh 2% 100mhz 370ma 0.24ohm 25 250mhz 4.5ghz lqw15an16nh00 p 16nh 3% 100mhz 370ma 0.24ohm 25 250mhz 4.5ghz lqw15an16nj00 p 16nh 5% 100mhz 370ma 0.24ohm 25 250mhz 4.5ghz lqw15an18ng00 p 18nh 2% 100mhz 370ma 0.27ohm 25 250mhz 4.5ghz lqw15an18nh00 p 18nh 3% 100mhz 370ma 0.27ohm 25 250mhz 4.5ghz lqw15an18nj00 p 18nh 5% 100mhz 370ma 0.27ohm 25 250mhz 4.5ghz lqw15an19ng00 p 19nh 2% 100mhz 370ma 0.27ohm 25 250mhz 4.5ghz lqw15an19nh00 p 19nh 3% 100mhz 370ma 0.27ohm 25 250mhz 4.5ghz lqw15an19nj00 p 19nh 5% 100mhz 370ma 0.27ohm 25 250mhz 4.5ghz lqw15an20ng00 p 20nh 2% 100mhz 370ma 0.27ohm 25 250mhz 4.0ghz lqw15an20nh00 p 20nh 3% 100mhz 370ma 0.27ohm 25 250mhz 4.0ghz lqw15an20nj00 p 20nh 5% 100mhz 370ma 0.27ohm 25 250mhz 4.0ghz lqw15an22ng00 p 22nh 2% 100mhz 310ma 0.30ohm 25 250mhz 4.0ghz lqw15an22nh00 p 22nh 3% 100mhz 310ma 0.30ohm 25 250mhz 4.0ghz lqw15an22nj00 p 22nh 5% 100mhz 310ma 0.30ohm 25 250mhz 4.0ghz lqw15an23ng00 p 23nh 2% 100mhz 310ma 0.30ohm 25 250mhz 3.8ghz lqw15an23nh00 p 23nh 3% 100mhz 310ma 0.30ohm 25 250mhz 3.8ghz lqw15an23nj00 p 23nh 5% 100mhz 310ma 0.30ohm 25 250mhz 3.8ghz lqw15an24ng00 p 24nh 2% 100mhz 280ma 0.52ohm 25 250mhz 3.5ghz lqw15an24nh00 p 24nh 3% 100mhz 280ma 0.52ohm 25 250mhz 3.5ghz lqw15an24nj00 p 24nh 5% 100mhz 280ma 0.52ohm 25 250mhz 3.5ghz lqw15an27ng00 p 27nh 2% 100mhz 280ma 0.52ohm 25 250mhz 3.5ghz lqw15an27nh00 p 27nh 3% 100mhz 280ma 0.52ohm 25 250mhz 3.5ghz lqw15an27nj00 p 27nh 5% 100mhz 280ma 0.52ohm 25 250mhz 3.5ghz lqw15an30ng00 p 30nh 2% 100mhz 270ma 0.58ohm 25 250mhz 3.3ghz lqw15an30nh00 p 30nh 3% 100mhz 270ma 0.58ohm 25 250mhz 3.3ghz lqw15an30nj00 p 30nh 5% 100mhz 270ma 0.58ohm 25 250mhz 3.3ghz lqw15an33ng00 p 33nh 2% 100mhz 260ma 0.63ohm 25 250mhz 3.2ghz lqw15an33nh00 p 33nh 3% 100mhz 260ma 0.63ohm 25 250mhz 3.2ghz lqw15an33nj00 p 33nh 5% 100mhz 260ma 0.63ohm 25 250mhz 3.2ghz lqw15an36ng00 p 36nh 2% 100mhz 260ma 0.63ohm 25 250mhz 3.1ghz lqw15an36nh00 p 36nh 3% 100mhz 260ma 0.63ohm 25 250mhz 3.1ghz lqw15an36nj00 p 36nh 5% 100mhz 260ma 0.63ohm 25 250mhz 3.1ghz lqw15an39ng00 p 39nh 2% 100mhz 250ma 0.70ohm 25 250mhz 3.0ghz lqw15an39nh00 p 39nh 3% 100mhz 250ma 0.70ohm 25 250mhz 3.0ghz lqw15an39nj00 p 39nh 5% 100mhz 250ma 0.70ohm 25 250mhz 3.0ghz lqw15an40ng00 p 40nh 2% 100mhz 250ma 0.70ohm 25 250mhz 3.0ghz lqw15an40nh00 p 40nh 3% 100mhz 250ma 0.70ohm 25 250mhz 3.0ghz lqw15an40nj00 p 40nh 5% 100mhz 250ma 0.70ohm 25 250mhz 3.0ghz lqw15an43ng00 p 43nh 2% 100mhz 250ma 0.70ohm 25 250mhz 3.0ghz lqw15an43nh00 p 43nh 3% 100mhz 250ma 0.70ohm 25 250mhz 3.0ghz lqw15an43nj00 p 43nh 5% 100mhz 250ma 0.70ohm 25 250mhz 3.0ghz lqw15an47ng00 p 47nh 2% 100mhz 210ma 1.08ohm 25 200mhz 2.9ghz lqw15an47nh00 p 47nh 3% 100mhz 210ma 1.08ohm 25 200mhz 2.9ghz operating temperature range (self-temperature rise is not included): -55 to +125c only for re? ow soldering. continued on the following page.
4 data sheet ! note: 1. this datasheet is downloaded from the website of murata manufacturing co., ltd. therefore, it?s speci? cations are subject to change or our products in it may be discontinued without advance notice. please check with our sales representatives or product engineers before ordering. 2. this datasheet has only typical speci? cations because there is no space for detailed speci? cations. therefore, please approve our product speci? cations or transact the approval sheet for product speci? cations before ordering. http://www.murata.com/ 4 inductors (coils) > chip inductor (chip coil) > for high frequency horizontal wire wound 2012.9.6 o this data sheet is applied for chip inductors (chip coils) used for general electronics equipment for your design. continued from the preceding page. part number inductance test frequency rated current max. of dc resistance q (min.) test frequency self resonance frequency (min.) lqw15an47nj00 p 47nh 5% 100mhz 210ma 1.08ohm 25 200mhz 2.9ghz lqw15an51ng00 p 51nh 2% 100mhz 210ma 1.08ohm 25 200mhz 2.85ghz lqw15an51nh00 p 51nh 3% 100mhz 210ma 1.08ohm 25 200mhz 2.85ghz lqw15an51nj00 p 51nh 5% 100mhz 210ma 1.08ohm 25 200mhz 2.85ghz lqw15an56ng00 p 56nh 2% 100mhz 200ma 1.17ohm 25 200mhz 2.8ghz lqw15an56nh00 p 56nh 3% 100mhz 200ma 1.17ohm 25 200mhz 2.8ghz lqw15an56nj00 p 56nh 5% 100mhz 200ma 1.17ohm 25 200mhz 2.8ghz lqw15an62ng00 p 62nh 2% 100mhz 145ma 1.82ohm 20 200mhz 2.6ghz lqw15an62nh00 p 62nh 3% 100mhz 145ma 1.82ohm 20 200mhz 2.6ghz lqw15an62nj00 p 62nh 5% 100mhz 145ma 1.82ohm 20 200mhz 2.6ghz lqw15an68ng00 p 68nh 2% 100mhz 140ma 1.96ohm 20 200mhz 2.5ghz lqw15an68nj00 p 68nh 5% 100mhz 140ma 1.96ohm 20 200mhz 2.5ghz lqw15an72ng00 p 72nh 2% 100mhz 135ma 2.10ohm 20 150mhz 2.5ghz lqw15an72nj00 p 72nh 5% 100mhz 135ma 2.10ohm 20 150mhz 2.5ghz lqw15an75ng00 p 75nh 2% 100mhz 135ma 2.10ohm 20 150mhz 2.4ghz lqw15an75nj00 p 75nh 5% 100mhz 135ma 2.10ohm 20 150mhz 2.4ghz lqw15an82ng00 p 82nh 2% 100mhz 130ma 2.24ohm 20 150mhz 2.3ghz lqw15an82nj00 p 82nh 5% 100mhz 130ma 2.24ohm 20 150mhz 2.3ghz lqw15an91ng00 p 91nh 2% 100mhz 125ma 2.38ohm 20 150mhz 2.1ghz lqw15an91nj00 p 91nh 5% 100mhz 125ma 2.38ohm 20 150mhz 2.1ghz lqw15anr10j00 p 100nh 5% 100mhz 120ma 2.52ohm 20 150mhz 1.5ghz lqw15anr12j00 p 120nh 5% 100mhz 110ma 2.66ohm 20 150mhz 1.0ghz operating temperature range (self-temperature rise is not included): -55 to +125c only for re? ow soldering. c q-frequency characteristics (typ.) 0 50 100 150 25 75 125 10 100 1000 10000 q frequency (mhz) 4.7nh 10nh 27nh 82nh 120nh 56nh c inductance-frequency characteristics (typ.) 1 10 100 1000 10 inductance (nh) 100 1000 10000 frequency (mhz) 120nh 82nh 56nh 27nh 10nh 4.7nh c ! caution/notice ! caution (rating) do not use products beyond the rated current as this may create excessive heat. notice solderability of tin plating termination chip might be deteriorated when low temperature soldering pro? le where peak solder temperature is below the tin melting point is used. please con? rm the solderability of tin plating termination chip before use.


▲Up To Search▲   

 
Price & Availability of LQW15AN20NG00B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X