Part Number Hot Search : 
06400 PT239610 16100 0TQCN BAV19WS SST441 CM8369 93533P1
Product Description
Full Text Search
 

To Download LQH6LLN1R0N43L Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  http://www.murata.com/ data sheet ! note: 1. this datasheet is downloaded from the website of murata manufacturing co., ltd. therefore, it?s specifications are subject t o change or our products in it may be discontinued without advance notice. please check with our sales representatives or product engineers bef ore ordering. 2. this datasheet has only typical specifications because there is no space for detailed specifications. therefore, please appr ove our product specifications or transact the approval sheet for product specifications before ordering. 1 o this data sheet is applied for chip inductors (chip coils) used for general electronics equipment for your design. 2010.9.9 inductors (coils) > chip inductor (chip coil) > power inductor (wire wound type) 2.3 (typ.) 0.85 (typ.) 6.0 0.2 6.0 0.2 1.65 0.2 1.65 0.2 6.0 0.2 4.3 0.2 (0.2) (in mm) chip inductor (chip coil) power inductor (wire wound type) lqh6pp series (2424 size)  dimensions  packaging code packaging minimum quantity l 180mm embossed tape 250 k 330mm embossed tape 1500  rated value ( p : packaging code) part number inductance rated current (based on inductance change) rated current (based on temperature rise) dc resistance self resonance frequency (min.) lqh6ppn1r0n43 p 1.0 h 30% 7.50a 4.30a 0.009ohm 30% 110mhz lqh6ppn1r5n43 p 1.5 h 30% 6.50a 4.15a 0.010ohm 30% 60mhz lqh6ppn2r2n43 p 2.2 h 30% 5.60a 4.10a 0.014ohm 30% 30mhz lqh6ppn3r3n43 p 3.3 h 30% 4.50a 3.80a 0.016ohm 30% 30mhz lqh6ppn4r7m43 p 4.7 h 20% 4.00a 3.20a 0.020ohm 30% 25mhz lqh6ppn6r8m43 p 6.8 h 20% 3.20a 2.85a 0.028ohm 30% 20mhz lqh6ppn100m43 p 10 h 20% 2.60a 2.60a 0.044ohm 30% 15mhz lqh6ppn150m43 p 15 h 20% 2.20a 2.20a 0.065ohm 30% 10mhz lqh6ppn220m43 p 22 h 20% 1.70a 1.55a 0.108ohm 30% 10mhz lqh6ppn330m43 p 33 h 20% 1.60a 1.29a 0.137ohm 30% 6mhz lqh6ppn470m43 p 47 h 20% 1.25a 1.10a 0.230ohm 30% 6mhz lqh6ppn680m43 p 68 h 20% 1.10a 1.00a 0.289ohm 30% 5mhz lqh6ppn101m43 p 100 h 20% 0.92a 0.80a 0.436ohm 30% 3mhz test frequency: 100khz class of magnetic shield: magnetic shield of magnetic powder in resin operating temperature range (self-temperature rise is included): -40 c to +125 c operating temperature range (self-temperature rise is not included): -40 c to +85 c only for reflow soldering. continued on the following page.
continued from the preceding page. http://www.murata.com/ data sheet ! note: 1. this datasheet is downloaded from the website of murata manufacturing co., ltd. therefore, it?s specifications are subject t o change or our products in it may be discontinued without advance notice. please check with our sales representatives or product engineers bef ore ordering. 2. this datasheet has only typical specifications because there is no space for detailed specifications. therefore, please appr ove our product specifications or transact the approval sheet for product specifications before ordering. 2 o this data sheet is applied for chip inductors (chip coils) used for general electronics equipment for your design. 2010.9.9 0.1 1 10 100 1000 0.1 1 10 100 1000 frequency (mhz) inductance ( h) 1.0 h 1.5 h 2.2 h 3.3 h 4.7 h 6.8 h 10 h 15 h 22 h 33 h 47 h 68 h 100 h 0.1 1 10 100 1000 10 100 1000 10000 current (ma) inductance ( h) 1.0 h 1.5 h 2.2 h 3.3 h 4.7 h 6.8 h 10 h 15 h 22 h 33 h 47 h 68 h 100 h current (ma) temperature rise ( c) 40 30 20 10 0 0 1000 2000 3000 4000 5000 3.3 h 4.7 h 15 h10 h 6.8 h 22 h 100 h 2.2 h 1.5 h 1.0 h 68 h 47 h 33 h inductors (coils) > chip inductor (chip coil) > power inductor (wire wound type) (based on inductance change) when rated current is applied to the products, inductance will be within +-30% of nominal inductance value. (based on temperature rise) when rated current is applied to the products, self-generation of heat will rise to 40 c or less.  notice (rated current)  inductance-frequency characteristics (typ.)  inductance-current characteristics (typ.)  temperature rise characteristics (typ.) ! caution (rating) do not use products beyond the rated current as this may create excessive heat. notice solderability of tin plating termination chip might be deteriorated when low temperature soldering profile where peak solder temperature is below the tin melting point is used. please confirm the solderability of tin plating termination chip before use.  ! caution/notice


▲Up To Search▲   

 
Price & Availability of LQH6LLN1R0N43L

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X