Part Number Hot Search : 
U20C40 SMA592 SC2235 HMC597 MM3Z5543 MM3Z5543 LB11923 ECQE1
Product Description
Full Text Search
 

To Download LMSD103CT1G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  schottky barrier switching diode features  low forward voltage drop  guard ring construction for transient protection  negligible reverse recovery time  low reverse capacitance  also available in lead free version  case: sod-123, plastic  case material - ul flammability rating classification 94v-0  moisture sensitivity: level 1 per j-std-020a  polarity: cathode band  leads: solderable per mil-std-202, method 208  also available in lead free plating (matte tin finish). please see ordering information, note 4, on page 2   type codes: lmsd103at1g s4 lmsd103bt1g s5 LMSD103CT1G s6  weight: 0.01 grams (approx.) mechanical data maximum ratings @ t a = 25  c unless otherwise specified notes: 1. part mounted on fr-4 board with recommended pad layout, which can be found on our website 2. short duration test pulse used to minimize self-heating effect. electrical characteristics @ t a = 25c unless otherwise specified characteristic symbol unit peak repetitive reverse voltage working peak reverse voltage dc blocking voltage v rrm v rwm v r 40 30 20 v rms reverse voltage v r(rms) 28 21 14 v forward continuous current (note 1) i fm 350 ma non-repetitive peak forward surge current @ t  1.0s i fsm 1.5 a power dissipation (note 1) p d 400 mw thermal resistance, junction to ambient air (note 1) r  ja 300  c/w operating and storage temperature range t j ,t stg -65 to +125  c characteristic symbol min typ max unit test condition reverse breakdown voltage (note 2) lmsd103at1g lmsd103bt1g LMSD103CT1G v (br)r 40 30 20  v i r = 100  a forward voltage drop (note 2) v fm  0.37 0.60 v i f = 20ma i f = 200ma peak reverse current (note 2) lmsd103at1g lmsd103bt1g LMSD103CT1G i rm  5.0  a v r = 30v v r = 20v v r = 10v total capacitance c t  28  pf v r = 0v, f = 1.0mhz reverse recovery time t rr  10  ns i f = i r = 200ma, i rr = 0.1 x i r ,r l = 100  sod-123 1 2 e q u i v a l e n t c i r c u i t d i a g r a m 1 2 c a t h o d e a n o d e lmsd103*t1g marking: type code only or date code and type code lmsd103at1g LMSD103CT1G lmsd103bt1g leshan radio company, ltd. rev.o 1/3
0 100 200 5 00 025 50 75 125 150 p , power dissipation (mw) d t , ambient temperature (c) a fi g .1 power deratin g curve 100 300 400 0.01 0.1 1 0.001 0.0001 0 800 600 400 200 1000 i , instantane o us f o rward current (a) f v , instantaneous forward voltage (mv) f fig. 2 typical forward characteristics t = 25 c a t= 75 c a t = 125 c a t = 0 c a t = -40 c a 0.01 0.1 1 10 100 1000 0 5 10 15 35 30 25 20 v , instantaneous reverse voltage (v) r fi g .3 t y pical reverse characteristics t = 125c a t = 75c a t = 25c a t = 0c a t = -40c a 40 0 10 5 15 25 20 30 0 10 20 30 40 v , reverse voltage (v) r fi g . 4 t yp . total ca p acitance vs. reverse volta g e f = 1.0mhz c , total capacitance (pf) t lmsd103*t1g leshan radio company, ltd. rev.o 2/3
lmsd103*t1g sod-123 outline dimensions u nit:mm dim a b c d e h j k m i n 2 . 5 5 1 . 4 0 0 . 9 5 0 . 5 0 - - 3 . 5 5 max 2.85 1.80 1.35 0.70 0.10 0.15 3.85 sod-123 0.30 ref pin 1. c a thode 2. anode leshan radio company, ltd. rev.o 3/3


▲Up To Search▲   

 
Price & Availability of LMSD103CT1G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X