Part Number Hot Search : 
1837213 H32S72 00FCT 00FCT 1N582 00FCT 00FCT 1837213
Product Description
Full Text Search
 

To Download LMBR150FT1G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  features * plastic package has underwriters laboratory flammability classification 94v-0 * low power loss,high efficiency * for use in low voltage high frequency inverters, free wheeling,and polarity protection applications * guardring for over voltage protection * high temperature soldering guaranteed: 260 c/10 seconds at terminals mechanical data case : sod123-fl/mini sma molded plastic over sky die terminals : tin plated, solderable per mil-std-750, method 2026 polarity : color band denotes cathode end mounting position : any we declare that the material of product is weight : 0.0155 g haloggen free (green epoxy compound) handling precautin :none 1.electrical characteristic maximum & thermal characteristics ratings at 25 c ambient temperature unless otherwise specified. parameter symbol symbol lmbr 120ft1g lmbr 130ft1g lmbr 140ft1g lmbr 150ft1g lmbr 160ft1g lmbr 180ft1g lmbr 1100ft1g lmbr 1150ft1g lmbr 1200ft1g unit device marking code 12 13 14 15 16 18 110 115 120 maximum repetitive peak reverse voltage v rrm 20 30 40 50 60 80 100 150 200 v maximum rms voltage v rms 14 21 28 35 42 56 70 105 140 v maximum dc blocking voltage v dc 20 30 40 50 60 80 100 150 200 v maximum average forward rectified current at ta = 75 c i f(av) a peak forward surge current 8.3ms single half sine-wave superimposed on rated load (jedec method) i fsm a typical thermal resistance (note 1) r j a r j c c/w operating junction temperature range t j c storage temperature range t stg c electrical characteristics ratings at 25 c ambient temperature unless otherwise specified. parameter symbol symbol lmbr 120ft1g lmbr 130ft1g lmbr 140ft1g lmbr 150ft1g lmbr 160ft1g lmbr 180ft1g lmbr 1100ft1g lmbr 1150ft1g lmbr 1200ft1g unit maximum instantaneous forward voltage at(if = 0.1 a, tj = 25 c) (if = 0.7 a, tj = 25 c) (if = 1.0 a, tj = 25 c) v f - - 0.5 0.35 0.45 0.50 - - 0.55 0.9 0.92 v maximum dc reverse current at rated dc blocking voltage ta = 25 c tj = 125 c i r ma typical junction capacitance at 4.0v, 1mhz c j pf notes: 1. 8.0mm 2 (.013mm thick) land areas 0.5 10 160 lmbr120ft1g thru lmbr1200ft1g 1.0 30 110 40 schottky barrier rectifiers reverse voltage 20 to 200v forward current 1.0a - - 0.7 0.85 C 55 to +150 C 65 to +175
2.ratings and characteristic curves ( ta = 25 c unless otherwise noted ) lmbr120ft1g thru lmbr1200ft1g fig. 1 C forward current derating curve average forward rectified current (a) 0 25 50 75 100 125 150 175 1.0 0.5 0 60 hz resistive or inductive load ambient temperature, c fig 4. C typical reverse characteristics instantaneous reverse current (ma) 0 20 40 60 80 100 10 1.0 0.1 0.01 0.001 percent of rated peak reverse voltage (%) tj=125 tj=75 tj=25 fig 6. C typical junction capacitance 0.1 1 10 100 1000 100 10 tj = 25 c f = 1.0 mhz vsig = reverse voltage (v) junction capacitance (pf) fig 5. C typical transient thermal impedance transient thermal impedance( c/w) 10 1.0 0.1 100 0.01 0.1 1.0 10 100 t,pulse duration,sec fig. 2 C maximum non-repetitive peak forward surge current 1 10 100 30 15 0 tj = tj max 8.3ms single half sine-wave number of cycles at 60hz peak forward surge current (a) tj = 25 c pulse width = 300 s 1% duty cycle instantaneous forward current (a) 10 1.0 0.1 0.01 100 fig 3. C typical instantaneous forward characteristics 0.2 0.4 0.6 0.8 1.0 1.2 instantaneous forward voltage (v) tj = 25 c pulse width = 300 s 1% duty cycle
3. dimension: suggested solder pad layout dimensions in inches and (millimeters) lmbr120ft1g thru lmbr1200ft1g sod123-fl min max min max a 3.5 3.9 0.138 0.159 b 0.75 0.95 0.029 0.037 c 2.6 3.0 0.103 0.119 d 1.6 2.0 0.063 0.079 e h 0.9 1.2 0.036 0.047 j 0.12 0.22 0.005 0.009 k 0.032typ dim millimeters inches 0.45typ 0.018typ 0.8typ package a b c sod123-fl 0.044(1.10 0.040(1.00) 0.079(2.00)
4.packing information unit mm lmbr120ft1g thru lmbr1200ft1g a 0.1 2.00 b 0.1 3.85 c 0.1 1.10 d 0.1 1.50 d 2.0 - d 1 min - d 2.0 178.00 d 1 min 62.00 d 2 0.5 13.00 e 0.1 1.75 f 0.1 3.50 p 0.1 4.00 p 0 0.1 4.00 p 1 0.1 2.00 t 0.1 0.23 w 0.3 8.00 w 1 1.0 11.40 item symbol tolerance feed hole diameter sprocket hole position punch hole position carrier width carrier length carrier depth sprocket hole 13" reel outside diameter punch hole pitch spocket hole pitch embossment center overall tape thickness tape width sod123-fl reel width 13" reel inner diameter 7" reel outside diameter 7" reel inner diameter
reel packing 5.suggested thermal profile for soldering process 1. storage environment temperature=5~40 humidity=55 25% 2. reflow soldering of surface-mount device 3. reflow soldering lmbr120ft1g thru lmbr1200ft1g sod123-fl 7" 3,000 4.0 30,000 183*183*123 178 382*262*387 240,000 8.7 reel dia. (mm) carton size (mm) carton (pcs) package reel size reel (pcs) component spacing (mm) box (pcs) appox. gross weight (kg) inner box (mm) time maintained above: - temperature (t l ) - time(t l ) 217 60-260sec peak temperature(t p ) 255 -0/+5 average ramp-up rate(t l to t p ) <3 /sec preheat - temperature min(tsmin) - temperature max(tsmax) - time(min to max)(t s ) 150 200 60~120sec tsmax to t l - ramp-up rate <3sec profile feature soldering condition time within 5 of actual peak temperature(t p ) 10~30sec time 25 to peak temperature ramp-down rate <6 /sec <6minutes
6.high reliability test capabilities solder resistance mil-std-750d method-2031 solderability at 245 5 for 5 sec mil-std-202f method-208 high temperature reverse bias v r =80% rate at t j =150 for 168hrs mil-std-750d method-1038 forward operation life mil-std-750d method-1027 intermittent operation life mil-std-750d method-1036 pressure cooker 15p sig at t a =121 for 4hrs jesd22-a102 temperature cycling mil-std-750d method-1051 thermal shock mil-std-750d method-1056 forward surge mil-std-750d method-4066-2 humidity at t a =85 r h =85% for 1000hrs mil-std-750d method-1021 high temperature storage life at 175 for 1000hrs mil-std-750d method-1031 lmbr120ft1g thru lmbr1200ft1g item test condition reference at 260 5 for 10 2sec immerse body into solder 1/16" 1/32" rated average rectifier current t a =25 for 500hrs t a =25 i f =i o on state:power on for 5 min. off state:power off for 5 min. on and off for 500 cycles -55 to +125 dwelled for 30 min. and transferred for 5min. total 10 cycles 0 for 5min. rise to 100 for 5min. total 10 cycles 8.3ms single half sine-wave superimposed on rated load,one surge
7. update record lmbr120ft1g thru lmbr1200ft1g 1 ?? ? ? 2013.04.03


▲Up To Search▲   

 
Price & Availability of LMBR150FT1G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X