Part Number Hot Search : 
74HC0 9502A MZO11DAG CY7C1041 9502A ICS8547 C3306 BR3373K
Product Description
Full Text Search
 

To Download L0103DE Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  43 revised: june 21, 2011 04:14 pm ?2011 littelfuse, inc teccor ? brand thyristors specifcations are subject to change without notice. please refer to http://www.littelfuse.com for current information. ev series 1 amp sensitive triacs l01 series l01 series description main features features new 1 amp bi-directional solid state switch series offering direct interface to microprocessor drivers in economical to-92 and surface mount packages. the die voltage blocking junctions are glass-passivated to ensure long term reliability and parametric stability. symbol value unit i t(rms) 1 a v drm /v rrm 400 to 800 v i gt 3 to 10 ma absolute maximum ratings symbol parameter value unit i t(rms) rms on-state current (full sine wave) to-92 t c = 50c 1.0a a sot-223 t l = 90c i tsm non repetitive surge peak on-state current (single cycle, t j initial = 25c) to-92 sot-223 f = 50 hz 10 a f = 60 hz 12 i 2 t i 2 t value for fusing t p = 10 ms f = 50 hz 0.50 a 2 s t p = 8.3 ms f = 60 hz 0.59 di/dt critical rate of rise of on-state current i g = 2 x i gt to-92 sot-223 t j = 125c 20 a/s i gtm peak gate current t p = 10 s t j = 125c 1 a p g(av) average gate power dissipation t j = 125c 0.1 w t stg storage junction temperature range -40 to 150 c t j operating junction temperature range -40 to 125 c schematic symbol mt1 g mt2 applications the l01 ev series is especially designed for white goods applications such as valve controls in washing machines as well as replacement of mechanical and hybrid relays where long life is required. ? rohs compliant and halogen-free ? blocking voltage (v drm ) capability up to 800v ? surge capability > 10amps ? static dv/dt > 20 volts/ sec ? thru hole and surface mount packages hf
44 revised: june 21, 2011 04:14 pm ?2011 littelfuse, inc teccor ? brand thyristors specifcations are subject to change without notice. please refer to http://www.littelfuse.com for current information. ev series 1 amp sensitive triacs l01 series electrical characteristics (t j = 25c, unless otherwise specifed) static characteristics (t j = 25c, unless otherwise specifed) symbol description test conditions quadrant limit value unit l0103xy l0107xy l0109xy i gt dc gate trigger current v d = 12v r l = 60 i C ii C iii iv max. 3 5 5 7 10 10 ma v gt dc gate trigger voltage all max. 1. 3 v i h holding current gate open max. 7 10 10 ma dv/dt critical rate-of-rise of off-state voltage t j = 110c v d = v drm exponential waveform gate open min. 10 20 50 v/s (dv/dt)c critical rate-of-rise of commutating voltage (di/dt)c = 0.54a/ms t j = 110c min. 0.5 1. 0 2.0 v/s t gt turn-on time i g = 25ma pw = 15s i t = 1.2a (pk) max. 2.0 2.0 2.0 s symbol description test conditions limit value unit v tm peak on-state voltage i tm = 1.4a (pk) max 1.60 v i drm off-state current, peak repetitive v d = v drm t j = 25c max 5 a v d = v drm t j = 125c 500 a thermal resistances symbol description test conditions value unit r th(j-c) junction to case (ac) i t = 1.0a (rms) 1 to-92 50 c/w sot-223 23 r th(j-a) junction to ambient i t = 1.0a (rms) 1 to-92 100 c/w sot-223 55 1 60hz ac resistive load condition, 100% conduction. note: x = voltage, y = package
45 revised: june 21, 2011 04:14 pm ?2011 littelfuse, inc teccor ? brand thyristors specifcations are subject to change without notice. please refer to http://www.littelfuse.com for current information. ev series 1 amp sensitive triacs l01 series figure 1: defnition of quadrants m t2 positive (positive half cycle) mt 2 negativ e (negative half cycle) mt1 mt 2 + i g t ref qii mt 1 i gt ga te mt 2 ref mt1 mt 2 ref mt 1 mt 2 ref qi qiv qiii all polarities are referenced to mt1 ( - ) i gt ga te (+) i gt - i gt ga te ( - ) i gt ga te (+) + - figure 3: normalized dc holding current vs. junction temperature figure 2: normalized dc gate trigger current for all quadrants vs. junction temperature figure 4: normalized dc gate trigger voltage for all quadrants vs. junction temperature av er ag e on-stat e p ower dissipation [p d(d av ) ] - wa tt s rms on-stat e cur r ent [i t(rms) ] - amps 2.0 0 1 .75 1 .50 1 .25 1. 00 0.75 0.50 0.25 0.0 0.0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1. 0 1. 1 current wa veform: sinusoidal lo ad: resistiv e or inductiv e conduction angle: 360 figure 5: power dissipation (typical) vs. rms on-state current figure 6: maximum allowable case temperature vs. on-state current maximum allowable case t emper at ur e (t c ) - oc rms on-stat e curr ent [i t(rms) ] - amps 13 0 12 5 12 0 11 0 10 0 90 80 70 60 50 0.0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1. 0 1. 1 1. 2 so t -223 current wa veform: sinusoidal lo ad: resistiv e or inductiv e conduction angle: 360 ca se tempera ture: measur ed as sho wn on dimensional dr a wings t o-92 ratio of i gt i gt (t j = 25c) junction t emper at ur e (t j )- oc 3.0 2.0 1. 0 0.0 -40 -1 5 +25 +65 +1 05 +1 25 ratio of i h i h (t j = 25c) junction t emper at ur e (t j )- oc 3.0 2.5 2.0 1. 5 1. 0 0.5 0.0 -40 -1 5 +5 +25 +45 +65 +85 +1 05 +1 25 -55 initial on-s ta te current = 10 0ma (dc) ratio of v gt v gt (t j = 25c) junction t emper at ur e (t j )- c 2.0 0 1 .75 1 .50 1 .25 1. 00 0.75 0.50 0.25 0.0 -55 -40 -1 5 +5 +25 +45 +65 +85 +1 05 +1 25
46 revised: june 21, 2011 04:14 pm ?2011 littelfuse, inc teccor ? brand thyristors specifcations are subject to change without notice. please refer to http://www.littelfuse.com for current information. ev series 1 amp sensitive triacs l01 series soldering parameters refow condition pb C free assembly pre heat - temperature min (t s(min) ) 150c - temperature max (t s(max) ) 200c - time (min to max) (t s ) 60 C 180 secs average ramp up rate (liquidus temp) (t l ) to peak 5c/second max t s(max) to t l - ramp-up rate 5c/second max refow - temperature (t l ) (liquidus) 217c - time (min to max) (t s ) 60 C 150 seconds peak temperature (t p ) 260 +0/-5 c time within 5c of actual peak temperature (t p ) 20 C 40 seconds ramp-down rate 5c/second max time 25c to peak temperature (t p ) 8 minutes max. do not exceed 280c figure 7: surge peak on-state current vs. number of cycles 12 34 56 78 91 02 03 04 06 08 01 00 20 03 00 40 06 00 10 00 2 3 4 5 6 7 8 9 10 12 15 20 surge current duration ? full cycle 1 peak surge (non-repetitive) on-state current (i tsm ) ? amps. 1 a devices supply frequency: 60hz sinusoidal load: resistive rms on-state current [i t(rms) ]: max rated value at specifc case temperature notes: 1. gate control may be lost during and immediately following surge current interval. 2. overload may not be repeated until junction temperature has returned to steady-state rated value. ti me te mperature t p t l t s(max) t s(min) 25 t p t l t s time to peak temperature preheat p r e h eat ramp-up ramp-up ramp-down r am p - do
47 revised: june 21, 2011 04:14 pm ?2011 littelfuse, inc teccor ? brand thyristors specifcations are subject to change without notice. please refer to http://www.littelfuse.com for current information. ev series 1 amp sensitive triacs l01 series physical specifcations environmental specifcations dimensions to-92 (e package) a g h i f e j d f c b t mea suring poin t c sea ting plane ga te mt2 mt1 dimensions inches millimeters min max min max a 0.175 0.205 4.450 5.200 b 0.170 0.210 4.320 5.330 c 0.500 12.70 d 0.135 3.430 e 0.125 0.165 3.180 4.190 f 0.080 0.105 2.040 2.660 g 0.016 0.021 0.407 0.533 h 0.045 0.055 1.150 1.390 i 0.095 0.105 2.420 2.660 j 0.015 0.020 0.380 0.500 test specifcations and conditions ac blocking mil-std-750, m-1040, cond a applied peak ac voltage @ 125c for 1008 hours temperature cycling mil-std-750, m-1051, 100 cycles; -40c to +150c; 15-min dwell-time temperature/ humidity eia / jedec, jesd22-a101 1008 hours; 320v - dc: 85c; 85% rel humidity high temp storage mil-std-750, m-1031, 1008 hours; 150c low-temp storage 1008 hours; -40c thermal shock mil-std-750, m-1056 10 cycles; 0c to 100c; 5-min dwell- time at each temperature; 10 sec (max) transfer time between temperature autoclave eia / jedec, jesd22-a102 168 hours (121c at 2 atms) and 100% r/h resistance to solder heat mil-std-750 method 2031 solderability ansi/j-std-002, category 3, test a lead bend mil-std-750, m-2036 cond e terminal finish 100% matte tin-plated. body material ul recognized epoxy meeting fammability classifcation 94v-0. lead material copper alloy design considerations careful selection of the correct device for the applications operating parameters and environment will go a long way toward extending the operating life of the thyristor. good design practice should limit the maximum continuous current through the main terminals to 75% of the device rating. other ways to ensure long life for a power discrete semiconductor are proper heat sinking and selection of voltage ratings for worst case conditions. overheating, overvoltage (including dv/dt), and surge currents are the main killers of semiconductors. correct mounting, soldering, and forming of the leads also help protect against component damage.
48 revised: june 21, 2011 04:14 pm ?2011 littelfuse, inc teccor ? brand thyristors specifcations are subject to change without notice. please refer to http://www.littelfuse.com for current information. ev series 1 amp sensitive triacs l01 series dimensions C sot-223 dimensions inches millimeters min typ max min typ max a 0.248 0.256 0.264 6.30 6.50 6.70 b 0.130 0.138 0.146 3.30 3.50 3.70 c 0.071 1.80 d 0.001 0.004 0.02 0.10 e 0.114 0.118 0.124 2.90 3.00 3.15 f 0.024 0.027 0.034 0.60 0.70 0.85 g 0.090 2.30 h 0.181 4.60 i 0.264 0.276 0.287 6.70 7. 0 0 7.30 j 0.009 0.010 0.014 0.24 0.26 0.35 k 10 max mt2 mt2 mt1 gate mt2 mt2 mt1 gate dimensions in millimeter s (inc hes) r ecommended s oldering f ootprint for so t223 1. 5 (0.059?) 1. 5 (0.059?) 3.3 (0.1 30?) 6.4 (0.252?) 4.6 (0.1 81?) 1. 2 (0.047?) 2.3 (0.091?) (3x) pad layout for sot-223 mt2 mt2 mt1 gate product selector part number voltage gate sensitivity quadrants package i ii iii iv L0103DE 400 v 3 ma 5 ma to-92 l01 03me 600 v 3 ma 5 ma to-92 l01 03ne 800 v 3 ma 5 ma to-92 l01 03dt 400 v 3 ma 5 ma sot-223 l01 03mt 600 v 3 ma 5 ma sot-223 l01 03nt 800 v 3 ma 5 ma sot-223 l01 07de 400 v 5 ma 7 ma to-92 l01 07me 600 v 5 ma 7 ma to-92 l01 07ne 800 v 5 ma 7 ma to-92 l01 07dt 400 v 5 ma 7 ma sot-223 l01 07mt 600 v 5 ma 7 ma sot-233 l01 07nt 800 v 5 ma 7 ma sot-233 l01 09de 400 v 10 ma 10 ma to-92 l01 09me 600 v 10 ma 10 ma to-92 l01 09ne 800 v 10 ma 10 ma to-92 l01 09dt 400 v 10 ma 10 ma sot-223 l01 09mt 600 v 10 ma 10 ma sot-223 l01 09nt 800 v 10 ma 10 ma sot-223 mt2 mt2 mt1 gate
49 revised: june 21, 2011 04:14 pm ?2011 littelfuse, inc teccor ? brand thyristors specifcations are subject to change without notice. please refer to http://www.littelfuse.com for current information. ev series 1 amp sensitive triacs l01 series packing options part number marking weight packing mode base quantity l01xxye l01xxye 0.170 g bulk 2500 l01xxyeap l01xxye 0.170 g ammo pack 2000 l01xxyerp l01xxye 0.170 g tape & reel 2000 l01xxytrp l01xxyt 0.120 g tape & reel 1000 note: xx = gate sensitivity, y = voltage to-92 (3-lead) reel pack (rp) radial leaded specifcations meets all eia-468-c standards to-92 (3-lead) ammo pack (ap) radial leaded specifcations meets all eia-468-c standards 0.708 (18.0) 1.6 (41.0) 0.5 (12.7) 0.1 (2.54) 0.2 (5.08) 0.236 (6.0) 0.02 (0.5) direction of feed dimensions are in inches (and millimeters). 1.97 (50.0) 14.17(360.0) flat up 1.26 (32.0) 0.098 (2.5) max mt1 mt2 gate 0.354 (9.0) 0.157 dia (4.0) flat down 25 devices per fold mt1 mt2 gate direction o f feed dimensions are in inche s (and millimeters) . 0.708 (18.0) 1.62 (41.2) 0.5 (12.7) 0.1 (2.54) 0.2 (5.08) 0.236 (6.0) 0.02 (0.5) 1.85 (47.0) 13.3 (338.0) 1.27 (32.2) 0.098 (2.5) max 12.2 (310.0) 1.85 (47.0) 0.354 (9.0) 0.157 dia (4.0)
50 revised: june 21, 2011 04:14 pm ?2011 littelfuse, inc teccor ? brand thyristors specifcations are subject to change without notice. please refer to http://www.littelfuse.com for current information. ev series 1 amp sensitive triacs l01 series triac series 01 current 01: 1a xx l x sensitivity & type 03: 3, 3, 3, 5ma triac 07: 5, 5, 5, 7ma triac 09: 10, 10, 10, 10ma triac voltage d: 400v m: 600v n: 800v xx xx package type e: to-92 t: sot-223 packing type blank: bulk pack rp : reel pack (to-92) : embossed carrier pack (sot-223) ap : ammo pack (to-92) part numbering system part marking system so t223 t o92 line1 = littelfuse pa rt number line2 = continuation?littelfuse pa rt number y = last digit of calendar y ear m = l etter month co de (a-l f or jan-dec) l = l ocation co de dd = calendar date 4 mm 8 mm 1 .5 mm 13 mm abor hole diameter 1 80 mm 1 3.4 mm 2 mm 12 mm mt1 ga te mt2 mt2 5.5 mm 1 .75 mm sot-223 reel pack (rp) specifcations


▲Up To Search▲   

 
Price & Availability of L0103DE

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X