Part Number Hot Search : 
14150 STTH30 F0805 TEF0511 2N6339 500RT 0TQCN F2012
Product Description
Full Text Search
 

To Download K7J161882B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  512kx36 & 1mx18 ddr ii sio b2 sram - 1 - rev 3.1 july. 2004 k7j163682b K7J161882B document title 512kx36-bit, 1mx18-bit ddr ii sio b2 sram the attached data sheets are prepared and approved by samsung electronics. samsung electronics co., ltd. reserve the right to change the specifications. samsung electronics will evaluate and reply to your requests and questions on the parameters of this device. if you have any ques- tions, please contact the samsung branch office near your office, call or contact headquarters. revision history rev. no. 0.0 0.1 0.2 0.3 0.4 0.5 0.6 1.0 2.0 3.0 3.1 remark advance preliminary preliminary preliminary preliminary preliminary preliminary final final final final history 1. initial document. 1. change the jtag block diagram 1. add the speed bin (-25) 1. correct the jtag id register definition 2. correct the ac timing parameter (delete the tkhk h max value) 1. change the maximum clock cycle time. 2. correct the 165fbga package ball size. 1. add the power up/down sequencing comment. 2. update the dc current parameter (icc and isb). 3. change the max. speed bin from -33 to -30. 1. change the isb1. 1. final spec release 1. delete the x8 org. 2. delete the 300mhz speed bin 1. add the 300mhz speed bin 1. change the stand-by current(i sb1 ) before after isb1 -30 : 230 260 -25 : 210 240 -20 : 190 220 -16 : 170 200 speed bin from to -30 200 230 -25 180 210 -20 160 190 -16 140 170 draft date dec. 16, 2002 dec. 26, 2002 jan. 27, 2003 mar. 20, 2003 april. 4, 2003 june. 20, 2003 oct. 20. 2003 oct. 31, 2003 nov. 28, 2003 june. 18, 2004 july. 28, 2004
512kx36 & 1mx18 ddr ii sio b2 sram - 2 - rev 3.1 july. 2004 k7j163682b K7J161882B 512kx36-bit, 1mx18-bit ddr ii sio b2 sram features functional block diagram  1.8v+0.1v/-0.1v power supply.  dll circuitry for wide output data valid window and future freguency scaling.  i/o supply voltage 1.5v+0.1v/-0.1v for 1.5v i/o, 1.8v+0.1v/ -0.1v for 1.8v i/o .  separate independent read and write data ports  hstl i/o  synchronous pipeline read with self timed late write.  registered address, control and data input/output.  full data coherency, providing most current data.  ddr(double data rate) interface on read and write ports.  fixed 2-bit burst for both read and write operation.  clock-stop supports to reduce current.  two input clocks(k and k ) for accurate ddr timing at clock rising edges only.  two input clocks for output data(c and c ) to minimize clock-skew and flight-time mismatches.  two echo clocks (cq and cq ) to enhance output data traceability.  single address bus.  byte write (x18, x36) function.  simple depth expansion with no data contention.  programmable output impedance.  jtag 1149.1 compatible test access port.  165fbga(11x15 ball array fbga) with body size of 13x15mm r/w address ld c c d(data in) add reg data reg clk gen ctrl logic 512kx36 (1mx18) memory array write driver k k bw x 36 (or 18) 4(or 2) select output control sense amps write/read decode output reg output select output driver notes : 1. numbers in ( ) are for x18 device 18 18 (or 19) q(data out) 36 (or 18) 36 72 (echo clock out) cq, cq organization part number cycle time access time unit x36 k7j163682b-fc30 3.3 0.45 ns k7j163682b-fc25 4.0 0.45 ns k7j163682b-fc20 5.0 0.45 ns k7j163682b-fc16 6.0 0.50 ns x18 K7J161882B-fc30 3.3 0.45 ns K7J161882B-fc25 4.0 0.45 ns K7J161882B-fc20 5.0 0.45 ns K7J161882B-fc16 6.0 0.50 ns ddr ii sram and double data rate ii comprise a new family of products developed by cypress, renesas, idt, nec and samsung techn ology. (or 18) (or 36) (or 18) 36 (or 19)
512kx36 & 1mx18 ddr ii sio b2 sram - 3 - rev 3.1 july. 2004 k7j163682b K7J161882B pin configurations (top view) k7j163682b(512kx36) notes : 1. * checked no connect(nc) pins are reserved for higher density address, i.e. 3a for 72mb, 9a for 36mb, 10a for 144mb an d 2a for 288mb. 2. bw 0 controls write to d0:d8, bw 1 controls write to d9:d17, bw 2 controls write to d18:d26 and bw 3 controls write to d27:d35. 1 2 3 4 5 6 7 8 9 10 11 a cq v ss/ sa* nc / sa* r/w bw 2 k bw 1 ld nc/sa* v ss/ sa* cq b q27 q18 d18 sa bw 3 kbw 0 sa d17 q17 q8 c d27 q28 d19 v ss sa sa sa v ss d16 q7 d8 d d28 d20 q19 v ss v ss v ss v ss v ss q16 d15 d7 e q29 d29 q20 v ddq v ss v ss v ss v ddq q15 d6 q6 f q30 q21 d21 v ddq v dd v ss v dd v ddq d14 q14 q5 g d30 d22 q22 v ddq v dd v ss v dd v ddq q13 d13 d5 h doff v ref v ddq v ddq v dd v ss v dd v ddq v ddq v ref zq j d31 q31 d23 v ddq v dd v ss v dd v ddq d12 q4 d4 k q32 d32 q23 v ddq v dd v ss v dd v ddq q12 d3 q3 l q33 q24 d24 v ddq v ss v ss v ss v ddq d11 q11 q2 m d33 q34 d25 v ss v ss v ss v ss v ss d10 q1 d2 n d34 d26 q25 v ss sa sa sa v ss q10 d9 d1 p q35 d35 q26 sa sa c sa sa q9 d0 q0 r tdo tck sa sa sa c sa sa sa tms tdi pin name notes: 1. c, c, k or k cannot be set to v ref voltage. 2. when zq pin is directly connected to v dd output impedance is set to minimum value and it cannot be connected to ground or left unconnected . 3. not connected to chip pad internally. symbol pin numbers description note k, k 6b, 6a input clock c, c 6p, 6r input clock for output data 1 cq, cq 11a, 1a output echo clock doff 1h dll disable when low sa 4b,8b,5c-7c,5n-7n,4p,5p,7p,8p,3r-5r,7r-9r address inputs d0-35 10p,11n,11m,10k,11j,11g,10e,11d,11c,10n,9m,9l 9j,10g,9f,10d,9c,9b,3b,3c,2d,3f,2g,3j,3l,3m,2n 1c,1d,2e,1g,1j,2k,1m,1n,2p data inputs q0-35 11p,10m,11l,11k,10j,11f,11e,10c,11b,9p,9n,10l 9k,9g,10f,9e,9d,10b,2b,3d,3e,2f,3g,3k,2l,3n 3p,1b,2c,1e,1f,2j,1k,1l,2m,1p data outputs r/w 4a read, write control pin, read active when high ld 8a synchronous load pin, bus cycle sequence is to be defined when low bw 0 , bw 1, bw 2 , bw 3 7b,7a,5a,5b block write control pin,active when low v ref 2h,10h input reference voltage zq 11h output driver impedance control input 2 v dd 5f,7f,5g,7g,5h,7h,5j,7j,5k,7k power supply ( 1.8 v ) v ddq 4e,8e,4f,8f,4g,8g,3h,4h,8h,9h,4j,8j,4k,8k,4l,8l output power supply ( 1.5v or 1.8v ) v ss 2a,10a,4c,8c,4d-8d,5e-7e,6f,6g,6h,6j,6k,5l-7l,4m, 8m,4n,8n ground tms 10r jtag test mode select tdi 11r jtag test data input tck 2r jtag test clock tdo 1r jtag test data output nc 3a, 9a no connect 3
512kx36 & 1mx18 ddr ii sio b2 sram - 4 - rev 3.1 july. 2004 k7j163682b K7J161882B pin configurations (top view) K7J161882B(1mx18) notes: 1. * checked no connect(nc) pins are reserved for higher density address, i.e. 3a for 36mb, 10a for 72mb and 2a for 144mb. 2. bw 0 controls write to d0:d8 and bw 1 controls write to d9:d17. 1 2 3 4 5 6 7 8 9 10 11 a cq v ss/ sa* nc/sa* r/w bw 1 k nc ld sa v ss/ sa* cq b nc q9 d9 sa nc k bw 0 sa nc nc q8 c nc nc d10 v ss sa sa sa v ss nc q7 d8 d nc d11 q10 v ss v ss v ss v ss v ss nc nc d7 e nc nc q11 v ddq v ss v ss v ss v ddq nc d6 q6 f nc q12 d12 v ddq v dd v ss v dd v ddq nc nc q5 g nc d13 q13 v ddq v dd v ss v dd v ddq nc nc d5 h doff v ref v ddq v ddq v dd v ss v dd v ddq v ddq v ref zq j nc nc d14 v ddq v dd v ss v dd v ddq nc q4 d4 k nc nc q14 v ddq v dd v ss v dd v ddq nc d3 q3 l nc q15 d15 v ddq v ss v ss v ss v ddq nc nc q2 m nc nc d16 v ss v ss v ss v ss v ss nc q1 d2 n nc d17 q16 v ss sa sa sa v ss nc nc d1 p nc nc q17 sa sa c sa sa nc d0 q0 r tdo tck sa sa sa c sa sa sa tms tdi pin name notes: 1. c, c, k or k cannot be set to v ref voltage. 2. when zq pin is directly connected to v dd output impedance is set to minimum value and it cannot be connected to ground or left unconnected . 3. not connected to chip pad internally. symbol pin numbers description note k, k 6b, 6a input clock c, c 6p, 6r input clock for output data 1 cq, cq 11a, 1a output echo clock doff 1h dll disable when low sa 9a,4b,8b,5c-7c,5n-7n,4p,5p,7p,8p,3r-5r,7r-9r address inputs d0-17 10p,11n,11m,10k,11j,11g,10e,11d,11c,3b,3c,2d, 3f,2g,3j,3l,3m,2n data inputs q0-17 11p,10m,11l,11k,10j,11f,11e,10c,11b,2b,3d,3e, 2f,3g,3k,2l,3n,3p data outputs r/w 4a read, write control pin, read active when high ld 8a synchronous load pin, bus cycle sequence is to be defined when low bw 0 , bw 1 7b, 5a block write control pin,active when low v ref 2h,10h input reference voltage zq 11h output driver impedance control input 2 v dd 5f,7f,5g,7g,5h,7h,5j,7j,5k,7k power supply ( 1.8 v ) v ddq 4e,8e,4f,8f,4g,8g,3h,4h,8h,9h,4j,8j,4k,8k,4l,8l output power supply ( 1.5v or 1.8v ) v ss 2a,10a,4c,8c,4d-8d,5e-7e,6f,6g,6h,6j,6k,5l-7l,4m-8m,4n,8n ground tms 10r jtag test mode select tdi 11r jtag test data input tck 2r jtag test clock tdo 1r jtag test data output nc 3a,7a,1b,5b,9b,10b,1c,2c,9c,1d,9d,10d,1e,2e,9e,1f,9f, 10f,1g,9g,10g,1j,2j,9j,1k,2k,9k,1l,9l,10l,1m,2m, 9m,1n,9n,10n,1p,2p,9p no connect 3
512kx36 & 1mx18 ddr ii sio b2 sram - 5 - rev 3.1 july. 2004 k7j163682b K7J161882B the k7j163682b and K7J161882B are 18,874,368-bits ddr separate i/o synchronous pipelined burst srams. they are organized as 524,288 words by 36bits for k7j163682b and 1,048,576 words by 18 bits for K7J161882B . the ddr sio operation is possible by supporting ddr read and write operations through separate data output and input ports. memory bandwidth is higher than ddr sram without separate input output as separate read and write ports eliminate bus turn around cycle. address, data inputs, and all control signals are synchronized to the input clock ( k or k ). normally data outputs are synchronized to output clocks ( c and c ), but when c and c are tied high, the data outputs are synchronized to the input clocks ( k and k ). read data are referenced to echo clock ( cq or cq ) outputs. read address and write address are registered on rising edges of the input k clocks. common address bus is used to access address both for read and write operations. the internal burst counter is fiexd to 2-bit sequential for both read and write operations. synchronous pipeline read and late write enable high speed operations. simple depth expansion is accomplished by using ld for port selection. byte write operation is supported with bw 0 and bw 1 ( bw 2 and bw 3) pins for x18 ( x36 ) device. ieee 1149.1 serial boundary scan (jtag) simplifies monitoriing package pads attachment status with system. the k7j163682b and K7J161882B are implemented with samsung's high performance 6t cmos technology and is available in 165pin fbga packages. multiple power and ground pins minimize ground bounce. general description read operations read cycles are initiated by initiating r/w as high at the rising edge of the positive input clock k. address is presented and stored in the read address register synchronized with k clock. for 2-bit burst ddr operation, it will access two 36-bit or 18-bit data words with each read command. the first pipelined data is transfered out of the device triggered by c clock following next k clock rising edge. next burst data is triggered by the rising edge of following c clock rising edge. continuous read operations are initated with k clock rising edge. and pipelined data are transferred out of device on every rising edge of both c and c clocks. in case c and c tied to high, output data are triggered by k and k insted of c and c . when the ld is disabled after a read operation, the k7j163682b and K7J161882B will first complete burst read operation before entering into deselect mode at the next k clock rising edge. then output drivers disabled automatically to high impedance state. echo clock operation to assure the output tracibility, the sram provides the output echo clock, pair of compliment clock cq and cq , which are synchronized with internal data output. echo clocks run free during normal operation. the echo clock is triggered by internal output clock signal, and transfered to external through same structures as output driver. the following power-up supply voltage application is recommended: v ss , v dd , v ddq , v ref , then v in . v dd and v ddq can be applied simultaneously, as long as v ddq does not exceed v dd by more than 0.5v during power-up. the following power-down supply voltage removal sequence is recommended: v in , v ref , v ddq , v dd , v ss . v dd and v ddq can be removed simultaneously, as long as v ddq does not exceed v dd by more than 0.5v during power-down. power-up/power-down supply voltage sequencing
512kx36 & 1mx18 ddr ii sio b2 sram - 6 - rev 3.1 july. 2004 k7j163682b K7J161882B write cycles are initiated by activating r/w as low at the rising edge of the positive input clock k. address is presented and stored in the write address register synchronized with next k clock. for 2-bit burst ddr operation, it will write two 36-bit or 18-bit data words with each write command. the first "late writed" data is transfered and registered in to the device synchronous with next k clock rising edge. next burst data is transfered and registered synchronous with following k clock rising edge. continuous write operations are initated with k rising edge. and "late writed" data is presented to the device on every rising edge of both k and k clocks. when the ld is disabled, the k7j163682b and K7J161882B will enter into deselect mode. the device disregards input data presented on the same cycle w disabled. the k7j163682b and K7J161882B support byte write operations. with activating bw 0 or bw 1 ( bw 2 or bw 3 ) in write cycle, only one byte of input data is presented. in K7J161882B, bw 0 controls write operation to d0:d8, bw 1 controls write operation to d9:d17. and in k7j163682b bw 2 controls write operation to d18:d26, bw 3 controls write operation to d27:d35. write operations programmable impedance output buffer operation single clock mode depth expansion the designer can program the sram's output buffer impedance by terminating the zq pin to v ss through a precision resistor(rq). the value of rq (within 15%) is five times the output impedance desired. for example, 250 ? resistor will give an output impedance of 50 ? . impedance updates occur early in cycles that do not activate the outputs, such as deselect cycles. in all cases impedance updates are transparent to the user and do not produce access time "push-outs" or other anomalous behav- ior in the sram. there are no power up requirements for the sram. however, to guarantee optimum output driver impedance after power up, the sram needs 1024 non-read cycles. k7j163682b and K7J161882B can be operated with the single clock pair k and k , insted of c or c for output clocks. to operate these devices in single clock mode, c and c must be tied high during power up and must be maintained high during operation. after power up, this device can t change to or from single clock mode. system flight time and clock skew could not be compensated in this mode. separate input and output ports enables easy depth expansion. each port can be selected and deselected independently with r/w be shared among all srams and provide a new ld signal for each bank. before chip deselected, all read and write pending operations are completed. clock consideration k7j163682b and K7J161882B utlizes internal dll(delay-locked loops) for maximum output data valid window. it can be placed into a stopped-clock state to minimize power with a modest restart time of 1024 clock cycles. circuitry automatically resets the dll when absence of input clock is detected.
512kx36 & 1mx18 ddr ii sio b2 sram - 7 - rev 3.1 july. 2004 k7j163682b K7J161882B state diagram notes : 1. internal burst counter is fixed as 2-bit linear, i.e. when first address is a0+0, next internal burst address is a0+1. 2. "load" refers to read new address active status with ld =low, "load " refers to read new address inactive status with ld =high. 3. "read" refers to read active read status with r/w =high, "write" refers to write active status with r/w =low load load load load power-up nop load new address ddr read ddr write load load read write
512kx36 & 1mx18 ddr ii sio b2 sram - 8 - rev 3.1 july. 2004 k7j163682b K7J161882B write truth table (x18) notes: 1. x means "don t care". 2. all inputs in this table must meet setup and hold time around the rising edge of input clock k or k ( ). 3. assumes a write cycle was initiated. 4. this table illustates operation for x18 devices. k k bw 0 bw 1 operation l l write all bytes ( k ) l l write all bytes ( k ) l h write byte 0 ( k ) l h write byte 0 ( k ) h l write byte 1 ( k ) h l write byte 1 ( k ) h h write nothing ( k ) h h write nothing ( k ) write truth table (x36) notes: 1. x means "don t care". 2. all inputs in this table must meet setup and hold time around the rising edge of input clock k or k ( ). 3. assumes a write cycle was initiated. k k bw 0 bw 1 bw 2 bw 3 operation llll write all bytes ( k ) llll write all bytes ( k ) l h h h write byte 0 ( k ) l h h h write byte 0 ( k ) h l h h write byte 1 ( k ) h l h h write byte 1 ( k ) h h l l write byte 2 and byte 3 ( k ) h h l l write byte 2 and byte 3 ( k ) hhhh write nothing ( k ) hhhh write nothing ( k ) truth tables synchronous truth table notes: 1. x means "don t care". 2. the rising edge of clock is symbolized by ( ). 3. before enter into clock stop status, all pending read and write operations will be completed. k ld r/w d q operation d(a0) d(a1) q(a0) q(a1) stopped x x previous state previous state previous state previous state clock stop h x x x high-z high-z no operation l hx xd out at c (t+1) d out at c(t+2) read l l din at k(t+1) din at k (t+1) high-z high-z write
512kx36 & 1mx18 ddr ii sio b2 sram - 9 - rev 3.1 july. 2004 k7j163682b K7J161882B absolute maximum ratings* *note: 1. stresses greater than those listed under "absolute maximum ratings" may cause permanent damage to the device. this is a stre ss rating only and functional operation of the device at these or any other conditions above those indicated in the operat ing sections of this specification is not implied. exposure to absolute maximum rating conditions for extended periods may affect reliability. 2. v ddq must not exceed v dd during normal operation. parameter symbol rating unit voltage on v dd supply relative to v ss v dd -0.5 to 2.9 v voltage on v ddq supply relative to v ss v ddq -0.5 to v dd v voltage on input pin relative to v ss v in -0.5 to v dd+ 0.3 v storage temperature t stg -65 to 150 c operating temperature t opr 0 to 70 c storage temperature range under bias t bias -10 to 85 c dc electrical characteristics (v dd =1.8v 0.1v, t a =0 c to +70 c) notes: 1. minimum cycle. i out =0ma. 2. |i oh |=(v ddq /2)/(rq/5) 15% for 175 ? rq 350 ? . 3. |i ol |=(v ddq /2)/(rq/5) 15% for 175 ? rq 350 ? . 4. minimum impedance mode when zq pin is connected to v ddq . 5. operating current is calculated with 50% read cycles and 50% write cycles. 6. standby current is only after all pending read and write burst opeactions are completed. 7. programmable impedance mode. 8. these are dc test criteria. dc design criteria is v ref 50mv. the ac v ih /v il levels are defined separately for measuring timing parameters. 9. v il (min)dc= - 0.3v, v il (min)ac=-1.5v(pulse width 3ns). 10. v ih (max)dc= v ddq +0.3, v ih (max)ac= v ddq +0.85v(pulse width 3ns). parameter symbol test conditions min max unit note input leakage current i il v dd =max ; v in =v ss to v ddq -2 +2 a output leakage current i ol output disabled, -2 +2 a operating current (x36) : ddr i cc v dd =max , i out =0ma cycle time t khkh min -30 - 600 ma 1,5 -25 - 550 -20 - 500 -16 450 operating current (x18) : ddr i cc v dd =max , i out =0ma cycle time t khkh min -30 - 500 ma 1,5 -25 - 450 -20 - 400 -16 350 standby current(nop): ddr i sb1 device deselected, i out =0ma, f=max, all inputs 0.2v or v dd -0.2v -30 - 260 ma 1,6 -25 - 240 -20 - 220 -16 - 200 output high voltage v oh1 v ddq /2-0.12 v ddq /2+0.12 v 2,7 output low voltage v ol1 v ddq /2-0.12 v ddq /2+0.12 v 3,7 output high voltage v oh2 i oh =-1.0ma v ddq -0.2 v ddq v4 output low voltage v ol2 i ol =1.0ma v ss 0.2 v 4 input low voltage v il -0.3 v ref -0.1 v 8,9 input high voltage v ih v ref +0.1 v ddq +0.3 v 8,10
512kx36 & 1mx18 ddr ii sio b2 sram - 10 - rev 3.1 july. 2004 k7j163682b K7J161882B note: for power-up, v ih v ddq +0.3v and v dd 1.7v and v ddq 1.4v t 200ms v ddq v il v ddq +0.5v 20% t khkh (min) v ss v ih v ss -0.5v 20% t khkh (min) undershoot timing overershoot timing operating conditions (0 c t a 70 c) parameter symbol min max unit supply voltage v dd 1.7 1.9 v v ddq 1.4 1.9 v reference voltage v ref 0.68 0.95 v ground v ss 00v v ddq /2 50 ? sram zo=50 ? 0.75v v ref zq 250 ? ac test output load ac test conditions note : parameters are tested with rq=250 ? parameter symbol value unit core power supply voltage v dd 1.7~1.9 v output power supply voltage v ddq 1.4~1.9 v input high/low level v ih /v il 1.25/0.25 v input reference level v ref 0.75 v input rise/fall time t r /t f 0.3/0.3 ns output timing reference level v ddq /2 v ac electrical characteristics (v dd =1.8v 0.1v, t a =0 c to +70 c) notes: 1. this condition is for ac function test only, not for ac parameter test. 2. to maintain a valid level, the transitioning edge of the input must : a) sustain a constant slew rate from the current ac level through the target ac level, v il(ac) or v ih(ac) b) reach at least the target ac level c) after the ac target level is reached, continue to maintain at least the target dc level, v il(dc) or v ih(dc) parameter symbol min max unit notes input high voltage v ih (ac) v ref + 0.2 - v 1,2 input low voltage v il (ac) - v ref - 0.2 v 1,2 v ddq +0.25v v ss -0.25v
512kx36 & 1mx18 ddr ii sio b2 sram - 11 - rev 3.1 july. 2004 k7j163682b K7J161882B ac timing characteristics (v dd =1.8v 0.1v, t a =0 c to +70 c) notes : 1. all address inputs must meet the specified setup and hold times for all latching clock edges. 2. control singles are r , w ,bw 0 ,bw 1 and (nw 0 , nw 1 , for x8) and (bw 2 , bw 3 , also for x36) 3. if c,c are tied high, k,k become the references for c,c timing parameters. 4. to avoid bus contention, at a given voltage and temperature tchqx 1 is bigger than tchqz. the specs as shown do not imply bus contention beacuse tchqx 1 is a min parameter that is worst case at totally different test conditions (0 c, 1.9v) than tchqz, which is a max parameter(worst case at 70 c, 1.7v) it is not possible for two srams on the same board to be at such different voltage and temperature. 5. clock phase jitter is the variance from clock rising edge to the next expected clock rising edge. 6. vdd slew rate must be less than 0.1v dc per 50 ns for dll lock retention. dll lock time begins once vdd and input clock are stable. 7. echo clock is very tightly controlled to data valid/data hold. by design, there is a 0.1 ns variation from echo clock to data. the data sheet parameters reflect tester guardbands and test setup variations. parameter symbol -30 -25 -20 -16 unit note min max min max min max min max clock clock cycle time (k, k , c, c )t khkh 3.30 5.25 4.00 6.30 5.00 7.88 6.00 8.40 ns clock phase jitter (k, k , c, c )t kc var 0.20 0.20 0.20 0.20 ns 5 clock high time (k, k , c, c )t khkl 1.32 1.60 2.00 2.40 ns clock low time (k, k , c, c )t klkh 1.32 1.60 2.00 2.40 ns clock to clock (k k , c c ) t khk h 1.49 1.80 2.20 2.70 ns clock to data clock (k c , k c ) t khch 0.00 1.45 0.00 1.80 0.00 2.30 0.00 2.80 ns dll lock time (k, c) t kc lock 1024 1024 1024 1024 cycle 6 k static to dll reset t kc reset 30 30 30 30 ns output times c, c high to output valid t chqv 0.45 0.45 0.45 0.50 ns 3 c, c high to output hold t chqx -0.45 -0.45 -0.45 -0.50 ns 3 c, c high to echo clock valid t chcqv 0.45 0.45 0.45 0.50 ns c, c high to echo clock hold t chcqx -0.45 -0.45 -0.45 -0.50 ns cq, cq high to output valid t cqhqv 0.27 0.30 0.35 0.40 ns 7 cq, cq high to output hold t cqhqx -0.27 -0.30 -0.35 -0.40 ns 7 c, high to output high-z t chqz 0.45 0.45 0.45 0.50 ns 3 c, high to output low-z t chqx1 -0.45 -0.45 -0.45 -0.50 ns 3 setup times address valid to k rising edge t avkh 0.40 0.50 0.60 0.70 ns control inputs valid to k rising edge t ivkh 0.40 0.50 0.60 0.70 ns 2 data-in valid to k, k rising edge t dvkh 0.30 0.35 0.40 0.50 ns hold times k rising edge to address hold t khax 0.40 0.50 0.60 0.70 ns k rising edge to control inputs hold t khix 0.40 0.50 0.60 0.70 ns k, k rising edge to data-in hold t khdx 0.30 0.35 0.40 0.50 ns
512kx36 & 1mx18 ddr ii sio b2 sram - 12 - rev 3.1 july. 2004 k7j163682b K7J161882B application inrormation thermal resistance note : junction temperature is a function of on-chip power dissipation, package thermal impedance, mounting site temperature and mou nting site thermal impedance. t j =t a + p d x ja prmeter symbol typ unit notes junction to ambient ja 17.1 c /w junction to case jc 3.3 c /w pin capacitance note : 1. parameters are tested with rq=250 ? and v ddq =1.5v. 2. periodically sampled and not 100% tested. prmeter symbol testcondition typ max unit notes address control input capacitance c in v in =0v 4 5 pf input and output capacitance c out v out =0v 6 7 pf clock capacitance c clk -56pf sram#1 d sa r w bw 0 q zq k cc sram#4 r vt vt vt r=50 ? vt=v ref vt vt r r=250 ? bw 1 k d sa r w bw 0 q k cc bw 1 k data in data out address r w bw return clk source clk return clk source clk memory controller cq cq zq r=250 ? cq cq zq sram1 input cq sram1 input cq sram4 input cq sram4 input cq
512kx36 & 1mx18 ddr ii sio b2 sram - 13 - rev 3.1 july. 2004 k7j163682b K7J161882B timing wave forms of read,write and nop d3-1 12345678 nop read read write write read nop nop (burst of 2) (burst of 2) (burst of 2) (burst of 2) (burst of 2) d3-2 d4-1 d4-2 q1-1 q1-2 q2-1 q2-2 t dvkh t khdx t dvkh t khdx t chqv t chqv t chqx1 t chqx t chqx t chqz q5-1 q5-2 t cqhqv t khkl t klkh t khkh t khk h t chcqv t chcqx t chcqx t khch t khch t khkl t klkh t khkh t khk h t ivkh t khix a2 a1 a3 a4 a5 k ld r/w k a d q c c cq cq t avkh t khax t chcqv qxx note : 1. q1-1 refers to output from address a1+0, q1-2 refers to output from address a1+1 i.e. the next internal burst address follow ing a1+0. 2. outputs are disabled one cycle after a nop. 3. d3-1 refers to input to address a3+0, d3-2 refers to input to address a3+1, i.e the next internal burst address fo llowing a3+0. 4. if address a4=a5, data q5-1=d4-1, data q5-2=d4-2. write data is forwarded immediately as read results.
512kx36 & 1mx18 ddr ii sio b2 sram - 14 - rev 3.1 july. 2004 k7j163682b K7J161882B ieee 1149.1 test access port and boundary scan-jtag this part contains an ieee standard 1149.1 compatible test access port(tap). the package pads are monitored by the serial scan circuitry when in test mode. this is to support connectivity testing during manufacturing and system diagnostics. internal data is not driven out of the sram under jtag control. in conformance with ieee 1149.1, the sram contains a tap controller, instruction reg - ister, bypass register and id register. the tap controller has a standard 16-state machine that resets internally upon power-up , therefore, trst signal is not required. it is possible to use this device without utilizing the tap. to disable the tap control ler without interfacing with normal operation of the sram, tck must be tied to v ss to preclude mid level input. tms and tdi are designed so an undriven input will produce a response identical to the application of a logic 1, and may be left unconnected. but they may als o be tied to v dd through a resistor. tdo should be left unconnected. tap controller state diagram jtag block diagram test logic reset run test idle 0 11 1 1 0 0 0 1 0 1 1 0 0 0 1 0 1 1 1 0 0 0 0 0 0 0 select dr capture dr shift dr exit1 dr pause dr exit2 dr update dr select ir capture ir shift ir exit1 ir pause ir exit2 ir update ir 1 1 1 1 1 jtag instruction coding note : 1. places dqs in hi-z in order to sample all input data regardless of other sram inputs. this instruction is not ieee 1149.1 compliant. 2. places dqs in hi-z in order to sample all input data regardless of other sram inputs. 3. tdi is sampled as an input to the first id register to allow for the serial shift of the external tdi data. 4. bypass register is initiated to v ss when bypass instruction is invoked. the bypass register also holds serially loaded tdi when exiting the shift dr states. 5. sample instruction dose not places dqs in hi-z. 6. this instruction is reserved for future use. ir2 ir1 ir0 instruction tdo output notes 0 0 0 extest boundary scan register 1 0 0 1 idcode identification register 3 0 1 0 sample-z boundary scan register 2 0 1 1 reserved do not use 6 1 0 0 sample boundary scan register 5 1 0 1 reserved do not use 6 1 1 0 reserved do not use 6 1 1 1 bypass bypass register 4 sram core bypass reg. identification reg. instruction reg. control signals tap controller tdo tdi tms tck cq k,k c,c a,d q cq
512kx36 & 1mx18 ddr ii sio b2 sram - 15 - rev 3.1 july. 2004 k7j163682b K7J161882B id register definition note : part configuration /def=001 for 18mb, /wx=11 for x36, 10 for x18 /t=1 for dll ver., 0 for non-dll ver. /q=1 for qdr, 0 for ddr /b=1 for 4bit burst, 0 for 2bit burst /s=1 for separa te i/o, 0 for common i/o part revision number (31:29) part configuration (28:12) samsung jedec code (11: 1) start bit(0) 512kx36 000 00def0wx0t0q0b0s0 00001001110 1 1mx18 000 00def0wx0t0q0b0s0 00001001110 1 scan register definition part instruction register bypass register id register boundary scan 512kx36 3 bits 1 bit 32 bits 107 bits 1mx18 3 bits 1 bit 32 bits 107 bits note : 1. nc pins are read as "x" ( i.e. don t care.) order pin id 37 10d 38 9e 39 10c 40 11d 41 9c 42 9d 43 11b 44 11c 45 9b 46 10b 47 11a 48 internal 49 9a 50 8b 51 7c 52 6c 53 8a 54 7a 55 7b 56 6b 57 6a 58 5b 59 5a 60 4a 61 5c 62 4b 63 3a 64 1h 65 1a 66 2b 67 3b 68 1c 69 1b 70 3d 71 3c 72 1d order pin id 73 2c 74 3e 75 2d 76 2e 77 1e 78 2f 79 3f 80 1g 81 1f 82 3g 83 2g 84 1j 85 2j 86 3k 87 3j 88 2k 89 1k 90 2l 91 3l 92 1m 93 1l 94 3n 95 3m 96 1n 97 2m 98 3p 99 2n 100 2p 101 1p 102 3r 103 4r 104 4p 105 5p 106 5n 107 5r order pin id 16r 26p 36n 47p 57n 67r 78r 88p 99r 10 11p 11 10p 12 10n 13 9p 14 10m 15 11n 16 9m 17 9n 18 11l 19 11m 20 9l 21 10l 22 11k 23 10k 24 9j 25 9k 26 10j 27 11j 28 11h 29 10g 30 9g 31 11f 32 11g 33 9f 34 10f 35 11e 36 10e boundary scan exit order
512kx36 & 1mx18 ddr ii sio b2 sram - 16 - rev 3.1 july. 2004 k7j163682b K7J161882B jtag dc operating conditions note : 1. the input level of sram pin is to follow the sram dc specification . parameter symbol min typ max unit note power supply voltage v dd 1.7 1.8 1.9 v input high level v ih 1.3 - v dd +0.3 v input low level v il -0.3 - 0.5 v output high voltage(i oh =-2ma) v oh 1.4 - v dd v output low voltage(i ol =2ma) v ol v ss -0.4v jtag timing diagram jtag ac characteristics parameter symbol min max unit note tck cycle time t chch 50 - ns tck high pulse width t chcl 20 - ns tck low pulse width t clch 20 - ns tms input setup time t mvch 5-ns tms input hold time t chmx 5-ns tdi input setup time t dvch 5-ns tdi input hold time t chdx 5-ns sram input setup time t svch 5-ns sram input hold time t chsx 5-ns clock low to output valid t clqv 010ns jtag ac test conditions note : 1. see sram ac test output load on page 11. parameter symbol min unit note input high/low level v ih /v il 1.8/0.0 v input rise/fall time tr/tf 1.0/1.0 ns input and output timing reference level 0.9 v 1 tck tms tdi pi t chch t mvch t chmx t chcl t clch t dvch t chdx t clqv tdo (sram) t svch t chsx
512kx36 & 1mx18 ddr ii sio b2 sram - 17 - rev 3.1 july. 2004 k7j163682b K7J161882B 165 fbga package dimensions side view 13mm x 15mm body, 1.0mm bump pitch, 11x15 ball array bottom view top view symbol value units note symbol value units note a 13 0.1 mm e 1.0 mm b 15 0.1 mm f 14.0 mm c 1.3 0.1 mm g 10.0 mm d 0.35 0.05 mm h 0.5 0.05 mm c f b ? h g a b a d e e


▲Up To Search▲   

 
Price & Availability of K7J161882B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X