Part Number Hot Search : 
TC1226 5M0965 104ML 110N055 SL161 P50N06 PCD3311 S8035
Product Description
Full Text Search
 

To Download JAN2N72241N6036 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  t4 - lds - 0097, rev . 3 (1 2 0714) ?201 2 microsemi corporation page 1 of 7 1n6036 ( a ) thru 1n6072 ( a ) available on commercial versions 1500 watt bidirectional transient voltage suppessor qualified per mil - prf - 19500/507 qualified levels : jan, jantx, and jantxv description do - 1 3 (do - 202aa) package also available in : do - 13 package (unidirectional) 1n5629 ? 1n5665a case 1 package (plastic equivalent) 1.5ke6.8c ? 1.5ke220ca do - 215ab package (gull - wing) smcg5.0 ? smcg170a do - 214ab package (j - bend) smcj5.0 ? smcj170a msc ? lawrence 6 lake street, lawrence, ma 01841 tel: 1 - 800- 446- 1158 or (978) 620 - 2600 fax: (978) 689 - 0803 msc ? ireland gort road business park, ennis, co. clare, ireland tel: +353 (0) 65 6840044 fax: +353 (0) 65 6822298 website: www.micro semi.com this popular transient voltage suppressor (tvs) series for 1n6036 thru 1n6072a are jedec registered selections for bidirectional devices. all have the same high peak pulse power rating of 1500 w with extremely fast response times. they are als o available in military qualified selections as described in the ? features ? section herein. they are most often used for protecting against transients from inductive switching environments, induced rf effects, or induced secondary lightning effects as fou nd in lower surge levels of iec61000 - 4 - 5. they are also very successful in protecting airborne avionics and electrical systems. since their response time is virtually instantaneous, they can also protect from esd and eft per iec61000 - 4 - 2 and iec61000 - 4 - 4 . important: for the latest information, visit our website http://www.microsemi.com . features ? bidirectional tvs series in axial packages for thru - hole mounting. ? suppresses transients up to 1500 watts @ 10/10 00 s (see figure 1 ) . ? clamps transient s in less than 100 pico seconds . ? working voltage (v wm ) range 5.5 v to 185 v . ? hermetic ally sealed do - 13 metal package . ? jan , jan tx , jan txv military qualifications also available per mil - prf - 19500/507 for the tighter tolerance ?a? suffix types by adding the jan, jantx, or jantxv prefix, e.g. jantxv1n6036a, etc. ? rohs compliant versions available (commercial grade only) . applications / benefits ? protection from switching transients and ind uced rf . ? protection from esd & eft per iec 61000 - 4 - 2 and iec 61000 - 4 - 4 . ? secondary lightning protection per iec61000 - 4 - 5 with 42 ohms source impedance: class 1: 1n6036 to 1n6072a class 2: 1n6036 to 1n6067a class 3: 1n6036 to 1n6061a class 4: 1n 6036 to 1n6054a ? secondary lightning protection per iec61000 - 4 - 5 with 12 ohms source impedance: class 1: 1n6036 to 1n6064a class 2: 1n6036 to 1n6057a class 3: 1n6036 to 1n6049a class 4: 1n6036 to 1n6042a ? secondary lightning protection per iec61000 - 4 - 5 with 2 ohms source impedance: class 2: 1n6036 to 1n6048a class 3: 1n6036 to 1n6041a ? inherently radiation hard as described in microsemi ? micronote 050 ? .
t4 - lds - 0097, rev . 3 (1 2 0714) ?201 2 microsemi corporation page 2 of 7 1n6036 ( a ) thru 1n6072 ( a ) m axim um ra tings parameters/test conditions symbol value unit junction and storage temp erature t j and t stg - 5 5 to +175 oc peak pulse power @ t l = +25 oc (1) p pp 1500 w rated a verage p ower d issipation @ t l +125 oc (2) p m(av) 1 w solder temperature @ 10 s t s p 260 o c notes : 1. at 10/1000 us with repetition rate of 0.01% or less (see figures 1, 2, & 4 ). 2. at 10 mm from body (see derating in figure 3 and note below). mechanical and packaging x c ase: do - 13 (do - 202aa), welded, hermetically sealed metal and glass . x terminal s : a ll external metal surfaces are tin - l ead plated and solderable per mil - std - 750 method 2026 . x marking: part number . x polarity: not applicable for bidirectional tvs . x tape & reel option: standard per eia - 296 (add ?tr? suffix to part number) . consult factory for quantities. x w eight: approx 1.4 grams. x see p ackage d imensions on last page. part nomenclature jan 1n 6036 a (e3) reliabili ty level jan = jan level jantx = jantx level jantxv = jantxv level ( all of the above r eq uire ?a? suffix ) blank = commercial jedec type number ( see electrical characteristic s t able ) rohs compliance e3 = rohs c ompliant ( av ailable on commercial grade only ) blank = non - rohs c ompliant voltage tolerance a = 5 % blank = 1 0% symbols & definitions symbol definition v wm standoff voltage: applied reverse voltage to assure a nonconductive condition. v (br) breakdown voltage: this is the breakdown voltage the device will exhibit at 25 o c . v c maximum clamping voltage: the maximum peak voltage appearing across the tvs when subjected to the peak pulse current in a one millisecond time interval. the peak pulse voltage is the co mbination of voltage rise due to both the series resistance and thermal rise and positive temperature coefficient ( d v(br) ) . i pp peak pulse current: the peak current during the impulse . (see figure 2 ) p pp peak pulse power: t he pulse power as determined by the product of v c and i pp . i d standby current: the current at the standoff voltage (v wm ). i (br) breakdown current: the current used for measuring breakdown voltage ( v (br) ) .
t4 - lds - 0097, rev . 3 (1 2 0714) ?201 2 microsemi corporation page 3 of 7 1n6036 ( a ) thru 1n6072 ( a ) electrical characteristics @ 25 o c (test bot h polarities) jedec type no. rated standoff voltage v wm breakdown voltage v (br) maximum clamping voltage v c @ i pp maximum standby current i d @ v wm maximum peak pulse current i pp (see fig. 2 ) maximum temperature coeffi cient of v (br) v (br) min v (br) max @ i (br) volts volts volts ma volts a amps v(br) %/ o c 1n6036 *1n6036a 1n6037 *1n6037a 5.5 6.0 6.5 7.0 6.75 7.13 7.38 7.79 8.25 7.88 9.02 8.61 10 10 10 10 11.7 11.3 12.5 12.1 1000 1000 500 500 128 132 120 124 .061 .061 .065 .065 1n6038 *1n6038a 1n6039 *1n6039a 7.0 7.5 8.0 8.5 8.19 8.65 9.0 9.5 10.00 9.55 11.0 10.5 10 10 1 1 13.8 13.4 15.0 14.5 200 200 50 50 109 112 100 103 .068 .068 .073 .073 1n6040 *1n6040a 1n6041 *1n6041a 8.5 9.0 9 .0 10.0 9.9 10.5 10.8 11.4 12.1 11.6 13.2 12.6 1 1 1 1 16.2 15.6 17.3 16.7 10 10 5 5 93 96 87 90 .075 .075 .078 .078 1n6042 *1n6042a 1n6043 *1n6043a 10.0 11.0 11.0 12.0 11.7 12.4 13.5 14.3 14.3 13.7 16.5 15.8 1 1 1 1 19.0 18.2 22.0 21.2 5 5 5 5 79 82 68 71 .081 .081 .084 .084 1n6044 *1n6044a 1n6045 *1n6045a 12.0 13.0 14.0 15.0 14.4 15.2 16.2 17.1 17.5 16.8 19.8 18.9 1 1 1 1 23.5 22.5 26.5 25.2 5 5 5 5 64 67 56.5 59.5 .086 .086 .088 .088 1n6046 *1n6046a 1n6047 *1n6047a 16.0 17.0 17.0 18. 0 18.0 19.0 19.8 20.9 22.0 21.0 24.2 23.1 1 1 1 1 29.1 27.7 31.9 30.6 5 5 5 5 51.5 54 47 49 .090 .090 .092 .092 1n6048 *1n6048a 1n6049 *1n6049a 19.0 20.0 21.0 22.0 21.6 22.8 24.3 25.7 26.4 25.2 29.7 28.4 1 1 1 1 34.7 33.2 39.1 37.5 5 5 5 5 43 45 38.5 40 .094 .094 .095 .096 1n6050 *1n6050a 1n6051 *1n6051a 24.0 25.0 26.0 28.0 27.0 28.5 29.7 31.4 33.0 31.5 36.3 34.7 1 1 1 1 43.5 41.4 47.7 45.7 5 5 5 5 34.5 36 31.5 33 .097 .097 .098 .098 1n6052 *1n6052a 1n6053 *1n6053a 29.0 30.0 31.0 33.0 3 2.4 34.2 35.1 37.1 39.6 37.8 42.9 41.0 1 1 1 1 52.0 49.9 56.4 53.9 5 5 5 5 29 30 26.5 28 .099 .099 .100 .100 1n6054 *1n6054a 1n6055 *1n6055a 34.0 36.0 38.0 40.0 38.7 40.9 42.3 44.7 47.3 45.2 51.7 49.4 1 1 1 1 61.9 59.3 67.8 64.8 5 5 5 5 24 25.3 22.2 23.2 .101 .101 .101 .101 1n6056 *1n6056a 1n6057 *1n6057a 41.0 43.0 45.0 47.0 45.9 48.5 50.4 53.2 56.1 53.6 61.6 58.8 1 1 1 1 73.5 70.1 80.5 77.0 5 5 5 5 20.4 21.4 18.6 19.5 .102 .102 .103 .103 1n6058 *1n6058a 1n6059 *1n6059a 48.0 53.0 55.0 5 8.0 55.8 58.9 61.2 64.6 68.2 65.1 74.8 71.4 1 1 1 1 89.0 85.0 98.0 92.0 5 5 5 5 16.9 17.7 15.3 16.3 .104 .104 .104 .104 1n6060 *1n6060a 1n6061 *1n6061a 60.0 64.0 66.0 70.0 67.5 71.3 73.8 77.9 82.5 78.8 90.2 86.1 1 1 1 1 108.0 103.0 118.0 113.0 5 5 5 5 13.9 14.6 12.7 13.3 .105 .105 .105 .105
t4 - lds - 0097, rev . 3 (1 2 0714) ?201 2 microsemi corporation page 4 of 7 1n6036 ( a ) thru 1n6072 ( a ) electrical characteristics @ 25 o c (test both polarities) jedec type no. rated standoff voltage v wm breakdown voltage v (br) maximum clamping voltage v c @ i pp maximum standby current i d @ v wm maxim um peak pulse current i pp (see fig. 2 ) maximum temperature coefficient of v (br) v (br) min v (br) max @ i (br) volts volts volts ma volts a amps v(br) %/ o c 1n6062 *1n6062a 1n6063 *1n6063a 73.0 75.0 81.0 82. 0 81.9 86.5 90.0 95.0 100.0 95.5 110.0 105.0 1 1 1 1 131.0 125.0 144.0 137.0 5 5 5 5 11.4 12.0 10.4 11.0 .106 .106 .106 .106 1n6064 *1n6064a 1n6065 *1n6065a 90.0 94.0 95.0 100.0 99.0 105.0 108.0 114.0 121.0 116.0 132.0 126.0 1 1 1 1 158.0 152.0 176.0 168.0 5 5 5 5 9.5 9.9 8.5 8.9 .107 .107 .107 .107 1n6066 *1n6066a 1n6067 *1n6067a 105.0 110.0 121.0 128.0 117.0 124.0 135.0 143.0 143.0 137.0 165.0 158.0 1 1 1 1 191.0 182.0 223.0 213.0 5 5 5 5 7.8 8.2 6.7 7.0 .107 .107 .108 .108 1n6068 *1n6 068a 1n6069 *1n6069a 137.0 145.0 145.0 150.0 153.0 162.0 162.0 171.0 187.0 179.0 198.0 189.0 1 1 1 1 258.0 245.0 274.0 261.0 5 5 5 5 5.8 6.1 5.5 5.7 .108 .108 .108 .108 1n6070 *1n6070a 1n6071 *1n6071a 155.0 160.0 165.0 170.0 171.0 181.0 180.0 19 0.0 210.0 200.0 220.0 210.0 1 1 1 1 292.0 278.0 308.0 294.0 5 5 5 5 5.1 5.4 4.9 5.1 .108 .108 .108 .108 1n6072 *1n6072a 175.0 185.0 198.0 209.0 242.0 231.0 1 1 344.0 328.0 5 5 4.3 4.6 .108 .108 * also available in military qualified types by adding the prefix jan, jantx or jantxv per mil - prf - 19500/507.
t4 - lds - 0097, rev . 3 (1 2 0714) ?201 2 microsemi corporation page 5 of 7 1n6036 ( a ) thru 1n6072 ( a ) graphs ambient temperature in c figure 1 derating curve pulse time (t p ) figure 2 peak p ulse p ower versus p ulse t ime peak pulse power (p pp ) or current i pp in percent of 25 c rating reverse peak pulse power (p pp )
t4 - lds - 0097, rev . 3 (1 2 0714) ?201 2 microsemi corporation page 6 of 7 1n6036 ( a ) thru 1n6072 ( a ) graphs time (t) in milliseconds figure 3 current impulse wave form ( i pp = 10 s ) time (t) in milliseconds figure 4 current impulse waveform ( i pp = 8 s). pulse current in percent of i pp pulse cu rrent in percent of i pp
t4 - lds - 0097, rev . 3 (1 2 0714) ?201 2 microsemi corporation page 7 of 7 1n6036 ( a ) thru 1n6072 ( a ) package dimensions notes: 1 dimensions are in inches. 2 millimeter equivalents are given for general information only. 3 the major diameter is es sentially constant along its length. 4 within this zone, diameter may vary to allow for lead finishes and irregularities. 5 dimension to allow for pinch or seal deformation anywhere along tubulation. 6 symbol for bidirectional transient suppressor. 7 lead 1 shall be electrically connected to the case. 8 in accordance with asme y14.5m, diameters are equivalent to x symbology. dimensions symbol inches millimeters notes min max min max bd .215 .235 5.46 5.97 bl .293 .357 7.44 9.07 3 blt . 570 14.48 cd .045 .100 1.14 2.54 5 ld .025 .035 0.64 0.89 ll 1.000 1.625 25.40 41.28 lu .188 4.78 4


▲Up To Search▲   

 
Price & Availability of JAN2N72241N6036

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X