Part Number Hot Search : 
BY44810 SB112 PVB5VBW 2N6847 HC0901A SG685809 LBN14008 SSH20N45
Product Description
Full Text Search
 

To Download IRF8010S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  notes   through   are on page 8 www.irf.com 1  IRF8010Spbf irf8010lpbf smps mosfet hexfet   power mosfet v dss r ds(on) max i d 100v 15m ? 80a  pd - 95433 applications  high frequency dc-dc converters  ups and motor control  lead-free benefits  low gate-to-drain charge to reduce switching losses  fully characterized capacitance including effective c oss to simplify design, (see app. note an1001)  fully characterized avalanche voltage and current  typical r ds(on) = 12m ? d 2 pak IRF8010S to-262 irf8010l absolute maximum ratings parameter units i d @ t c = 25c continuous drain current, v gs @ 10v i d @ t c = 100c continuous drain current, v gs @ 10v a i dm pulsed drain current p d @t c = 25c power dissipation w linear derating factor w/c v gs gate-to-source voltage v dv/dt peak diode recovery dv/dt  v/ns t j operating junction and t stg storage temperature range c soldering temperature, for 10 seconds thermal resistance parameter typ. max. units r jc junction-to-case ??? 0.57 r jc junction-to-case (end of life)  ??? 0.80 c/w r cs case-to-sink, flat, greased surface 0.50 ??? r ja junction-to-ambient (pcb mount, steady state)  ??? 40 16 -55 to + 175 300 (1.6mm from case ) max. 80  57 320 260 1.8 20
IRF8010S/lpbf 2 www.irf.com s d g static @ t j = 25c (unless otherwise specified) parameter min. typ. max. units v (br)dss drain-to-source breakdown voltage 100 ??? ??? v ? v (br)dss / ? t j breakdown voltage temp. coefficient ??? 0.11 ??? v/c r ds(on) static drain-to-source on-resistance ??? 12 15 m ? v gs(th) gate threshold voltage 2.0 ??? 4.0 v i dss drain-to-source leakage current ??? ??? 20 a ??? ??? 250 i gss gate-to-source forward leakage ??? ??? 200 na gate-to-source reverse leakage ??? ??? -200 dynamic @ t j = 25c (unless otherwise specified) parameter min. typ. max. units gfs forward transconductance 82 ??? ??? v q g total gate charge ??? 81 120 q gs gate-to-source charge ??? 22 ??? nc q gd gate-to-drain ("miller") charge ??? 26 ??? t d(on) turn-on delay time ??? 15 ??? t r rise time ??? 130 ??? t d(off) turn-off delay time ??? 61 ??? ns t f fall time ??? 120 ??? c iss input capacitance ??? 3830 ??? c oss output capacitance ??? 480 ??? c rss reverse transfer capacitance ??? 59 ??? pf c oss output capacitance ??? 3830 ??? c oss output capacitance ??? 280 ??? c oss eff. effective output capacitance ??? 530 ??? avalanche characteristics parameter units e as single pulse avalanche energy  mj i ar avalanche current  a e ar repetitive avalanche energy  mj diode characteristics parameter min. typ. max. units i s continuous source current ??? ??? 80 (body diode) a i sm pulsed source current ??? ??? 320 (body diode)  v sd diode forward voltage ??? ??? 1.3 v t rr reverse recovery time ??? 99 150 ns q rr reverse recoverycharge ??? 460 700 nc t on forward turn-on time intrinsic turn-on time is negligible (turn-on is dominated by ls+ld) v gs = 20v v gs = -20v max. v gs = 0v, v ds = 1.0v, ? = 1.0mh z v gs = 0v, v ds = 80v, ? = 1.0mh z v gs = 0v, v ds = 0v to 80v  v gs = 10v  v dd = 50v i d = 80a r g = 39 ? t j = 25c, i s = 80a, v gs = 0v  t j = 150c, i f = 80a, v dd = 50v di/dt = 100a/s  conditions v gs = 0v, i d = 250a reference to 25c, i d = 1ma v gs = 10v, i d = 45a  v ds = v gs , i d = 250a v ds = 100v, v gs = 0v v ds = 100v, v gs = 0v, t j = 125c mosfet symbol showing the integral reverse p-n junction diode. conditions 26 v gs = 10v  v gs = 0v v ds = 25v ? = 1.0mhz 310 45 conditions v ds = 25v, i d = 45a i d = 80a v ds = 80v typ. ??? ??? ???
IRF8010S/lpbf www.irf.com 3 fig 4. normalized on-resistance vs. temperature fig 2. typical output characteristics fig 1. typical output characteristics fig 3. typical transfer characteristics -60 -40 -20 0 20 40 60 80 100 120 140 160 180 0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 t , junction temperature ( c) r , drain-to-source on resistance (normalized) j ds(on) v = i = gs d 10v 80a 0.1 1 10 100 v ds , drain-to-source voltage (v) 0.1 1 10 100 1000 10000 i d , d r a i n - t o - s o u r c e c u r r e n t ( a ) 4.0v 20s pulse width tj = 25c vgs top 15v 12v 10v 6.0v 5.5v 5.0v 4.5v bottom 4.0v 0.1 1 10 100 v ds , drain-to-source voltage (v) 1 10 100 1000 i d , d r a i n - t o - s o u r c e c u r r e n t ( a ) 4.0v 20s pulse width tj = 175c vgs top 15v 12v 10v 6.0v 5.5v 5.0v 4.5v bottom 4.0v 2.0 4.0 6.0 8.0 10.0 12.0 14.0 16.0 v gs , gate-to-source voltage (v) 1 10 100 1000 i d , d r a i n - t o - s o u r c e c u r r e n t ( ) t j = 25c t j = 175c v ds = 50v 20s pulse width
IRF8010S/lpbf 4 www.irf.com fig 8. maximum safe operating area fig 6. typical gate charge vs. gate-to-source voltage fig 5. typical capacitance vs. drain-to-source voltage fig 7. typical source-drain diode forward voltage 0.1 1 10 100 1000 0.0 0.5 1.0 1.5 2.0 v ,source-to-drain voltage (v) i , reverse drain current (a) sd sd v = 0 v gs t = 175 c j t = 25 c j 1 10 100 v ds , drain-to-source voltage (v) 10 100 1000 10000 100000 c , c a p a c i t a n c e ( p f ) v gs = 0v, f = 1 mhz c iss = c gs + c gd , c ds shorted c rss = c gd c oss = c ds + c gd c oss c rss c iss 1 10 100 1000 v ds , drain-to-source voltage (v) 0.1 1 10 100 1000 10000 i d , d r a i n - t o - s o u r c e c u r r e n t ( a ) tc = 25c tj = 175c single pulse 1msec 10msec operation in this area limited by r ds (on) 100sec 0 20406080100 q g total gate charge (nc) 0 2 4 6 8 10 12 v g s , g a t e - t o - s o u r c e v o l t a g e ( v ) v ds = 80v v ds = 50v v ds = 20v i d = 80a
IRF8010S/lpbf www.irf.com 5 fig 10a. switching time test circuit v ds 9 0% 1 0% v gs t d(on) t r t d(off) t f fig 10b. switching time waveforms   
 1     0.1 %    
 + -   fig 11. maximum effective transient thermal impedance, junction-to-case fig 9. maximum drain current vs. case temperature 25 50 75 100 125 150 175 0 20 40 60 80 t , case temperature ( c) i , drain current (a) c d limited by package 0.01 0.1 1 10 0.00001 0.0001 0.001 0.01 0.1 1 notes: 1. duty factor d = t / t 2. peak t = p x z + t 1 2 j dm thjc c p t t dm 1 2 t , rectangular pulse duration (sec) thermal response (z ) 1 thjc 0.01 0.02 0.05 0.10 0.20 d = 0.50 single pulse (thermal response)
IRF8010S/lpbf 6 www.irf.com q g q gs q gd v g charge d.u.t. v d s i d i g 3ma v gs .3 f 50k ? .2 f 12v current regulator same type as d.u.t. current sampling resistors + -  fig 13b. gate charge test circuit fig 13a. basic gate charge waveform fig 12c. maximum avalanche energy vs. drain current fig 12b. unclamped inductive waveforms fig 12a. unclamped inductive test circuit t p v (br)dss i as r g i as 0.01 ? t p d.u.t l v ds + - v dd driver a 15v 20v 25 50 75 100 125 150 175 0 100 200 300 400 500 600 e , single pulse avalanche energy (mj) as i d top bottom 18a 32a 45a    !
IRF8010S/lpbf www.irf.com 7 p.w. period di/dt diode recovery dv/dt ripple 5% body diode forward drop r e-applied v oltage reverse recovery current body diode forward current v gs =10v v dd i sd driver gate drive d.u.t. i sd waveform d.u.t. v ds waveform inductor curent d = p. w . period + - + + + - - - fig 14. for n-channel hexfet   power mosfets    "#$%%&'
&(  
             ? )&)'')*+  ?
&(+(
? ,  '')*+
+-.
. ?
/
& ) (  %+ ()( ? %0+,)  ? 1)2'  ? %0%3,)    ($  
IRF8010S/lpbf 8 www.irf.com   

 
   
 dimensions are shown in millimeters (inches) note: "p" in as s embly line pos i ti on i ndi cates "l ead- f r ee" f 530s this is an irf530s wit h lot code 8024 as s e mb le d on ww 02, 2000 in the assembly line "l" assembly lot code international rect ifier logo part numbe r dat e code ye ar 0 = 2000 we ek 02 line l  f530s a = as s e mb l y s i t e code we e k 0 2 p = de s i gnat e s l e ad- f r e e product (opt ional) rectifier international logo lot code as s e mb l y ye ar 0 = 2000 dat e code part numbe r
IRF8010S/lpbf www.irf.com 9 to-262 part marking information to-262 package outline dimensions are shown in millimeters (inches) assembly lot code rectifier int ernat ional as s e mbl e d on ww 19, 1997 note: "p" in as s embly line pos i ti on i ndi cates "l ead- f r ee" in the assembly line "c" logo t his is an irl3103l lot code 1789 example: line c dat e code week 19 ye ar 7 = 1997 part number part number logo lot code assembly int ernat ional rectifier product (optional) p = designates lead-free a = assembly site code week 19 ye ar 7 = 1997 date code or
IRF8010S/lpbf 10 www.irf.com ir world headquarters: 233 kansas st., el segundo, california 90245, usa tel: (310) 252-7105 tac fax: (310) 252-7903 visit us at www.irf.com for sales contact information . 06/04 data and specifications subject to change without notice. this product has been designed and qualified for the industrial market. qualification standards can be found on ir?s web site. notes:   repetitive rating; pulse width limited by max. junction temperature.   starting t j = 25c, l = 0.31mh, r g = 25 ? , i as = 45a.  i sd 45a, di/dt 110a/s, v dd v (br)dss , t j 175c.  pulse width 300s; duty cycle 2%.  rth(jc) (end of life) is the maximum measured value after 1000 temperature cycles from -55 to 150c and is accounted for by the physical wearout of the die attach medium in worse case pcb mounting condition of material (solder/substrate), process and re-flow temperature.  c oss eff. is a fixed capacitance that gives the same charging time as c oss while v ds is rising from 0 to 80% v dss .  calculated continuous current based on maximum allowable junction temperature. package limitation current is 75a.  when mounted on 1" square pcb ( fr-4 or g-10 material ). for recommended footprint and soldering techniques refer to application note #an-994.    
 
dimensions are shown in millimeters (inches) 3 4 4 trr f eed direction 1.85 (.073) 1.65 (.065) 1.60 (.063) 1.50 (.059) 4.10 (.161) 3.90 (.153) trl f eed direction 10.90 (.429) 10.70 (.421) 16.10 (.634) 15.90 (.626) 1.75 (.069) 1.25 (.049) 11.60 (.457) 11.40 (.449) 15.42 (.609) 15.22 (.601) 4.72 (.136) 4.52 (.178) 24.30 (.957 ) 23.90 (.941 ) 0.368 (.0145) 0.342 (.0135) 1.60 (.063) 1.50 (.059) 13.50 (.532) 12.80 (.504) 330.00 (14.173) max. 27.40 (1.079) 23.90 (.941) 60.00 (2.362 ) min. 30.40 (1.197) max. 26.40 (1.039) 24.40 (.961) notes : 1. comforms to eia-418. 2. controlling dimension: millimeter. 3. dimension measured @ hub. 4. includes flange distortion @ outer edge.
note: for the most current drawings please refer to the ir website at: http://www.irf.com/package/


▲Up To Search▲   

 
Price & Availability of IRF8010S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X