Part Number Hot Search : 
SZ5730L HI44H11 ER102 X152M UJA1075 UM1113 LM431SA K3010
Product Description
Full Text Search
 

To Download IN74AC244 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  technical data IN74AC244 octal 3-state noninverting buffer/line driver/line receiver high-speed silicon-gate cmos ordering information IN74AC244n plastic IN74AC244dw soic t a = -40 to 85 c for all packages the IN74AC244 is identical in pinout to the ls/als244, hc/hct244. the device inputs are compatible with standard cmos outputs; with pullup resistors, they are compatible with ls/als outputs. this octal noninverting buffer/line dr iver/line receiver is designed to be used with 3-state memory address drivers, clock drivers, and other bus-oriented systems. the device has noninverting outputs and two active-low output enables. ? outputs directly interf ace to cmos, nmos, and ttl ? operating voltage range: 2.0 to 6.0 v ? low input current: 1.0 a; 0.1 a @ 25 c ? high noise immunity characteristic of cmos devices ? outputs source/sink 24 ma function table inputs outputs enable a, enable b a,b ya,yb l l l l h rev. 00 h h x z x=don?t care z = high impedance logic diagram pin 20=v cc pin 10 = gnd pin assignment
IN74AC244 rev. 00 maximum ratings * symbol parameter value unit v cc dc supply voltage (referenced to gnd) -0.5 to +7.0 v v in dc input voltage (referenced to gnd) -0.5 to v cc +0.5 v v out dc output voltage (referenced to gnd) -0.5 to v cc +0.5 v i in dc input current, per pin 20 ma i out dc output sink/source current, per pin 50 ma i cc dc supply current, v cc and gnd pins 50 ma p d power dissipation in still air, plastic dip+ soic package+ 750 500 mw tstg storage temperature -65 to +150 c t l lead temperature, 1 mm from case for 10 seconds (plastic dip or soic package) 260 c * maximum ratings are those values beyond which damage to the device may occur. functional operation should be restricted to the reco mmended operating conditions. +derating - plastic dip: - 10 mw/ c from 65 to 125 c soic package: : - 7 mw/ c from 65 to 125 c recommended operating conditions symbol parameter min max unit v cc dc supply voltage (referenced to gnd) 2.0 6.0 v v in , v out dc input voltage, output voltage (referenced to gnd) 0 v cc v t j junction temperature (pdip) 140 c t a operating temperature, all package types -40 +85 c i oh output current - high -24 ma i ol output current - low 24 ma t r , t f input rise and fall time * (except schmitt inputs) v cc =3.0 v v cc =4.5 v v cc =5.5 v 0 0 0 150 40 25 ns/v * v in from 30% to 70% v cc this device contains protection circuitry to guard agains t damage due to high static voltages or electric fields. however, precautions must be taken to avoid applications of any voltage highe r than maximum rated voltages to this high-impedance circuit. for proper operation, v in and v out should be constrained to the range gnd (v in or v out ) v cc . unused inputs must always be tied to an appropriate logic voltage level (e.g., either gnd or v cc ). unused outputs must be left open.
IN74AC244 rev. 00 dc electrical characteristics (voltages referenced to gnd) v cc guaranteed limits symbol parameter test conditions v 25 c -40 c to 85 c unit v ih minimum high- level input voltage v out = v cc -0.1 v 3.0 4.5 5.5 2.1 3.15 3.85 2.1 3.15 3.85 v v il maximum low - level input voltage v out =0.1 v 3.0 4.5 5.5 0.9 1.35 1.65 0.9 1.35 1.65 v v oh minimum high- level output voltage i out -50 a 3.0 4.5 5.5 2.9 4.4 5.4 2.9 4.4 5.4 v * v in =v ih i oh =-12 ma i oh =-24 ma i oh =-24 ma 3.0 4.5 5.5 2.56 3.86 4.86 2.46 3.76 4.76 v ol maximum low- level output voltage i out 50 a 3.0 4.5 5.5 0.1 0.1 0.1 0.1 0.1 0.1 v * v in = v il i ol =12 ma i ol =24 ma i ol =24 ma 3.0 4.5 5.5 0.36 0.36 0.36 0.44 0.44 0.44 i in maximum input leakage current v in =v cc or gnd 5.5 0.1 1.0 a i oz maximum three- state leakage current v in (oe)= v ih or v il v in =v cc or gnd v out =v cc or gnd 5.5 0.5 5.0 a i old +minimum dynamic output current v old =1.65 v max 5.5 75 ma i ohd +minimum dynamic output current v ohd =3.85 v min 5.5 -75 ma i cc maximum quiescent supply current (per package) v in =v cc or gnd 5.5 8.0 80 a * all outputs loaded; thresholds on input associated with output under test. +maximum test duration 2.0 ms, one output loaded at a time. note: i in and i cc @ 3.0 v are guaranteed to be less than or equal to the respective limit @ 5.5 v v cc
IN74AC244 ac electrical characteristics (c l =50pf, input t r =t f =3.0 ns) v cc * guaranteed limits symbol parameter v 25 c -40 c to 85 c unit min max min max t plh propagation delay, a to ya or b to yb (figure 1) 3.3 5.0 2.0 1.5 9.0 7.0 1.5 1.0 10.0 7.5 ns t phl propagation delay, a to ya or b to yb (figure 1) 3.3 5.0 2.0 1.5 9.0 7.0 2.0 1.0 10.0 7.5 ns t pzh propagation delay, output enable to ya or yb (figure 2) 3.3 5.0 2.0 1.5 10.5 7.0 1.5 1.5 11.0 8.0 ns t pzl propagation delay, output enable to ya or yb (figure 2) 3.3 5.0 2.5 1.5 10.0 8.0 2.0 1.5 11.0 8.5 ns t phz propagation delay, output enable to ya or yb (figure 2) 3.3 5.0 3.0 2.5 10.0 9.0 1.5 1.0 10.5 9.5 ns t plz propagation delay, output enable to ya or yb (figure 2) 3.3 5.0 2.5 2.0 10.5 9.0 2.5 2.0 11.5 9.5 ns c maximum input capacitance 5.0 4.5 4.5 pf in rev. 00 typical @25 c,v cc =5.0 v c power dissipation capacitance 45 pf pd * voltage range 3.3 v is 3.3 v 0.3 v voltage range 5.0 v is 5.0 v 0.5 v figure 1. switching waveforms figure 2. switching waveforms
IN74AC244 n suffix plastic dip (ms - 001ad) symbol min max a 24.89 26.92 b 6.1 7.11 c 5.33 d 0.36 0.56 f 1.14 1.78 g h j 0 10 k 2.92 3.81 notes: l 7.62 8.26 1. dimensions ?a?, ?b? do not include mold flash or protrusions. m 0.2 0.36 maximum mold flas h or protrus ions 0.25 mm (0.010) per s ide. n 0.38 d suffix soic (ms - 013ac) symbol min max a 12.6 13 b 7.4 7.6 c 2.35 2.65 d 0.33 0.51 f 0.4 1.27 g h notes: j 0 8 1. dimensions a and b do not include mold flash or protrusion. k 0.1 0.3 2. maximum mold flash or protrusion 0.15 mm (0.006) per side m 0.23 0.32 for a; for b ? 0.25 mm (0.010) per s ide. p 10 10.65 r 0.25 0.75 dimens ion, mm 1.27 9.53 dimens ion, mm 2.54 7.62 a b h c k c m j f m p g d r x 45 seating plane 0.25 (0.010) m t -t- 1 20 10 11 l h m j a b f g d seating plane n k 0.25 (0.010) m t -t- c 1 20 10 11 rev. 00


▲Up To Search▲   

 
Price & Availability of IN74AC244

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X