Part Number Hot Search : 
PHC20306 2SD2556 NTE616 XXXGP MAX20271 1002D SD850 2SK22
Product Description
Full Text Search
 

To Download HMC48609 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  linear & power amplifiers - chip 3 3 - 42 for price, delivery, and to place orders, please contact hittite microwave corporation: 20 alpha road, chelmsford, ma 01824 phone: 978-250-3343 fax: 978-250-3373 order on-line at www.hittite.com hmc486 v03.0109 general description features functional diagram the hmc486 is a high dynamic range gaas phemt mmic 2 watt power amplifi er which operates from 7 to 9 ghz. this amplifi er die provides 26 db of gain, +34 dbm of saturated power and 24% pae from a +7v supply voltage. output ip3 is +40 dbm typical. the rf i/os are dc blocked and matched to 50 ohms for ease of integration into multi-chip-modules (mcms). all data is taken with the chip in a 50 ohm test fi xture connected via 0.025mm (1 mil) diameter wire bonds of minimal length 0.31mm (12 mils). saturated output power: +34 dbm @ 24% pae output ip3: +40 dbm gain: 26 db dc supply: +7 v @ 1300 ma 50 ohm matched input/output die size: 2.51 x 2.51 x 0.1 mm electrical specifi cations, t a = +25 c, vdd = +7v, idd = 1300 ma* typical applications the hmc486 is ideal for use as a power amplifi er for: ? point-to-point radios ? point-to-multi-point radios ? test equipment & sensors ? military end-use ? space parameter min. typ. max. min. typ. max. units frequency range 7 - 8 8 - 9 ghz gain 22 25 23 26 db gain variation over temperature 0.04 0.06 0.04 0.06 db/ c input return loss 11 12 db output return loss 8 6 db output power for 1 db compression (p1db) 30 33 30.5 33.5 dbm saturated output power (psat) 33.5 34 dbm output third order intercept (ip3) 40 38 dbm noise figure 6.5 7 db supply current (idd) 1300 1300 ma * adjust vgg between -2 to 0v to achieve idd= 1300 ma typical. gaas phemt mmic 2 watt power amplifier, 7 - 9 ghz
linear & power amplifiers - chip 3 3 - 43 for price, delivery, and to place orders, please contact hittite microwave corporation: 20 alpha road, chelmsford, ma 01824 phone: 978-250-3343 fax: 978-250-3373 order on-line at www.hittite.com input return loss vs. temperature output return loss vs. temperature broadband gain & return loss gain vs. temperature output p1db vs. temperature output psat vs. temperature -15 -10 -5 0 5 10 15 20 25 30 4567891011 s21 s11 s22 response (db) frequency (ghz) -10 -8 -6 -4 -2 0 6 6.5 7 7.5 8 8.5 9 9.5 10 +25c +85c -55c return loss (db) frequency (ghz) -15 -12 -9 -6 -3 0 6 6.5 7 7.5 8 8.5 9 9.5 10 +25c +85c -55c return loss (db) frequency (ghz) 26 28 30 32 34 36 6 6.5 7 7.5 8 8.5 9 9.5 10 +25c +85c -55c psat (dbm) frequency (ghz) 26 28 30 32 34 36 6 6.5 7 7.5 8 8.5 9 9.5 10 +25c +85c -55c p1db (dbm) frequency (ghz) 10 14 18 22 26 30 34 6 6.5 7 7.5 8 8.5 9 9.5 10 +25c +85c -55c gain (db) frequency (ghz) hmc486 v03.0109 gaas phemt mmic 2 watt power amplifier, 7 - 9 ghz
linear & power amplifiers - chip 3 3 - 44 for price, delivery, and to place orders, please contact hittite microwave corporation: 20 alpha road, chelmsford, ma 01824 phone: 978-250-3343 fax: 978-250-3373 order on-line at www.hittite.com power compression @ 8 ghz output ip3 vs. temperature noise figure vs. temperature reverse isolation vs. temperature gain, power & output ip3 vs. supply voltage @ 8 ghz -70 -60 -50 -40 -30 -20 -10 0 6 6.5 7 7.5 8 8.5 9 9.5 10 +25c +85c -55c isolation (db) frequency (ghz) 0 2 4 6 8 10 12 6 6.5 7 7.5 8 8.5 9 9.5 10 +25c +85c -55c noise figure (db) frequency (ghz) 26 30 34 38 42 46 6 6.5 7 7.5 8 8.5 9 9.5 10 +25c +85c -55c ip3 (dbm) frequency (ghz) 22 26 30 34 38 42 6.5 7 7.5 gain p1db psat oip3 gain (db), p1db (dbm), psat (dbm), ip3 (dbm) vdd supply voltage (v) 0 6 12 18 24 30 36 -10 -8 -6 -4 -2 0 2 4 6 8 10 12 14 16 pout (dbm) gain (db) pae (%) pout (dbm), gain (db), pae (%) input power (dbm) gain, power & output ip3 vs. supply current @ 8 ghz 22 26 30 34 38 42 700 800 900 1000 1100 1200 1300 gain p1db psat oip3 gain (db), p1db (dbm), psat (dbm), ip3 (dbm) idd supply current (ma) hmc486 v03.0109 gaas phemt mmic 2 watt power amplifier, 7 - 9 ghz
linear & power amplifiers - chip 3 3 - 45 for price, delivery, and to place orders, please contact hittite microwave corporation: 20 alpha road, chelmsford, ma 01824 phone: 978-250-3343 fax: 978-250-3373 order on-line at www.hittite.com absolute maximum ratings drain bias voltage (vdd) +8 vdc gate bias voltage (vgg) -2 to 0 vdc rf input power (rfin)(vdd = +7 vdc) +15 dbm channel temperature 175 c continuous pdiss (t= 85 c) (derate 105 mw/c above 85 c) 9.45 w thermal resistance (channel to die bottom) 9.5 c/w storage temperature -65 to +150 c operating temperature -55 to +85 c esd sensitivity (hbm) class 1a vdd (v) idd (ma) +6.5 1305 +7.0 1300 +7.5 1295 typical supply current vs. vdd note: amplifi er will operate over full voltage ranges shown above vgg adjusted to achieve idd = 1300 ma at +7.0v electrostatic sensitive device observe handling precautions power dissipation 7 7.5 8 8.5 9 9.5 10 10.5 -10 -6 -2 2 6 10 14 18 power dissipation (w) input power (dbm) 8 ghz max pdiss @ +85c hmc486 v03.0109 gaas phemt mmic 2 watt power amplifier, 7 - 9 ghz
linear & power amplifiers - chip 3 3 - 46 for price, delivery, and to place orders, please contact hittite microwave corporation: 20 alpha road, chelmsford, ma 01824 phone: 978-250-3343 fax: 978-250-3373 order on-line at www.hittite.com outline drawing notes: 1. all dimensions are in inches [mm] 2. die thickness is .004 3. typical bond pad is .004 square 4. backside metallization: gold 5. bond pad metallization: gold 6. backside metal is ground. 7. connection not required for unlabeled bond pads. 8. overall die size .002 die packaging information [1] standard alternate gp-1 (gel pack) [2] [1] refer to the packaging information section for die packaging dimensions. [2] for alternate packaging information contact hittite microwave corporation. hmc486 v03.0109 gaas phemt mmic 2 watt power amplifier, 7 - 9 ghz
linear & power amplifiers - chip 3 3 - 47 for price, delivery, and to place orders, please contact hittite microwave corporation: 20 alpha road, chelmsford, ma 01824 phone: 978-250-3343 fax: 978-250-3373 order on-line at www.hittite.com pad descriptions pad number function description interface schematic 1 rfin this pad is ac coupled and matched to 50 ohms. 2 - 4, 6, 7 vdd 1-5 power supply voltage for the amplifi er. external bypass capacitors of 100 pf and 0.1 f are required. 5 rfout this pad is ac coupled and matched to 50 ohms. 8vgg gate control for amplifi er. adjust to achieve idd of 1300 ma. please follow mmic amplifi er biasing procedure application note. external bypass capacitors of 100 pf and 0.1 f are required. die bottom gnd die bottom must be connected to rf/dc ground. hmc486 v03.0109 gaas phemt mmic 2 watt power amplifier, 7 - 9 ghz
linear & power amplifiers - chip 3 3 - 48 for price, delivery, and to place orders, please contact hittite microwave corporation: 20 alpha road, chelmsford, ma 01824 phone: 978-250-3343 fax: 978-250-3373 order on-line at www.hittite.com assembly diagram hmc486 v03.0109 gaas phemt mmic 2 watt power amplifier, 7 - 9 ghz
linear & power amplifiers - chip 3 3 - 49 for price, delivery, and to place orders, please contact hittite microwave corporation: 20 alpha road, chelmsford, ma 01824 phone: 978-250-3343 fax: 978-250-3373 order on-line at www.hittite.com mounting & bonding techniques for millimeterwave gaas mmics the die should be attached directly to the ground plane eutectically or with conductive epoxy (see hmc general handling, mounting, bonding note). 50 ohm microstrip transmission lines on 0.127mm (5 mil) thick alumina thin fi lm substrates are recommended for bringing rf to and from the chip (figure 1). if 0.254mm (10 mil) thick alumina thin fi lm substrates must be used, the die should be raised 0.150mm (6 mils) so that the surface of the die is coplanar with the surface of the substrate. one way to accom- plish this is to attach the 0.102mm (4 mil) thick die to a 0.150mm (6 mil) thick molybdenum heat spreader (moly-tab) which is then attached to the ground plane (figure 2). microstrip substrates should be located as close to the die as possible in order to minimize bond wire length. typical die-to-substrate spacing is 0.076mm to 0.152 mm (3 to 6 mils). handling precautions follow these precautions to avoid permanent damage. storage: all bare die are placed in either waffle or gel based esd protec- tive containers, and then sealed in an esd protective bag for shipment. once the sealed esd protective bag has been opened, all die should be stored in a dry nitrogen environment. cleanliness: handle the chips in a clean environment. do not attempt to clean the chip using liquid cleaning systems. static sensitivity: follow esd precautions to protect against esd strikes. transients: suppress instrument and bias supply transients while bias is applied. use shielded signal and bias cables to minimize inductive pick-up. general handling: handle the chip along the edges with a vacuum collet or with a sharp pair of bent tweezers. the surface of the chip may have fragile air bridges and should not be touched with vacuum collet, tweezers, or fi ngers. mounting the chip is back-metallized and can be die mounted with electrically conductive epoxy. the mounting surface should be clean and fl at. epoxy die attach: apply a minimum amount of epoxy to the mounting surface so that a thin epoxy fi llet is observed around the perimeter of the chip once it is placed into position. cure epoxy per the manufacturers schedule. wire bonding ball or wedge bond with 0.025mm (1 mil) diameter pure gold wire. thermosonic wirebonding with a nominal stage temperature of 150 c and a ball bonding force of 40 to 50 grams or wedge bonding force of 18 to 22 grams is recom- mended. use the minimum level of ultrasonic energy to achieve reliable wirebonds. wirebonds should be started on the chip and terminated on the package or substrate. all bonds should be as short as possible <0.31mm (12 mils). 0.102mm (0.004?) thick gaas mmic wire bond rf ground plane 0.127mm (0.005?) thick alumina thin film substrate 0.076mm (0.003?) figure 1. 0.102mm (0.004?) thick gaas mmic wire bond rf ground plane 0.254mm (0.010?) thick alumina thin film substrate 0.076mm (0.003?) figure 2. 0.150mm (0.005?) thick moly tab hmc486 v03.0109 gaas phemt mmic 2 watt power amplifier, 7 - 9 ghz


▲Up To Search▲   

 
Price & Availability of HMC48609

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X