multilayer chip inductors high frequency performance mhi series multilayer structure ensures outstanding reliability for today?s high frequency applications advanced monolithic construction especially suited for high frequency applications excellent q and srf characteristics operating temperature range: -25c to +105c standard tolerances: 5%, 10%, 20% features faxxx specifications subject to change without notice * 1 0 2 0 i h m 2 0 4 0 i h m 3 0 6 0 i h m 5 0 8 0 i h m . d n i ) h n ( t s e t . q e r f ) z h m ( q . n i m . n i m f r s ) z h m ( r c d . x a m ) s m h o ( d e t a r t n e r r u c ) a m ( q . n i m . n i m f r s ) z h m ( r c d . x a m ) s m h o ( d e t a r t n e r r u c ) a m ( q . n i m . n i m f r s ) z h m ( r c d . x a m ) s m h o ( d e t a r t n e r r u c ) a m ( q . n i m . n i m f r s ) z h m ( r c d . x a m ) s m h o ( d e t a r t n e r r u c ) a m ( 6 . 0 0 0 11 1 0 0 0 , 6 >8 0 . 00 2 4 - --- - ---- --- 8 . 0 0 0 11 1 0 0 0 , 6 >9 0 . 00 1 4 - --- - ---- --- 0 . 1 0 0 11 1 0 0 0 , 6 >0 1 . 00 0 49 0 0 0 , 2 1 >2 1 .0 0 3 - ---- --- 2 . 1 0 0 11 1 0 0 0 , 6 >3 1 . 00 8 29 0 0 0 , 2 1 >2 1 .0 0 3 - ---- --- 5 . 1 0 0 11 1 0 0 0 , 6 >6 1 . 00 8 20 1 0 0 0 , 2 1 >3 1 .0 0 32 1 0 0 0 , 6 >0 1 . 00 0 50 1 0 0 0 , 6 >0 1 . 00 0 5 8 . 1 0 0 11 1 0 0 0 , 6 >6 1 . 05 7 20 1 0 0 0 , 0 14 1 .0 0 32 1 0 0 0 , 6 >0 1 . 00 0 50 1 0 0 0 , 6 >0 1 . 00 0 5 2 . 2 0 0 11 1 0 0 0 , 6 >8 1 . 00 2 20 1 0 0 0 , 96 1 .0 0 32 1 0 0 0 , 6 >0 1 . 00 0 51 1 0 0 0 , 6 >0 1 . 00 0 5 7 . 2 0 0 11 1 0 0 0 , 6 >1 2 . 00 2 20 1 0 0 0 , 87 1 .0 0 33 1 0 0 0 , 6 >0 1 . 00 0 52 1 0 0 0 , 6 >0 1 . 00 0 5 3 . 3 0 0 11 1 0 0 0 , 6 >0 3 . 00 9 10 1 0 0 0 , 79 1 .0 0 34 1 0 0 7 , 52 1 . 00 0 53 1 0 0 0 , 6 >3 1 . 00 0 5 9 . 3 0 0 11 1 0 0 0 , 6 >5 4 . 00 7 10 1 0 0 0 , 62 2 .0 0 33 1 0 0 6 , 54 1 . 00 0 53 1 0 0 4 , 55 1 . 00 0 5 7 . 4 0 0 11 1 0 0 0 , 6 >5 5 . 00 6 10 1 0 0 0 , 54 2 .0 0 33 1 0 0 8 , 46 1 . 00 0 54 1 0 0 5 , 40 2 . 00 0 5 6 . 5 0 0 11 1 0 0 0 , 6 >8 6 . 00 4 10 1 0 0 7 , 47 2 .0 0 34 1 0 5 3 , 48 1 . 00 0 54 1 0 0 0 , 43 2 . 00 0 5 8 . 6 0 0 11 1 0 0 0 , 6 >5 7 . 00 3 10 1 0 0 5 , 42 3 .0 5 24 1 0 5 7 , 32 2 . 00 0 55 1 0 5 6 , 35 2 . 00 0 5 2 . 8 0 0 11 1 0 0 5 , 56 8 . 00 1 10 1 0 0 9 , 37 3 .0 5 24 1 0 0 3 , 34 2 . 00 0 55 1 0 0 0 , 38 2 . 00 0 5 0 1 0 0 11 1 0 0 5 , 40 1 . 10 0 10 1 0 0 3 , 32 4 .0 5 24 1 0 5 8 , 26 2 . 00 0 35 1 0 0 5 , 20 3 . 00 0 5 2 1 0 0 11 1 0 0 7 , 35 2 . 10 90 1 0 0 9 , 20 5 .0 5 25 1 0 0 7 , 28 2 . 00 0 36 1 0 5 4 , 25 3 . 00 0 3 5 1 0 0 11 1 0 0 3 , 30 5 . 10 90 1 0 0 5 , 25 5 .0 5 25 1 0 0 4 , 22 3 . 00 0 36 1 0 0 2 , 20 4 . 00 0 3 8 1 0 0 1 - --- 0 1 0 0 1 , 25 6 .0 0 25 1 0 5 0 , 25 3 . 00 0 37 1 0 5 7 , 15 4 . 00 0 3 2 2 0 0 1 - --- 0 1 0 0 8 , 10 8 .0 0 26 1 0 5 8 , 10 4 . 00 0 38 1 0 0 7 , 10 5 . 00 0 3 7 2 0 0 1 - --- 0 1 0 0 3 , 10 9 .0 0 26 1 0 5 7 , 15 4 . 00 0 37 1 0 5 5 , 15 5 . 00 0 3 3 3 0 0 1 - ---- --- 6 1 0 0 5 , 15 5 . 00 0 38 1 0 5 3 , 10 6 . 00 0 3 9 3 0 0 1 - ---- --- 6 1 0 5 3 , 10 6 . 00 0 38 1 0 0 3 , 15 6 . 00 0 3 7 4 0 0 1 - ---- --- 6 1 0 0 2 , 10 7 . 00 0 38 1 0 0 2 , 10 7 . 00 0 3 6 5 0 0 1 - ---- --- 6 1 0 5 1 , 15 7 . 00 0 39 1 0 5 1 , 15 7 . 00 0 3 8 6 0 0 1 - ---- --- 6 1 0 5 0 , 15 8 . 00 0 39 1 0 0 0 , 10 8 . 00 0 3 2 8 0 0 1 - ---- --- 6 1 0 0 0 , 15 9 . 00 0 39 1 0 5 80 9 . 00 0 3 0 0 1 0 0 1 - ---- --- 6 1 5 2 90 0 . 10 0 33 2 0 0 70 9 . 00 0 3 0 2 1 0 0 1 - ---- ---- --- 3 2 0 5 65 9 . 00 0 3 0 5 10 0 1 - ---- - --- --- 2 2 0 5 50 0 . 10 0 3 0 8 10 0 1 - ---- ---- --- 1 2 0 0 50 1 . 10 0 3 0 2 20 0 1 - ---- ---- --- 0 2 0 3 40 2 . 10 0 3 0 7 20 5 - ---- ---- --- 8 1 0 5 65 9 . 00 0 3 0 3 30 5 - ---- ---- --- 8 1 0 5 50 0 . 10 0 3 0 9 30 5 - ---- ---- --- 8 1 0 0 50 1 . 10 0 3 0 7 4 0 5 - ---- ---- --- 6 1 0 3 40 2 . 10 0 3 rcd components inc., 520 e. industrial park dr., manchester, nh, usa 03109 tel: (603) 669-0054 fax:(603) 669-5455 e-mail: sales@rcdcomponents.com www.rcdcomponents.com resistors cap s & c oils delay lines p/n designation: e p y t i h m l ) h t g n e l ( w ) h t d i w ( t ) k c i h t ( t . m r e t ( ) s s e n k c i h t 1 0 2 03 0 0 . 2 2 0 . ] 5 7 0 . 5 5 . 0 [ 2 0 0 . 1 1 0 . ] 5 0 . 8 2 . 0 [ 2 0 0 . 0 1 0 . ] 5 0 . 5 2 . 0 [ 2 0 0 . 6 0 0 . ] 5 0 . 5 1 . 0 [ 2 0 4 04 0 0 . 9 3 0 . ] 0 1 . 0 0 . 1 [ 2 0 0 . 0 2 0 . ] 5 0 . 5 . 0 [ 2 0 0 . 0 2 0 . ] 5 0 . 5 . 0 [ 4 0 0 . 0 1 0 . ] 0 1 . 5 2 . 0 [ 3 0 6 06 0 0 . 3 6 0 . ] 5 1 . 6 . 1 [ 6 0 0 . 1 3 0 . ] 5 1 . 8 . 0 [ 6 0 0 . 1 3 0 . ] 5 1 . 8 . 0 [ 4 0 0 . 0 1 0 . ] 0 1 . 5 2 . 0 [ 5 0 8 07 0 0 . . 8 7 0 . ] 2 . 0 . 2 [ 7 0 0 . 9 4 0 . ] 2 . 5 2 . 1 [ 7 0 0 . 3 3 0 . 1 ] 2 . 5 8 . 0 [ 7 0 0 . 9 1 0 . ] 2 . 5 . 0 [ mhi 0402 - 22nh - k t rcd type chip size inductance in nanohenries (nh) tolerance : m=20%, k=10%, j=5%, s=0.3nh packaging : b=bulk, t=tape & reel 1 thickness of .049? .007 is optional by factory unless requested otherwise. l w t t rcd type mhi-0201 is the world ? s smallest chip inductor! * 0201 chips are single layer construction utilizing rcd ? s proprietary film technology.
|