Part Number Hot Search : 
M4004 DS2436ZT 01VXC TZM5247B 2SC3419 NTE1700 MBR890 GRM21B
Product Description
Full Text Search
 

To Download EEEFK1C680P Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  design and speci? cations are each subject to change without notice. ask factory for the current technical speci? cations before purchase and/or use. should a safety concern arise regarding this product, please be sure to contact us immediately. aluminum electrolytic capacitors/ fk ? eee-41 ? a 0.2 w () reference size l d 0.5 h b 0.2 (i) k (p) (i) + 0.3 max. pressure relief ( 10 and larger) 22 fk j capacitance ( f) rated voltage mark series identification mark for lead-free products black dot (square) lot number negative polarity marking (? 3300 fk j capacitance ( f) rated voltage mark series identification lot number negative polarity marking (? features endurance: 2000 h to 5000 h at 105 c low impedance (40 % to 60 % less than fc series) miniaturized (30 % to 50 % less than fc series) vibration- proof product is available upon request. ( 8 mm and larger) rohs directiv e compliant surface mo unt type series: fk type: v speci? cations category temp. range 55 c to +10 5 c rated w.v.range 6.3 v.dc to 10 0 v.dc nomi nal cap.range 3.3 f to 6800 f capacitance tolerance 20 % (120 hz/+20 c) dc leakage cur rent i < 0.01 cv or 3 (a) after 2 minutes (whichever is greater) tan please see the attached standard pr oducts list characteristics at low temperature w.v. (v) 6.3 10 16 25 35 50 63 80 100 (impedance ratio at 120 hz) z( ? 5 ? )/ z( +2 0 ? ) 222222222 z( ? 0 ? )/ z( +2 0 ? ) 333333333 z( ? 5 ? )/ z( +2 0 ? ) 444333333 endurance after applying rated working voltage for 2000 hours at +105 ?? ? and then being stabilized at +20 ?, capacitors shall meet the following limits. ( > 12.5 and suf? x ??in 8  10.2, 10  10.2 are 5000 hours) capacitance change 3 0 % of initial measured value (suf x g?is 35 %) tan < 200 % of initial speci ed valu e (suf x g?is 300 %) dc leakag e current < initial speci ed value shelf life after storag e for 1000 hours at +105 c2 c with no voltage applied and then being stabilized at +20 c, capacitors shall meet the limits speci ed in endurance (with voltage treatment) resistance to soldering heat after re ow soldering and then being stabilized at +20 c, capacitors shall meet the following limits. capacitance change ?0 % of initial measured value tan < initial speci ed value dc leakag e current < initial speci ed value di men sions in mm (not to scale) marking example:6.3 v 22 f, 6.3 v 3300 f marking colo r : black < 10 size code dla,bh iwpk b 4.0 5.8?.3 4.3 5.5 max. 1.8 0.65?.1 1.0 0.35 - 0.2 c 5.0 5.8?.3 5.3 6.5 max. 2.2 0.65?.1 1.5 0.35 - 0.2 d 6.3 5.8?.3 6.6 7.8 max. 2.6 0.65?.1 1.8 0.35 - 0.2 d8 6.3 7.7?.3 6.6 7.8 max. 2.6 0.65?.1 1.8 0.35 - 0.2 e 8.0 6.2?.3 8.3 9.5 max. 3.4 0.65?.1 2.2 0.35 - 0.2 f 8.0 10.2?.3 8.3 10.0 max. 3.4 0.90?.2 3.1 0.70?.2 g 10.0 10.2?.3 10.3 12.0 max. 3.5 0.90?.2 4.6 0.70?.2 h13 12.5 13.5?.5 13.5 15.0 max. 4.7 0.90?.3 4.4 0.70?.3 j16 16.0 16.5?.5 17.0 19.0 max. 5.5 1.20?.3 6.7 0.70?.3 k16 18.0 16.5?.5 19.0 21.0 max. 6.7 1.20?.3 6.7 0.70?.3 > 12.5 + 1.5 + 1.5 + 1.5 + 1.5 + 1.5 frequency (hz) 50, 60 120 1 k 1 0 k 100 k to correction factor 0. 70 0.75 0.90 0.95 1.00 frequency correction factor for ripple current j 6.3 v a 10 v c 16 v e 25 v v 35 v rated volt age mark h 50 v j 63 v k 80 v 2a 100 v (unit : mm) 00 nov. 2012
design and speci? cations are each subject to change without notice. ask factory for the current technical speci? cations before purchase and/or use. should a safety concern arise regarding this product, please be sure to contact us immediately. aluminum electrolytic capacitors/ fk ? eee-42 ? standard prod ucts w.v. cap. (20 %) case size speci cation part no. (rohs:compliant) re ow min. packaging q'ty dia. length ? size code ripple current (100 khz) (+105 ?) impedance (100 khz) (+20 c) tan (120 hz) (+20 c) taping (v) (?) ( mm) (mm) (ma r. m.s.) (  )(pcs) 6.3 22 4 5.8 b 90 1.35 0.26 eeefk0j220r (1) 2 000 47 45.8(b)901.350.26 eeefk0j470ur (1) 2 000 55.8c160 0.70 0.26 eeefk0j470r (1) 1 000 100 55.8(c)160 0.70 0.26 eeefk0j101ur (1) 1 000 6.3 5.8 d 240 0.36 0.26 eeefk0j101p (1) 1 000 220 6.3 5.8 d 24 00.360.26 eeefk0j221p (1) 1 000 330 6.3 7.7 d8 280 0.34 0.26 eeefk0j331xp (1) 900 86.2e300 0.26 0.26 eeefk0j331p (2) 1 000 470 8 10.2 f 6 00 0.16 0.26 eeefk0j471p (2) 500 1 000 8 10.2 f 600 0.16 0.26 eeefk0j102p (2) 500 1500 10 10.2 g 850 0.08 0.26 eeefk0j152p (2) 500 3300 12.5 13 .5 h13 1100 0.06 0.30 eevfk0j332q (3) 200 6800 16 16.5 j16 180 0 0.035 0.36 eevfk0j682m (3) 125 10 22 4 5.8 b 90 1.35 0.19 eeefk1a220r (1) 2 000 33 45.8(b)901.350.19 eeefk1a330ur (1) 2 000 55.8c160 0.70 0.19 eeefk1a330r (1) 1 000 150 6.3 5.8 d 24 00.36 0.19 eeefk1a151p (1) 1 000 220 6.3 7.7 d8 280 0.34 0.19 eeefk1a221xp (1) 900 86.2e300 0.26 0.19 eeefk1a221p (2) 1 000 330 8 10.2 f 6 00 0.16 0.19 eeefk1a331p (2) 500 470 8 10.2 f 6 00 0.16 0.19 eeefk1a471p (2) 500 680 8 10.2 f 6 00 0.16 0.19 eeefk1a681p (2) 500 1000 10 10.2 g 850 0.08 0.19 eeefk1a102p (2) 500 2200 12.5 13 .5 h13 1100 0.06 0.21 eevfk1a222q (3) 200 4700 16 16.5 j16 1 800 0.035 0.25 eevfk1a472m (3) 125 6800 18 16.5 k16 2 060 0.033 0.29 eevfk1a682m (3) 125 16 10 4 5.8 b 90 1.35 0.16 eeefk1c100r (1) 2 000 22 45.8(b)901.350.16 eeefk1c220ur (1) 2 000 55.8c160 0.70 0.16 eeefk1c220r (1) 1 000 47 55.8(c)160 0.70 0.16 eeefk1c470ur (1) 1 000 6.3 5.8 d 240 0.36 0.16 eeefk1c470p (1) 1 000 68 6.3 5.8 d 240 0.36 0.16 EEEFK1C680P (1) 1 000 100 6.3 5.8 d 24 00.36 0.16 eeefk1c101p (1) 1 000 150 6.3 7.7 d8 2 80 0.34 0.16 eeefk1c151xp (1) 900 220 6.3 7.7 d8 280 0.34 0.16 eeefk1c221xp (1) 900 86.2e300 0.26 0.16 eeefk1c221p (2) 1 000 330 8 10.2 f 6 00 0.16 0.16 eeefk1c331p (2) 500 470 8 10.2 f 6 00 0.16 0.16 eeefk1c471p (2) 500 680 10 10.2 g 85 0 0.08 0.16 eeefk1c681p (2) 500 1500 12.5 13 .5 h13 1100 0.06 0.16 eevfk1c152q (3) 200 3300 16 16.5 j16 180 0 0.035 0.20 eevfk1c332m (3) 125 4700 18 16.5 k16 2 060 0.033 0.22 eevfk1c472m (3) 125 25 10 4 5.8 b 90 1.35 0.14 eeefk1e100r (1) 2 000 22 5 5.8 c 160 0.70 0.14 eeefk1e220r (1) 1 000 33 55.8(c)160 0.70 0.14 eeefk1e330ur (1) 1 000 6.3 5.8 d 240 0.36 0.14 eeefk1e330p (1) 1 000 47 6.3 5.8 d 2 40 0.36 0.14 eeefk1e470p (1) 1 000 68 6.3 5.8 d 240 0.36 0.14 eeefk1e680p (1) 1 000 100 6.3 7.7 d8 280 0.34 0.14 eeefk1e101xp (1) 900 86.2e300 0.26 0.14 eeefk1e101p (2) 1 000 150 8 10.2 f 6 00 0.16 0.14 eeefk1e151p (2) 500 220 8 10.2 f 6 00 0.16 0.14 eeefk1e221p (2) 500 330 8 10.2 f 6 00 0.16 0.14 eeefk1e331p (2) 500 470 10 10.2 g 85 0 0.08 0.14 eeefk1e471p (2) 500 1 000 12.5 13 .5 h13 1100 0.06 0.14 eevfk1e102q (3) 200 1500 16 16.5 j16 1 800 0.035 0.14 eevfk1e152m (3) 125 2200 16 16.5 j16 180 0 0.035 0.16 eevfk1e222m (3) 125 3300 18 16.5 k16 2 060 0.033 0.18 eevfk1e332m (3) 125 ? size code( ):miniaturization product ?please refer to the page of ?e? ow pro? le?and ?he taping dimensions? ?when requesting vibration-proof product, please put the last ??instead to ? endurance : 105 ? 2000 h ( > 12.5 : 5000 h) 00 nov. 2012
design and speci? cations are each subject to change without notice. ask factory for the current technical speci? cations before purchase and/or use. should a safety concern arise regarding this product, please be sure to contact us immediately. aluminum electrolytic capacitors/ fk ? eee-43 ? standard prod ucts w.v. cap. (20 %) case size speci cation part no. (rohs:compliant) re ow min. packaging q'ty dia. length ? size code ripple current (100 khz) (+105 ?) impedance (100 khz) (+20 c) tan (120 hz) (+20 c) taping (v) (?) ( mm) (mm) (ma r. m.s.) (  )(pcs) 35 4.7 4 5.8 b 90 1.35 0.12 eeefk1v4r7r (1) 2 000 10 45.8(b) 901.350.12 eeefk1v100ur (1) 2 000 55.8c160 0.70 0.12 eeefk1v100r (1) 1 000 22 5 5.8 c 160 0.70 0.12 eeefk1v220r (1) 1 000 33 6.3 5.8 d 2 40 0.36 0.12 eeefk1v330p (1) 1 000 47 6.3 5.8 d 2 40 0.36 0.12 eeefk1v470p (1) 1 000 68 6.3 7.7 d8 280 0.34 0.12 eeefk1v680xp (1) 900 100 6.3 7.7 d8 280 0.34 0.12 eeefk1v101xp (1) 900 810.2 f 6000 .16 0.12 eeefk1v101p (2) 500 150 8 10.2 f 6 00 0.16 0.12 eeefk1v151p (2) 500 220 8 10.2 f 6 00 0.16 0.12 eeefk1v221p (2) 500 330 10 10.2 g 85 0 0.08 0.12 eeefk1v331p (2) 500 470 12.5 13.5 h13 110 0 0.06 0.12 eevfk1v471q (3) 200 680 12.5 13.5 h13 110 0 0.06 0.12 eevfk1v681q (3) 200 1000 16 16.5 j16 1 800 0.035 0.12 eevfk1v102m (3) 125 1500 16 16.5 j16 1 800 0.035 0.12 eevfk1v152m (3) 125 50 4.7 4 5.8 b 60 2.90 0.10 eeefk1h4r7r (1) 2 000 10 55.8(c) 851.520.10 eeefk1h100ur (1) 1 000 6.3 5.8 d 165 0.88 0.10 eeefk1h100p (1) 1 000 22 6.3 5.8 d 1 65 0.88 0.10 eeefk1h220p (1) 1 000 33 6.3 7.7 d8 195 0.68 0.10 eeefk1h330xp (1) 900 86.2e195 0.68 0.10 eeefk1h330p (2) 1 000 47 6.3 7.7 d8 195 0.68 0.10 eeefk1h470xp (1) 900 86.2e195 0.68 0.10 eeefk1h470p (2) 1 000 100 8 10.2 f 350 0.34 0.10 eeefk1h101p (2) 500 150 10 10.2 g 67 00.18 0 .10 eeefk1h151p (2) 500 220 10 10.2 g 67 00.18 0 .10 eeefk1h221p (2) 500 330 12.5 13.5 h13 900 0.1 20.10 eevfk1h331q (3) 200 390 12.5 13.5 h13 900 0.1 20.10 eevfk1h391q (3) 200 470 16 16.5 j16 1610 0.073 0.10 eevfk1h471m (3) 125 560 16 16.5 j16 1610 0.073 0.10 eevfk1h561m (3) 125 680 16 16.5 j16 1610 0.073 0.10 eevfk1h681m (3) 125 1000 16 16.5 j16 1 610 0.073 0.10 eevfk1h102m (3) 125 63 4.7 5 5.8 c 50 3.00 0.08 eeefk1j4r7r (1) 1 000 10 6.3 5.8 d 8 01.50 0.08 eeefk1j100p (1) 1 000 22 6.3 7.7 d8 12 01.20 0.08 eeefk1j220xp (1) 900 86.2e120 1.20 0.08 eeefk1j220p (2) 1 000 33 8 10.2 f 25 00.65 0.08 eeefk1j330p (2) 500 47 8 10.2 f 25 00.65 0.08 eeefk1j470p (2) 500 68 8 10.2 (f) 25 00.65 0.08 eeefk1j680up (2) 500 100 10 10.2 g 40 00.35 0.08 eeefk1j101p (2) 500 150 12.5 13.5 h13 800 0.1 6 0.08 eevfk1j151q (3) 200 220 12.5 13.5 h13 800 0.1 6 0.08 eevfk1j221q (3) 200 470 16 16.5 j16 1410 0.082 0.08 eevfk1j471m (3) 125 680 18 16.5 k16 1690 0.08 0.08 eevfk1j681m (3) 125 80 3.3 5 5.8 c 25 5.00 0.08 eeefk1k3r3r (1) 1 000 4.7 6.3 5.8 d 40 3.00 0.08 eeefk1k4r7p (1) 1 000 10 6.3 7.7 d8 60 2.40 0.08 eeefk1k100xp (1) 900 86.2e 602 .40 0.08 eeefk1k100p (2) 1 000 22 8 10.2 f 13 01.30 0.08 eeefk1k220p (2) 500 33 8 10.2 f 13 01.30 0.08 eeefk1k330p (2) 500 47 10 10.2 g 2 00 0.70 0.08 eeefk1k470p (2) 500 68 12.5 13 .5 h13 500 0.32 0.08 eevfk1 k6 80q (3) 200 100 12.5 13.5 h13 500 0.3 2 0.08 eevfk1 k101q (3) 200 150 12.5 13.5 h13 500 0.3 2 0.08 eevfk1 k151q (3) 200 330 16 16.5 j16 793 0.17 0.08 eevfk1k331m (3) 125 470 18 16.5 k16 917 0.1 53 0.08 eevfk1k471m (3) 125 ? size code( ):miniaturization product ?please refer to the page of ?e? ow pro? le?and ?he taping dimensions? ?when requesting vibration-proof product, please put the last ??instead to ? endurance : 105 ? 2000 h ( > 12.5 : 5000 h) 00 nov. 2012
design and speci? cations are each subject to change without notice. ask factory for the current technical speci? cations before purchase and/or use. should a safety concern arise regarding this product, please be sure to contact us immediately. aluminum electrolytic capacitors/ fk ? eee-44 ? endurace 5000 h products w.v. cap. (20 %) case size speci cation part no. (rohs:compliant) re ow min. packaging q'ty dia. length size code ripple current (100 khz) (+105 ?) impedance (100 khz) (+20 c) tan (120 hz) (+20 c) taping (v) (?) ( mm) (mm) (ma r. m.s.) (  )(pcs) 6.3 470 8 10.2 f 6 00 0.16 0.26 eeefk0j471gp (2) 500 1 000 8 10.2 f 600 0.16 0.26 eeefk0j102gp (2) 500 1500 10 10.2 g 850 0.08 0.26 eeefk0j152gp (2) 500 10 330 8 10.2 f 6 00 0.16 0.19 eeefk1a331gp (2) 500 470 8 10.2 f 6 00 0.16 0.19 eeefk1a471gp (2) 500 680 8 10.2 f 6 00 0.16 0.19 eeefk1a681gp (2) 500 1000 10 10.2 g 850 0.08 0.19 eeefk1a102gp (2) 500 16 330 8 10.2 f 6 00 0.16 0.16 eeefk1c331gp (2) 500 470 8 10.2 f 6 00 0.16 0.16 eeefk1c471gp (2) 500 680 10 10.2 g 85 0 0.08 0.16 eeefk1c681gp (2) 500 25 150 8 10.2 f 6 00 0.16 0.14 eeefk1e151gp (2) 500 220 8 10.2 f 6 00 0.16 0.14 eeefk1e221gp (2) 500 330 8 10.2 f 6 00 0.16 0.14 eeefk1e331gp (2) 500 470 10 10.2 g 85 0 0.08 0.14 eeefk1e471gp (2) 500 35 100 8 10.2 f 600 0.16 0.12 eeefk1v101gp (2) 500 150 8 10.2 f 6 00 0.16 0.12 eeefk1v151gp (2) 500 220 8 10.2 f 6 00 0.16 0.12 eeefk1v221gp (2) 500 330 10 10.2 g 85 0 0.08 0.12 eeefk1v331gp (2) 500 50 100 8 10.2 f 350 0.34 0.10 eeefk1h101gp (2) 500 150 10 10.2 g 67 00.18 0 .10 eeefk1h151gp (2) 500 220 10 10.2 g 67 00.18 0 .10 eeefk1h221gp (2) 500 ?please refer to the page of ?e? ow pro? le?and ?he taping dimensions? ?when requesting vibration-proof product, please put the last ??instead to ? endurance : 105 ? 5000 h standard prod ucts w.v. cap. (20 %) case size speci cation part no. (rohs:compliant) re ow min. packaging q'ty dia. length ? size code ripple current (100 khz) (+105 ?) impedance (100 khz) (+20 c) tan (120 hz) (+20 c) taping (v) (?) ( mm) (mm) (ma r. m.s.) (  )(pcs) 100 22 8 10.2 f 13 01.30 0.07 eeefk2a220p (2) 500 33 10 10.2 g 200 0.70 0.07 eeefk2a330p (2) 500 47 12.5 13 .5 h13 500 0.32 0.07 eevfk2a470q (3) 200 68 12.5 13 .5 h13 500 0.32 0.07 ee vf k2 a 680q (3) 200 100 16 16.5 j16 793 0.17 0.07 eevfk2a101m (3) 125 150 16 16.5 j16 793 0.17 0.07 eevfk2a151m (3) 125 220 18 16.5 k16 917 0.1 53 0.07 eevfk2a221m (3) 125 330 18 16.5 k16 917 0.1 53 0.07 eevfk2a331m (3) 125 endurance : 105 ? 2000 h ( > 12.5 : 5000 h) ? size code( ):miniaturization product ?please refer to the page of ?e? ow pro? le?and ?he taping dimensions? 00 nov. 2012


▲Up To Search▲   

 
Price & Availability of EEEFK1C680P

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X