Part Number Hot Search : 
T4124 GS832 HZS33 GBL02 TOP200YN FSUSB300 FSS134 DTA113
Product Description
Full Text Search
 

To Download ECEA0JN222U Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  design and speci? cations are each subject to change without notice. ask factory for the current technical speci? cations before purchase and/or use. should a safety concern arise regarding this product, please be sure to contact us immediately. aluminum electrolytic capacitors/ su(bi-polar) ? eee-116 ? 5to 8 d 0.5 d 0.05 f 0.5 sleeve 14 min. 3 min. ? l pressure relief ( 6.3 < ) ? l < 1 6:l 1.0 l > 2 0:l 2.0 10 < d 0.5 features endurance : 85 c 2000 h rohs directiv e compliant radial lead type series: su(bi-polar) type: a di men sions in mm (not to scale) speci? cations category temp. range ?40 c to +85 c rated w.v. range 6.3 v.dc to 50 v.dc nominal cap. range 0 .47 f to 6800 f capacitance tolerance 20 % (120 hz/+20 c) dc leak age cur rent i < 0.03 cv +3 (a) after 5 minutes tan please see the attached standard products list. endurance after 2000 hours application of dc working voltage (1000 hours for each polarity) at +85 c2 c, when the capacitors are restored to 20 c, the capacitors shall meet the following limits. capacitance change 20 % of initial measured value tan < 150 % of initial speci? ed value dc leakag e current < initial speci? ed value shelf life after storage for 1000 hours at +85 c2 c with no voltage applied and then being stabilized at +20 c capacitors shall meet the limits speci? ed in endurance. (with voltage treatment) body dia. d5 6.3 8 1012.516 18 lead dia. d0.5 0.5 0 .6 0.6 0.6 0.8 0.8 lead space f 2.0 2.5 3.5 5.0 5.0 7.5 7.5 frequency (hz) 50, 60 120 1 k 10 k to correction factor 0.70 1.00 1.30 1.70 frequency correction factor for ripple current (unit : mm) 00 nov. 2012
design and speci? cations are each subject to change without notice. ask factory for the current technical speci? cations before purchase and/or use. should a safety concern arise regarding this product, please be sure to contact us immediately. aluminum electrolytic capacitors/ su(bi-polar) ? eee-117 ? standard prod ucts (bi-polar) w.v. cap. (20 %) case size speci? cation lead length part no. min. packaging q'ty dia. length ripple current (120 hz) (+85 c ) tan (120 hz) (+20 c) lead dia. lead space straight leads taping straight taping ? b taping ? i (v) (f) ( mm) (mm) (ma r.m.s.) (  )(mm)( mm) (mm) (mm) (pcs) (pcs) 6.3 330 8 11.5 250 0.30 0.6 3.5 5.0 ecea0jn331u( ) 200 1 000 470 10 12.5 310 0. 30 0.6 5 .0 5.0 ecea0jn471x( ) 200 500 1 000 10 20 430 0.30 0.6 5.0 5.0 ecea0jn102u( ) 200 500 2200 12.5 25 660 0.32 0.6 5.0 5.0 ecea0jn 222u( ) 200 500 3300 16 25 760 0.34 0.8 7.5 7.5 ecea0jn3 32u( ) 100 250 4700 16 31.5 11 70 0.36 0.8 7.5 ecea0jn472u 100 6800 18 35.5 1450 0.40 0.8 7.5 ecea0jn682u 50 10 47 5 11 90 0.25 0 .5 2.0 5 .0 2.5 ecea1an470u( ) 200 2 000 100 6.3 11.2 130 0.25 0.5 2.5 5.0 2.5 ecea1an101x( ) 200 2 000 220 8 11.5 200 0.25 0.6 3.5 5.0 ecea1an221u( ) 200 1 000 330 10 16 280 0. 25 0.6 5 .0 5.0 ecea1an331u( ) 200 500 470 10 16 340 0. 25 0.6 5 .0 5.0 ecea1an471u( ) 200 500 1 000 12.5 20 470 0.25 0.6 5.0 5.0 ecea1an102x( ) 200 500 2200 16 25 690 0.27 0.8 7.5 7.5 ecea1an 222u( ) 100 250 3300 16 31.5 10 90 0.29 0.8 7.5 ecea1a n332u 100 4700 18 35.5 12 00 0.31 0.8 7.5 ecea1an472u 50 16 10 5 11 40 0.20 0 .5 2.0 5 .0 2.5 ecea1cn100u( ) 200 2 000 22 5 11 60 0.20 0 .5 2.0 5 .0 2.5 ecea1cn220u( ) 200 2 000 33 5 11 80 0.20 0 .5 2.0 5 .0 2.5 ecea1cn330u( ) 200 2 000 47 6.3 11.2 100 0. 20 0.5 2.5 5.0 2.5 ecea1cn470u( ) 200 2 000 220 10 12.5 260 0. 20 0.6 5 .0 5.0 ecea1cn221x( ) 200 500 330 10 16 330 0. 20 0.6 5 .0 5.0 ecea1cn331u( ) 200 500 470 10 20 380 0. 20 0.6 5 .0 5.0 ecea1cn471u( ) 200 500 1 000 12.5 25 560 0.20 0.6 5.0 5.0 ecea1cn102u( ) 200 500 2200 16 31.5 750 0.22 0.8 7.5 ecea1c n222u 100 3300 18 35.5 900 0.24 0.8 7.5 ecea1c n332u 50 25 10 5 11 45 0.15 0 .5 2.0 5 .0 2.5 ecea1en100u( ) 200 2 000 22 5 11 60 0.15 0 .5 2.0 5 .0 2.5 ecea1en220x( ) 200 2 000 33 6.3 11.2 90 0.1 50.5 2.5 5 .0 2.5 ecea1en330u( ) 200 2 000 47 6.3 11.2 110 0. 15 0.5 2.5 5.0 2.5 ecea1en470u( ) 200 2 000 100 8 11.5 180 0.15 0.6 3.5 5.0 ecea1en101u( ) 200 1 000 220 10 16 320 0. 15 0.6 5 .0 5.0 ecea1en221u( ) 200 500 330 12.5 20 350 0. 15 0.6 5 .0 5.0 ecea1en331u( ) 200 500 470 12.5 20 430 0. 15 0.6 5 .0 5.0 ecea1en471u( ) 200 500 1 000 16 25 680 0.15 0.8 7.5 7.5 ecea1en102u( ) 100 250 2200 18 35.5 900 0.17 0.8 7.5 ecea1e n222u 50 35 10 5 11 43 0.15 0 .5 2.0 5 .0 2.5 ecea1vn100u( ) 200 2 000 22 6.3 11.2 80 0.1 50.5 2.5 5 .0 2.5 ecea1vn220u( ) 200 2 000 33 8 11.5 100 0. 15 0.6 3.5 5.0 ecea1vn330u( ) 200 1 000 47 8 11.5 120 0. 15 0.6 3.5 5.0 ecea1vn470u( ) 200 1 000 100 10 16 230 0. 15 0.6 5 .0 5.0 ecea1vn101u( ) 200 500 220 12.5 20 360 0. 15 0.6 5 .0 5.0 ecea1vn221u( ) 200 500 330 12.5 20 450 0. 15 0.6 5 .0 5.0 ecea1vn331u( ) 200 500 470 12.5 25 590 0. 15 0.6 5 .0 5.0 ecea1vn471u( ) 200 500 when requesting taped product, please put the letter "b" or "i" be tween the "( )". lead wire pitch b=5 mm, 7.5 mm, i=2.5 mm. please refer to the page of ?taping dimensions?. endurance: 85 c 2000 h (1000 hours for each polarity) 00 nov. 2012
design and speci? cations are each subject to change without notice. ask factory for the current technical speci? cations before purchase and/or use. should a safety concern arise regarding this product, please be sure to contact us immediately. aluminum electrolytic capacitors/ su(bi-polar) ? eee-118 ? standard prod ucts (bi-polar) w.v. cap. (20 %) case size speci? cation lead length part no. min. packaging q'ty dia. length ripple current (120 hz) (+85 c ) tan (120 hz) (+20 c) lead dia. lead space straight leads taping straight taping ? b taping ? i (v) (f) ( mm) (mm) (ma r.m.s.) (  )(mm)( mm) (mm) (mm) (pcs) (pcs) 50 0.47 5 11 10 0.15 0.5 2.0 5.0 2.5 ecea1hnr47u( ) 200 2 000 15 11 100. 15 0.5 2 .0 5.0 2.5 ecea1hn010u( ) 200 2 000 2.2 5 11 18 0.15 0.5 2.0 5.0 2.5 ecea1hn2r2u( ) 200 2 000 3.3 5 11 25 0.15 0.5 2.0 5.0 2.5 ecea1hn3r3u( ) 200 2 000 4.7 5 11 30 0.15 0.5 2.0 5.0 2.5 ecea1hn4r7u( ) 200 2 000 10 6.3 11.2 50 0.1 50.5 2.5 5 .0 2.5 ecea1hn100u( ) 200 2 000 22 8 11.5 90 0.15 0.6 3.5 5.0 ecea1hn220u( ) 200 1 000 33 8 11.5 110 0. 15 0.6 3.5 5.0 ecea1hn330u( ) 200 1 000 47 10 12.5 140 0.15 0.6 5.0 5.0 ecea1hn470u( ) 200 500 100 10 20 250 0. 15 0.6 5 .0 5.0 ecea1hn101u( ) 200 500 220 12.5 25 360 0. 15 0.6 5 .0 5.0 ecea1hn221u( ) 200 500 330 16 25 450 0. 15 0.8 7.5 7.5 ecea1hn331u( ) 100 250 470 16 31.5 590 0.15 0.8 7.5 ecea1hn471u 100 when requesting taped product, please put the letter "b" or "i" be tween the "( )". lead wire pitch b=5 mm, 7.5 mm, i=2.5 mm. please refer to the page of ?taping dimensions?. endurance: 85 c 2000 h (1000 hours for each polarity) 00 nov. 2012


▲Up To Search▲   

 
Price & Availability of ECEA0JN222U

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X