Part Number Hot Search : 
2815S KBL01 2SC3979A DTA143Z MN102L35 GP20K PAM2845 MAX4691
Product Description
Full Text Search
 

To Download DSS29 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  dss22 thru dss210 surface mount schottky barrier rectifier reverse voltage - 20 to 100 volts forward current - 2.0 ampere case : jedec sod-123fl molded plastic body terminals : s olderable per mil-std-750, method 2026 polarity : color band denotes cathode end mounting position : any weight :0.0007 ounce, 0.02 grams features mechanical data maximum ratings and electrical characteristics ratings at 25 c ambient temperature unless otherwise specified. single phase half-wave 60hz,resistive or inductive load,for capacitive load current derate by 20%. the plastic package carries underwriters laboratory flammability classification 94v-0 metal silicon junction,majority carrier conduction low power loss,high efficiency high forward surge current capability high temperature soldering guaranteed: 250 c/10 seconds,0.375 ? (9.5mm) lead length, 5 lbs. (2.3kg) tension dss22 d22 symbols units dss210 d210 note: 1.measured at 1mhz and applied reverse voltage of 4.0v d.c. 20 14 20 v rrm v rms v dc i (av) i fsm v f 2.0 40.0 0.70 operating junction temperature range maximum repetitive peak reverse voltage maximum rms voltage maximum dc blocking voltage maximum average forward rectified current peak forward surge current 8.3ms single half sine-wave superimposed on rated load (jedec method) maximum instantaneous forward voltage at 2.0a maximum dc reverse current t a =25 c at rated dc blocking voltage t a =100 c typical junction capacitance (note 1) i r 0.5 c j t j t stg 80 storage temperature range dss23 d23 dss25 d25 dss24 d24 dss26 d26 dss28 d28 dss27 d27 DSS29 d29 30 21 30 40 28 40 50 35 50 60 42 60 80 56 80 100 70 100 70 49 70 90 63 90 volts volts volts amp amps volts pf c ma c -50 to +150 -50 to +125 -50 to +150 10.0 5.0 0.55 0.85 220 sod-123fl 1.0  0.2 2.8  0.1 1. 8 0.1 cathode band top view 3.7  0.2 0.6  0.25 1. 3 0.15 0.10-0.30 dimensions in millimeters mdd electronic mdd catalog number
ratings and characteristic curves dss22 thru dss210 2.0 1.6 1.2 0.8 0.4 0 0 25 50 75 100 125 150 175 0.2 0.4 0.6 0.8 1.0 1.1 fig. 3-typical instantaneous forward characteristics number of cycles at 60 hz fig. 2-maximum non-repetitive peak forward surge current fig. 1- forward current derating curve average forward rectified current, amperes instantaneous forward current,amperes peak forward surge current, amperes instantaneous forward voltage, volts single phase half wave 60hz resistive or inductive load 0.01 0.1 1 20 10 t j =25 c pulse width=300 m s 1%duty cycle 0 20 40 60 80 100 100 10 1 0.1 0.01 0.001 tj=25 c tj=100 c percent of peak reverse voltage,% fig. 4-typical reverse characteristics instantaneous reverse current, millamperes ambient temperature, c dss27-dss210 dss22-dss26 dss25-dss26 dss22-dss24 dss27-dss210 tj=75 c 0.1 1.0 10 100 reverse voltage,volts fig. 5-typical junction capacitance junction capacitance, pf t j =25 c 10 100 1000 2000 dss25-dss210 dss22-dss24 40 32 24 16 8 0 1 10 100 8.3ms single half sine-wave (jedec method) mdd electronic


▲Up To Search▲   

 
Price & Availability of DSS29

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X