Part Number Hot Search : 
20N60 LA7300M MSM541 STE800P NSC5005D 2SK1739 R3122P F423L
Product Description
Full Text Search
 

To Download DF50-20DP-1H Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 1mm pitch, board to cable lock connector df50 series 2013.4 features 1. it provides clear tactile click and secure mating locking function and contact mating occur simultaneously, for a clearer tactile click. (please refer to figure 1 on the right) 2. robust structure resistant to wrenching forces thick and robust housing wall provides higher strength against cracking. insertion depth for mating housings protects against wrenching. (please refer to figure 2 on the right) 3. robust and reliable lance structure high lance strength by mating with crimp contact on the surface (please refer to figure 3 on the right) 4. ensured adsorption area eliminates the need for adsorption gap. adequate adsorption area is ensured despite the small size, allowing for automatic mounting without adsorption gap. (*specifications for adsorption gap may be provided according to your requirements) 5. insulation outer diameter ? 0.9mm, compatible with awg#28 despite 1 mm pitch, it is compatible with ? 0.9mm, ul1061 awg#28 cable ( ?0.1277) it provides clear tactile click and secure mating robust structure resistant to wrenching forces robust and reliable lance structure figure 3. simultaneous timing of locking function and contact mating provides a clearer tactile click. figure 2. it is possible to visually inspect the assembled lance. the lance mates with the crimp contact on the surface. timing of locking function figure 1. insertion depth for mating protects against wrenching. thick and robust outer wall provides higher strength and prevents cracking.
2 df50 series 1mm pitch, board to cable lock connector product specifications ratings current rating 1a operating temperature range operating humidity range -35 to + 85c (note 1) 20 to 80% voltage rating ac/dc 100v storage temperature range storage humidity range -10 to + 60c (note 2) 40 to 70% (note 2) items specifcations conditions 1. insulation resistance no less than 500m? measured at dc 100v 2. withstand voltage no fashover or breakdown ac300v is applied for one minute 3. contact resistance no more than 30m? measured at 1ma and no higher than 20mv 4. vibration resistance no electric outage of 1s or greater 10 cycles in each of three directions at frequency 10-55 hz, half amplitude 0.75 mm 5. shock resistance no electric outage of 1s or greater accelerated velocity: 490m/s 2 for 11ms, half-sine in 3 directions, 3 times for each direction 6. moisture-resistance contact resistance: no more than 50m?; insulation resistance: no less than 100m? temperature: 402c; humidity: 90 to 95%, left as it is for 96 hours 7. temperature cycles contact resistance: no more than 50m?; insulation resistance: no less than 500m? (-55c for 30 minutes 5 to 35c for 2 to 3 minutes 85c for 30 minutes 5 to 35c for 2 to 3 minutes) in 5 cycles 8. push-pull durability life contact resistance: no more than 50m? 30 times of push-pull operation 9. solder heat resistance there should be no dissolution of the resin part which will infuence the performance. refow: according to the recommended temperature profle hand soldering: temperature of soldering iron at 350c for 3 to 4 seconds (note 1) temperature rise at the time of electrifcation is included. (note 2) the term storage refers to the long-term storage condition of unused products before pcb mounting. operating temperature range is applied to the deenergized state after mounting of pcb and the temporary storage state during transportation. (note 3) the above specifcations are representative of this series. please refer to delivery specifcations for offcial individual agreement. materials product part materials color / treatment ul regulation header (on the board side) insulator lcp black ul94v-0 contact brass gold plating --------- metal ftting brass (note 1) tin plating --------- locking metal fttings (df50) stainless steel --------- --------- crimp socket insulator pbt black (df50a) ul94v-0 white (df50s) crimp contact contact phosphorous bronze gold plating --------- (note 1) phosphor bronze is applied a material for only to the single-row straight pin header. product number structure connector df50 ? * dp ? 1 v ** ? ? ? ? ? ? crimp contact df50 ? 2830 scf a ? ? ? ? ? wire connection method/geometry of terminal c: crimp socket v: smt straight type h: smt right angle type ? specifcations 51: smt embossed packaging 52: smt embossed packaging (with cap, df50) ? applicable wire size 2830: awg28, 30 3032: awg30, 32 (under development) ? method type/packaging type scf: socket contact reel ? plating specifcations a: gold plating ? series name: df50 (double-row pin header) df50s (double-row crimp socket) df50a (single-row) ? number of contacts : 20, 30, 40, 50 (double-row) : 2 to 16 (single-row) ? connector type dp: double-row pin header ds: double-row socket p: single-row pin header s: single-row socket ? contact pitch: 1mm
3 df50 series 1mm pitch, board to cable lock connector [specifcation number : ** , ( **) ] (51): gold plating, embossed packaging (52): gold plating, embossed packaging, with adsorption cap double-row straight pin header b recommended pattern schematic *: no. of contacts unit : mm product no. hrs no. no. of contacts a b c d e f g df50-20dp-1v (**) cl665-0019-3-** 20 13.18 9 14.2 28.4 32 38.4 32.4 df50-30dp-1v (**) cl665-0001-8-** 30 18.18 14 14.2 28.4 32 38.4 32.4 df50-40dp-1v (**) cl665-0005-9-** 40 23.18 19 20.2 40.4 44 50.4 44.4 df50-50dp-1v (**) cl665-0011-1-** 50 28.18 24 20.2 40.4 44 50.4 44.4 (note) please place orders for embossed packaged products by the multiple of the number of reels. (1,000 connectors per reel) b??? emboss tape dimensions (in conformity to jis c 0806) b??? reel condition dimensions a a a-a c0.1 d0.1 1.750.1 120.1 40.1 0.20.05 r0.75 +0.1 0 ?1.5 +0.1 0 20.1 e0.3 6osffmjohejsfdujpo $poubdu/p 2.395
(center of adsorption area) product label unreeling direction f max g +2 0 ?801 ?3802 r1 ?130.2 ?210.8 20.5 p=1y b a 8.15 7.05 contact no.2 contact no.* contact no. *-1 contact no.1 contact no.1 mark 0.90.05 0.85 min 1.60.05 40.05 1.60.05 b0.05 0.60.05 p=10.05 0.70.05 1.80.05 contact no.2 contact no.* contact no.*-1 contact no.1
4 df50 series 1mm pitch, board to cable lock connector double-row right angle pin header [specifcation number: ** , ( **)] (51): gold plating, embossed packaging *: no. of contacts unit : mm product no. hrs no. no. of contacts a b c d e f g DF50-20DP-1H(**) cl665-0016-5-** 20 14.35 9 14.2 28.4 32 38.4 32.4 df50-30dp-1h(**) cl665-0015-2-** 30 19.35 14 20.2 40.4 44 50.4 44.4 df50-40dp-1h(**) cl665-0014-0-** 40 24.35 19 20.2 40.4 44 50.4 44.4 df50-50dp-1h(**) cl665-0013-7-** 50 29.35 24 20.2 40.4 44 50.4 44.4 (note) please place orders for embossed packaged products by the multiple of the number of reels. (1,000 connectors per reel) contact no.1 contact no. *-1 contact no.2 contact no.* a p=1 b contact no.1 mark 9 8.66 1.250.05 1.750.05 1.60.05 4.10.05 1.60.05 b0.05 contact no.*? contact no.2 0.60.05 p=10.05 contact no.*-1 contact no.1 0.90.05 1.80.05 b recommended pattern schematic b??? emboss tape dimensions (in conformity to jis c 0806) b??? reel condition dimensions b b b-b c0.1 d0.1 1.750.1 160.15 0.20.05 r0.75 +0.1 0 ?1.5 +0.1 0 40.1 20.1 e0.3 unreeling direction product label ? 1.5 in front of the perforation unreeling direction f max g +2 0 ?801 ?3802 20.5 r1 ?130.2 ?210.8
5 df50 series 1mm pitch, board to cable lock connector single-row straight pin header b recommended pattern schematic unit : mm product no. hrs no. no. of contacts a b c df50a-2p-1v (**) cl665-1001-3-** 2 5.25 1 5 df50a-3p-1v (**) cl665-1004-1-** 3 6.25 2 6 df50a-4p-1v (**) cl665-1006-7-** 4 7.25 3 7 df50a-5p-1v (**) cl665-1008-2-** 5 8.25 4 8 df50a-6p-1v (**) cl665-1010-4-** 6 9.25 5 9 df50a-7p-1v (**) cl665-1012-0-** 7 10.25 6 10 df50a-8p-1v (**) cl665-1014-5-** 8 11.25 7 11 df50a-9p-1v (**) cl665-1016-0-** 9 12.25 8 12 df50a-10p-1v (**) cl665-1017-3-** 10 13.25 9 13 df50a-11p-1v (**) cl665-1019-9-** 11 14.25 10 14 df50a-12p-1v (**) cl665-1021-0-** 12 15.25 11 15 df50a-13p-1v (**) cl665-1023-6-** 13 16.25 12 16 df50a-14p-1v (**) cl665-1025-1-** 14 17.25 13 17 df50a-15p-1v (**) cl665-1027-7-** 15 18.25 14 18 df50a-16p-1v (**) cl665-1029-2-** 16 19.25 15 19 (note) please place orders for embossed packaged products by the multiple of the number of reels. (1,000 connectors per reel) *: no. of contacts [specifcation number: ** , ( **) ] (51): gold plating, embossed packaging 5.67 contact no.1 contact no.* a p=1 b contact no.1 mark 7.05 c contact no.1 contact no.* 0.70.05 1.90.05 3.150.05 4.70.05 2.40.05 p=10.05 0.60.05 b0.05
6 df50 series 1mm pitch, board to cable lock connector df50a-2p-1v to f50a-8p-1v (number of contacts: 2 to 8) ? df50a-9p-1v to df50a-16p-1v (number of contacts: 9 to 16) unreeling direction a a 120.1 20.1 11.50.1 22.25 +0.2 0 1.750.1 40.1 (24) ?1.5 +0.1 0 a-a unreeling direction a a 0.20.05 320.3 28.40.1 14.20.1 40.1 20.1 ?1.5 120.1 1.750.1 r0.75 +0.1 0 +0.1 0 product label ?1.5 to the depth of the perforation unreeling direction geometry of reel (free) 38.4max 32.4 +2 0 ?801 ?3802 20.5 r1 ?130.2 ?210.8 unreeling direction ?1.5 to the depth of the perforation product label 20.5 ?3802 ?801 24.4 +2 0 30.4max r1 ?210.8 ?130.2 b??? emboss tape dimensions (in conformity to jis c 0806) b??? emboss tape dimensions (in conformity to jis c 0806) b??? reel condition dimensions b??? reel condition dimensions a-a unreeling direction a a 0.20.05 320.3 28.40.1 14.20.1 40.1 20.1 ?1.5 120.1 1.750.1 r0.75 +0.1 0 +0.1 0 product label ?1.5 to the depth of the perforation unreeling direction geometry of reel (free) 38.4max 32.4 +2 0 ?801 ?3802 20.5 r1 ?130.2 ?210.8
7 df50 series 1mm pitch, board to cable lock connector single-row right angle pin header b recommended pattern schematic unit : mm product no. hrs no. no. of contacts a b c df50a-2p-1h (**) cl665-1031-4-** 2 6.81 1 6 df50a-3p-1h (**) cl665-1032-7-** 3 7.81 2 7 df50a-4p-1h (**) cl665-1033-0-** 4 8.81 3 8 df50a-5p-1h (**) cl665-1034-2-** 5 9.81 4 9 df50a-6p-1h (**) cl665-1035-5-** 6 10.81 5 10 df50a-8p-1h (**) cl665-1037-0-** 8 12.81 7 12 df50a-10p-1h (**) cl665-1039-6-** 10 14.81 9 14 df50a-12p-1h (**) cl665-1041-8-** 12 16.81 11 16 df50a-16p-1h (**) cl665-1045-9-** 16 20.81 15 20 (note) please place orders for embossed packaged products by the multiple of the number of reels. (1,000 connectors per reel) *: no. of contacts [specifcation number: ** , ( **) ] (51): gold plating, embossed packaging contact no.* contact no.1 p=1 a b c 7.6 contact no.1 mark 6.08 b0.05 p=10.05 0.60.05 1.90.05 1.510.05 7.310.05 5.670.05 2.40.05 contact no.* contact no.1
8 df50 series 1mm pitch, board to cable lock connector df50a-2p-1h to df50a-6p-1h (number of contacts : 2 to 6) ? df50a-8p-1h to df50a-16p-1h (number of contacts : 8 to 16) b??? emboss tape dimensions (in conformity to jis c 0806) b??? emboss tape dimensions (in conformity to jis c 0806) b??? reel condition dimensions b??? reel condition dimensions unreeling direction c c c-c (24) 22.25 11.50.1 1.750.1 120.1 40.1 20.1 ?1.5 +0.1 0 +0.2 0 product label ?1.5 to the depth of the perforation unreeling direction 30.4 max 24.4 +2 0 ?801 ?3802 20.5 r1 ?130.2 ?210.8 unreeling direction c c c-c f0.3 e0.1 d0.1 1.750.1 120.1 40.1 20.1 ?1.5 +0.1 0 0.20.05 product label ?1.5 to the depth of the perforation unreeling direction g max h +2 0 ?801 ?3802 20.5 r1 ?130.2 ?210.8 unit : mm product no. hrs no. no. of contacts d e f g h df50a-8p-1h (**) cl665-1037-0-** 8 14.2 28.4 32 38.4 32.4 df50a-10p-1h (**) cl665-1039-6-** 10 20.2 28.4 32 38.4 32.4 df50a-12p-1h (**) cl665-1041-8-** 12 20.2 28.4 32 38.4 32.4 df50a-16p-1h (**) cl665-1045-9-** 16 20.2 40.4 44 50.4 44.4 (note) please place orders for embossed packaged products by the multiple of the number of reels. (1,000 connectors per reel)
9 df50 series 1mm pitch, board to cable lock connector double-row crimp socket unit : mm product no. hrs no. no. of contacts a b df50s-20ds-1c cl665-0020-2-00 20 12.28 9 df50s-30ds-1c cl665-0021-5-00 30 17.28 14 df50s-40ds-1c cl665-0022-8-00 40 22.28 19 df50s-50ds-1c cl665-0012-4-00 50 27.28 24 ( note) sold in 100 piece units . single-row crimp socket unit : mm product no. hrs no. no. of contacts a b df50a-2s-1c cl665-1002-6-00 2 3.95 1 df50a-3s-1c cl665-1005-4-00 3 4.95 2 df50a-4s-1c cl665-1007-0-00 4 5.95 3 df50a-5s-1c cl665-1009-5-00 5 6.95 4 df50a-6s-1c cl665-1011-7-00 6 7.95 5 df50a-7s-1c cl665-1013-2-00 7 8.95 6 df50a-8s-1c cl665-1015-8-00 8 9.95 7 df50a-9s-1c cl665-1100-5-00 9 10.95 8 df50a-10s-1c cl665-1018-6-00 10 11.95 9 df50a-11s-1c cl665-1020-8-00 11 12.95 10 df50a-12s-1c cl665-1022-3-00 12 13.95 11 df50a-13s-1c cl665-1024-9-00 13 14.95 12 df50a-14s-1c cl665-1026-4-00 14 15.95 13 df50a-15s-1c cl665-1028-0-00 15 16.95 14 df50a-16s-1c cl665-1030-1-00 16 17.95 15 (note) sold in 100 piece units. b p=1 a contact no. *-1 contact no.1 contact no.1 mark contact no.* contact no.2 hrs mark cav no. 8.5 6 b p=1 a contact no.1 contact no.1 mark contact no.* 6.85 6 *: no. of contacts *: no. of contacts
10 df50 series 1mm pitch, board to cable lock connector crimp contact product no. hrs no. type quantity treatment df50-2830scfa cl665-0002-0-00 reel contact 30,000 pieces per reel gold plating df50k-2830scfa cl665-0017-8-00 reel contact 30,000 pieces per reel gold plating df50-3032scfa under development --------- --------- --------- (note) as this product is sold per (30,000 piece) reel, please place orders by the multiple of the number of reels. product no. hrs no. recommended wire cable name conductor size (core structure) diameter of the wire df50-2830scfa cl0665-0002-0-00 ul1061 awg28 (7pieces / ?0.127mm) ?0.8 to 0.9mm ul1061 awg30 (7pieces / ?0.102mm) df50k-2830scfa cl0665-0017-8-00 ul1571 awg28 (7pieces / ?0.13mm) ?0.58mm (note) please contact our sales department when you are using wires other than applicable wires. applicable wire (tinned annealed copper wire) strip length 1.3 to 1.7mm applicable crimping tool type product no. hrs no. applicable contact applicator ap105-df50-2830s cl901-4616-0 df50-2830scfa press body cm-105 cl901-0005-4 --------- hand tool ht305/df50-2830hc cl902-4634-8 df50-2830scfa pull-out tool df-c-po(b) cl550-0179-2 df50-2830scfa (note) problems caused by tools other than our specifed ones are out of warranty events. 0.63 0.12 1.4 2.7 4 ?1.2 5.05 0.8 1.9 0.5 3 4 4.6
11 df50 series 1mm pitch, board to cable lock connector 1. recommended temperature profle (compatible with lead-free soldering) [applicable conditions] 1.peak temperature: a maximum of 250c for no more than 10 seconds 2.heating unit: no less than 220c for no more than 60 seconds 3.preheating unit: 150 to 180c for 90 to 120 seconds 4.number of times: no more than 2 times * measurement is conducted at the contact lead part as it may change depending on the conditions such as solder paste types, manufacturers, pcb size, and other soldering materials, please fully check the mounting conditions before use. (note 1) this temperature profile is a recommended value. 2. recommended hand soldering conditions temperature of soldering iron: 35010c, soldering time: 3 to 4 seconds 3. recommended screen thickness and aperture ratio (pattern surface ratio) thickness: 0.1mm, aperture ratio: 100% 4.warpage of the board a maximum of 0.02mm at the center of connector, as measured from either end of the connector 5.cleaning conditions ipa cleaning is allowed. (cleaning is not recommended because cleaning may change the push/pull feeling etc. please contact us when you use other cleaning agents. ) 6.precautions ? when inserting a crimp contact into a crimp socket, do not insert it at a slanted angle in order to maintain the reliability of its performance. ? please refrain from pushing/pulling operation when the pcb is not mounted. it may cause breakage, contact deformation, etc. ? please refrain from pushing/pulling operation with wires in your hand. it may cause damage. ? during hand soldering, do not apply flux which will cause flux oozing on connector. ? this product may have a little difference in its molded color depending on the production lot, but the difference doesn't have any influence on the performance. bprecautions time (sec) 180? 100 150 200 250 220? pre-heating time soldering time max 250? 90~120sec 60secmax 10secmax temperature ? 0
12 df50 series 1mm pitch, board to cable lock connector usa: hirose electric (u.s.a.), inc. san jose office 3255 scott boulevard, building 7, suite 101 santa clara, ca 95054 phone : +1-408-253-9640 fax : +1-408-253-9641 http://www.hiroseusa.com usa: hirose electric (u.s.a.), inc. headquarters 2688 westhills court, simi valley, ca 93065-6235 phone : +1-805-522-7958 fax : +1-805-522-3217 http://www.hiroseusa.com hong kong: hirose electric hongkong trading co., ltd. room 1001, west wing, tsim sha tsui centre, 66 mody road, tsim sha tsui east, kowloon, hong kong phone : +852-2803-5338 fax : +852-2591-6560 http://www.hirose-hongkong.com.hk china: hirose electric trading (shanghai) co., ltd. beijing branch a1001, ocean international center, building 56# east 4th ring middle road, chao yang district, beijing, 100025 phone : +86-10-5165-9332 fax : +86-10-5908-1381 http://www.hirose-china.com.cn taiwan: hirose electric taiwan co., ltd. 103 8f, no.87, zhengzhou rd., taipei phone : +886-2-2555-7377 fax : +886-2-2555-7350 http://www.hirose-taiwan.com.tw germany: hirose electric europe b.v. german branch herzog-carl-strasse 4 d-73760 ostfildern (scharnhauser park) phone : +49-711-4560-02-1 fax : +49-711-4560-02-299 http://www.hirose.de india: hirose electric singapore pte. ltd. bangalore liaison office unit no.03, ground floor, explorer building international tech park whitefield road, bangalore 560066 karnataka, india phone : +65-6324-6113 fax : +65-6324-6123 http://www.hirose-singapore.com.sg singapore: hirose electric singapore pte. ltd. 10 anson road #26-1 international plaza 079903 phone : + 65-6 324-6113 fax : + 65-6324-6123 http://www.hirose-singapore.com.sg the netherlands: hirose electric europe b.v. hogehillweg #8 1101 cc amsterdam z-o phone : +31-20-6557460 fax : +31-20-6557469 http://www.hiroseeurope.com united kingdom: hirose electric europe b.v. uk branch 22 vincent avenue, crownhill business centre, crownhill, milton keynes, mk8 0ab phone : +44-1908-305750 fax : +44-1908-305768 http://www.hirose.co.uk usa: hirose electric (u.s.a.), inc. detroit office (automotive) 37677 professional center drive, suite #100c livonia, mi 48154 phone : +1-734-542-9963 fax : +1-734-542-9964 http://www.hiroseusa.com china: hirose electric trading (shanghai) co., ltd. 1601,henderson metropolitan,no.300 ,east nanjing road,huangpu district, shanghai,china 200001 phone : +86-21-6391-3355 fax : +86-21-6391-3335 http://www.hirose-china.com.cn china: hirose electric technologies (shenzhen) co., ltd. room 09-13, 19/f, office tower shun hing square, di wang commercial centre 5002, shennandong road, shenzhen city, guangdong province, 518008 phone : +86-755-8207-0851 fax : +86-755-8207-0873 http://www.hirose-china.com.cn korea: hirose korea co., ltd. 1261-10, jeoungwhang-dong, shihung-city, kyunggi-do 429-450 phone : +82-31-496-7000,7124 fax : +82-31-496-7100 http://www.hirose.co.kr 6-3,nakagawa chuoh-2-chome,tsuzuki-ku,yokohama-shi 224-8540,japan tel: + 81-45-620-3526 fax: + 81-45-591-3726 http://www.hirose.com http://www.hirose-connectors.com ? the characteristics and the specifications contained herein are for reference purpose. please refer to the latest customer drawings prior to use. the contents of this catalog are current as of date of 04/2013. contents are subject to change without notice for the purpose of improvements. india: hirose electric singapore pte. ltd delhi liaison office suite no. 606 5th floor sb tower 1a/1 sector 16 a filmcity noida 201301 uttar pradesh-india phone : +91-120-4804917 fax : +91-120-4804949 http://www.hirose.com/sg/ malaysia: hirose electric singapore pte. ltd (representative office) 1-10-07, suntech @ penang cybercity (1164),lintang mayang pasir 3,11950, bayan baru, penang, malaysia. phone : + 604-619-2564 fax : + 604-619-2574 http://www.hirose.com/sg/


▲Up To Search▲   

 
Price & Availability of DF50-20DP-1H

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X