Part Number Hot Search : 
KS0083 R3060 00110 UTC81 LR3114 BFU530X SDA294K YE152
Product Description
Full Text Search
 

To Download DE2B3KY471KA2BM01 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  part numbering (part number) safety standard certified ceramic capacitors / capacitance expressed by three figures. the unit is pico-farad (pf). the first and second figures are significant digits, and the third figure expresses the number of zeros that follow the two numbers. + individual specification code for part number that cannot be identified without "individual specification," it is added at the end of part number, expressed by three-digit alphanumerics. for electrical appliance and material safety law of japan, the first three digits ( - product id and 2 series category) express "series name." for safety certified capacitors, the first three digits express product code. the fourth figure expresses certified type shown in . safety standard certified type column. vertical crimp long vertical crimp long vertical crimp short straight long straight short vertical crimp taping straight taping / 102 4 m - de 0 n3 . kh ' e3 2 2 ( a + - product id 2 series category ' temperature characteristics . rated voltage/safety standard certified type code e2 kh ky kx 4 capacitance tolerance capacitance tolerance code j k m z + 5% + 10% + 20% . 80%, 0 20% contents outline code 1 2 j cap. change or temp. coeff. temperature range temperature characteristics rated voltage code b3 e3 f3 1x + 10% . 20%, 0 55% . 30%, 0 80% . 350 to 0 1000ppm/ % 0 25 to . 85 % . 20 to . 85 % b e f sl safety standard certified ac250v (r.m.s.) iec60384-14 class x1, y1 iec60384-14 class x1, y2 -products based on the electrical appliance and material safety law of japan- ac250v x1, y2; ac250v, (safety standard certified type kh) x1, y2; ac250v, (safety standard certified type ky) x1, y1; ac250v, (safety standard certified type kx) product id de safety standard certified ceramic capacitors/ high voltage ceramic capacitors 0 lead style lead style code a2 a3 a4 a5 b2 b3 b4 b5 c3 d3 n2 n3 n4 n5 n7 p3 lead spacing pitch of components lead diameter dimensions (mm) 5 7.5 10 10 5 7.5 10 10 7.5 7.5 5 7.5 10 10 7.5 7.5 ?0.6 + 0.05 ?0.6 . 0.1, 0 0.05 ?0.6 + 0.05 ?0.6 . 0.1, 0 0.05 ?0.6 + 0.05 ?0.6 + 0.05 ?0.6 + 0.05 ?0.6 . 0.1, 0 0.05 ?0.6 + 0.05 ?0.6 + 0.05 0 0 0 0 12.7 15 25.4 25.4 30 15 ( packaging packaging code a b ammo pack taping bulk


▲Up To Search▲   

 
Price & Availability of DE2B3KY471KA2BM01

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X