Part Number Hot Search : 
12S12 4H56043 FR30105 FR30105 TLP114 MSV358U GP30G TLP114
Product Description
Full Text Search
 

To Download D331K20Y5PL6TJ5R Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ceramic disc capacitors class 1 and 2, 500 v dc , general purpose www.vishay.com for technical questions, contact: cdc@vishay.com document number: 28513 40 revision: 07-jan-10 d series vishay bccomponents capacitors with 5 mm (0.20 " ) and 7.5 mm (0.30 " ) lead spacing marking marking indicates capacitance value and tolerance in accordance with eia 198. the capacitors meet the essential requirements of eia 198. unless stated otherwis e all electrical values apply at an ambient temperature of 25 c 3 c, at normal atmospheric conditions. operating temperature range class 1, - 55 c to + 125 c class 2, - 55 c to + 85 c temperature coefficients class 1, c0g (np0); sl0 class 2, y5p; z5u; y5v; x5f sectional specifications class 1, iec 60 384-8 class 2, iec 60 384-9 eia 198 climatic category class 1, 55/125/21 class 2, 10/85/21, 30/85/21 and 55/85/21 features ?low losses ? high stability ? high capacitance in small size ? kinked (preferred) or straight leads ? compliant to rohs directive 2002/95/ec applications ? bypassing ?coupling ? resonant circuit design the capacitors consist of a cera mic disc both sides of which are silver-plated. connection leads are made of tinned copper having a diameter of 0.6 mm. the capacitors have inward kinked leads with a spacing of 5 mm (0.200") or 7.5 mm (0.300") and a lead length from 4 mm to 30 mm. encapsulation is made of phenolic resin. capacitance range class 1, at 1 mhz, 1.2 v rms ; 10 pf to 82 pf class 2, at 1 khz, 1 0.2 v rms ; 100 pf to 22 000 pf 1 khz, 1 v rms 0.2 v rms for capacitance values higher than 1000 pf rated dc voltage 500 v dielectric strength 250 % of rated voltage insulation resistance at 500 v dc 10 000 m tolerance on capacitance 5 %; 10 %; 20 %; + 80/- 20 % dissipation factor class 1, c 30 pf; 20 x (10/c + 0.7) x 10 -4 maximum class 1, c > 30 pf; 0.2 % class 2, 3.0 % quick reference data description class 1 (c0g (np0), sl0) class 2 (yp5, z5u, y5v, x5f) voltage (v dc ) 500 min. capacitance (pf) 10 100 max. capacitance (pf) 82 22 000 mounting through hole tangent line d s h f tangent line d s h f
document number: 28513 for technical questions, contact: cdc@vishay.com www.vishay.com revision: 07-jan-10 41 d series ceramic disc capacitors class 1 and 2, 500 v dc , general purpose vishay bccomponents notes (1) sh = seated height ? maximum thickness 4.0 mm ? lead style codes refer to inward kinked leads. other styles available on request ordering information (prefered types), class 1, 500 v dc , kinked c (pf) tol. (%) d max. (mm) lead spacing (mm) sh (1) (mm) clear text code 13 th digit: t = reel; u = ammo; 3 = bulk 16 th digit: r = rohs compliant class 1 np0 10 5 5.0 5.0 4.0 d100j20c0gl6.j5. 12 d120j20c0gl6.j5. 15 d150j20c0gl6.j5. 18 6.5 d180j25c0gl6.j5. 22 d220j25c0gl6.j5. 27 d270j25c0gl6.j5. class 1 sl0 33 5 5.0 5.0 4.0 d330j20sl0l6.j5. 39 d390j20sl0l6.j5. 47 d470j20sl0l6.j5. 56 d560j20sl0l6.j5. 68 6.5 d680j25sl0l6.j5. 82 d820j25sl0l6.j5. ordering information (prefered types), class 2, 500 v dc , kinked c (pf) tol. (%) d max. (mm) lead spacing (mm) sh (1) (mm) clear text code 13 th digit: t = reel; u = ammo; 3 = bulk 16 th digit: r = rohs compliant class 2 y5p 100 10 5 5 4.0 d101k20y5pl6.j5. 150 d151k20y5pl6.j5. 220 d221k20y5pl6.j5. 330 d331k20y5pl6.j5. 470 d471k20y5pl6.j5. 680 6.5 d681k25y5pl6.j5. 1000 d102k25y5pl6.j5. 1500 7.5 d152k29y5pl6.j5. 2200 8.5 d222k33y5pl6.j5. 3300 10 d332k39y5pl6.j5. 4700 11 d472k43y5pl6.j5. 6800 13.5 7.5 d682k53y5pl6.j7 10 000 17.5 d103k69y5pl6.j7. class 2 y5v 1000 + 80/- 20 5 5 4.0 d102z20y5vl6.j5. 1500 d152z20y5vl6.j5. 2200 6.5 d222z25y5vl6.j5. 3300 d322z25y5vl6.j5. 4700 7.5 d472z29y5vl6.j5. 6800 8.5 d682z33y5vl6.j5. 10 000 10.0 d103z39y5vl6.j5. 15 000 11.0 d153z43y5vl6.j5. 22 000 13.5 7.5 d223z53y5vl6.j7.
www.vishay.com for technical questions, contact: cdc@vishay.com document number: 28513 42 revision: 07-jan-10 d series vishay bccomponents ceramic disc capacitors class 1 and 2, 500 v dc , general purpose note (1) sh = seated height ? maximum thickness 4.0 mm ? lead style codes refer to inward kinked leads. other styles available on request note ? the capacitors are supplied in bulk packaging (cardboard boxes), in tape on reel or in ammopack. c (pf) tol. (%) d max. (mm) lead spacing (mm) sh (1) (mm) clear text code 13 th digit: t = reel; u = ammo; 3 = bulk 16 th digit: r = rohs compliant class 2 z5u 1000 20 5.0 5.0 4.0 d102m20z5ul6.j5. 1500 d152m25z5ul6.j5. 2200 d222m25z5ul6.j5. 3300 7.5 d332m29z5ul6.j5. 4700 8.5 d472m33z5ul6.j5. 6800 10.0 d682m39z5ul6.j5. 10 000 11.0 d103m43z5ul6.j5. 15 000 13.5 7.5 d153m53z5ul6.j7. 22 000 15.0 d223m59z5ul6.j7. class 2 x5f 1 00 10 5.0 5.0 4.0 d101k20x5fl6.j5.r. 2 20 d221k20x5fl6.j5.r. 330 d331k20x5fl6.j5.r. 470 6.5 d471k25x5fl6.j5.r. 680 d681k25x5fl6.j5.r. 1000 7.5 d102k29x5fl6.j5.r. 2200 10.0 d222k39x5fl6.j5.r. 3300 12.0 7.5 d332k47x5fl6.j7r. 4700 13.5 4.8 d472k53x5fl6.j7r. ordering information (prefered types), class 2, 500 v dc , kinked packaging d max. (mm) size code packaging quantities bulk reel ammo 5.0 (0.20") 20 1000 2000 2000 6.5 (0.25") 25 7.5 (0.29") 29 8.5 (0.33") 33 10.0 (0.39") 39 11.0 (0.43") 43 12.0 (0.47") 47 13.5 (0.53") 53 500 - - 15.0 (0.59") 59 17.5 (0.69") 69
document number: 28513 for technical questions, contact: cdc@vishay.com www.vishay.com revision: 07-jan-10 43 d series ceramic disc capacitors class 1 and 2, 500 v dc , general purpose vishay bccomponents notes (1) cumulative pitch error: 1mm/20 pitches (2) obliquity maximum 3 p p h h d p 2 p p 1 p 0 d 0 h 1 h 0 direction of unreeling ? d f w 2 w 1 t 1 w 0 w e a kinked capacitor s on tape, lead s pacing 5.0 mm (0.2 " ) detail a dimensions of tape symbol parameter dimensions (mm) nominal tolerance d body diameter 11.0 maximum - d lead diameter 0.6 0.05 p (1) pitch between capacitors 12.7 1.0 p 0 feed-hole pitch 12.7 0.3 p plane deviation 1.0 maximum - p 1 (2) feed-hole center to lead center 3.85 0.7 p 2 (2) feed-hole center to component center 6.35 1.3 f lead spacing 5.0 0.6 - 0.4 h component alignment 0 1.0 w tape width 18.0 1.0 - 0.5 w 0 hold-down tape width 5.0 minimum - w 1 hole position 9.0 0.75 - 0.5 w 2 hold-down tape margin 3.0 maximum - h 0 height to seating plane 16.0 0.5 h 1 maximum component height 32.0 - e lead end protrusion 1.0 maximum - l maximum length of snipped lead 11.0 - d 0 feed-hole diameter 4.0 0.2 t total tape thickness 0.9 maximum - t 1 maximum thickness of tape and wires 1.5 maximum -
www.vishay.com for technical questions, contact: cdc@vishay.com document number: 28513 44 revision: 07-jan-10 d series vishay bccomponents ceramic disc capacitors class 1 and 2, 500 v dc , general purpose reel and tape data in millimeters 45 max. 28 1.5 355.6 2.0 51 max. 8.0 reel with capacitor s on tape 290 335 50 ammopack with capacitor s on tape
legal disclaimer notice www.vishay.com vishay revision: 02-oct-12 1 document number: 91000 disclaimer all product, product specifications and data are subject to change without notice to improve reliability, function or design or otherwise. vishay intertechnology, inc., its affiliates, agents, and employee s, and all persons acting on it s or their behalf (collectivel y, vishay), disclaim any and all liability for any errors, inaccuracies or incompleteness contained in any datasheet or in any o ther disclosure relating to any product. vishay makes no warranty, repres entation or guarantee regarding the suitabilit y of the products for any particular purpose or the continuing production of any product. to the maximum extent permitted by applicable law, vi shay disclaims (i) any and all liability arising out of the application or use of any product, (ii) any and all liability, including without limitation specia l, consequential or incidental damages, and (iii) any and all i mplied warranties, including warra nties of fitness for particular purpose, non-infringement and merchantability. statements regarding the suitability of products for certain type s of applications are based on vishays knowledge of typical requirements that are often placed on vishay products in generic applications. such statements are not binding statements about the suitability of products for a particular application. it is the customers responsib ility to validate that a particu lar product with the properties descri bed in the product specification is suitable fo r use in a particular application. parameters provided in datasheets and/or specification s may vary in different applications an d performance may vary over time. all operating parameters, including typical pa rameters, must be validated for each customer application by the customers technical experts. product specifications do not expand or otherwise modify vish ays terms and condit ions of purchase, including but not limited to the warranty expressed therein. except as expressly indicate d in writing, vishay products are not designed for use in medical, life-saving, or life-sustaining applications or for any other application in which the failure of the vi shay product could result in personal injury or death. customers using or selling vishay products not expressly indicated for use in such applications do so at their own risk. pleas e contact authorized vishay personnel to ob tain written terms and conditions regarding products designed for such applications. no license, express or implied, by estoppel or otherwise, to any intellectual prope rty rights is granted by this document or by any conduct of vishay. product names and markings noted herein may be trad emarks of their respective owners. material category policy vishay intertechnology, inc. hereby certi fies that all its products that are id entified as rohs-compliant fulfill the definitions and restrictions defined under directive 2011/65/eu of the euro pean parliament and of the council of june 8, 2011 on the restriction of the use of certain hazardous substances in electrical and electronic equipment (eee) - recast, unless otherwis e specified as non-compliant. please note that some vishay documentation may still make reference to rohs directive 2002/95/ ec. we confirm that all the products identified as being compliant to directive 2002 /95/ec conform to directive 2011/65/eu. vishay intertechnology, inc. hereby certifi es that all its products that are identified as ha logen-free follow halogen-free requirements as per jedec js709a stan dards. please note that some vishay documentation may still make reference to the iec 61249-2-21 definition. we co nfirm that all the products identified as being compliant to iec 61249-2-21 conform to jedec js709a standards.
mouser electronics authorized distributor click to view pricing, inventory, delivery & lifecycle information: vishay: ? d501k25x5fl63l6r? d202k39x5fl63l6? d272k33y5pl63l6r? d103k69y5pl63l0? d100j20c0gl63l6? d100j20c0gl63l6r? d101k20y5pl63l6r? d102k25y5pl6tj6r? d103m43z5ul63l0? d103m43z5ul63l6r? d103p82z5uxazaa? d150j20c0gl6tj5r? d200j25c0gl63l6r? d203z59z5ul63l0r? d221k20x5fl63l6r? d222k39x5fl63l6r? d270j20sl0l6tj6r? d331k20y5pl63l6r? d471k20y5pl63l6r? d471k25x5fl63l6r? d681k25x5fl63l6r? d750j39c0gl63l0r? d102k29x5fl6tl6r? d681k25x5fl6tl6r? d101k20y5pl63l6? d501k25x5fl63l6? d100j20c0gl63j5r? d102k25y5pl6tj6? d270j25c0gl6uj5r? D331K20Y5PL6TJ5R? d203z59z5ul63l0? d203z69z5ulbbed? d271k20y5pl63l6r? d103k69y5pl63l0r


▲Up To Search▲   

 
Price & Availability of D331K20Y5PL6TJ5R

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X