Part Number Hot Search : 
SK5200 2SC57 S1300 102M9 DTDU0 UR551607 IXTM6N90 IRF131
Product Description
Full Text Search
 

To Download D25SB40 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  d25sb80 800 800 560 22 350 2 5 1.1 d25sb80 40 d25sb20......d25sb80 ?? ? 200---800v 25 a siyu r v a pf i r cj ? i f =12.5a ta= 25 ta = 25 electrical characteristics ratings at 25 ambient temperature unless otherwise specified. unit symbols maximum forward voltage maximum reverse current type junction capacitance v f -55--- +150 v v v a a /w v rrm v rms v dc i f(av) i fsm ?? ta = 25 maximum ratings & thermal characteristics ratings at 25 ambient temperature unless otherwise specified. ??? maximum repetitive peak reverse voltage ? maximum rms voltage ??? maximum dc blocking voltage ? maximum average forward rectified current ?? 8.3ms??? peak forward surge current 8.3 ms single half sine-wave typical thermal resistance o?? symbols unit single-phase silicon bridge rectifier reverse voltage 200 to 800v forward current 25a operating junction and storage temperature range tj, tstg dachang electronics r ja tc =100 ? v r = 4.0v, f = 1mhz features ? low reverse leakage ?? high forward surge capability mechanical data ? : ?? case: molded plastic : ???? polarity: symbols molded or marked on body ? : mounting position: any ?350 a s urge overload rating: 350 amperes peak ???rohs? lead and body according with rohs standard ?? : ?? 0.5 ? * mounting torque recommend 0.5 n*m d25sb60 600 600 420 D25SB40 400 400 280 d25sb20 200 200 140 d25sb60 D25SB40 d25sb20 10 500 ta = 125 +~~- 30.3 29.7 3.0*45 2.7 2.3 2.4 2.0 1.1 0.9 10.2 9.8 4.2 3.8 18.0 17.0 4.8 20.3 19.7 unit mm 0.7 0.6 2.9 2.5 3.4 3.8 4.8 4.4 11.2 10.8 3.4 3.1 7.7 7.3 7.7 7.3 0 d5 www.datasheet.co.kr datasheet pdf - http://www..net/
siyu r characteristic curves i f (a) ? i f(av) (a) i f instantaneous forward current (a) ?? i fsm (a) 10 100 02 5 20 50 0 300 360 240 180 120 60 1 1.4 1.3 0.7 0.8 0.9 1.2 10 100 1.1 0.6 1.0 pulse measurement per diode tl=25 i fsm 8.3 ms 8.3ms 1 cycle non-repetitive tj=25 before vf instantaneous forward voltage (v) peak forward surge current number of cycles at 60 hz. ? ? v f (v) ??? ?? forward current derating curve typical forward characteristic maximum non repetitive i fsm peak forward surge current (a) i f(a) average forward rectified current (a) dachang electronics d25sb20......d25sb80 ? tc( c ) tc. case temperature (c) 0 40 80 120 160 0 16 30 8 24 +~~- heatsink sine wave r-load with heatsink tc www.datasheet.co.kr datasheet pdf - http://www..net/


▲Up To Search▲   

 
Price & Availability of D25SB40

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X