Part Number Hot Search : 
IRF6715 S1L65S0 14400 MK325 EM73PE00 SP485EN SP485EN MK325
Product Description
Full Text Search
 

To Download CLL030-1206A5-273H1A7 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  and are trademarks or registered trademarks of citizen holdings co., ltd. japan. is a trademark or a registered trademark of citizen electronics co., ltd. japan. data sheet CLL030-1206A5-273H1A7 ref.ce-p2087 05/12
1. scope of application this data sheet is applied to the led package, model CLL030-1206A5-273H1A7. 2. part code [1] part code [2] dies in series quantity 12 [3] dies in parallel quantity 6 [4] correlated color temperature 2700k [5] chromaticity range [6] cri 90min. < features > - external dimensions: 19.0 x 19.0 x 1.4 - internal structure: aluminum base chip on board - connection to heat sink: by m3 screw (recommended) -luminous flux: 1065 lm @ 360 ma -cct: 2700k (ansi c78.377 compliant, in 3-step macadam ellipse) -cri: 90min. -thermal resistance: 1.5 c/w - rohs compliant 1/11 data sheet cll 030 - 12 06 a5 - 27 3 h1 a7 citizen electronics co.,ltd. japan symbol citiled name CLL030-1206A5-273H1A7 [1] [2] [3] [4] [5] [6] ref.ce-p2087 05/12
3. outline drawing - marking marking 1 : serial no. marking 2 : cri cct dies in parallel quantity dies in series quantity 4. performance (1) absolute maximum rating *1 *1 *2 *3 *1 input power and forward current are the values when the led is used within the range of the derating curve in this data sheet. *2 refer to 3. outline drawing for tc measurement point *3 d.c. current : tj = tc + rj-c x pi symbol rating value unit 1 ma 32.2 w 720 ma 2/11 junction temperature c storage temperature t st -40 ~ +100 c operating temperature t op -30 ~ +85 data sheet tj 150 c case temperature tc 100 c reverse current i r citizen electronics co.,ltd. japan symbol citiled name CLL030-1206A5-273H1A7 12 06 27 h1 mnimum current i f min 30 ma forward current i f input power pi parameter unit : mm tolerances unless otherwise specified : +/-0.3 anode cathode marking 2 marking 1 (tc measurement point) emitting area (including white resin) cathode anode 12 12 12 12 12 12 protection ref.ce-p2087 05/12
(2) electro-optical characteristics tc=25c chromaticity coordinates ( condition : if=360ma, tc = 25c note: the tolerance of measurement at our tester is vf+/-3% , v+/-10% , chromaticity(x,y)+/-0.005 and ra+/-1. data sheet 3/11 forward voltage symbol if=360ma 33.6 v f 36.2 parameter condition min. typ. 39.9 v max. unit 1065 if=360ma - lm 905 luminous flux cri v if=360ma ra 1.5 - c/w thermal resistance rj-c junction-case - - - - 90 citiled name CLL030-1206A5-273H1A7 citizen electronics co.,ltd. japan symbol reference (ansi c78.377) x y x y 0.4578 0.4101 center 0.4578 0.4101 a 0.4813 0.4319 a 0.00774 b 0.4562 0.4260 b 0.00411 c 0.4373 0.3893 ? 57.28 d 0.4593 0.3944 *color region stay within macadam "3-step" ellipse from the chromaticity center. *the chromaticity center refers to ansi c78.377:2008. please refer to ansi c78.377 for the chromaticity center. * is the angle between the major axis of the ellipse and the x-axis, and a and b are the major and minor semi-axes of an ellipse. (ref. iec 60081:1997 annexd) 2700k center oval parameter x-y chart-cie1931 0.38 0.39 0.40 0.41 0.42 0.43 0.44 0.43 0.44 0.45 0.46 0.47 0.48 0.49 x y color region color region (ansi) b.b. locus 2600k 2900k 2700k 2500k 2800k ref.ce-p2087 05/12
5. characteristics forward current vs. forward voltage forward current vs. relative luminous flux tc=25c tc=25c forward current vs. chromaticity coordinate case temperature vs. chromaticity coordinate tc=25c if=360ma 4/11 data sheet citizen electronics co.,ltd. japan symbol citiled name CLL030-1206A5-273H1A7 30.0 31.0 32.0 33.0 34.0 35.0 36.0 37.0 38.0 39.0 40.0 0 200 400 600 800 i f [ma] v f [ v ] 0% 20% 40% 60% 80% 100% 120% 140% 160% 180% 200% 0 200 400 600 800 i f [ma] r e l a t i v e l u m i n o u s f l u x [ a . u . ] -0.020 -0.015 -0.010 -0.005 0.000 0.005 0.010 0.015 0.020 0 200 400 600 800 i f [ma] x , y -0.020 -0.015 -0.010 -0.005 0.000 0.005 0.010 0.015 0.020 0 25 50 75 100 tc [c] x , y ref.ce-p2087 05/12
case temperature vs. forward voltage case temperature vs. relative luminous flux if=360ma if=360ma case temperature vs. allowable forward current spectrum tc=25c, if =360 ma directive characteristic citizen electronics co.,ltd. japan data sheet 5/11 symbol citiled name CLL030-1206A5-273H1A7 34.0 35.0 36.0 37.0 38.0 0 25 50 75 100 tc [c] v f [ v ] 0% 20% 40% 60% 80% 100% 120% 0 25 50 75 100 tc [c] r e l a t i v e l u m i n o u s f l u x [ a . u . ] 0 100 200 300 400 500 600 700 800 0 25 50 75 100 125 tc [c] i f [ m a ] 0% 20% 40% 60% 80% 100% 120% 350 450 550 650 750 850 [nm] r e l a t i v e e m i s s i o n i n t e n s i t y [ a . u . ] x y 0% 20% 40% 60% 80% 100% 80 70 60 50 40302010 -80 -70 -60 -50 -20-30-40 -10 90 -90 x direction y direction ref.ce-p2087 05/12
6. reliability datails of the tests (2)judgement criteria of failure for reliability test (ta=25c) u defines the upper limit of the specified characteristics. s defines the initial value. note : measurement shall be taken between 2 hours and 24 hours, and the test pieces should be return to the normal ambient conditions after the completion of each test. if=360ma ta=25c (with al-fin) 1000 hours if=360ma tj=150c (with al-fin) 1000 hours -40 c 1000 hours 100 c 1000 hours test item test condition symbol measuring condition judgement criteria for failure measuring item continuous operation test low temperature storage test high temperature storage test moisture-proof test thermal shock test if=360ma vf v citizen electronics co.,ltd. japan data sheet >u x 1.1 CLL030-1206A5-273H1A7 ref.ce-p2087 05/12
7. packing specifications (1) packing an empty tray is placed on top of a 6-tier tray which contain 48 pieces each. (smallest packing unit: 288 pieces) a label with product name, quantity, lot number is placed on the upper empty tray. tray (dimensions: 310 x 210 x 12 mm / materials: electrically conductive ps) product 48pcs/tray < example of indication label > 1. type e.g. CLL030-1206A5-273H1A7 2. p.no. (cutomer's p/n) 3. lot no. - first and second letter: last digit of the year e.g. 12 : year 2012 - third letter: production month e.g. 5 : may note: october, november and december are designated - forth letter: ce's control number e.g. 5035 4. quantity citizen electronics co.,ltd. japan symbol data sheet 7/11 citiled name CLL030-1206A5-273H1A7 < packing figure > customer pass citizen electronics type p. no lot no q'ty : cll***-******-******* : ****** : ******* : *** ---(1) ---(2) ---(3) ---(4) ref.ce-p2087 05/12
8 precautions data sheet 8/11 citizen electronics co.,ltd. japan symbol citiled name CLL030-1206A5-273H1A7 (1) 1. handling with care for this product -both the light emitting area and white dam over the light emitting area is composed of resin materials. please avoid the resin area from being pressed, stressed, rubbed, come into contact with sharp metal nail (e.g. edge of reflector part) because the function, performance and reliability of this product are negatively impacted. -please be aware that this product should not come into contact with any other parts while incorporating in your lighting apparatus or your other products. (2) countermeasure against static electricity -handling of this product needs countermeasures against static electricity because this is a semiconductor product. -please take adequate measures to prevent any static electricity being produced such as the wearing of a wristband or anti-static gloves when handling this product. -every manufacturing facility in regard to the product (plant, equipment, machine, carrier machine and conveyance unit) should be connected to ground and please avoid the product to be electric-charged. -esd sensitivity of this product is over 1000v (hbm, based on jeita ed-4701/304). -after assembling the leds into your final product(s), it is recommended to check whether the assembled leds are damaged by static electricity (electrical leak phenomenon) or not. -it is easy to find static damaged led dies by a light-on test with the minimum current value. (3) caution of product assembly -regarding this product assembling on the heat sink, it is recommended to use m3 screw. it might be good for screw tightening on the heat sink to do temporary tightening and final tightening. in addition, please dont press with excess stress on the product. -the condition of the product assembling on the heat sink and the control of screw tightening torque needs to be optimized according to the specification of the heat sink. -roughness, unevenness and burr of surface negatively impact thermal bonding between the product and heat sink and increase heat thermal resistance between them. confidence of thermally and mechanical coupling between the product and heat sink are confirmed by checking the mounting surface and measuring the case temperature of the product. -in order to reduce the thermal resistance at assembly, it might be good to use tim (thermal interface material) on whole contact surface of the product. in case of using thermal grease for the tim, it might be good to apply uniformly on the contact surface of the product. in case of using thermal sheet for the tim, it might be good to make sure that the product is not strained by stress when the screws are tightened for assembly. ref.ce-p2087 05/12
8. precautions (continued) data sheet 9/11 symbol citiled name CLL030-1206A5-273H1A7 citizen electronics co.,ltd. japan (4) thermal design -the thermal design to draw heat away from the led junction is most critical parameter for an led illumination system. high operating temperatures at the led junction adversely affect the performance of leds light output and lifetime. therefore the led junction temperature should not exceed the absolute maximum rating in led illumination system. -the led junction temperature while operation of led illumination system depends upon thermal resistance of internal led package (rj-c), outer thermal resistances of led package, power loss and ambient temperature. please take both of the thermal design specifications and ambient temperature conditions into consideration for the setting of driving conditions. -for more information, please refer to application note "thermal management". (5) driving current -a constant current is recommended as an applying driving current to this product. in the case of constant voltage driving, please connect current-limiting resistor to each products in series and control the driving current to keep under the absolute maximum rating forward current value. -electrical transient might apply excess voltage, excess current and reverse voltage to the product(s). they also affect negative impact on the product(s) therefore please make sure that no excess voltage, excess current and reverse voltage is applied to the product(s) when the led driver is turn-on and/or turn-off. -for more information, please refer to application note "driving". (6) lighting at a minimum current value -in a case where the minimum current(i f min) is applied to the product, some of led dice in the product might look different in their brightness due to the individual difference of the led dice, and they are not failed. (7) electrical safety -this product is designed and produced according to iec 62031:2008 (iec 62031:2008 led modules for general lighting. safety specification) -dielectric voltage withstand test has been conducted on this product to see any failure after applying voltage between active pads and aluminum section of the product, and to pass at least 500v. -considering conformity assessment for iec62031:2008, almost all items of the specification depend upon your final product of led illumination system. therefore, please confirm with your final product for electrical safety of your product. as well, the products comply with the criteria of iec62031:2008 as single led package. ref.ce-p2087 05/12
8. precautions (continued) data sheet 10/11 symbol citiled name CLL030-1206A5-273H1A7 citizen electronics co.,ltd. japan (9) eye safety -the international electrical commission (iec) published in 2006 iec 62471 2006 photobiological safety of lamps and lamp systems which includes leds within its scope. when sorting single leds according to iec 62471, almost all white leds can be classified as belonging to either exempt group (no hazard) or risk group 1 (low risk). -however, optical characteristics of leds such as radiant flux, spectrum and light distribution are factors that affect the risk group determination of the led, and especially a high-power led, that emits light containing blue wavelengths, might have properties equivalent to those of risk group 2 (moderate risk). -great care should be taken when directly viewing an led that is driven at high current, has multiple uses as a module or when focusing the light with optical instruments, as these actions might greatly increase the hazard to your eyes. -it is recommended to regard the evaluation of stand-alone led packages as a reference and to evaluate your final product. (10) this product is not designed for usage under the following conditions. if the product might be used under the following conditions, you shall evaluate its effect and appropriate them. in places where the product might: -directly and indirectly get wet due to rain and/or at place with the fear. -be damage by seawater and/or at place with the fear -be exposed to corrosive gas (such as cl2, h2s, nh3, sox, nox and so on) and/or at place with the fear. -be exposed to dust, fluid or oil and/or at place with the fear. (8) recommended soldering condition (this product is not adaptable to reflow process.) -for manual soldering please use lead-free soldering. soldering shall be implemented using a soldering bit at a temperature lower than 350c, and shall be finished within 3.5 seconds for one land. no external force shall be applied to resin part while soldering is implemented. next process of soldering should be carried out after the product has return to ambient temperature. -for soldering correction regarding soldering correction, above conditions shall be applied. contacts number of soldering bit should be within twice for each terminal as a correction. * citizen electronics cannot guarantee if usage exceeds these recommended conditions. please use it after sufficient verification is carried out on your own risk if absolutely necessary. ref.ce-p2087 05/12
9. precautions with regard to product use (1) this document is provided for reference purposes only so that citizen electronics' products are used as intended. citizen electronics neither makes warranties or representations with respect to the accuracy or completeness of the information contained in this document nor grants any license to any intellectual property rights or any other rights of citizen electronics or any third party with respect to the information in this document. (2) all information included in this document such as product data, diagrams, charts, is current as of the date this document is issued. such information, however, is subject to change without any prior notice. before purchasing or using any citizen electronics' products listed in this document, please confirm the latest product information with a citizen electronics' sales office, and formal specifications must be exchanged and signed by both parties prior to mass production. (3) citizen electronics has used reasonable care in compiling the information included in this document, but citizen electronics assumes no liability whatsoever for any damages incurred as a result of errors or omissions in the information included in this document. (4) absent written signed agreement, except as provided in the relevant terms and conditions of sale for product, and to the maximum extent allowable by law, citizen electronics assumes no liability whatsoever, including without limitation, indirect, consequential, special, or incidental damages or loss, including without limitation, loss of profits, loss of opportunities, business interruption and loss of data, and disclaims any and all express or implied warranties and conditions related to sale, use of product, or information, including warranties or conditions of merchantability, fitness for a particular purpose, accuracy of information, or no infringement. (5) though citizen electronics works continually to improve products' quality and reliability, products can malfunction or fail. customers are responsible for complying with safety standards and for providing adequate designs and safeguards to minimize risk and avoid situations in which a malfunction or failure of a product could cause loss of human life, bodily injury or damage to property, including data loss or corruption. in addition, customers are also responsible for determining the appropriateness of use of any information contained in this document such as application cases not only with evaluating by their own but also by the entire system. citizen electronics assumes no liability for customers' product design or applications. (6) please contact citizen electronics' sales office if you have any questions regarding the information contained in this document, or if you have any other inquiries. citizen micro humantech is a registered trademark of citizen holding co., japan. citiled is a registered trademark of citizen electronics co., ltd. japan name CLL030-1206A5-273H1A7 citizen electronics co.,ltd. japan data sheet 11/11 symbol citiled ref.ce-p2087 05/12


▲Up To Search▲   

 
Price & Availability of CLL030-1206A5-273H1A7

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X