Part Number Hot Search : 
STEVA 1N6327US S012K R5150 BBY62 DB300S 2PFT2 NLX1G11
Product Description
Full Text Search
 

To Download CAT1027 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  cat1026, CAT1027 ? 2007 catalyst semiconductor, inc. 1 doc. no. 3010 rev. l characteristics subject to change without notice dual voltage supervisory circuits with i 2 c serial 2k-bit cmos eeprom features precision v cc power supply voltage monitor ? 5v, 3.3v and 3v systems ? five threshold voltage options additional voltage monitoring ? externally adjustable down to 1.25v watchdog timer (CAT1027 only) active high or low reset ? valid reset guaranteed at v cc = 1v 400khz i 2 c bus 2.7v to 5.5v operation low power cmos technology 16-byte page write buffer built-in inadvertent write protection 1,000,000 program/erase cycles manual reset capability 100 year data retention industrial and extended temperature ranges 8-pin dip, soic, tssop, msop or tdfn (3 x 3mm foot-print) packages ? tdfn max height is 0.8mm for ordering information details, see page 19. description the cat1026 and CAT1027 are complete memory and supervisory solutions for microcontroller-based systems. a 2k-bit serial eeprom memory and a system power supervisor with brown-out protection are integrated together in low power cmos techno? logy. memory interface is via a 400khz i 2 c bus. the cat1026 and CAT1027 provide a precision v cc sense circuit with five reset threshold voltage options that support 5v, 3.3v and 3v systems. the power supply monitor and reset circuit protects memory and systems controllers during power up/down and against brownout conditions. if power supply voltages are out of tolerance reset signals become active preventing the system mi crocontroller, asic, or peripherals from operating. the cat1026 features two open drain reset outputs: one (reset) drives high and the other (reset ) drives low whenever v cc falls below the threshold. reset outputs become inactive typically 200 ms after the supply voltage exceeds the reset threshold value. with both active high and low reset signals, interface to microcontrollers and other ics is simple. CAT1027 has only a reset output. in addition, the reset pin can be used as an input for push-button manual reset capability. the cat1026 and CAT1027 provide an auxiliary voltage sensor input, v sense , which is used to monitor a second system supply. the auxiliary high impe- dance comparator drives the open drain output, v low , whenever the sense voltage is below 1.25v threshold. the CAT1027 is designed with a 1.6 second watchdog timer circuit that resets a system to a known state if software or a hardware glitch halts or ?hangs? the system. the CAT1027 features a watchdog timer interrupt input, wdi. the on-chip 2k-bit eeprom memory features a 16-byte page. in addition, hardware data protection is provided by a v cc sense circuit that prevents writes to memory whenever v cc falls below the reset threshold or until v cc reaches the reset threshold during power up. available packages include 8-pin dip and surface mount, 8-pin so, 8-pin tssop, 8-pin tdfn and 8-pin msop packages. the tdfn package thickness is 0.8mm maximum. tdfn footprint is 3 x 3mm.
cat1026, CAT1027 doc. no. 3010 rev. l 2 ? 2007 catalyst semiconductor, inc. characteristics subject to change without notice 2kbit d out ack senseamps shift registers control logic wordaddress buffers start/stop logic eeprom v cc externa l load column decoders xdec data in storage high voltage/ timing contr ol v ss sda reset controller state counters slave address comparators sc l reset reset (cat1026) wdi (CAT1027) - + v cc v sense - + v ref v low v ref auxiliaryvoltage monitor v cc monitor block diagram reset threshold option part dash number minimum threshold maximum threshold -45 4.50 4.75 -42 4.25 4.50 -30 3.00 3.15 -28 2.85 3.00 -25 2.55 2.70 pin configuration dip package (l ) soic package (w ) tssop package (y ) msop package (z ) v low 1 8 v cc reset 2 7 reset v sense 3 6 scl v ss 4 5 sda cat1026 v low 1 8 v cc reset 2 7 wdi v sense 3 6 scl v ss 4 5 sda CAT1027 (bottom view) tdfn package: 3mm x 3mm 0.8mm maximum height - (zd4) v cc 8 1 v low reset 7 2 reset scl 6 cat1026 3 v sense sda 5 4 v ss v cc 8 1 v low wdi 7 2 reset scl 6 CAT1027 3 v sense sda 5 4 v ss
cat1026, CAT1027 ? 2007 catalyst semiconductor, inc. 3 doc. no. 3010 rev. l characteristics subject to change without notice pin description reset/ reset : reset outputs (reset cat1026 only) these are open drain pins and reset can be used as a manual reset trigger input. by forcing a reset condition on the pin the device will initiate and maintain a reset condition. the reset pin must be connected through a pull-down resistor, and the reset pin must be connected through a pull-up resistor. sda: serial data address the bidirectional serial data/address pin is used to transfer all data into and out of the device. the sda pin is an open drain output and can be wire-ored with other open drain or open collector outputs. scl: serial clock serial clock input. v sense : auxiliary voltage monitor input the v sense input is a second voltage monitor which is compared against cat1026 and CAT1027 internal reference voltage of 1.25v typically. whenever the input voltage is lower than 1.25v, the open drain v low output will be driven low. an ex ternal resistor divider is used to set the voltage level to be sensed. connect v sense to v cc if unused. v low : auxiliary voltage monitor output this open drain output goes low when v sense is less than 1.25v and goes high when v sense exceeds the reference voltage. wdi (CAT1027 only): watchdog timer interrupt watchdog timer interrupt input is used to reset the watchdog timer. if a transition from high to low or low to high does not occur ever y 1.6 seconds, the reset outputs will be driven active. pin function pin name function reset active low reset input/output v ss ground sda serial data/address scl clock input reset active high reset output (cat1026 only) v cc power supply v sense auxiliary voltage monitor input v low auxiliary voltage monitor output wdi watchdog timer interrupt (CAT1027 only) operating temperature range industrial -40oc to 85oc extended -40oc to 125oc cat10xx family overview device manual reset input pin watchdog watchdog monitor pin write protection pin independent auxiliary voltage sense reset: active high and low eeprom cat1021 sda 2k cat1022 sda 2k cat1023 wdi 2k cat1024 2k cat1025 2k cat1026 2k CAT1027 wdi 2k for supervisory circuits with embedded 16k eeprom, please refer to the cat1161, cat1162 and cat1163 data sheets.
cat1026, CAT1027 ? 2007 catalyst semiconductor, inc. 4 doc. no. 3010 rev. l characteristics subject to change without notice absolute maximum ratings (1) parameters ratings units temperature under bias ?55 to +125 oc storage temperature ?65 to +150 oc voltage on any pin with respect to ground (2) ?2.0 to v cc + 2.0 v v cc with respect to ground ?2.0 to 7.0 v package power dissipation capability (t a = 25c) 1.0 w lead soldering temperature (10 secs) 300 oc output short circuit current (3) 100 ma d.c. operating characteristics v cc = 2.7v to 5.5v and over the recommended temp erature conditions unless otherwise specified. symbol parameter test conditions min typ max units i li input leakage current v in = gnd to vcc -2 10 a i lo output leakage current v in = gnd to vcc -10 10 a i cc1 power supply current (write) f scl = 400khz v cc = 5.5v 3 ma i cc2 power supply current (read) f scl = 400khz v cc = 5.5v 1 ma cat1026 50 i sb standby current vcc = 5.5v, v in = gnd or vcc CAT1027 60 a v il (4) input low voltage -0.5 0.3 x vcc v v ih (4) input high voltage 0.7 x vcc vcc + 0.5 v v ol output low voltage (sda, reset ) i ol = 3ma v cc = 2.7v 0.4 v v oh output high voltage (reset) i oh = -0.4ma v cc = 2.7v vcc - 0.75 v cat102x-45 (v cc = 5.0v) 4.50 4.75 v cat102x-42 (v cc = 5.0v) 4.25 4.50 cat102x-30 (v cc = 3.3v) 3.00 3.15 cat102x-28 (v cc = 3.3v) 2.85 3.00 v th reset threshold cat102x-25 (v cc = 3.0v) 2.55 2.70 v rvalid reset output valid v cc voltage 1.00 v v rt (5) reset threshold hysteresis 15 mv v ref auxiliary voltage monitor threshold 1.2 1.25 1.3 vs notes: (1) stresses above those listed under ?absol ute maximum ratings? may cause permanent damage to the device. these are stress ra tings only, and functional operation of the device at these or any other conditions outside of those listed in the operational sectio ns of this specification is not implied. exposure to any absolute maximum rating for extended pe riods may affect device performance and re liability. (2) the minimum dc input voltage is ?0.5v. during transitions, inputs may undershoot to ?2.0v for periods of less than 20 ns. m aximum dc voltage on output pins is v cc +0.5v, which may overshoot to v cc +2.0v for periods of less than 20 ns. (3) output shorted for no more than one second. no more than one output shorted at a time. (4) v il min and v ih max are reference values only and are not tested. (5) this parameter is tested initially and after a design or process change that affects the parameter. not 100% tested.
cat1026, CAT1027 ? 2007 catalyst semiconductor, inc. 5 doc. no. 3010 rev. l characteristics subject to change without notice capacitance t a = 25oc, f = 1.0mhz, v cc = 5v symbol test test conditions max units c out (1) output capacitance v out = 0v 8 pf c in (1) input capacitance v in = 0v 6 pf ac characteristics v cc = 2.7v to 5.5v and over the recommended temper ature conditions, unless otherwise specified. memory read & write cycle (2) symbol parameter min max units f scl clock frequency 400 khz t sp input filter spike suppression (sda, scl) 100 ns t low clock low period 1.3 s t high clock high period 0.6 s t r (1) sda and scl rise time 300 ns t f (1) sda and scl fall time 300 ns t hd; sta start condition hold time 0.6 s t su; sta start condition setup time (for a repeated start) 0.6 s t hd; dat data input hold time 0 ns t su; dat data input setup time 100 ns t su; sto stop condition setup time 0.6 s t aa scl low to data out valid 900 ns t dh data out hold time 50 ns t buf (1) time the bus must be free before a new transmission can start 1.3 s t wc (3) write cycle time (byte or page) 5 ms notes: (1) this parameter is characterized init ially and after a design or process change that affects the parameter. not 100% tested. (2) test conditions according to ?ac test conditions? table. (3) the write cycle time is the time from a valid stop conditi on of a write sequence to the end of the internal program/erase c ycle. during the write cycle, the bus interface circuits ar e disabled, sda is allowed to remain hi gh and the device does not respond to its slav e address.
cat1026, CAT1027 doc. no. 3010 rev. l 6 ? 2007 catalyst semiconductor, inc. characteristics subject to change without notice voltage monitor and reset ci rcuit ac characteristics symbol parameter test conditions min typ max units t purst reset timeout note 2 130 200 270 ms t rdp v th to reset output delay note 3 5 s t glitch v cc glitch reject pulse width note 4, 5 30 ns t wd watchdod timeout note 1 1.0 1.6 2.1 s t rpd2 v sense to v low delay note 5 5 s power-up timing (6), (7) symbol parameter test conditions min typ max units t pur power-up to read operation 270 ms t puw power-up to write operation 270 ms ac test conditions reliability characteristics symbol parameter reference test method min max units n end (6) endurance mil-std-883, test method 1033 1,000,000 cycles/byte t dr (6) data retention mil-std-883, test method 1008 100 years v zap (6) esd susceptibility mil-std-883, test method 3015 2000 volts i lth (6)(8) latch-up jedec standard 17 100 ma notes: (1) test conditions according to ?ac test conditions? table. (2) power-up, input reference voltage v cc = v th , reset output reference voltage and load according to ?ac test conditions? table (3) power-down, input reference voltage v cc = v th , reset output reference voltage and load according to ?ac test conditions? table (4) v cc glitch reference voltage = v thmin ; based on characterization data 5) 0 < v sense - v cc , v low output reference voltage and load according to ?ac test conditions? table. (6) this parameter is characterized init ially and after a design or process change that affects the parameter. not 100% tested . (7) t pur and t puw are the delays required from the time v cc is stable until the specified memory operation can be initiated. (8) latch-up protection is provided for stresses up to 100m a on input and output pins from -1 v to vcc + 1 v. parameter test conditions input pulse voltages 0.2v cc to 0.8v cc input rise and fall times 10ns input reference voltages 0.3v cc , 0.7v cc output reference voltages 0.5v cc output load current source: i ol = 3ma; c l = 100pf
cat1026, CAT1027 ? 2007 catalyst semiconductor, inc. 7 doc. no. 3010 rev. l characteristics subject to change without notice device operation reset controller description the cat1026 and cat 1027 precision reset controllers ensure correct system operation during brownout and power up/down conditions. they are configured with open drain reset outputs. during power-u p, the reset outputs remain active until v cc reaches the v th threshold and will continue driving the outputs for approximately 200ms (t purst ) after reaching v th . after the t purst timeout interval, the device will cease to drive t he reset outputs. at this point the reset outputs will be pulled up or down by their respective pull up/down resistors. during power-down , the reset outputs will be active when v cc falls below v th . the reset output will be valid so long as v cc is >1.0v (v rvalid ). the device is designed to ignore the fast negative going v cc transi- ent pulses (glitches). reset output timing is shown in figure 1. manual reset capability the reset pin can operate as reset output and manual reset input. the input is edge triggered; that is, the reset input will initiate a reset timeout after detecting a high to low transition. when reset i/o is driven to the active state, the 200ms timer will begin to time the reset interval. if external reset is shorter than 200ms, reset outputs will remain active at least 200ms. monitoring two voltages the cat1026 and CAT1027 feature a second voltage sensor, v sense , which drives the open drain v low output low whenever the input voltage is below 1.25v. the auxiliary voltage monitor timing is shown in figure 2. by using an external resistor divider the sense circuitry can be set to monitor a second supply in the system. the circuit shown in figure 3 provides an externally adjustable threshold voltage, v th_adj to monitor the auxiliary voltag e. the low leakage current at v sense allows the use of large value resistors, to reduce the system power consumption. the v low output can be externally connected to the reset output to generate a reset condition when either of the supplies is invalid. in other applications, v low signal can be used to interrupt the system controller for an impending power failure notification. data protection the cat1026 and CAT1027 devices have been designed to solve many of the data corruption issues that have long been associated with serial eeproms. data corruption occurs when incorrect data is stored in a memory location which is assumed to hold correct data. whenever the device is in a reset condition, the embedded eeprom is disabled for all operations, including write operations. if the reset output(s) are active, in progress communications to the eeprom are aborted and no new communications are allowed. in this condition an internal write cycle to the memory can not be started, but an in progress internal non- volatile memory write cycle can not be aborted. an internal write cycle initiated before the reset condition can be successfully finished if there is enough time (5ms) before v cc reaches the minimum value of 2 v. in addition, to avoid data corruption due to the loss of power supply voltage during the memory internal write operation, the system controller should monitor the unregulated dc power. using the second voltage sensor, v sense , to monitor an unregulated power supply, the cat1026 and CAT1027 signals an impen- ding power failure by setting v low low. watchdog timer the watchdog timer provides an independent protec- tion for microcontrollers. during a system failure, the CAT1027 device will provide a reset signal after a time-out interval of 1.6 seconds for a lack of activity. CAT1027 is designed with the watchdog timer feature on the wdi pin. if wdi does not toggle within 1.6 second intervals, the reset condition will be generated on reset output. the watchdog timer is cleared by any transition on monitored line. as long as reset signal is asserted, the watchdog timer will not count and will stay cleared.
cat1026, CAT1027 doc. no. 3010 rev. l 8 ? 2007 catalyst semiconductor, inc. characteristics subject to change without notice figure 1. reset output timing figure 2: auxiliary voltage monitor timing figure 3: auxiliary voltage monitor glitch t v cc purst t purst t rpd t rvalid v v th rese t rese t rpd t t rpd2 v low t rpd2 t rpd2 t rpd2 v sense v ref v low v sense v aux r 1 r 2 externally adjustable threshold v th-adj v th-adj = v ref r 1 + r 2 r 2 = 1.25v r 1 + r 2 r 2 cat1026/27 v cc power fail interrupt
cat1026, CAT1027 ? 2007 catalyst semiconductor, inc. 9 doc. no. 3010 rev. l characteristics subject to change without notice embedded eeprom operation the cat1026 and CAT1027 feature a 2-kbit embedded serial eeprom that supports the i 2 c bus data transmission protocol. this inter-integrated circuit bus protocol defines any device that sends data to the bus to be a transmitter and any device receiving data to be a receiver. the transfer is controlled by the master device which generates the serial clock and all start and stop conditions for bus access. both the master device and slave device can operate as either transmitter or receiver, but the master device controls which mode is activated. i 2 c bus protocol the features of the i 2 c bus protocol are defined as follows: (1) data transfer may be initiated only when the bus is not busy. (2) during a data transfer, the data line must remain stable whenever the clock line is high. any changes in the data line while the clock line is high will be interpreted as a start or stop condition. start condition the start condition precedes all commands to the device, and is defined as a high to low transition of sda when scl is high. the cat1026 and CAT1027 monitor the sda and scl lin es and will not respond until this condition is met. stop condition a low to high transition of sda when scl is high determines the stop condition. all operations must end with a stop condition. device addressing the master begins a transmission by sending a start condition. the master sends the address of the particular slave device it is requesting. the four most significant bits of the 8-bit slave address are programmable in metal and the default is 1010. the last bit of the slave address specifies whether a read or write operation is to be performed. when this bit is set to 1, a read operation is selected, and when set to 0, a write operation is selected. after the master sends a start condition and the slave address byte, the cat1026 and CAT1027 monitor the bus and responds with an acknowledge (on the sda line) when its address matches the transmitted slave address. the cat1026 and CAT1027 then perform a read or write operation depending on the r/w bit. figure 3. bus timing figure 4. write cycle timing t high scl sda in sda out t low t f t low t r t buf t su:sto t su:dat t hd:dat t hd:sta t su:sta t aa t dh t wr stop condition start condition address ack 8th bit byte n s c l s d a
cat1026, CAT1027 doc. no. 3010 rev. l 10 ? 2007 catalyst semiconductor, inc. characteristics subject to change without notice acknowledge after a successful data transfer, each receiving device is required to generate an acknowledge. the acknowledging device pulls down the sda line during the ninth clock cycle, signaling that it received the 8 bits of data. the cat1026 and CAT1027 respond with an acknowledge after receiving a start condition and its slave address. if the device has been selected along with a write operation, it responds with an acknowledge after receiving each 8-bit byte. when the cat1026 and CAT1027 begin a read mode it transmits 8 bits of data, releases the sda line and monitors the line for an acknowledge. once it receives this acknowledge, the cat1026 and CAT1027 will continue to transmit data. if no acknowledge is sent by the master, the device terminates data transmission and waits for a stop condition. write operations byte write in the byte write mode, the master device sends the start condition and the slave address information (with the r/w bit set to zero) to the slave device. after the slave generates an acknowledge, the master sends a 8-bit address that is to be written into the address pointers of the device. afte r receiving another acknow- ledge from the slave, the master device transmits the data to be written into the addressed memory location. the cat1026 and CAT1027 acknowledge once more and the master generates the stop condition. at this time, the device begins an internal programming cycle to non-volatile memory. while the cycle is in progress, the device will not respond to any request from the master device. figure 5. start/stop timing figure 6. acknowledge timing figure 7: slave address bits start bit sd a stop bit scl acknowledge 1 start scl from master 89 data output from transmitter data output from receiver 1 0100 00r/w default configuration
cat1026, CAT1027 ? 2007 catalyst semiconductor, inc. 11 doc. no. 3010 rev. l characteristics subject to change without notice page write the cat1026 and CAT1027 write up to 16 bytes of data in a single write cycle, using the page write operation. the page write operation is initiated in the same manner as the byte write operation, however instead of terminating after the initial byte is transmitted, the master is allowed to send up to 15 additional bytes. after each byte has been transmitted, the cat1026 and CAT1027 will respond with an acknowledge and internally increment the lower order address bits by one. the high order bits remain unchanged. if the master transmits more than 16 bytes before sending the stop condition, the address counter ?wraps around,? and previously transmitted data will be overwritten. when all 16 bytes are received, and the stop condition has been sent by the master, the internal programming cycle begins. at this point, all received data is written to the cat1026 and CAT1027 in a single write cycle. figure 8. byte write timing figure 9: page write timing byte address slave address s a c k a c k data a c k s t o p p bus activity: master sda line s t a r t bus activity: master sda line data n+15 byte address (n) a c k a c k data n a c k s t o p s a c k data n+1 a c k s t a r t p slave address
cat1026, CAT1027 doc. no. 3010 rev. l 12 ? 2007 catalyst semiconductor, inc. characteristics subject to change without notice acknowledge polling disabling of the inputs can be used to take advantage of the typical write cycle time. once the stop condition is issued to indicate the end of the host?s write opration, the cat1026 and CAT1027 initiates the internal write cycle. ack polling can be initiated immediately. this involves issuing the start condition followed by the slave address for a write operation. if the device is still busy with the write operation, no ack will be returned. if a write operation has completed, an ack will be returned and the host can then proceed with the next read or write operation. read operations the read operation for the cat1026 and CAT1027 is initiated in the same manner as the write operation with one exception, the r/w bit is set to one. three different read operations are possible: immediate/current address read, selective/random read and sequential read. figure 10. immediate address read timing scl sda 8th bi t stop no ack data out 89 slave address s a c k data n o a c k s t o p p bus activit y: master sda line s t a r t
cat1026, CAT1027 ? 2007 catalyst semiconductor, inc. 13 doc. no. 3010 rev. l characteristics subject to change without notice bus activity: master sda line data n+x data n a c k a c k data n+1 a c k s t o p n o a c k data n+2 a c k p slave address immediate/current address read the cat1026 and CAT1027 address counter contains the address of the last byte accessed, incremented by one. in other words, if the last read or write access was to address n, the read immediately following would access data from address n + 1. for n = e = 255, the counter will wrap around to zero and continue to clock out valid data. after the cat1026and CAT1027 receive its slave address information (with the r/w bit set to one), it issues an acknowledge, then transmits the 8-bit byte requested. the master device does not send an acknowledge, but will generate a stop condition. selective/random read selective/random read operations allow the master device to select at random any memory location for a read operation. the master device first performs a ?dummy? write operation by sending the start condition, slave address and byte addresses of the location it wishes to read. after the cat1026 and CAT1027 acknowledges, the master device sends the start condition and the slave address again, this time with the r/w bit set to one. the cat1026 and CAT1027 then responds with its acknowledge and sends the 8-bit byte requested. the master device does not send an acknowledge but will generate a stop condition. sequential read the sequential read operation can be initiated by either the immediate address read or selective read operations. after the cat1026 and CAT1027 sends the inital 8-bit byte requested, the master will responds with an acknowledge which tells the device it requires more data. the cat1026 and CAT1027 will continue to output an 8-bit byte for each acknowledge, thus sending the stop condition. the data being transmitted from the cat1026 and CAT1027 is sent sequentia lly with the data from address n followed by data from address n + 1. the read operation address counter increments all of the cat1026 and CAT1027 address bits so that the entire memory array can be read during one operation. figure 11. selective read timing figure 12. sequential read timing slave address s a c k n o a c k s t o p p bus activity: master sda line s t a r t byte address (n) s a c k data n slave address a c k s t a r t
cat1026, CAT1027 doc. no. 3010 rev. l 14 ? 2007 catalyst semiconductor, inc. characteristics subject to change without notice package outlines 8-lead 300 mil wide plastic dip (l) notes : (1) all dimensions are in millimeters. (2) complies with jedec publication 95 ms001 dimensions; however, some of the dimensions may be more stringent. a e b c e1 b2 l a2 a1 e d eb symbol a a1 b b2 d e e1 e eb l min 0.38 0.36 9.02 7.62 6.09 6.35 7.87 2.92 3.81 nom 0.46 1.77 1.14 7.87 2.54 bsc max 4.57 a2 3.05 3.81 0.56 c 0.21 0.26 0.35 10.16 8.25 7.11 9.65 for current tape and reel information, download the pdf file from: http://www.catsemi.com/documents/tapeandreel.pdf.
cat1026, CAT1027 ? 2007 catalyst semiconductor, inc. 15 doc. no. 3010 rev. l characteristics subject to change without notice 8-lead 150 mil soic (w) notes: (1) all dimensions are in millimeters. (2) complies with jedec specification ms-012 dimensions. symbol a1 a b c d e e1 h l min 0.10 1.35 0.33 4.80 5.80 3.80 0.25 0.40 nom 0.25 0.19 max 0.25 1.75 0.51 5.00 6.20 4.00 e 1.27 bsc 0.50 1.27 q1 0 8 e e1 d a1 e l q1 c b h x 45 a for current tape and reel information, download the pdf file from: http://www.catsemi.com/documents/tapeandreel.pdf.
cat1026, CAT1027 doc. no. 3010 rev. l 16 ? 2007 catalyst semiconductor, inc. characteristics subject to change without notice 8-lead tssop (v) notes: (1) all dimensions are in millimeters. (2) complies with jedec standard mo-153 8 5 1 4 e e1 e/2 pin #1 ident. d b l q1 e a a1 a2 see detail a see detail a seating plane c gage plane 0.25 symbol a a1 a2 b c d e e1 e l q1 min 0.05 0.80 0.09 2.90 6.30 6.4 4.30 0.00 8.00 nom 0.90 0.30 0.19 3.00 4.40 0.60 0.75 0.50 max 1.20 0.15 1.05 0.20 3.10 6.50 4.50 0.65 bsc for current tape and reel information, download the pdf file from: http://www.catsemi.com/documents/tapeandreel.pdf.
cat1026, CAT1027 ? 2007 catalyst semiconductor, inc. 17 doc. no. 3010 rev. l characteristics subject to change without notice 8-lead msop (z) notes: (1) all dimensions are in millimeters. (2) this part is compliant with jedec specification mo-187 variations aa. c e e1 e ee b d a2 a a1 l2 gauge plane l l1 symbol min nom max a1.1 a1 0.05 0.10 0.15 a2 0.75 0.85 0.95 b 0.28 0.33 0.38 c d 2.90 3.00 3.10 e 4.80 4.90 5.00 e1 2.90 3.00 3.10 e0.65bsc l 0.35 0.45 0.55 l1 l2 ? 0o 6o for current tape and reel information, download the pdf file from: http://www.catsemi.com/documents/tapeandreel.pdf.
cat1026, CAT1027 doc. no. 3010 rev. l 18 ? 2007 catalyst semiconductor, inc. characteristics subject to change without notice tdfn 3 x 3 package (zd4) notes: (1) all dimentions in mm. angels in degrees. (2) complies to jedec mo-229 / weec. (3) coplanarity shall not exceed 0.10mm. (4) warpage shall not exceed 0.10mm. (5) package lenght / package width are cons idered as special c haracteristic(s). 3 for current tape and reel information, download the pdf file from: http://www.catsemi.com/documents/tapeandreel.pdf.
cat1026, CAT1027 ? 2007 catalyst semiconductor, inc. 19 doc. no. 3010 rev. l characteristics subject to change without notice example of ordering information notes: (1) all packages are rohs-compliant (lead-free, halogen-free). (2) the standard lead finish is matte-tin. (3) the device used in the above example is a cat1026wi-30-gt3 (soic, industrial temperature, 3.0 - 3.15v, nipdau, tape & reel) . (4) for additional package and temperature options, please contact your nearest ca talyst semiconductor sales office. (5) tdfn not available in nipdau (?g) version. ordering part number ? cat1026xx ordering part number ? CAT1027xx cat1026li-45 cat1026zi-45 cat10 27 li-45 CAT1027 zi-45 cat1026li-42 cat1026zi-42 cat10 27 li-42 CAT1027 zi-42 cat1026li-30 cat1026zi-30 cat10 27 li-30 CAT1027 zi-30 cat1026li-28 cat1026zi-28 cat10 27 li-28 CAT1027 zi-28 cat1026li-25 cat1026zi-25 cat10 27 li-25 CAT1027 zi-25 cat1026wi-45 cat1026zd4i-45 cat102 7 wi-45 cat102 7 zd4i-45 cat1026wi-42 cat1026zd4i-42 cat102 7 wi-42 cat102 7 zd4i-42 cat1026wi-30 cat1026zd4i-30 cat102 7 wi-30 cat102 7 zd4i-30 cat1026wi-28 cat1026zd4i-28 cat102 7 wi-28 cat102 7 zd4i-28 cat1026wi-25 cat1026zd4i-25 cat102 7 wi-25 cat102 7 zd4i-25 cat1026yi-45 cat10 27 yi-45 cat1026yi-42 cat10 27 yi-42 cat1026yi-30 cat10 27 yi-30 cat1026yi-28 cat10 27 yi-28 cat1026yi-25 cat10 27 yi-25 prefix device # suffix cat 1026 w i -30 ? g t3 company id package l: pdip w: soic y: tssop z: msop zd4: tdfn 3x3mm (5) temperature range i = in dust ri a l ( - 4 0 o c to 85 o c) reset threshold voltage -45: 4.50v ? 4.75v -42: 4.25v ? 4.50v -30: 3.00v ? 3.15v -28: 2.85v ? 3.00v -25: 2.55v ? 2.70v product number 1026: 2k 1027: 2k tape & reel t: tape & reel 2: 2000/reel (only tdfn) 3: 3000/reel lead finish blank: matte-tin g: nipdau
revision history date rev. reason 9/25/2003 f added green package logo. updated dc operating characteristic notes. updated reliability characteristics notes 11/07/2003 g eliminated automotive temperature range. updated ordering information with ?green? package marking codes 4/12/2004 h eliminated data sheet designati on. updated reel ordering information 11/01/2004 i changed soic package designators. elimi nated 8-pad tdfn (3 x 4.9mm) package. added package outlines 11/04/2004 j update pin configuration 11/11/2004 k update feature update description update dc operating characteristic update ac characteristics 02/02/2007 l update example of ordering information catalyst semiconductor, inc. corporate headquarters 2975 stender way santa clara, ca 95054 phone: 408.542.1000 document no: 3010 fax: 408.542.1200 revision: l www.catsemi.com issue date: 02/02/07 copyrights, trademarks and patents trademarks and register ed trademarks of catalyst semiconductor include ech of the following: beyond memory?, dpp?, ezdim?, minipot?, and quad-mode? catalyst semiconductor has been issued u. s. and foreign patents and has patent applicat ions pending that protect its products. catalyst semiconductor makes no warranty, representation or guar antee, express or implied, regarding the suitability of its products for any particular purpose, nor that the use of its pr oducts will not infringe its intellectual property rights or the rights of third parties with respect to any particular use or application and specif ically disclaims any and all liability a rising out of any such use or application, including but not limited to, consequential or incidental damages. catalyst semiconductor products are not designed, intended, or authorized for use as components in systems intended for surgica l implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the catalyst semiconduct or product could creat e a situation where personal injury or death may occur. catalyst semiconductor reserves the right to make changes to or discontinue any product or se rvice described herein without not ice. products with data sheets labeled "advance information" or "preliminary" and other products described herein may not be in pr oduction or offered for sale. catalyst semiconductor advises customers to obtain the current version of the rele vant product information before placing order s. circuit diagrams illustrate typical semiconductor applications and may not be complete.


▲Up To Search▲   

 
Price & Availability of CAT1027

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X