Part Number Hot Search : 
2SA16 100001 TC531001 VRT801 9575GH EH10B1 9575GH 7033A
Product Description
Full Text Search
 

To Download C3216C0G1H223J Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? all specifications are subject to change without notice. (1/7) 001-02 / 20030313 / e4112_c1005.fm ceramic capacitors c series for general use smd features  high capacitance has been achieved through precision technol- ogies that enable the use of multiple thinner ceramic dielectric layers.  a monolithic structure ensures superior mechanical strength and reliability.  high-accuracy automatic mounting is facilitated through the maintenance of very precise dimensional tolerances.  composed of only ceramics and metals, these capacitors pro- vide extremely dependable performance, exhibiting virtually no degradation even when subjected to temperature extremes.  low stray capacitance ensures high conformity with nominal val- ues, thereby simplifying the circuit design process.  low residual inductance assures superior frequency characteristics. product identification (1) series name (2) dimensions l w (3) capacitance temperature characteristics class 1 (temperature compensation) class 2 (temperature stable and general purpose) (4) rated voltage edc (5) nominal capacitance the capacitance is expressed in three digit codes and in units of pico farads (pf). the first and second digits identity the first and second significant figures of the capacitance. the third digit identifies the multiplier. r designates a decimal point. (6) capacitance tolerance (7) packaging style c 1005 ch 1h 100 d (1) (2) (3) (4) (5) (6) (7) 0603 0.6 0.3mm 1005 1.0 0.5mm 1608 1.6 0.8mm 2012 2.0 1.25mm 3216 3.2 1.6mm temperature characteristics capacitance change temperature range c0g 030ppm/c ?55 to +125c temperature characteristics capacitance change temperature range x7r 15% ?55 to +125c x5r 15% ?55 to +85c y5v +22, ?82% ?30 to +85c 0j 6.3v 1a 10v 1c 16v 1e 25v 1h 50v 010 1pf 100 10pf 102 1000pf 0r5 0.5pf symbol tolerance applicable capacitance range c 0.25pf 10pf or less d0.5pf j5% over 10pf k10% m20% z +80, ?20% t taping (reel) bbulk
 all specifications are subject to change without notice. (2/7) 001-02 / 20030313 / e4112_c1005.fm ceramic capacitors c series for general use smd c0603 (eia:cc0201) type shapes and dimensions capacitance ranges : class 1 (temperature compensation) temperature characteristics: c0g(030ppm/c) rated voltage edc: 25v capacitance ranges:class 2 temperature characteristics: x5r (15%) rated voltage edc: 25v rated voltage edc:16v rated voltage edc:10v rated voltage edc:6.3v temperature characteristics: y5v (+22, ?82%) rated voltage edc:25v rated voltage edc:16v capacitance (pf) tolerance thickness (mm) part no. 0.5 ? 0.25pf 0.30.03 c0603c0g1e0r5c 0.75 ? 0.25pf 0.30.03 c0603c0g1er75c 1 0.25pf 0.30.03 c0603c0g1e010c 1.5 0.25pf 0.30.03 c0603c0g1e1r5c 2 0.25pf 0.30.03 c0603c0g1e020c 3 0.25pf 0.30.03 c0603c0g1e030c 4 0.25pf 0.30.03 c0603c0g1e040c 5 0.25pf 0.30.03 c0603c0g1e050c 6 0.5pf 0.30.03 c0603c0g1e060d 7 0.5pf 0.30.03 c0603c0g1e070d 8 0.5pf 0.30.03 c0603c0g1e080d 9 0.5pf 0.30.03 c0603c0g1e090d 10 0.5pf 0.30.03 c0603c0g1e100d 12 5% 0.30.03 c0603c0g1e120j 15 5% 0.30.03 c0603c0g1e150j 18 5% 0.30.03 c0603c0g1e180j 20 5% 0.30.03 c0603c0g1e200j 22 5% 0.30.03 c0603c0g1e220j 27 5% 0.30.03 c0603c0g1e270j 33 5% 0.30.03 c0603c0g1e330j 39 5% 0.30.03 c0603c0g1e390j 47 5% 0.30.03 c0603c0g1e470j 56 5% 0.30.03 c0603c0g1e560j 68 5% 0.30.03 c0603c0g1e680j 82 5% 0.30.03 c0603c0g1e820j 100 5% 0.30.03 c0603c0g1e101j 0.150.05 0.30.03 0.60.03 0.2min. 0.30.03 dimensions in mm capacitance (pf) tolerance thickness (mm) part no. 100 10% 0.30.03 c0603x5r1e101k 150 ? 10% 0.30.03 c0603x5r1e151k 220 10% 0.30.03 c0603x5r1e221k 330 ? 10% 0.30.03 c0603x5r1e331k 470 10% 0.30.03 c0603x5r1e471k 680 ? 10% 0.30.03 c0603x5r1e681k 1000 10% 0.30.03 c0603x5r1e102k 1500 ? 10% 0.30.03 c0603x5r1e152k 2200 10% 0.30.03 c0603x5r1e222k capacitance (pf) tolerance thickness (mm) part no. 3300 ? 10% 0.30.03 c0603x5r1c332k 4700 10% 0.30.03 c0603x5r1c472k capacitance (pf) tolerance thickness (mm) part no. 6800 ? 10% 0.30.03 c0603x5r1a682k capacitance (pf) tolerance thickness (mm) part no. 10000 10% 0.30.03 c0603x5r0j103k capacitance (pf) tolerance thickness (mm) part no. 1000 +80, ? 20% 0.30.03 c0603y5v1e102z capacitance (pf) tolerance thickness (mm) part no. 10000 +80, ? 20% 0.30.03 c0603y5v1c103z ? these products marked ? are nonstandard.  for more information about products with other capacitance or other data, please contact us.
 all specifications are subject to change without notice. (3/7) 001-02 / 20030313 / e4112_c1005.fm ceramic capacitors c series for general use smd c1005 (eia:cc0402) type shapes and dimensions capacitance ranges : class 1 (temperature compensation) temperature characteristics: c0g(030ppm/c) rated voltage edc: 50v capacitance ranges:class 2 temperature characteristics: x7r (15%) rated voltage edc: 50v rated voltage edc:25v rated voltage edc:16v temperature characteristics: x5r (15%) rated voltage edc:10v temperature characteristics: y5v (+22, ?82%) rated voltage edc:16v rated voltage edc:10v capacitance (pf) tolerance thickness (mm) part no. 0.5 ? 0.25pf 0.50.05 c1005c0g1h0r5c 0.75 ? 0.25pf 0.50.05 c1005c0g1hr75c 1 0.25pf 0.50.05 c1005c0g1h010c 1.5 0.25pf 0.50.05 c1005c0g1h1r5c 2 0.25pf 0.50.05 c1005c0g1h020c 3 0.25pf 0.50.05 c1005c0g1h030c 4 0.25pf 0.50.05 c1005c0g1h040c 5 0.25pf 0.50.05 c1005c0g1h050c 6 0.5pf 0.50.05 c1005c0g1h060d 7 0.5pf 0.50.05 c1005c0g1h070d 8 0.5pf 0.50.05 c1005c0g1h080d 9 0.5pf 0.50.05 c1005c0g1h090d 10 0.5pf 0.50.05 c1005c0g1h100d 12 5% 0.50.05 c1005c0g1h120j 15 5% 0.50.05 c1005c0g1h150j 18 5% 0.50.05 c1005c0g1h180j 22 5% 0.50.05 c1005c0g1h220j 27 5% 0.50.05 c1005c0g1h270j 33 5% 0.50.05 c1005c0g1h330j 39 5% 0.50.05 c1005c0g1h390j 47 5% 0.50.05 c1005c0g1h470j 56 5% 0.50.05 c1005c0g1h560j 68 5% 0.50.05 c1005c0g1h680j 82 5% 0.50.05 c1005c0g1h820j 100 5% 0.50.05 c1005c0g1h101j 120 5% 0.50.05 c1005c0g1h121j 150 5% 0.50.05 c1005c0g1h151j 180 5% 0.50.05 c1005c0g1h181j 220 5% 0.50.05 c1005c0g1h221j 270 5% 0.50.05 c1005c0g1h271j 330 5% 0.50.05 c1005c0g1h331j 0.1min. 0.50.05 1.00.05 0.50.05 dimensions in mm capacitance (pf) tolerance thickness (mm) part no. 220 10% 0.50.05 c1005x7r1h221k 330 ? 10% 0.50.05 c1005x7r1h331k 470 10% 0.50.05 c1005x7r1h471k 680 ? 10% 0.50.05 c1005x7r1h681k 1000 10% 0.50.05 c1005x7r1h102k 1500 ? 10% 0.50.05 c1005x7r1h152k 2200 10% 0.50.05 c1005x7r1h222k 3300 ? 10% 0.50.05 c1005x7r1h332k 4700 10% 0.50.05 c1005x7r1h472k 6800 ? 10% 0.50.05 c1005x7r1h682k capacitance (pf) tolerance thickness (mm) part no. 10000 10% 0.50.05 c1005x7r1e103k 15000 ? 10% 0.50.05 c1005x7r1e153k 22000 10% 0.50.05 c1005x7r1e223k capacitance (pf) tolerance thickness (mm) part no. 33000 ? 10% 0.50.05 c1005x7r1c333k 47000 10% 0.50.05 c1005x7r1c473k capacitance (pf) tolerance thickness (mm) part no. 68000 ? 10% 0.50.05 c1005x5r1a683k 100000 10% 0.50.05 c1005x5r1a104k capacitance (pf) tolerance thickness (mm) part no. 100000 +80, ? 20% 0.50.05 c1005y5v1c104z capacitance (pf) tolerance thickness (mm) part no. 220000 +80, ? 20% 0.50.05 c1005y5v1a224z 470000 +80, ? 20% 0.50.05 c1005y5v1a474z ? these products marked ? are nonstandard.  for more information about products with other capacitance or other data, please contact us.
 all specifications are subject to change without notice. (4/7) 001-02 / 20030313 / e4112_c1005.fm ceramic capacitors c series for general use smd c1608 (eia:cc0603) type shapes and dimensions capacitance ranges: class 1 (temperature compensation) temperature characteristics: c0g(030ppm/c) rated voltage edc: 50v capacitance ranges:class 2 temperature characteristics: x7r (15%) rated voltage edc: 50v rated voltage edc:25v rated voltage edc:16v temperature characteristics: x5r (15%) rated voltage edc:10v capacitance (pf) tolerance thickness (mm) part no. 0.5 ? 0.25pf 0.80.1 c1608c0g1h0r5c 0.75 ? 0.25pf 0.80.1 c1608c0g1hr75c 1 0.25pf 0.80.1 c1608c0g1h010c 1.5 0.25pf 0.80.1 c1608c0g1h1r5c 2 0.25pf 0.80.1 c1608c0g1h020c 3 0.25pf 0.80.1 c1608c0g1h030c 4 0.25pf 0.80.1 c1608c0g1h040c 5 0.25pf 0.80.1 c1608c0g1h050c 6 0.5pf 0.80.1 c1608c0g1h060d 7 0.5pf 0.80.1 c1608c0g1h070d 8 0.5pf 0.80.1 c1608c0g1h080d 9 0.5pf 0.80.1 c1608c0g1h090d 10 0.5pf 0.80.1 c1608c0g1h100d 12 5% 0.80.1 c1608c0g1h120j 15 5% 0.80.1 c1608c0g1h150j 18 5% 0.80.1 c1608c0g1h180j 22 5% 0.80.1 c1608c0g1h220j 27 5% 0.80.1 c1608c0g1h270j 33 5% 0.80.1 c1608c0g1h330j 39 5% 0.80.1 c1608c0g1h390j 47 5% 0.80.1 c1608c0g1h470j 56 5% 0.80.1 c1608c0g1h560j 68 5% 0.80.1 c1608c0g1h680j 82 5% 0.80.1 c1608c0g1h820j 100 5% 0.80.1 c1608c0g1h101j 120 5% 0.80.1 c1608c0g1h121j 150 5% 0.80.1 c1608c0g1h151j 180 5% 0.80.1 c1608c0g1h181j 220 5% 0.80.1 c1608c0g1h221j 270 5% 0.80.1 c1608c0g1h271j 330 5% 0.80.1 c1608c0g1h331j 390 5% 0.80.1 c1608c0g1h391j 470 5% 0.80.1 c1608c0g1h471j 560 5% 0.80.1 c1608c0g1h561j 680 5% 0.80.1 c1608c0g1h681j 820 5% 0.80.1 c1608c0g1h821j 1000 5% 0.80.1 c1608c0g1h102j 1200 5% 0.80.1 c1608c0g1h122j 1500 5% 0.80.1 c1608c0g1h152j 1800 5% 0.80.1 c1608c0g1h182j 2200 5% 0.80.1 c1608c0g1h222j 0.2min. 0.8 0.1 1.6 0.1 0.8 0.1 dimensions in mm capacitance (pf) tolerance thickness (mm) part no. 220 10% 0.80.1 c1608x7r1h221k 330 ? 10% 0.80.1 c1608x7r1h331k 470 10% 0.80.1 c1608x7r1h471k 680 ? 10% 0.80.1 c1608x7r1h681k 1000 10% 0.80.1 c1608x7r1h102k 1500 ? 10% 0.80.1 c1608x7r1h152k 2200 10% 0.80.1 c1608x7r1h222k 3300 ? 10% 0.80.1 c1608x7r1h332k 4700 10% 0.80.1 c1608x7r1h472k 6800 ? 10% 0.80.1 c1608x7r1h682k 10000 10% 0.80.1 c1608x7r1h103k 15000 ? 10% 0.80.1 c1608x7r1h153k 22000 10% 0.80.1 c1608x7r1h223k 33000 ? 10% 0.80.1 c1608x7r1h333k 47000 10% 0.80.1 c1608x7r1h473k 68000 ? 10% 0.80.1 c1608x7r1h683k 100000 10% 0.80.1 c1608x7r1h104k capacitance (pf) tolerance thickness (mm) part no. 100000 10% 0.80.1 c1608x7r1e104k 150000 10% 0.80.1 c1608x7r1e154k 20% 0.80.1 c1608x7r1e154m capacitance (pf) tolerance thickness (mm) part no. 220000 10% 0.80.1 c1608x7r1c224k 20% 0.80.1 c1608x7r1c224m capacitance (pf) tolerance thickness (mm) part no. 330000 10% 0.80.1 c1608x5r1a334k 20% 0.80.1 c1608x5r1a334m 470000 10% 0.80.1 c1608x5r1a474k 20% 0.80.1 c1608x5r1a474m 680000 10% c1608x5r1a684k 20% c1608x5r1a684m 1000000 [1 f] 10% c1608x5r1a105k 20% c1608x5r1a105m +0.15 ? 0.1 0.8 +0.15 ? 0.1 0.8 +0.15 ? 0.1 0.8 +0.15 ? 0.1 0.8 ? these products marked ? are nonstandard.  for more information about products with other capacitance or other data, please contact us.
 all specifications are subject to change without notice. (5/7) 001-02 / 20030313 / e4112_c1005.fm ceramic capacitors c series for general use smd temperature characteristics: y5v(+22, ?82%) rated voltage edc:50v rated voltage edc: 25v rated voltage edc: 16v rated voltage edc: 10v capacitance (pf) tolerance thickness (mm) part no. 100000 +80, ? 20% 0.80.1 c1608y5v1h104z 220000 +80, ? 20% 0.80.1 c1608y5v1h224z capacitance (pf) tolerance thickness (mm) part no. 470000 +80, ? 20% 0.80.1 c1608y5v1e474z capacitance (pf) tolerance thickness (mm) part no. 1000000 [1f] +80, ? 20% 0.80.1 c1608y5v1c105z capacitance (pf) tolerance thickness (mm) part no. 2200000 [2.2f] +80, ? 20% 0.80.1 c1608y5v1a225z  for more information about products with other capacitance or other data, please contact us.
 all specifications are subject to change without notice. (6/7) 001-02 / 20030313 / e4112_c1005.fm ceramic capacitors c series for general use smd c2012 (eia:cc0805) type shapes and dimensions capacitance ranges: class 1 (temperature compensation) temperature characteristics: c0g(030ppm/c) rated voltage edc: 50v capacitance ranges:class 2 temperature characteristics: x7r (15%) rated voltage edc: 50v rated voltage edc: 25v rated voltage edc: 16v temperature characteristics: x5r (15%) rated voltage edc: 10v rated voltage edc: 6.3v temperature characteristics: y5v(+22, ?82%) rated voltage edc: 50v rated voltage edc: 25v rated voltage edc: 16v rated voltage edc: 10v capacitance (pf) tolerance thickness (mm) part no. 2700 5% 0.60.15 c2012c0g1h272j 3300 5% 0.60.15 c2012c0g1h332j 3900 5% 0.850.15 c2012c0g1h392j 4700 5% 0.850.15 c2012c0g1h472j 5600 5% 0.850.15 c2012c0g1h562j 6800 5% 1.250.2 c2012c0g1h682j 8200 5% 1.250.2 c2012c0g1h822j 10000 5% 1.250.2 c2012c0g1h103j capacitance (pf) tolerance thickness (mm) part no. 100000 ? 10% 1.250.2 c2012x7r1h104k 150000 10% 1.250.2 c2012x7r1h154k 20% 1.250.2 c2012x7r1h154m 220000 10% 1.250.2 c2012x7r1h224k 20% 1.250.2 c2012x7r1h224m 330000 10% 1.250.2 c2012x7r1h334k 20% 1.250.2 c2012x7r1h334m capacitance (pf) tolerance thickness (mm) part no. 470000 10% 1.250.2 c2012x7r1e474k 20% 1.250.2 c2012x7r1e474m capacitance (pf) tolerance thickness (mm) part no. 680000 10% 1.250.2 c2012x7r1c684k 20% 1.250.2 c2012x7r1c684m 1000000 [1f] 10% 1.250.2 c2012x7r1c105k 20% 1.250.2 c2012x7r1c105m dimensions in mm t ( thickness ) 0.6 0.10 0.85 0.15 1.25 0.2 0.2min. 1.25 0.2 2.0 0.2 t capacitance (pf) tolerance thickness (mm) part no. 1500000 [1.5f] 10% 1.250.2 c2012x5r1a155k 20% 1.250.2 c2012x5r1a155m 2200000 [2.2f] 10% 1.250.2 c2012x5r1a225k 20% 1.250.2 c2012x5r1a225m 3300000 [3.3f] 10% 1.250.2 c2012x5r1a335k 20% 1.250.2 c2012x5r1a335m capacitance (pf) tolerance thickness (mm) part no. 4700000 [4.7f] 10% 1.250.2 c2012x5r0j475k 20% 1.250.2 c2012x5r0j475m 6800000 [6.8f] 20% 1.250.2 c2012x5r0j685m 10000000 [10f] 20% 1.250.2 c2012x5r0j106m capacitance (pf) tolerance thickness (mm) part no. 470000 +80, ? 20% 1.250.2 c2012y5v1h474z 1000000 [1f] +80, ? 20% 1.250.2 c2012y5v1h105z capacitance (pf) tolerance thickness (mm) part no. 2200000 [2.2f] +80, ? 20% 1.250.2 c2012y5v1e225z capacitance (pf) tolerance thickness (mm) part no. 4700000 [4.7f] +80, ? 20% 1.250.2 c2012y5v1c475z capacitance (pf) tolerance thickness (mm) part no. 10000000 [10f] +80, ? 20% 1.250.2 c2012y5v1a106z ? these products marked ? are nonstandard.  for more information about products with other capacitance or other data, please contact us.
 all specifications are subject to change without notice. (7/7) 001-02 / 20030313 / e4112_c1005.fm ceramic capacitors c series for general use smd c3216 (eia:cc1206) type shapes and dimensions capacitance ranges: class 1 (temperature compensation) temperature characteristics: c0g(030ppm/c) rated voltage edc: 50v capacitance ranges:class 2 temperature characteristics: x7r(15%) rated voltage edc: 50v rated voltage edc: 25v temperature characteristics: x5r(15%) rated voltage edc: 16v rated voltage edc: 6.3v temperature characteristics: y5v(+22, ?82%) rated voltage edc: 50v rated voltage edc: 25v rated voltage edc: 16v rated voltage edc: 10v capacitance (pf) tolerance thickness (mm) part no. 3900 5% 0.60.15 c3216c0g1h392j 4700 5% 0.60.15 c3216c0g1h472j 5600 5% 0.60.15 c3216c0g1h562j 6800 5% 0.60.15 c3216c0g1h682j 8200 5% 0.850.15 c3216c0g1h822j 10000 5% 0.850.15 c3216c0g1h103j 15000 5% 1.150.15 c3216c0g1h153j 22000 5% 1.150.15 C3216C0G1H223J 33000 5% 1.60.2 c3216c0g1h333j capacitance (pf) tolerance thickness (mm) part no. 470000 10% 1.60.2 c3216x7r1h474k 20% 1.60.2 c3216x7r1h474m capacitance (pf) tolerance thickness (mm) part no. 680000 10% 1.60.2 c3216x7r1e684k 20% 1.60.2 c3216x7r1e684m 1000000 [1f] 10% 1.60.2 c3216x7r1e105k 20% 1.60.2 c3216x7r1e105m 1500000 [1.5f] 10% 1.60.2 c3216x7r1e155k 20% 1.60.2 c3216x7r1e155m 2200000 [2.2f] 10% 1.60.2 c3216x7r1e225k 20% 1.60.2 c3216x7r1e225m dimensions in mm t ( thickness ) 0.60.1 0.850.15 1.15 0.15 1.3 0.2 1.60.2 0.2min. 1.6 0.2 +0.3 ? 0.1 ( 1.6 ) ? +0.3 ? 0.1 3.2 0.2 ( 3.2 ) ? +0.3 ? 0.1 ( 1.6 ) ? t ? figures within ( ) shows dimensions for c3216x5r0j106k, m. capacitance (pf) tolerance thickness (mm) part no. 3300000 [3.3f] 10% 1.60.2 c3216x5r1c335k 20% 1.60.2 c3216x5r1c335m capacitance (pf) tolerance thickness (mm) part no. 6800000 [6.8f] 10% 1.60.2 c3216x5r0j685k 20% 1.60.2 c3216x5r0j685m 10000000 10% 1.6 c3216x5r0j106k [10f] 20% 1.6 c3216x5r0j106m capacitance (pf) tolerance thickness (mm) part no. 2200000 [2.2f] +80, ? 20% 1.150.15 c3216y5v1h225z capacitance (pf) tolerance thickness (mm) part no. 4700000 [4.7f] +80, ? 20% 1.150.15 c3216y5v1e475z capacitance (pf) tolerance thickness (mm) part no. 10000000 [10f] +80, ? 20% 1.60.2 c3216y5v1c106z capacitance (pf) tolerance thickness (mm) part no. 22000000 [22f] +80, ? 20% 1.60.2 c3216y5v1a226z +0.3 ? 0.1 +0.3 ? 0.1  for more information about products with other capacitance or other data, please contact us.


▲Up To Search▲   

 
Price & Availability of C3216C0G1H223J

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X