Part Number Hot Search : 
XC2401A VO1263AB 1N755ATR SMBTA64 SRD00217 17270 DA6X103T 0LL0A
Product Description
Full Text Search
 

To Download BLC080J112B4A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  type blc polypropylene board mount dc link capacitors pcb mount power film capacitors speci cations capacitance range 8 to 55 f capacitance tolerance 5% standard rated voltage 700 to 1100 vdc operating temperature range -45 c to 85 c (ambient) maximum rms current see data tables maximum rms voltage 230 vac test voltage between terminals @ 25 c 150% rated dc voltage for 10 s test voltage between terminals and case @ 25c 2 kvac @ 50/60 hz for 10 s life test 5000 h @ 85 c, rated voltage reference standards iec 61071 rohs compliant dimensions construction details case material plastic ul94v-0 resin material dry resin ul94v-0 terminal material tin plated copper cde cornell dubilier ? 1605 east rodney french blvd ? new bedford, ma 02744 ? phone: (508)996-8561 ? fax: (508)996-3830 type blc series uses the most advanced metallized  lm technology for long life and high reliability in dc link applications. this series combines high capacitance and very high ripple current capability needed for today?s in verter designs for medium power wind, solar, fuel cells, ups systems and more. highlights - high capacitance - high ripple current - self-healing type blc polypropylene board mount dc link capacitors
cde cornell dubilier ? 1605 east rodney french blvd ? new bedford, ma 02744 ? phone: (508)996-8561 ? fax: (508)996-3830 pcb mount power film capacitors part numbering system blc 300 j 901 e b4 type capacitance tolerance voltage case code case type b4 = box 4 lead j = 5% blc 080 150 300 = 8 f = 15 f = 30 f 701 901 112 = 700 vdc = 900 vdc = 1100 vdc ratings typ current peak thermal cap 10 khz t a =25 c t a =55 c t a =75 c current resistance case typical case c esr irms irms irms dv/dt i pk cc ca area weight code partnumber (f) (m) (a) (a) (a) (v/s) (a) (c/w) (c/w) (mm 2 ) (g) 700 vdc blc150j701b4a 15 5.2 21 15 8 13.5 200 10.0 15.8 6580 30.5 a blc200j701b4b 20 3.9 25 17 10 13.0 260 11.4 14.0 7467 36.8 b blc220j701b4c 22 3.6 27 19 11 11.8 290 10.0 13.4 7756 37.8 c blc300j701b4d 30 2.6 33 23 13 13.0 390 10.0 11.7 8925 46.7 d blc450j701b4e 45 3.6 31 22 13 8.5 390 8.0 9.3 11325 59.5 e blc550j701b4f 55 2.9 36 25 14 8.9 490 8.0 8.0 13275 69.6 f 900 vdc blc120j901b4a 12 5.2 21 15 8 15.8 190 10.0 15.8 6580 34.8 a blc140j901b4b 14 4.5 23 16 9 16.4 230 11.4 14.0 7467 39.3 b blc160j901b4c 16 3.9 26 18 10 15.6 250 10.0 13.4 7756 41.5 c blc200j901b4d 20 3.1 30 21 12 16.0 320 10.0 11.7 8925 48.8 d blc300j901b4e 30 4.3 29 20 11 10.8 325 8.0 9.3 11325 62.4 e blc400j901b4f 40 3.2 35 25 14 10.7 430 8.0 8.0 13275 78.6 f 1100 vdc BLC080J112B4A 8 6.5 19 13 7 20.0 160 10.0 15.8 6580 34.3 a blc100j112b4b 10 5.2 22 15 9 20.0 200 11.4 14.0 7467 40.4 b blc120j112b4d 12 4.3 25 18 10 19.2 230 10.0 11.7 8925 44.5 d blc200j112b4e 20 5.3 26 18 10 13.0 260 8.0 9.3 11325 61.1 e blc250j112b4f 25 4.2 30 21 12 13.2 330 8.0 8.0 13275 72.9 f case code w h l p p1 d a 20 40 41.5 37.5 10.2 1.2 b 28 37 41.5 37.5 10.2 1.2 c 24 44 41.5 37.5 10.2 1.2 d 30 45 41.5 37.5 20.3 1.2 e 30 45 57.5 52.5 20.3 1.2 f 35 50 57.5 52.5 20.3 1.2 type blc polypropylene board mount dc link capacitors type blc polypropylene board mount dc link capacitors
cde cornell dubilier ? 1605 east rodney french blvd ? new bedford, ma 02744 ? phone: (508)996-8561 ? fax: (508)996-3830 pcb mount power film capacitors expected lifetime predictions determine esr at operating frequency use the 10 khz esr from the ratings tables. for operation below 10 khz, add the dielectric resistance: esr + 31.83 / ( fc ). determine thermal resistance at operating frequency and air flow compute = cc + ca . in the ratings tables, cc is for 10 khz and ca is for still air. for frequency > 10 khz multiply cc by [1 + (f - 10) / 100]. for v = 0 to 5 m/s, multiply ca by [(5 + 17(0.1 0.66 )) / (5 + 17(v + 0.1) 0.66 )] determine expected lifetime look up expected lifetime on the graph using v a /v r and t c = t a + i 2 (esr/1000) the maximum allowed temperature rise is 40 c and the maximum allowed core temperature is 95 c. capacitance: equivalent series resistance: frequency: ripple current: ambient temperature: core temperature: total thermal resistance: thermal resistance case-to-ambient: thermal resistance core-to-case: air ow speed: applied voltage: rated voltage: c (f) esr (m) f (khz) i (a rms ) t a (c) t c (c) (c/w) ca (c/w) cc (c/w) v (m/s) v a (v dc ) v r (v dc ) 0.8 0.9 1 1.1 1.2 1.3 1.4 1.5 1.6 1.7 100 1000 10000 100000 1000000 v a / v r expected lifetime (h) expected lifetime vs core temperature and applied dc voltage 50oc 60oc 70oc 85oc type blc polypropylene board mount dc link capacitors
cde cornell dubilier ? 1605 east rodney french blvd ? new bedford, ma 02744 ? phone: (508)996-8561 ? fax: (508)996-3830 pcb mount power film capacitors typical performance curves 0 5 10 15 20 25 30 10 100 1000 10000 100000 r i p p l e c u r r e n t ( a r m s ) frequency (hz) blc150j701b4a rated ripple current 25c 45c 55c 75c 0 5 10 15 20 25 30 35 10 100 1000 10000 100000 r i p p l e c u r r e n t ( a r m s ) frequency (hz) blc200j701b4b rated ripple current 25c 45c 55c 75c 0 5 10 15 20 25 30 35 10 100 1000 10000 100000 r i p p l e c u r r e n t ( a r m s ) frequency (hz) blc160j901b4c rated ripple current 25c 45c 55c 75c 0 5 10 15 20 25 30 35 40 10 100 1000 10000 100000 r i p p l e c u r r e n t ( a r m s ) frequency (hz) blc200j901b4d rated ripple current 25c 45c 55c 75c 0 5 10 15 20 25 30 35 10 100 1000 10000 100000 r i p p l e c u r r e n t ( a r m s ) frequency (hz) blc200j112b4e rated ripple current 25c 45c 55c 75c 0 5 10 15 20 25 30 35 40 10 100 1000 10000 100000 r i p p l e c u r r e n t ( a r m s ) frequency (hz) blc250j112b4f rated ripple current 25c 45c 55c 75c type blc polypropylene board mount dc link capacitors type blc polypropylene board mount dc link capacitors


▲Up To Search▲   

 
Price & Availability of BLC080J112B4A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X