Part Number Hot Search : 
LUMBERG AN131 BA4558 PS252 D2495 TS7009 IRKD166 C4532X
Product Description
Full Text Search
 

To Download BCM1125HA2K400 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  bcm1125h ? bcm1125h high-performance mips processor ? highly integrated single core processor running at 400 mhz - 800 mhz ? sb-1 mips64? cpu ? quad-issue in order pipeline; dual execute, dual memory pipes ? enhanced skew pipeline enables zero load-to-use penalty ? 32-kb instruction cache, 32-kb data cache ? advanced branch predictors ? fast, on-chip memory-coherent bus (zbbus) ? connects the cpu, l2 cache, memory controller and i/o bridges ? runs at half the cpu core clock; 256 bits wide ? on-chip l2 cache ? 256 kb, shared by cpu and i/o bridges ? four-way associative, ecc protected ? ways can be removed to provide fast on-chip ram ? ddr memory controller ? one channel with a 64-bit data bus plus ecc ? runs up to 200 mhz clock rate, 400 mbps data rate ? support for ddr sdram, sgram, and fcram ? high-speed packet interfaces ? two 10/100/1000 ethernet macs; 802.3 compliant ? option to configure macs into packet fifos to enable oc-48 data rates ? pci interface ? 32-bit, 33/66 mhz pci 2.2 ? host bridge or target device ? hypertransport? i/o interface ? complies with hypertransport standard for high-speed i/o fabric ? 600-mhz clock rate, 1.2 gbps data rate ? peak bandwidth of 19.2 gbps on 8-bit link ? supports double-ended fabrics (linking two bcm1125hs or bcm1125h to bcm1250, bcm1280, or bcm1480) ? integrated system i/o ? generic i/o for direct connect to boot rom, flash, fast peripherals/ asics ? smbus serial configuration interface ? pcmcia control interface ? two serial interfaces ? extensive, on-chip debug features ? 4w @ 400 mhz ? software-compatible with bcm1250, bcm1255, bcm1280, bcm1455, and bcm1480 ? support for leading operating systems including vxworks ? , linux ? , netbsd ? , ose ? , qnx ? and teja? np os ? multiple evaluation board platforms available with tools, firmware and software drivers ? industry-leading performance ? 2.5 dmips/mhz ? processing speed of up to 4.3 mpps* ? 128-gbps on-chip bus bandwidth, 25-gbps memory bandwidth, 30- gbps total i/o bandwidth ? low power dissipation starting at less than 4w @ 400 mhz ? high functional integration ? programming ease and flexibility based on mips64 isa ? scalable system architecture ? broad tools and system software support ? software-compatible with bcm1250, bcm1255, bcm1280, bcm1455, and bcm1480 *based on internal broadcom benchmark, using bcm112x for standard ipv4 l3 look-up/switching. features summary of benefits applications ? the bcm1125h's world-class performance, power efficiency and integration makes these processors ideal for a broad variety of systems including: ? networking: routers, switches ? control plane processing ? line cards ? broadband access: dslam, cmts, bras ? wireless base stations ? storage: raid controllers, nas controllers, hbas ? web/networking/caching appliances ? imaging: printers, copiers bcm1125h bcm5691 gigabit ethernet switch bcm5461 copper bcm5461s fiber flash ddr sdram gmii pci genbus example: gigabit ethernet control panel
overview ? phone: 949-450-8700 fax: 949-450-8710 e-mail: info@broadcom.com web: www.broadcom.com broadcom corporation 16215 alton parkway, p.o. box 57013 irvine, california 92619-7013 ? 2005 by broadcom corporation. all rights reserved. 1125h-pb03-r 05/11/06 broadcom ? , the pulse logo, connecting everything ? , and the connecting everything logo are among the trademarks of broadcom corporation and/or its affiliat es in the united states, certain other countries and/ or the eu. any other trademarks or trade names me ntioned are the property of their respective owners. bcm1125h block diagram broadcom?s bcm1125h product is a state-of-the-art processor solution targeted at the fast-growing networking, wireless communications, storage, server/networking appliance and imaging markets. bcm1125h processors offer industry-leading performance, high functional integration, and low power levels in a small package required by next- generation networking applications. the bcm1125h is software-compatib le with the dual-processors bcm1250, bcm1255, and bcm1280 as well as with the quad-core processors bcm1455 and bcm1480. all these processors and share development and modeling tools, firmware, and operating systems with the processor. the bcm1125h processors are intelligent systems on a chip consisting of a broadcom sb-1 high performance mips64 cpu, a shared 256-kb l2 cache, a ddr memory controller, and an integrated i/o. all major blocks of the processor are connected together via the zbbus, a high-speed, low-latency, split-transaction, memory-coherent bus. the bus implements the standard mesi protocol to ensure coherency between the cpu, l2 cache, i/o agents, and memory. two gigabit ethernet macs (10/100/1000) enable easy interfacing to lans. to enable higher data rates, or in cases where ethernet protocol processing is not required, each mac can be configured as an 8-bit packet fifo, or both can be combined into a 16-bit packet fifo. high- speed i/o is provided using a 66-mhz (rev 2.2) pci local bus and 8-bit wide hypertransport? (ht) interface. two serial ports are provided for wan connections at up to t3/oc-1 rates (55 mbps). to enable low-chip-count systems, the bcm1125h processors also include a configurable generic bus that allows glueless connection of a boot rom or flash memory and simple i/o peripherals. on-chip debugging, tracing, and performance monitoring functions assist both hardware and software designers in debugging and tuning the system. the system can be run in either big- or little-endian mode. the bcm1125h processors are manufactured in tsmc's 0.13- process, and are packaged in pin-compatible 31-mm bga packages. implementation of mips64 isa the sb-1 cpu core is a high-performance implementation of the standard mips64 instruction set architecture (isa), and incorporates the mips-3d and mips-mdmx application specific extensions (ases). the core supports a four-issue enhanced skew pipeline and can dispatch up to two memory and two alu (integer, floating point, mdmx or mips-3d) instructions per cycle. 10 /100 / 1000 mac 32-bit pci ht host bridge fifo data mover ddr memory controller 256k l2 cache sb_1 core sb_1 core debug/ bus trace serial interface serial interface dual smbus gpio/ interrupt/ pcmcia i/o bridge flash interface and generic i/o jtag dma pci/ht bridge 10 /100 / 1000 mac dma dma dma zbbus 1/2coreclock 256 bits 1gbps 8-25 gbps 55 mbps 55 mbps 2 x gmii / 16-bit fifo @ 2 gbps / @ 6 gbps 2gbps


▲Up To Search▲   

 
Price & Availability of BCM1125HA2K400

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X