Part Number Hot Search : 
NE21935 HS8203 1010A 2SA812M7 MA4AGSW LBT11541 SD4001 1212E
Product Description
Full Text Search
 

To Download B43310A9278M000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  page 1 of 13 aluminum electrolytic capacitors capacitors with screw terminals ?? series/type: b43310, b43330 C standard industrial C 85 ?c ? ? ? ? / ? ? ? ? : b43310, b43330 C ?? ?? ?? ?? C 85 ?c date: august 2007 : 2007 8 ? epcos (xiamen) co., ltd 2007. reproduction, public ation and dissemination of this data sheet, enclosu res hereto and the information contained therein withou t epcos' prior express consent is prohibited. ? epcos ?? 2007 epcos ? ? ????
capacitors with screw terminals b43310, b43330 standard industrial ?? ?? ?? ?? C 85 ?c please read cautions & warnings and important notes at the end of this document. ? ?? ? ? . published by epcos (xiamen) co., ltd epcos ?? page 2 of 13 general purpose grade capacitors ? ? ? ? applications ? ? ? ?  uninterruptible power supplies ??  frequency converters ? features ? ? ? ?  all-welded construction ensures reliable electrical contact ?? ????  high reliability and high ripple current capability ?? construction ? ? ? ?  charge-discharge proof, polar ?_  aluminum case with insulating sleeve ??  poles with screw terminal connections ? ?  mounting with ring clips, clamps or threaded stud ?? / ??  the bases of types with threaded stud and d 76.9 mm are not insulated, types with d = 91.0 mm have fully insulated bases. ?? d 76.9 mm ??? ? ?? 91.0 mm ??? ? b43310 b43330
b43310, b43330 standard industrial ?? ?? ?? ?? C 85 ?c please read cautions & warnings and important notes at the end of this document. ? ?? ? ? . published by epcos (xiamen) co., ltd epcos ?? page 3 of 13 specifications and characteristics in brief ? ? ? ? rated voltage v r ?? v r 400 450 v dc surge voltage v s ?? v s 1.10 v r rated capacitance c r ? c r 1800 15000 f capacitance tolerance ? 20%  m leakage current i leak ? i leak (20 ?c, 5 minutes) 0.008 cv [a] or 5 ma whichever is smaller 0.008 cv [a] 5 ma ?? c = rated capacitance [f], v = rated voltage [v] c = ?? [f], v = ?? [v] tan max. (20 c, 120 hz) ? max. (20 c, 120 hz) 0.2  c/c less than 15% of initial value ??? 15% tan ? not more than 175% of specified value 175% ? load life 85 ?c; v r ; i ac,r 2000 h ( ? ) i leak ? less than specified value ? vibration resistance test to iec 60068-2-6, test fc: displacement amplitude 0.75 mm, frequency range 10 ... 55 hz, acceleration max. 10 g , duration 3 2 h. capacitor mounted by its body which is rigidly clam ped to the work surface. iec 60068-2-6 fc ?? : 0.75 mm ?? 10 ... 55 hz ? 10 g ? 3 x 2h ???? iec climatic category iec to iec 60068-1: 25/085/56 (?25 ?c/+85 ?c/56 days damp heat test) iec 60068-1: 25/085/56 ?25 ?c/+85 ?c/56 , ? detail specification ? sectional specification ? similar to cecc 30301-810 cecc 30301-810 iec 60384-4
b43310, b43330 standard industrial ?? ?? ?? ?? C 85 ?c please read cautions & warnings and important notes at the end of this document. ? ?? ? ? . published by epcos (xiamen) co., ltd epcos ?? page 4 of 13 ripple current capability ? ? ? ? due to the ripple current capability of the contact elements, the following current upper limits must not be exceeded: ???? capacitor diameter d ? d 51.6 mm 64.3 mm 76.9 mm 91.0 mm i ac,max 34 a 45 a 57 a 80 a dimensional drawings ? ? ? ? ? ?? ? b43310 ring clip/clamp mounting ? ? b43330 threaded stud mounting ?? a d ?d 2 kal1127-x-e + m5: min. reach of screw = 8 mm positive pole marking: + m6: min. reach of screw = 10 mm l 1 l kal0989-w ?d 2 ?d 1 a l 1 l l 2 for b43330 capacitors with threaded stud and d 76.9 mm the base is not insulated. for details, refer to data book 2007 C aluminum electrolytic ca pacitors, b43330 ?? d 76.9 mm ??? ? ?? 2007 ? dimension and weights ? ? ? ? dimensions mm with insulating sleeves ????? (mm) terminal d l +3/-0 l 1 +3/-0 l 2 +0/-1 d 1 d 2 max. a +0.2/-0.4 approx. weight (g) ? ? m5 51.6 +0/-0.8 130 136.5 17 m12 11.4 22.2 350 m5 64.3 +0/-0.8 96 102.5 17 m12 13.2 28.5 400 m5 64.3 +0/-0.8 115 121.5 17 m12 13.2 28.5 490 m5 64.3 +0/-0.8 130 136.5 17 m12 13.2 28.5 540 m6 76.9 +0/-0.7 115 120.8 17 m12 17.7 31.7 620 m6 76.9 +0/-0.7 130 135.8 17 m12 17.7 31.7 770 m6 76.9 +0/-0.7 155 160.8 17 m12 17.7 31.7 990 m6 91.0 +0/-2 157 162.5 17 m12 17.7 31.7 1400 m6 91.0 +0/-2 196 201.5 17 m12 17.7 31.7 1600 m6 91.0 +0/-2 220 225.5 17 m12 17.7 31.7 1900
b43310, b43330 standard industrial ?? ?? ?? ?? C 85 ?c please read cautions & warnings and important notes at the end of this document. ? ?? ?p? . published by epcos (xiamen) co., ltd epcos ?? page 5 of 13 packing ? ? ? ? capacitor diameter d ? d packing units (pcs.) ? 51.6 mm 22 64.3 mm 15 76.9 mm 12 91.0 mm 8 for ecological reasons the packing is pure cardboar d. ?? ???? accessories the following items are included in the delivery pa ckage, but are not fastened to the capacitors: ??? ?? m5 a 5.1 din 6797 cylinder-head screw m5 8 din 84-4.8 ??? m5 8 din 84-4.8 2.0 nm for terminals ? m6 a 6.4 din 6797 cylinder-head screw m6 10 din 85-4.8 ??? m6 10 din 85-4.8 2.5 nm for mounting ?? ? m12 j 12.5 din 6797 hex nut bm 12 din 439 ? bm 12 din 439 10 nm the following items must be ordered separately. for details, refer to data book 2007 C aluminum electrolytic capacitors, chapter "screw terminals ? accessories". ??? ?? 2007 ? ? ? item type ring clips ? b44030 clamps for capacitors with d 64.3 mm d 64.3 mm ?? b44030 insulating parts ? b44020
b43310, b43330 standard industrial ?? ?? ?? ?? C 85 ?c please read cautions & warnings and important notes at the end of this document. ? ?? ?p? . published by epcos (xiamen) co., ltd epcos ?? page 6 of 13 technical data and ordering codes ? ? ? ? composition of ordering code ?? ?? ?? ?? * = mounting style ?? 1 = for capacitors with ring clip/clamp mounting ? / ? 3 = for capacitors with threaded stud ??? c r 120 hz 20 ?c f case dimensions d l mm esr typ 120 hz 20 ?c m  i ac,max 120 hz 40 ?c a i ac,r 120 hz 85 ?c a ordering code (composition see below) v r = 400 v dc 2200 51.6 130 87 17.3 6.5 b433*0a9228m000 2200 64.3 96 87 17.0 6.4 b433*0c9228m000 2700 64.3 96 71 18.9 7.1 b433*0a9278m000 3300 64.3 115 58 22.6 8.5 b433*0a9338m000 3900 64.3 130 49 25.8 9.7 b433*0a9398m000 4700 76.9 115 41 28.5 10.7 b433*0a9478m000 5600 76.9 130 34 32.5 12.2 b433*0a9568m000 6800 76.9 155 28 38.8 14.6 b433*0a9688m000 8200 91.0 157 23 44.7 16.8 b433*0a9828m000 10000 91.0 157 19 49.2 18.5 b433*0a9109m000 12000 91.0 196 16 59.6 22.4 b433*0a9129m000 15000 91.0 220 13 69.7 26.2 b433*0a9159m000 v r = 450 v dc 1800 51.6 130 102 16.0 6.0 b433*0a5188m000 2200 64.3 96 83 17.3 6.5 b433*0a5228m000 2700 64.3 115 68 20.7 7.8 b433*0a5278m000 3300 64.3 130 55 24.2 9.1 b433*0a5338m000 3900 76.9 115 49 25.8 9.7 b433*0a5398m000 4700 76.9 130 41 29.8 11.2 b433*0a5478m000 5600 76.9 155 34 35.4 13.3 b433*0a5568m000 6800 91.0 157 28 40.7 15.3 b433*0a5688m000 8200 91.0 157 23 44.7 16.8 b433*0a5828m000 10000 91.0 196 19 54.3 20.4 b433*0a5109m000 12000 91.0 220 16 62.5 23.5 b433*0a5129m000
b43310, b43330 standard industrial ?? ?? ?? ?? C 85 ?c please read cautions & warnings and important notes at the end of this document. ? ?? ?p? . published by epcos (xiamen) co., ltd epcos ?? page 7 of 13 load life depending on ambient temperature t a under ripple current operating conditions , ??? frequency factor of permissible ripple current i ac versus frequency f ? ? ? ? i ac ? ? ? ? f ?? ?? ?? ?? kal1125-g 0.2 b43310/330 i ac, 120 hz f 10 1 hz i ac, f 0.4 0.6 0.8 1.0 1.2 1.6 10 2 10 10 3 4 25000 h 50000 h 100000 h 10000 h5000 h 2000 h 0 40 50 ? t 60 70 80 a c 90 0.5 1.0 1.5 2.0 b43310/330 3.0 2.5 i ac,r ac i kal1126-p
cautions and warnings ? ? ? ? published by epcos (xiamen) co., ltd epcos ?? page 8 of 13 personal safety ?? ?? ?? ?? the electrolytes used by epcos have not only been o ptimized with a view to the intended application, but also with regard to health and env ironmental compatibility. they do not contain any solvents that are detrimental to health, e.g. dimet hyl formamide (dmf) or dimethyl acetamide (dmac). furthermore, part of the high-voltage electrolytes used by epcos is self-extinguishing. they contain flame-retarding substances which will quickly extin guish any flame that may have been ignited. as far as possible, epcos does not use any dangerou s chemicals or compounds to produce operating electrolytes. however, in exceptional cas es, such materials must be used in order to achieve specific physical and electrical properties because no safe substitute materials are currently known. however, the amount of dangerous materials u sed in our products has been limited to an absolute minimum. nevertheless, the following rules should be observed when handling al electrolytic capacitors:  any escaping electrolyte should not come into conta ct with eyes or skin.  if electrolyte does come into contact with the skin , wash the affected parts immediately with running water. if the eyes are affected, rinse them for 10 minutes with plenty of water. if symptoms persist, seek medical treatment.  avoid breathing in electrolyte vapor or mists. work places and other affected areas should be well ventilated. clothing that has been contaminated by electrolyte must be changed and rinsed in water. ?? (epcos) ?????? ???? ? ? ? dmf ? dmac ??????? ??? ? ?? ? ????????? ? ???? ?????? ? ??? ? ??? ?1  ????? ?  ?? ?? ?? ?????? ? ? ?  ?? ??? ? ? ? ? ?? ? ????? ????? ????? ?????
cautions and warnings ? ? ? ? published by epcos (xiamen) co., ltd epcos ?? page 9 of 13 product safety the table below summarizes the safety instructions that must be observed without fail. a detailed description can be found in the relevant sections o f data book 2007 C aluminum electrolytic capacitors, chapter "general technical information" . topic safety information reference chapter general technical information polarity make sure that polar capacitors are connected with the right polarity. 1 basic construction of aluminum electrolytic capacitors reverse voltage voltages polarity classes should be prevented by connecting a diode. 3.1.6 reverse voltage upper category temperature do not exceed the upper category temperature. 7.2 maximum permissible operating temperature maintenance make periodic inspections of the capacitors. before the inspection, make sure that the power supply is turned off and carefully discharge the electricity of the capacitors. do not apply any mechanical stress to the capacitor terminals. 10 maintenance mounting position of screw terminal capacitors do not mount the capacitor with the terminals (safety vent) upside down. 11.1. mounting positions of capacitors with screw terminals mounting of single-ended capacitors the internal structure of single- ended capacitors might be damaged if excessive force is applied to the lead wires. avoid any compressive, tensile or flexural stress. do not move the capacitor after soldering to pc board. 11.4 mounting considerations for single-ended capacitors robustness of terminals the following maximum tight ening torques must not be exceeded when connecting screw terminals: m5: 2 nm m6: 2.5 nm 11.3 mounting torques soldering do not exceed the specified time or temperature limits during soldering. 11.5 soldering
cautions and warnings ? ? ? ? published by epcos (xiamen) co., ltd epcos ?? page 10 of 13 topic safety information reference chapter general technical information soldering, cleaning agents do not allow halogenated hydrocarbons to come into contact with aluminum electrolytic capacitors. 11.6 cleaning agents passive flammability avoid external energy, such as fire or electricity. 8.1 passive flammability active flammability avoid overload of the capacitors 8.2 active flammability reference chapter capacitors with screw terminals breakdown strength of insulating sleeves. do not damage the insulating sleeve, especially when ring clips are used for mounting. screw terminals C accessories
cautions and warnings ? ? ? ? published by epcos (xiamen) co., ltd epcos ?? page 11 of 13 ?? ?? ?? ?? ??????? ? 2007 ??? ? ?? ? ?? ? ???? 1 ? ? ????? 3.1.6 ? ? ??? 7.2 ? ? ? ?? ??? ??????? ? ? ???? 10 ? ??? ?? ?? ?? ? 11.1 ??? ?? ?? ? ?????? ?? ?? ?????? ????? ??????????? 11.4 ?? ? ?? ?? ???? m5: 2 nm m6: 2.5 nm 11.3 ?? ?????? 11.5 ? ? 11.6 ? ? ? 8.1 ? ? 8.2 ? ? ?? ???? ? ???? ????? ?? ? ?? ? ????? ????? ????? ?????
important notes ? ? ? ? published by epcos (xiamen) co., ltd epcos ?? page 12 of 13 the following applies to all products named in this publication: 1. some parts of this publication contain statements about the suitability of our products fo r certain areas of application . these statements are based on our knowledge of ty pical requirements that are often placed on our products in the areas of application concerned. we nevertheless expressly point out that such statements cannot be regarded as binding statements about the suitability of our products fo r a particular customer application. as a rule, epcos is either unfamiliar with individual cu stomer applications or less familiar with them than the customers themselves. for these reasons, i t is always ultimately incumbent on the customer to check and decide whether an epcos produ ct with the properties described in the product specification is suitable for use in a part icular customer application. 2. we also point out that in individual cases, a malfunction of passive elec tronic components or failure before the end of their usual service li fe cannot be completely ruled out in the current state of the art, even if they are operated as specified. in customer applications requiring a very high level of operational safety a nd especially in customer applications in which the malfunction or failure of a passive electronic component could endanger human life or health (e.g. in accident prevention or life-saving systems ), it must therefore be ensured by means of suitable design of the customer application or othe r action taken by the customer (e.g. installation of protective circuitry or redundancy) that no inju ry or damage is sustained by third parties in the event of malfunction or failure of a passive electr onic component. 3. the warnings, cautions and product-specific notes m ust be observed. 4. in order to satisfy certain technical requiremen ts, some of the products described in this publication may contain substances subject to restr ictions in certain jurisdictions (e.g. because they are classed as hazardous) . useful information on this will be found in our material data sheets on the internet (www.epcos.com /material). should you have any more detailed questions, please contact our sales office s. 5. we constantly strive to improve our products. co nsequently, the products described in this publication may change from time to time . the same is true of the corresponding product specifications. please check therefore to what exte nt product descriptions and specifications contained in this publication are still applicable before or when you place an order. we also reserve the right to discontinue production and del ivery of products . consequently, we cannot guarantee that all products named in this publication will always be available. 6. unless otherwise agreed in individual contracts, all orders are subject to the current version of the general terms of delivery for products and ser vices in the electrical industry published by the german electrical and electronics industry association (zvei) . 7. the trade names epcos, baoke, alu-x, ceradiode, cssp, miniblue, mkk, mlsc, motorcap, pcc, phasecap, phasemod, siferrit, sifi, sikorel, s ilvercap, simdad, simid, sineformer, siov, sip5d, sip5k, thermofuse, windcap are trademarks registered or pending in europe and in other countries. further informat ion will be found on the internet at www.epcos.com/trademarks.
important notes ? ? ? ? published by epcos (xiamen) co., ltd epcos ?? page 13 of 13 ? 1 ?? ??? ??? ??? ??? ?p ???? ?? ???? ???? ???? ???? ??? ??? ??? ??? ? ???????? ?????? ? ?????? ?? 2 ? ??? ??? ??? ??? ?????? ?????? ?????? ?????? ???? ???? ???? ???? ????? ????? ????? 1??? ???? ??? ? ??????? ? 3 ? ? ? ? ???? ???? ???? ???? 4 ??? ???? ???? ???? ???? ? ? ? ? ? ??? www.epcos.com/material ? ? ? ?? ??? 5 ?????? ???? ???? ???? ???? ?? ??? ? ? ?????? ?? ???? ???? ???? ???? ?????? 6 ?? ??1?? ??1?? ??1?? ??1?? zvei ?? ?? ?? ?? ??? ??? ??? ??? ? ? ? ? 7 ? epcos baoke alu-x ceradiode cssp mlsc miniblue mkk motorcap pcc phasecap phasemod siferrit sifi sikorel silvercap simdad simid sineformer siov sip5d sip5k thermofuse windcap ????? ? ? ? ? ?? ?? ?? ?? ?? www.epcos.com/trademarks ? ?? ? ????? ????? ????? ?????


▲Up To Search▲   

 
Price & Availability of B43310A9278M000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X