Part Number Hot Search : 
GP1F33RR BYP60K4 05000 PC2430W 5N120 2180A MR760RL 25098
Product Description
Full Text Search
 

To Download AXK5S30347YG Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  panasonic corporation automation controls business division industrial.panasonic.com/ac/e/ axk(5(s)/6(s)) acctb22e 201303-t ordering information 1. p5k (3.0 mm and 3.5 mm) for board-to-board p5k, p5ks series narrow pitch connectors (0.5mm pitch) note: the external appearance and pc board pattern differs between the p5k and p5ks series. features 1. the product lineup consists of 3.0 mm, 3.5 mm, 4.0 mm, 4.5 mm, 5.0 mm, 5.5 mm, 6.0 mm, 6.5 mm, 7.0 mm, 8.0 mm, and 9.0 mm mated heights. 2. strong resistance to adverse environments! utilizes construction for high contact reliability. 3. even with a low pro?e, the effective mating length has been extended to ensure that there for insertion. 4. automatic mounting 1) suction area for automatic mounting machines is employed. applications digital devices, such as laptop, digital still cameras and digital video cameras socket header 4.6mm 5.8mm so cket p5k p5ks header 5.0mm 5.4mm rohs compliant type mated height notes p5k 3 mm, 3.5 mm the external appearance and pc board pattern differs for the p5k and p5ks series. p5ks 4 mm, 4.5 mm, 5 mm, 5.5 mm, 6 mm, 6.5 mm, 7 mm, 8 mm, 9 mm type effective mating length p5k 0.65 mm p5ks 1.0 mm effective mating length with long effective mating lengths, even if the connection is not perfect, the electrical connection is more than enough for normal operations. suction face p5k header p5k socket mated height 1: for mated height 3.0 mm and 3.5 mm
2: for mated height 3.5 mm 3: for mated height 3.0 mm surface treatment (contact portion / terminal portion) 7: ni plating on base, au plating on surface / ni plating on base, au plating on surface (ni barrier product) contact portion y: v notch type product
y: v notch type product number of pins (2 digits) packing g: 1,500 pieces embossed tape and plastic reel 2 5: narrow pitch connector p5k socket 6: narrow pitch connector p5k header functions 4: without positioning bosses axk 7 y g
panasonic corporation automation controls business division industrial.panasonic.com/ac/e/ axk(5(s)/6(s)) acctb22e 201303-t 2. p5ks (4.0 mm, 4.5 mm, 5.0 mm, 5.5 mm, 6.0 mm, 6.5 mm, 7.0 mm, 8.0 mm and 9.0 mm) product types 1. p5k notes: 1. regarding ordering units: during production: please make orders in 1 reel units. samples for mounting con?mation: available in units of 50 pieces. please contact our sales of?e. samples: small lot orders are possible. 2. the standard type comes without positioning bosses. product name mated height no. of pins part no. pac king so cket header inner carton (1 reel) outer carton p5k 3.0 mm 20 axk520147yg axk620347yg 1,500 pieces 3,000 pieces 22 axk522147yg axk622347yg 30 axk530147yg axk630347yg 40 axk540147yg axk640347yg 50 axk550147yg axk650347yg 60 axk560147yg axk660347yg 70 axk570147yg axk670347yg 80 axk580147yg axk680347yg 100 axk500147yg axk600347yg 120 axk5a2147yg axk6a2347yg 3.5 mm 20 axk520147yg axk620247yg 22 axk522147yg axk622247yg 30 axk530147yg axk630247yg 34 axk534147yg axk634247yg 40 axk540147yg axk640247yg 50 axk550147yg axk650247yg 60 axk560147yg axk660247yg 70 axk570147yg axk670247yg 80 axk580147yg axk680247yg 100 axk500147yg axk600247yg 120 axk5a2147yg axk6a2247yg mated height 0: for mated height 4.0 mm, 5.0 mm and 6.0 mm 2: for mated height 4.5 mm, 5.5 mm and 6.5 mm 3: for mated height 7.0 mm, 8.0 mm and 9.0 mm
4: for mated height 4.0 mm, 4.5 mm and 7.0 mm 5: for mated height 5.0 mm, 5.5 mm and 8.0 mm 6: for mated height 6.0 mm, 6.5 mm and 9.0 mm surface treatment (contact portion / terminal portion) 7: ni plating on base, au plating on surface / ni plating on base, au plating on surface (ni barrier product) number of pins (2 digits) contact portion y: v notch type product
y: v notch type product packing g: 1,500 pieces embossed tape and plastic reel 2 socket: mated heights 4.0 mm, 4.5 mm, 5.0 mm, 5.5 mm, 6.0 mm, 6.5 mm header: mated heights 4.0 mm, 4.5 mm, 7.0 mm 1,000 pieces plastic reel 2 socket: mated heights 7.0 mm, 8.0 mm, 9.0 mm header: mated heights 5.0 mm, 5.5 mm, 6.0 mm, 6.5 mm, 8.0 mm, 9.0 mm 5s: narrow pitch connector p5ks socket 6s: narrow pitch connector p5ks header functions 3: with positioning boss and direction for protection from reverse mating 4: without positioning boss/with direction for protection from reverse mating 7: with positioning boss/without direction for protection from reverse mating 8: without positioning boss and direction for protection from reverse mating axk 7 y g note: models with mating directionality to prevent reverse insertion have less than 100 pin contacts. models without mating directionality to prevent reverse insertion have over 100 pin contacts.
panasonic corporation automation controls business division industrial.panasonic.com/ac/e/ axk(5(s)/6(s)) acctb22e 201303-t 2. p5ks product name mated height no. of pins part no. pac king so cket header inner carton (1 reel) outer carton p5ks 4.0 mm 20 axk5s20047yg axk6s20447yg 1,500 pieces 3,000 pieces 24 axk5s24047yg axk6s24447yg 30 axk5s30047yg axk6s30447yg 34 axk5s34047yg axk6s34447yg 40 axk5s40047yg axk6s40447yg 50 axk5s50047yg axk6s50447yg 60 axk5s60047yg axk6s60447yg 70 axk5s70047yg axk6s70447yg 80 axk5s80047yg axk6s80447yg 100 axk5s00047yg axk6s00447yg 120 axk5sa2077yg axk6sa2477yg 160 axk5sa6077yg axk6sa6477yg 4.5 mm 20 axk5s20247yg axk6s20447yg 24 axk5s24247yg axk6s24447yg 30 axk5s30247yg axk6s30447yg 34 axk5s34247yg axk6s34447yg 36 axk5s36247yg axk6s36447yg 40 axk5s40247yg axk6s40447yg 50 axk5s50247yg axk6s50447yg 60 axk5s60247yg axk6s60447yg 70 axk5s70247yg axk6s70447yg 80 axk5s80247yg axk6s80447yg 100 axk5s00247yg axk6s00447yg 120 axk5sa2277yg axk6sa2477yg 160 axk5sa6277yg axk6sa6477yg p5ks 5.0 mm 20 axk5s20047yg axk6s20547yg socket: 1,500 pieces header: 1,000 pieces socket: 3,000 pieces header: 2,000 pieces 24 axk5s24047yg axk6s24547yg 30 axk5s30047yg axk6s30547yg 34 axk5s34047yg axk6s34547yg 40 axk5s40047yg axk6s40547yg 50 axk5s50047yg axk6s50547yg 60 axk5s60047yg axk6s60547yg 70 axk5s70047yg axk6s70547yg 80 axk5s80047yg axk6s80547yg 100 axk5s00047yg axk6s00547yg 5.5 mm 20 axk5s20247yg axk6s20547yg 24 axk5s24247yg axk6s24547yg 30 axk5s30247yg axk6s30547yg 34 axk5s34247yg axk6s34547yg 40 axk5s40247yg axk6s40547yg 50 axk5s50247yg axk6s50547yg 60 axk5s60247yg axk6s60547yg 70 axk5s70247yg axk6s70547yg 80 axk5s80247yg axk6s80547yg 100 axk5s00247yg axk6s00547yg 6.0 mm 20 axk5s20047yg axk6s20647yg 30 axk5s30047yg axk6s30647yg 40 axk5s40047yg axk6s40647yg 50 axk5s50047yg axk6s50647yg 60 axk5s60047yg axk6s60647yg 70 axk5s70047yg axk6s70647yg 80 axk5s80047yg axk6s80647yg 100 axk5s00047yg axk6s00647yg 6.5 mm 20 axk5s20247yg axk6s20647yg 30 axk5s30247yg axk6s30647yg 40 axk5s40247yg axk6s40647yg 50 axk5s50247yg axk6s50647yg 60 axk5s60247yg axk6s60647yg 70 axk5s70247yg axk6s70647yg 80 axk5s80247yg axk6s80647yg 100 axk5s00247yg axk6s00647yg 130 axk5sa3277yg axk6sa3677yg
panasonic corporation automation controls business division industrial.panasonic.com/ac/e/ axk(5(s)/6(s)) acctb22e 201303-t notes: 1. regarding ordering units: during production: please make orders in 1 reel units. samples for mounting con?mation: available in units of 50 pieces. please contact our sales of?e. samples: small lot orders are possible. 2. the standard type comes without positioning bosses (however, mated heights of 4 mm or higher and 120 pins or more comes standard with bosses). connectors with positioning bosses are available for on-demand production. product name mated height no. of pins part no. pac king so cket header inner carton (1 reel) outer carton p5ks 7.0 mm 20 axk5s20347yg axk6s20447yg socket: 1,000 pieces header: 1,500 pieces socket: 2,000 pieces header: 3,000 pieces 30 AXK5S30347YG axk6s30447yg 40 axk5s40347yg axk6s40447yg 50 axk5s50347yg axk6s50447yg 60 axk5s60347yg axk6s60447yg 70 axk5s70347yg axk6s70447yg 80 axk5s80347yg axk6s80447yg 100 axk5s00347yg axk6s00447yg 8.0 mm 20 axk5s20347yg axk6s20547yg 1,000 pieces 2,000 pieces 30 AXK5S30347YG axk6s30547yg 40 axk5s40347yg axk6s40547yg 50 axk5s50347yg axk6s50547yg 60 axk5s60347yg axk6s60547yg 70 axk5s70347yg axk6s70547yg 80 axk5s80347yg axk6s80547yg 100 axk5s00347yg axk6s00547yg 9.0 mm 20 axk5s20347yg axk6s20647yg 30 AXK5S30347YG axk6s30647yg 40 axk5s40347yg axk6s40647yg 50 axk5s50347yg axk6s50647yg 60 axk5s60347yg axk6s60647yg 70 axk5s70347yg axk6s70647yg 80 axk5s80347yg axk6s80647yg 100 axk5s00347yg axk6s00647yg
panasonic corporation automation controls business division industrial.panasonic.com/ac/e/ axk(5(s)/6(s)) acctb22e 201303-t specifications 1. characteristics 2. material and surface treatment item speci?ations conditions 3mm, 3.5mm type 4mm, 4.5mm, 5mm, 5.5mm, 6mm, 6.5mm type 7mm, 8mm, 9mm type electrical characteristics rated current 0.5a/terminal (max. 10a) 0.5a/terminal (max. 16a) rated voltage 60v ac/dc breakdown voltage 150v ac for 1 min. detection current: 1ma insulation resistance min. 1000m ? using 500v dc megger contact resistance max. 60m ? max. 80m ? based on the contact resistance measurement method speci?d by jis c 5402. mechanical characteristics composite insertion force max. 0.785n no. of pins (initial) composite removal force min. 0.0588n no. of pins contact holding force min. 0.98n/pin contacts measuring the maximum force. as the contact is axially pull out. environmental characteristics ambient temperature ?5 c to +85 c no freezing at low temperatures soldering heat resistance max. peak temperature of 260 c (on the surface of the pc board around the connector terminals) infrared re?w soldering 300c within 5 sec., 350 c within 3 sec. soldering iron thermal shock resistance (header and socket mated) 5 cycles, insulation resistance min. 100m ?, contact resistance max. 60m ? 5 cycles, insulation resistance min. 100m ?, contact resistance max. 80m ? conformed to mil-std-202f, method 107g humidity resistance (header and socket mated) 120 hours, insulation resistance min. 100m ?, contact resistance max. 60m ? 120 hours, insulation resistance min. 100m ?, contact resistance max. 80m ? bath temperature 40 2 c, humidity 90 to 95% r.h. saltwater spray resistance (header and socket mated) 24 hours, insulation resistance min. 100m ?, contact resistance max. 60m ? 24 hours, insulation resistance min. 100m ?, contact resistance max. 80m ? bath temperature 35 2 c, saltwarter concentration 5 1% h 2 s resistance (header and socket mated) 48 hours, contact resistance max. 60m ? 48 hours, contact resistance max. 80m ? bath temperature 40 2 c, gas concentration 3 1 ppm, humidity 75 to 80% r.h. lifetime characteristics insertion and removal life 50 times repeated insertion and removal speed of max. 200 times/hours unit weight p5k 3mm 30 pin contacts p5ks 4mm 30 pin contacts socket: 0.17g header: 0.09g socket: 0.18g header: 0.16g pa rt name mated height 3mm, 3.5mm, 4mm, 4.5mm, 5mm, 5.5mm, 6mm, 6.5mm, 7mm, 8mm, 9mm material surface treatment molded portion heat-resistant resin (ul94v-0) contact/post copper alloy contact portion: ni plating on base, au plating on surface te r minal portion: ni plating on base, au plating on surface (except for thick of terminal) the section close to the soldering portion has a nickel barrier. (the nickel base is exposed.) order temperature (c) time (minutes) 1 2 3 4 ?5 85 ?5 0 ?3 30 max. 5 30 max. 5 +3 0 0 ?3
panasonic corporation automation controls business division industrial.panasonic.com/ac/e/ axk(5(s)/6(s)) acctb22e 201303-t dimensions (unit: mm) the cad data of the products with a cad data mark can be downloaded from: http://industrial.panasonic.com/ac/e/ p5k: mated height 3mm, 3.5mm type socket dimension table (mm) no. of pins a b 20 8.20 4.50 22 8.70 5.00 30 10.70 7.00 34 11.70 8.00 40 13.20 9.50 50 15.70 12.00 60 18.20 14.50 70 20.70 17.00 80 23.20 19.50 100 28.20 24.50 120 33.20 29.50 general tolerance: 0.2 5 a 0.50.05 0.20.03 0.50.05 b0.1 (0.9) (0.9) 4 0.170.03 5.8 2.15 1.44 suction face 2.35 0.1 (terminal flatness) cad data header dimension table (mm) no. of pins a b 20 8.20 4.50 22 8.70 5.00 30 10.70 7.00 34 11.70 8.00 40 13.20 9.50 50 15.70 12.00 60 18.20 14.50 70 20.70 17.00 80 23.20 19.50 100 28.20 24.50 120 33.20 29.50 general tolerance: 0.2 0.50.05 0.50.05 b0.1 0.20.03 a 1.44 suction face 3.8 (1.4) (1.4) 1.8 4.6 c d 0.200.03 0.1 (terminal flatness) mated height c d 3.0 mm 2.40 0.85 3.5 mm 2.90 1.35 cad data socket and header are mated a +0.2 ?.1 mated height a 3.0 mm 3.00 3.5 mm 3.50 note: p5ks series (mated heights 4.0mm, 4.5mm, 5.0mm, 5.5mm, 6.0mm, 6.5mm, 7.0mm, 8.0mm, and 9.0mm) cannot be mated to this type.
panasonic corporation automation controls business division industrial.panasonic.com/ac/e/ axk(5(s)/6(s)) acctb22e 201303-t p5ks: mated height 4.0mm, 4.5mm, 5.0mm, 5.5mm, 6.0mm, 6.5mm, 7.0mm, 8.0mm, 9.0mm type socket dimension table (mm) no. of pins a b 20 8.20 4.50 24 9.20 5.50 30 10.70 7.00 34 11.70 8.00 36 12.20 8.50 40 13.20 9.50 50 15.70 12.00 60 18.20 14.50 70 20.70 17.00 80 23.20 19.50 100 28.20 24.50 general tolerance: 0.2 a b0.1 0.500.05 1.82 (suction face) 4.6 0.500.05 0.200.03 0.10 3.20 5.4 (1.10) (1.10) c 0.150.03 mated height c 4.0 mm, 5.0 mm, 6.0 mm 3.05 4.5 mm, 5.5 mm, 6.5 mm 3.55 7.0 mm, 8.0 mm, 9.0 mm 6.05 cad data header dimension table (mm) no. of pins a b 20 8.20 4.50 24 9.20 5.50 30 10.70 7.00 34 11.70 8.00 36 12.20 8.50 40 13.20 9.50 50 15.70 12.00 60 18.20 14.50 70 20.70 17.00 80 23.20 19.50 100 28.20 24.50 general tolerance: 0.2 0.10 b0.1 a 0.20 0.03 1.72 4.2 c 0.9 0.500.05 0.500.05 0.200.03 d c (1.1) (1.1) 2.8 5.0 (suction face) mated height c d 4.0 mm, 4.5 mm, 7.0 mm 0.95 3.30 5.0 mm, 5.5 mm, 8.0 mm 1.95 4.30 6.0 mm, 6.5 mm, 9.0 mm 2.95 5.30 cad data socket and header are mated note: p5k series (mated heights 3.0mm, 3.5mm) cannot be mated to this type. a +0.2 ?.1 mated height a 4.0 mm 4.00 4.5 mm 4.50 5.0 mm 5.00 5.5 mm 5.50 6.0 mm 6.00 6.5 mm 6.50 7.0 mm 7.00 8.0 mm 8.00 9.0 mm 9.00
panasonic corporation automation controls business division industrial.panasonic.com/ac/e/ axk(5(s)/6(s)) acctb22e 201303-t p5ks: mated height 4.0mm, 4.5mm for 120 pin contacts and 160 pin contacts types, 6.5mm for 130 pin contacts type socket no. of pins a b c 120 32.50 29.50 32.00 130 35.00 32.00 34.50 160 42.50 39.50 42.00 general tolerance: 0.2 0.500.05 0.200.03 b0.1 a 4.6 c0.1 0.500.05 dia. 3.000.08 1.82 (suction face) 0.10 te rm inal flatness 0.150.03 d 0.45 (1.10) (1.10) 5.4 3.20 mated height d 4.0 mm 3.05 4.5 mm, 6.5 mm 3.55 cad data header no. of pins a b c 120 32.50 29.50 31.00 130 35.00 32.00 33.50 160 42.50 39.50 41.00 general tolerance: 0.2 0.10 a b0.10 0.500.05 0.200.03 4.20 1.72 (suction face) d e note 1) 0.200.03 5.00 (1.10) (1.10) 2.80 2.100.08 c0.10 0.500.05 dia. 0.45 mated height d e 4.0 mm, 4.5 mm 3.30 0.95 6.5 mm 5.30 2.95 cad data socket and header are mated notes: 1. inquiry separately for diagrams of the embossed tape and cautions for use. 2. be sure to ask for proper speci?ations and drawings before actual use. h +0.2 ?0.1 mated height h 4.0 mm 4.00 4.5 mm 4.50 6.5 mm 6.50
panasonic corporation automation controls business division industrial.panasonic.com/ac/e/ axk(5(s)/6(s)) acctb22e 201303-t embossed tape dimensions (unit: mm, common for respective contact type, socket and header) dimension table (mm) suf?: g (1 reel, 1,500 pieces or 1,000 pieces embossed tape and plastic reel package) connector orientation with respect to direction of progress of embossed tape type mated height no. of pins type of taping a b c d quantity per reel p5k socket and header are common 3.0mm, 3.5mm 20 to 50 tape i 24.00 11.50 25.40 1,500 pcs. 60 to 70 tape ii 32.00 28.40 14.20 33.40 80 to 100 tape ii 44.00 40.40 20.20 45.40 120 tape ii 56.00 52.40 26.20 57.40 p5ks socket: 4.0mm, 4.5mm, 5.0mm, 5.5mm, 6.0mm, 6.5mm header: 4.0mm, 4.5mm, 7.0mm 20 to 50 tape i 24.00 11.50 25.40 1,500 pcs. 60 to 70 tape ii 32.00 28.40 14.20 33.40 80 to 100 tape ii 44.00 40.40 20.20 45.40 120 to 160 tape ii 56.00 52.40 26.20 57.40 socket: 7.0mm, 8.0mm, 9.0mm header: 5.0mm, 5.5mm, 6.0mm, 6.5mm, 8.0mm, 9.0mm 20 to 50 tape i 24.00 11.50 25.40 1,000 pcs. 60 to 70 tape ii 32.00 28.40 14.20 33.40 80 to 100 tape ii 44.00 40.40 20.20 45.40 130 tape ii 56.00 52.40 26.20 57.40 ?tape dimensions (conforming to jis c 0806:1990. however, some tapes have mounting hole pitches that do not comply with the standard.) tape i tape ii 1.75 c 12.0 a0.3 4 2 1.5 dia. +0.1 0 pull out direction 1.75 c 12.0 a0.3 4 2 pull out direction b 1.5 dia. +0.1 0 plastic reel dimensions (conforming to eiaj et?200b) d1 top cover tape taping reel embossed carrier tape embossed mounting-hole 380 dia. label type direction of tape progress p5k p5ks (less than 100 contacts) p5ks 120, 130, 160 contacts so cket header so cket header so cket header note: there is no indication on this product regarding top-bottom or left-right orientation. this corner is oriented on the c side. this corner is oriented on the c side. this corner is oriented on the c side. this corner is oriented on the c side.
panasonic corporation automation controls business division industrial.panasonic.com/ac/e/ axk(5(s)/6(s)) acctb22e 201303-t notes 1. prevention of reverse mating other than p5ks series 120, 130, 160 pin contacts type, the socket and header are protected from reverse mating by a molded resin key. excessive mating force may damage the key, so be sure to match chamfered corners when mating. 2. recommended pc board and metal mask patterns connectors are mounted with high pitch density, intervals of 0.35 mm, 0.4 mm or 0.5 mm. in order to reduce solder and ?x rise, solder bridges and other issues make sure the proper levels of solder is used. the ?ures to the right are recommended metal mask patterns. please use them as a reference. chamfered corner chamfered corner chamfered corner chamfered corner outline (top view) chamfered corner mating state p5k socket recommended pc board pattern (top view) recommended metal mask pattern metal mask thickness: when 150 m (opening area ratio: 56%) recommended metal mask pattern metal mask thickness: when 120 m (opening area ratio: 69%) 0.500.05 0.500.05 0.250.05 3.200.05 min 6.800.05 b0.05 0.750.05 0.1250.05 0.230.01 0.1150.01 0.350.01 0.50 0.01 0.500.01 6.800.01 (1.10) (1.10) 4.600.01 b0.01 0.50 0.01 0.500.01 0.230.01 0.1150.01 0.350.01 6.800.01 4.100.01 (1.35) (1.35) b0.01 p5k header recommended pc board pattern (top view) recommended metal mask pattern metal mask thickness: when 150 m (opening area ratio: 62%) recommended metal mask pattern metal mask thickness: when 120 m (opening area ratio: 78%) 1.000.05 min 5.600.05 0.500.05 0.500.05 0.250.05 0.750.05 b0.05 0.1250.05 0.230.01 0.1150.01 0.350.01 5.600.01 0.50 0.01 0.500.01 (1.55) (1.55) 2.500.01 b0.01 0.50 0.01 0.500.01 5.600.01 0.230.01 0.1150.01 0.350.01 (1.95) (1.95) 1.700.01 b0.01 * see the dimension table on page 93 for more information on the b dimension of the socket and header.
panasonic corporation automation controls business division industrial.panasonic.com/ac/e/ axk(5(s)/6(s)) acctb22e 201303-t p5ks: mated height 4.0mm, 4.5mm, 5.0mm, 5.5mm, 6.0mm, 6.5mm, 7.0mm, 8.0mm, 9.0mm type socket header p5ks: mated height 4.0mm, 4.5mm for 120 pin contacts and 160 pin contacts types, 6.5mm for 130 pin contacts type socket header recommended pc board pattern (top view) 0.1250.05 min. 6.40 0.05 2.400.05 0.50 0.05 0.500.05 0.250.05 0.750.05 b0.05 recommended metal mask pattern metal mask thickness: when 150 m (opening area ratio: 60%) 0.230.01 0.1150.01 0.350.01 0.50 0.01 0.500.01 6.400.01 (1.30) (1.30) 3.800.01 b0.01 recommended metal mask pattern metal mask thickness: when 120 m (opening area ratio: 76%) 0.50 0.01 0.500.01 0.230.01 0.1150.01 0.350.01 6.400.01 3.100.01 (1.65) (1.65) b0.01 * see the dimension table on page 94 for more information on the b dimension. recommended pc board pattern (top view) min. 6.00 0.05 0.50 0.05 0.500.05 0.250.05 0.750.05 2.000.05 b0.05 0.1250.05 recommended metal mask pattern metal mask thickness: when 150 m (opening area ratio: 69%) 0.230.01 0.1150.01 0.350.01 0.50 0.01 0.500.01 6.000.01 (1.50) 3.000.01 (1.50) b0.01 recommended metal mask pattern metal mask thickness: when 120 m (opening area ratio: 87%) 0.50 0.01 0.500.01 0.230.01 0.1150.01 0.350.01 6.000.01 (1.90) (1.90) 2.200.01 b0.01 * see the dimension table on page 94 for more information on the b dimension. recommended pc board pattern (top view) 0.500.05 0.250.05 b0.05 0.50.05 2.400.05 (pattern dimensions) min. 6.40 0.05 3.000.05 (positioning boss dimentions) c0.05 0.1250.05 2-0.65 0.05 dia. (hole) recommended metal mask pattern metal mask thickness: when 150 m (opening area ratio: 60%) 0.230.01 0.1150.01 0.350.01 0.50 0.01 0.500.01 6.000.01 (1.50) 3.000.01 (1.50) b0.01 recommended metal mask pattern metal mask thickness: when 120 m (opening area ratio: 76%) 0.1150.01 0.350.01 6.400.01 (1.65) 3.100.01 (1.65) 0.230.01 0.50 0.01 0.500.01 b0.01 * see the dimension table on page 95 for more information on the b and c dimensions. recommended pc board pattern (top view) 0.500.05 0.250.05 b0.05 0.500.05 2-0.65 0.05 dia. (hole) c0.05 min. 6.00 0.05 0.1250.05 2.100.05 (positioning boss dimentions) 2.000.05 (pattern dimensions) recommended metal mask pattern metal mask thickness: when 150 m (opening area ratio: 69%) 0.230.01 0.1150.01 0.350.01 0.50 0.01 0.500.01 6.000.01 (1.50) 3.000.01 (1.50) b0.01 recommended metal mask pattern metal mask thickness: when 120 m (opening area ratio: 87%) 0.230.01 0.1150.01 0.350.01 0.50 0.01 0.500.01 6.000.01 (1.90) 2.200.01 (1.90) b0.01 * see the dimension table on page 95 for more information on the b and c dimensions. please refer to the latest product speci?ations when designing your product.
panasonic corporation automation controls business division industrial.panasonic.com/ac/e/ notes on using narrow pitch connectors acctb48e 201303-t regarding the design of devices and pc board patterns regarding the selection of the connector placement machine and the mounting procedures notes on using narrow pitch connectors 1) when connecting several connectors together b y stacking, make sure to maintain proper accuracy in the design of structure and mounting equipment so that the connectors are not subjected to twisting and torsional forces. 2) with mounting equipment, there may be up to a 0.2 to 0.3-mm error in positioning. be sure to design pc boards and patterns while taking into consideration the performance and abilities of the required equipment. 3) some connectors have tabs embossed on the body to aid in positioning. when using these connectors, make sure that the pc board is designed with positioning holes to match these tabs. 4) to ensure the required mechanical strength when soldering the connector terminals, make sure the pc board meets recommended pc board pattern design dimensions given. 5) for all connectors of the narrow pitch series, to prevent the pc board from coming off during vibrations or impacts, and to prevent loads from falling directly on the soldered portions, be sure to design some means to ? the pc board in place. example) secure in place with screws when connecting pc boards, take appropriate measures to prevent the connector from coming off. 6) notes when using a fpc. (1) when the connector is soldered to an fpc board, during its insertion and removal procedures, forces may be applied to the terminals and cause the soldering to come off. it is recommended to use a reinforcement board on the backside of the fpc board to which the connector is being connected. please make the reinforcement board dimensions bigger than the outer limits of the recommended pc board pattern (should be approximately 1 mm greater than the outer limit). material should be glass epoxy or polyimide, and the thickness should be between 0.2 and 0.3 mm. (2) collisions, impacts, or turning of fpc boards, may apply forces on the connector and cause it to come loose. therefore, make to design retaining plates or screws that will ? the connector in place. 7) the narrow pitch connector series is designed to be compact and thin. although ease of handling has been taken into account, take care when mating the connectors, as displacement or angled mating could damage or deform the connector. connector spacer spacer pc board screw 1) select the placement machine taking into consider ation the connector height, required positioning accuracy, and packaging conditions. 2) be aware that if the catching force of the placement machine is too great, it may deform the shape of the connector body or connector terminals. 3) be aware that during mounting, external forces may be applied to the connector contact surfaces and terminals and cause deformations. 4) depending on the size of the connector being used, self alignment may not be possible. in such cases, be sure to carefully position the terminal with the pc board pattern. 5) the positioning bosses give an approximate alignment for positioning on the pc board. for accurate positioning of the connector when mounting it to the pc board, we recommend using an automatic positioning machine. 6) excessive mounter chucking force may deform the molded or metal part of the connector. consult us in advance if chucking is to be applied.
panasonic corporation automation controls business division industrial.panasonic.com/ac/e/ notes on using narrow pitch connectors acctb48e 201303-t regarding soldering 1. re?w soldering 1) measure the recommended pro?e temperature for re?w soldering by placing a sensor on the pc board near the connector surface or terminals. (the setting for the sensor will differ depending on the sensor used, so be sure to carefully read the instructions that comes with it.) 2) as for cream solder printing, screen printing is recommended. 3) to determine the relationship between the screen opening area and the pc- board foot pattern area, refer to the diagrams in the recommended patterns for pc boards and metal masks. make sure to use the terminal tip as a reference position when setting. avoid an excessive amount of solder from being applied, otherwise, interference by the solder will cause an imperfect contact. 4) consult us when using a screen- printing thickness other than that recommended. 5) when mounting on both sides of the pc board and the connector is mounting on the underside, use adhesives or other means to ensure the connector is properly ?ed to the pc board. (double re?w soldering on the same side is possible.) 6) n 2 re?w, conducting re?w soldering in a nitrogen atmosphere, increases the solder ?w too greatly, enabling wicking to occur. make sure that the solder feed rate and temperature pro?e are appropriate. soldering conditions please use the re?w temperature pro?e conditions recommended below for re?w soldering. please contact us before using a temperature pro?e other than that described below (e.g. lead-free solder). narrow pitch connectors (except p8 type) narrow pitch connector (p8) for products other than the ones above, please refer to the latest product speci?ations. 7) the temperatures are measured at the surface of the pc board near the connector terminals. (the setting for the sensor will differ depending on the sensor used, so be sure to carefully read the instructions that comes with it.) 8) the temperature pro?es given in this catalog are values measured when using the connector on a resin-based pc board. when performed re?w soldering on a metal board (iron, aluminum, etc.) or a metal table to mount on a fpc, make sure there is no deformation or discoloration of the connector beforehand and then begin mounting. 9) consult us when using a screen- printing thickness other than that recommended. 10) some solder and ?x types may cause serious solder or ?x creeping. solder and ?x characteristics should be taken into consideration when setting the re?w soldering conditions. 2. hand soldering 1) set the soldering iron so that the tip temperature is less than that given in the table below. ta b le a 2) do not allow ?x to spread onto the connector leads or pc board. this may lead to ?x rising up to the connector inside. 3) touch the soldering iron to the foot pattern. after the foot pattern and connector terminal are heated, apply the solder wire so it melts at the end of the connector terminals. 4) be aware that soldering while applying a load on the connector terminals may cause improper operation of the connector. 5) thoroughly clean the soldering iron. 6) flux from the solder wire may get on the contact surfaces during soldering operations. after soldering, carefully check the contact surfaces and clean off any solder before use. 7) for soldering of prototype devices during product development, you can perform soldering at the necessary locations by heating with a hot-air gun by applying cream solder to the foot pattern beforehand. however, at this time, make sure that the air pressure does not move connectors by carefully holding them down with tweezers or other similar tool. also, be careful not to go too close to the connectors and melt any of the molded components. 8) if an excessive amount of solder is applied during manual soldering, the solder may creep up near the contact points, or solder interference may cause imperfect contact. 3. solder reworking 1) finish reworking in one operation. 2) for reworking of the solder bridge, use a soldering iron with a ?t tip. to prevent ?x from climbing up to the contact surfaces, do not add more ?x. 3) keep the soldering iron tip temperature below the temperature given in table a. te rm inal paste solder pc board foot pattern 60 to 120 sec. preheating peak temperature 200c 220c upper limited (solder heat resistance) peak temperature 260 c 230c 180c 150c 70 sec. 25 sec. lower limited (solder wettability) time temperature 60 to 120 sec. preheating time temperature peak temperature 200c 155 to 165c 245c max. within 30 sec. product name soldering iron temperature smd type connectors 300c within 5 sec. 350c within 3 sec. apply the solder wire here terminal pattern pc board small angle as possible up to 45 degrees soldering iron
panasonic corporation automation controls business division industrial.panasonic.com/ac/e/ notes on using narrow pitch connectors acctb48e 201303-t handling single components storage of connectors other notes 1) make sure not to drop or allow parts to fall from w ork bench 2) excessive force applied to the terminals could cause warping, come out, or weaken the adhesive strength of the solder. handle with care. 3) repeated bending of the terminals may cause terminals to break. 4) do not insert or remove the connector when it is not soldered. forcibly applied external pressure on the terminals can w eaken the adherence of the terminals to the molded part or cause the terminals to lose their evenness. 5) excessive prying-force applied to one end may cause product breakage and separation of the solder joints at the terminal. excessive force applied for insertion in a pivot action as shown may also cause product breakage. align the header and socket positions before connecting them. cleaning ?x from pc board 1) to increase the cleanliness of the cleaning ?id and cleaning oper ations, prepare equipment for cleaning process beginning with boil cleaning, ultrasonic cleaning, and then vapor cleaning. 2) carefully oversee the cleanliness of the cleaning ?ids to make sure that the contact surfaces do not become dirty from the cleaning ?id itself. 3) since some powerful cleaning solutions may dissolve molded components of the connector and wipe off or discolor printed letters, we recommend aqua pura electronic parts cleaners. please consult us if you wish to use other types of cleaning ?ids. 4) please note that the surfaces of molded parts may whiten when cleaned with alcohol. handling the pc board handling the pc board after mounting the connector when cutting or bending the pc board after mounting the connector , be careful that the soldered sections are subjected to excessive force. the soldered areas should not be subjected to force. 1) to prevent problems from voids or air poc kets due to heat of re?w soldering, av oid storing the connectors in areas of high humidity. when storing the connectors for more than six months, be sure to consider storage area where the humidity is properly controlled. 2) depending on the connector type, the color of the connector may vary from connector to connector depending on when it is produced. some connectors may change color slightly if subjected to ultraviolet rays during storage. this is normal and will not affect the operation of the connector. 3) when storing the connectors with the pc boards assembled and components alreeady set, be careful not to stack them up so the connectors are subjected to excessive forces. 4) avoid storing the connectors in locations with excessive dust. the dust may accumulate and cause improper connections at the contact surfaces. 1) these products are made for the design of compact and lightweight devices and therefore the thickness of the molded components has been made very thin. therefore, be careful during insertion and removal operations for excessive forces applied may damage the products. 2) dropping of the products or rough mishandling may bend or damage the terminals and possibly hinder proper re?w soldering. 3) before soldering, try not to insert or remove the connector more than absolutely necessary. 4) when coating the pc board after soldering the connector to prevent the deterioration of insulation, perform the coating in such a way so that the coating does not get on the connector. 5) there may be variations in the colors of products from different production lots. this is normal. 6) the connectors are not meant to be used for switching. 7) be sure not to allow external pressure to act on connectors when assembling pcbs or moving in block assemblies.
panasonic corporation automation controls business division industrial.panasonic.com/ac/e/ notes on using narrow pitch connectors acctb48e 201303-t regarding sample orders to con?m proper mounting when ordering samples to con?m proper mounting with the placement machine, connectors are delivered in 50- piece units in the condition given right. consult a sale representative for ordering sample units. condition when delivered from manufacturing required number of products for sample production (unit 50 pcs.) embossed tape amount required for the mounting reel (delivery can also be made on a reel by customer request.) please refer to the latest product speci?ations when designing your product.


▲Up To Search▲   

 
Price & Availability of AXK5S30347YG

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X