Part Number Hot Search : 
DS1380SN 48S15 XC21731 SRF3070 E005283 SP6642 IAPX186 XFADSL16
Product Description
Full Text Search
 

To Download AO7600 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  symbol max p-channel units v ds v v gs v i dm t j , t stg c symbol device typ max units n-ch 360 415 c/w n-ch 400 460 c/w r jl n-ch 300 350 c/w p-ch 360 415 c/w p-ch 400 460 c/w r jl p-ch 300 350 c/w thermal characteristics: n-channel and p-channel -55 to 150 -55 to 150 maximum junction-to-lead c steady-state parameter maximum junction-to-ambient a t 10s r ja maximum junction-to-ambient a 20 -20 8 drain-source voltage 8 gate-source voltage absolute maximum ratings t a =25c unless otherwise noted parameter max n-channel w 0.9 0.7 5 0.3 0.19 -0.48 -0.6 0.3 0.19 a continuous drain current a t a =25c i d t a =70c pulsed drain current b r ja maximum junction-to-ambient a steady-state -3 t a =70c power dissipation t a =25c p d steady-state junction and storage temperature range maximum junction-to-lead c steady-state maximum junction-to-ambient a t 10s AO7600 complementary enhancement mode field effect transistor features n-channel p-channel v ds (v) = 20v -20v i d = 0.9a (v gs =4.5v) -0.6a (v gs =-4.5v) r ds(on) r ds(on) < 300m ? (v gs =4.5v) < 550m ? (v gs =-4.5v) < 350m ? (v gs =2.5v) < 700m ? (v gs =-2.5v) < 450m ? (v gs =1.8v) < 950m ? (v gs =-1.8v) general description the AO7600/l uses advanced trench technology mosfets to provide excellen t r ds(on) and low gate charge. the complementary mosfets may be used to form a level shifted high side switch, an inverter, and for a host of other applications. both devices are esd protected. AO7600 and AO7600l are electrically identical. -rohs compliant -AO7600l is halogen free n-channel p -channel sc-70-6 (sot-323) top view d1 s1 g d2 s2 g d2 g1 s1 s2 g2 d1 1 2 3 6 5 4 alpha & omega semiconductor, ltd. www.aosmd.com
AO7600 symbol min typ max units bv dss 20 v 1 t j =55c 5 i gss 25 a v gs(th) 0.5 0.75 0.9 v i d(on) 5a 181 300 t j =125c 253 330 237 350 m ? 317 450 m ? g fs 2.6 s v sd 0.69 1 v i s 0.4 a c iss 101 120 pf c oss 17 pf c rss 14 pf r g 34 ? q g 1.57 1.9 nc q gs 0.13 nc q gd 0.36 nc t d(on) 3.2 ns t r 4ns t d(off) 15.5 ns t f 2.4 ns t rr 6.7 8.1 ns q rr 1.6 nc this product has been designed and qualified for the consumer market. applications or uses as critical components in life support devices or systems are not authorized. aos does not assume any liability arising out of such applications or uses of its products. aos reserves the right to improve product design, functions and reliability without notice. v ds =5v, i d =0.8a v gs =4.5v, i d =0.9a forward transconductance output capacitance reverse transfer capacitance input capacitance v gs =0v, v ds =10v, f=1mhz diode forward voltage i s =0.5a,v gs =0v maximum body-diode continuous current dynamic parameters turn-on delaytime turn-on rise time gate resistance v gs =0v, v ds =0v, f=1mhz v gs =4.5v, v ds =10v, i d =0.8a switching parameters m ? v gs =2.5v, i d =0.75a v gs =1.8v, i d =0.7a r ds(on) static drain-source on-resistance gate threshold voltage v ds =v gs i d =250 a on state drain current v gs =4.5v, v ds =5v a gate-body leakage current v ds =0v, v gs =8v drain-source breakdown voltage i d =250 a, v gs =0v i dss zero gate voltage drain current v ds =16v, v gs =0v n-channel: electrical characteristics (t j =25c unless otherwise noted) parameter conditions static parameters body diode reverse recovery charge total gate charge i f =0.8a, di/dt=100a/ s turn-off delaytime turn-off fall time body diode reverse recovery time i f =0.8a, di/dt=100a/ s v gs =5v, v ds =10v, r l =12.5 ? , r gen =6 ? gate source charge gate drain charge a: the value of r ja is measured with the device mounted on 1in 2 fr-4 board with 2oz. copper, in a still air environment with t a =25c. the value in any given application depends on the user's specific board design. the current rating is based on the t 10s thermal resistance rating. b: repetitive rating, pulse width limited by junction temperature. c. the r ja is the sum of the thermal impedence from junction to lead r jl and lead to ambient. d. the static characteristics in figures 1 to 6 are obtained using 80 s pulses, duty cycle 0.5% max. e. these tests are performed with the device mounted on 1 in 2 fr-4 board with 2oz. copper, in a still air environment with t a =25c. the soa curve provides a single pulse rating. rev 4 : feb 2008 alpha & omega semiconductor, ltd. www.aosmd.com
AO7600 n-channel: typical electrical and thermal characteristics 0 2 4 6 8 10 012345 v ds (volts) fig 1: on-region characteristics i d (a) v gs =2v 3v 2.5v 8v 4v 3.5v 5v 10v 0 1 2 3 4 0 0.5 1 1.5 2 2.5 3 v gs (volts) figure 2: transfer characteristics i d (a) 25c 125c v ds =5v 160 200 240 280 320 360 400 440 480 01234 i d (a) figure 3: on-resistance vs. drain current and gate voltage r ds(on) (m ? ) v gs =1.8v v gs =2.5v v gs =4.5v 1e-05 1e-04 1e-03 1e-02 1e-01 1e+00 1e+01 0.0 0.4 0.8 1.2 1.6 2.0 v sd (volts) figure 6: body-diode characteristics i s (a) 25c 125c 0.8 1 1.2 1.4 1.6 1.8 0 25 50 75 100 125 150 175 temperature (c) figure 4: on-resistance vs. junction temperature normalized on-resistance v gs =1.8v v gs =4.5v v gs =2.5v i d =0.7a 140 180 220 260 300 340 380 420 460 500 12345678 v gs (volts) figure 5: on-resistance vs. gate-source voltage r ds(on) (m ? ) i d =0.9a 25c 125c i d =0.9a i d =0.75a alpha & omega semiconductor, ltd. www.aosmd.com
AO7600 n-channel: typical electrical and thermal characteristics 0 1 2 3 4 5 0.0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0 q g (nc) figure 7: gate-charge characteristics v gs (volts) 0 50 100 150 200 0 5 10 15 20 v ds (volts) figure 8: capacitance characteristics capacitance (pf) c iss c oss c rss 0 4 8 12 16 0.001 0.01 0.1 1 10 100 1000 pulse width (s) figure 10: single pulse power rating junction-to- ambient (note e) power (w) 0.01 0.1 1 10 0.00001 0.0001 0.001 0.01 0.1 1 10 100 1000 pulse width (s) figure 11: normalized maximum transient thermal impedance z ja normalized transient thermal resistance 0.0 0.1 1.0 10.0 0.1 1 10 100 v ds (volts) i d (amps) figure 9: maximum forward biased safe operating area (note e) 100 s 10ms 1ms 0.1s 1s 10s dc r ds(on) limited t j(max) =150c, t a =25c 10 s v ds =10v i d =0.9a single pulse d=t on /t t j,pk =t a +p dm .z ja .r ja r ja =415c/w in descending order d=0.5, 0.3, 0.1, 0.05, 0.02, 0.01, single pulse t j(max) =150c t a =25c t o n t p d t o n p d alpha & omega semiconductor, ltd. www.aosmd.com
AO7600 symbol min typ max units bv dss -20 v -1 t j =55c -5 i gss 10 a v gs(th) -0.5 -0.6 -0.9 v i d(on) -3 a 415 550 t j =125c 542 700 590 700 m ? 700 950 m ? g fs 1.7 s v sd -0.86 -1 v i s -0.4 a c iss 114 140 pf c oss 17 pf c rss 14 pf r g 12 17 ? q g 1.44 1.8 nc q gs 0.14 nc q gd 0.35 nc t d(on) 6.5 ns t r 6.5 ns t d(off) 18.2 ns t f 5.5 ns t rr 10 13 ns q rr 3nc this product has been designed and qualified for the consumer market. applications or uses as critical components in life support devices or systems are not authorized. aos does not assume any liability arising out of such applications or uses of its products. aos reserves the right to improve product design, functions and reliability without notice. p-channel electrical characteristics (t j =25c unless otherwise noted) parameter conditions static parameters drain-source breakdown voltage i d =-250 a, v gs =0v i dss zero gate voltage drain current v ds =-16v, v gs =0v a gate-body leakage current v ds =0v, v gs =8v m ? v gs =-2.5v, i d =-0.5a gate threshold voltage v ds =v gs i d =-250 a on state drain current v gs =-4.5v, v ds =-5v static drain-source on-resistance v gs =-1.8v, i d =-0.4a v gs =-4.5v, i d =-0.6a r ds(on) forward transconductance v ds =-5v, i d =-0.6a input capacitance diode forward voltage i s =-0.5a,v gs =0v maximum body-diode continuous current dynamic parameters v gs =0v, v ds =-10v, f=1mhz output capacitance reverse transfer capacitance total gate charge gate source charge gate drain charge gate resistance v gs =0v, v ds =0v, f=1mhz switching parameters v gs =-4.5v, v ds =-10v, i d =-0.6a turn-on delaytime v gs =-4.5v, v ds =-10v, r l =16.7 ? , r gen =3 ? turn-on rise time turn-off delaytime turn-off fall time body diode reverse recovery time i f =-0.6a, di/dt=100a/ s body diode reverse recovery charge i f =-0.6a, di/dt=100a/ s a: the value of r ja is measured with the device mounted on 1in 2 fr-4 board with 2oz. copper, in a still air environment with t a =25c. the value in any a given application depends on the user's specific board design. the current rating is based on the t 10s thermal resistance rating. b: repetitive rating, pulse width limited by junction temperature. c. the r ja is the sum of the thermal impedence from junction to lead r jl and lead to ambient. d. the static characteristics in figures 1 to 6,12,14 are obtained using 80 s pulses, duty cycle 0.5% max. e. these tests are performed with the device mounted on 1 in 2 fr-4 board with 2oz. copper, in a still air environment with t a =25c. the soa curve provides a single pulse rating. a: the value of r ja is measured with the device mounted on 1in 2 fr-4 board with 2oz. copper, in a still air environment with t a =25c. the value in any given application depends on the user's specific board design. the current rating is based on the t 10s thermal resistance rating. b: repetitive rating, pulse width limited by junction temperature. c. the r ja is the sum of the thermal impedence from junction to lead r jl and lead to ambient. d. the static characteristics in figures 1 to 6,12,14 are obtained using 80 s pulses, duty cycle 0.5% max. e. these tests are performed with the device mounted on 1 in 2 fr-4 board with 2oz. copper, in a still air environment with t a =25c. the soa curve provides a single pulse rating. rev 4 : feb 2008 alpha & omega semiconductor, ltd. www.aosmd.com
AO7600 p-channel: typical electrical and thermal characteristics 0 2 4 6 012345 -v ds (volts) fig 1: on-region characteristics -i d (a) -3.5v v gs =-2.0v -3v -6v -10v -4.5v 0 1 2 3 4 0 0.5 1 1.5 2 2.5 3 3.5 4 4.5 -v gs (volts) figure 2: transfer characteristics -i d (a) 300 400 500 600 700 800 900 01234 -i d (a) figure 3: on-resistance vs. drain current and gate voltage r ds(on) (m ? ) 1.0e-06 1.0e-05 1.0e-04 1.0e-03 1.0e-02 1.0e-01 1.0e+00 0.0 0.4 0.8 1.2 -v sd (volts) figure 6: body-diode characteristics -i s (a) 25c 125c 0.8 1 1.2 1.4 1.6 0 25 50 75 100 125 150 175 temperature (c) figure 4: on-resistance vs. junction temperature normalized on-resistance v gs =-4.5v v gs =-1.8v i d =-0.5a i d =-0.4a 300 400 500 600 700 800 900 0246810 -v gs (volts) figure 5: on-resistance vs. gate-source voltage r ds(on) (m ? ) 25c 125c v ds =-5v v gs =-1.8v v gs =-4.5v i d =-0.6a 25c 125c i d =-0.6a -4v v gs =-2.5v v gs =-2.5v -2.5v alpha & omega semiconductor, ltd. www.aosmd.com
AO7600 p-channel: typical electrical and thermal characteristics 0 1 2 3 4 5 0.0 0.5 1.0 1.5 2.0 -q g (nc) figure 7: gate-charge characteristics -v gs (volts) 0 50 100 150 200 0 5 10 15 20 -v ds (volts) figure 8: capacitance characteristics capacitance (pf) c iss 0 2 4 6 8 10 12 14 0.001 0.01 0.1 1 10 100 1000 pulse width (s) figure 10: single pulse power rating junction-to- ambient (note e) power (w) 0.01 0.1 1 10 0.00001 0.0001 0.001 0.01 0.1 1 10 100 1000 pulse width (s) figure 11: normalized maximum transient thermal impedance z ja normalized transient thermal resistance c oss c rss 0.00 0.01 0.10 1.00 10.00 0.1 1 10 100 -v ds (volts) -i d (amps) figure 9: maximum forward biased safe operating area (note e) 100 s 10ms 1ms 0 .1 s 1 s 10s dc r ds(on) limited t j ( max ) =150c, t a =25c v ds =-10v i d =-0.6a single pulse d=t on /t t j,pk =t a +p dm .z ja .r ja r ja =415c/w in descending order d=0.5, 0.3, 0.1, 0.05, 0.02, 0.01, single pulse t j(max) =150c t a =25c 10 s t o n t p d t o n p d alpha & omega semiconductor, ltd. www.aosmd.com


▲Up To Search▲   

 
Price & Availability of AO7600

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X