Part Number Hot Search : 
CTAF01TK FN3933 OSWOK5 IR210S JANTXV1 XXXGX SST6839 SBL20
Product Description
Full Text Search
 

To Download 3QL150AQ Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  2 3ql150ak thru 3ql150as 1. ?? feature & dimension features l package with screw terminals l isolation voltage 3000 v~ l glass passivated chips l blocking voltage up to 1600 v l low forward voltage drop l ul registered e231047 applications l supplies for dc power equipment l input rectifiers for pwm inverter l battery dc power supplies l field supply for dc motors advantages l easy to mount with two screws l space and weight savings l improved temperature and power cycling 2. ? product characteristic electrical and thermal characteristics tc=25 c unless otherwise specified item symbol 3ql150ak 3ql150ao 3QL150AQ 3ql150as unit maximum repetitive voltage vrm 800 1200 1400 1600 v maximum rms voltage vrms 560 840 980 1120 v maximum dc blocking voltage vdc 800 1200 1400 1600 v 10 ua peak reverse current (per leg) @tj = 25 c at rated dc blocking voltage @tj = 150 c ir 20 ma average recified forward current 60hz sine wave,r-load with heatsink tc=100 io 150 a tj=45 vr=0 t=10ms (50hz),sine t=8.3ms(60hz),sine tj=150 vr=0 t=10ms (50hz),sine t=8.3ms(60hz),sine i fsm 1500 1700 1350 1500 a tj=45 vr=0 t=10ms (50hz),sine t=8.3ms(60hz),sine tj=150 vr=0 t=10ms (50hz),sine t=8.3ms(60hz),sine i 2 t 11250 14450 9100 11250 a 2 s
3 3ql150ak thru 3ql150as storage temperature tstg -40 to +150 50/60hz rms t=1 min iisol 1ma t=1 s visol 2500 3000 v~ mounting torque(m5) terminal connection torque(m5) md recommended value 1.5~2.5 5 15% n m typical weight 270 g i f =200a t j =25 v f 1.3 v for power-loss calculations only v t0 0.8 v per diode dc current per module r thjc 0.6 0.1 k/w k/w per diode dc current(typ.) per module(typ.) r thcs 0.18 0.03 k/w k/w creeping distance on surface ds 10 mm creeping distance in air da 9.4 mm max. allowable acceleration a 50 m/s 2
4 3ql150ak thru 3ql150as 3. characteristic curve fig.1.power dissipa on vs. output current fig.2.power dissipa on vs. power dissipa on fig.3.surge overload characteris cs vs. me fig.4.forward characteris cs of a diode arm fig.5.transient thermal impedance vs. me
5 3ql150ak thru 3ql150as 4. ??Z marking identification note ?? 3 ql 150 as bridge reverse voltage=1600v average rectified forward current=150a mean ql series bridge mean three phase bridge


▲Up To Search▲   

 
Price & Availability of 3QL150AQ

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X