max imum solutions r maximum interconnect solutions mill-max mfg. corp. ? 190 pine hollow road, oyster bay, ny 11771-0300 516-922-6000 ? fax: 516-922-9253 ? www.mill -max.com (4/10 -- 587) mill-max target connectors provide a conven- ient mating surface to connect with mill-max spring pins. they can be utilized in any spring pin application requiring conductive lands. examples are: board stacking, elevated circuits or recharging applications. mill-max precision-machined pins are plated with 10 micro inches hard gold and assembled in high temperature pct thermoplastic. the large .070 diameter target pin face is a convenient, easy-to- hit target for .042 diameter plungers, common to mill-max spring pins. in non-standard applications, modifying a mill-max target connector is a much more cost-effective approach than modifying its complex, multi-part spring pin mate. for more information, visit www.mill-max.com/pr587. we offer our spring-loaded connectors as six families of single and double row strip assemblies for .100 mounting grid C low and high profile surface mount styles are available on carrier tape and thru- hole style for manual placement. we also offer a choice of 46 discrete spring-loaded contacts for use in customer specific assemblies. ask for datasheet pr561 for details on our spring-loaded parts. for expert assistance with your specific application, please contact our engineers at techsupport@mill-max.com , or call 516-922-6000 . mill-max target connectors for spring pins hit the mark
www.mill-max.com 516-922-6000 series 319, 330, 399 ordering information series 319...041 smt w/ alignment pins 319-10-1_ _-30-041000 series 319...001 standard solder tails 319-10-1_ _-00-001000 series 319...002 long solder tails 319-10-1_ _-00-002000 series 319...005 elevated solder tails 319-10-1_ _-00-005000 fig. 1 fig. 2 fig. 3 fig. 4 specify # of pins 01-64 specify # of pins 01-64 specify # of pins 01-64 specify # of pins 01-64 series 330...240 solder cups 330-10-1_ _-10-240000 fig. 5 specify # of pins 01-64 pin plating 10 ? au plating code = 10 13 ? series 319, 330 and 399 single row strips may be cut to any length. ? spring target connectors present a large flat surface for making tangent connections to our standard .042? dia spring pin plungers. the target connectors provide an excellent gold plated conductive path back to the board mounted spring pin connector. ? target connectors use mm #1938, #1940, #1941, #1942 and #3024 pins. see page 185 for details. ? insulators are high temp. thermoplastic. series 399...008 right angle solder tails 399-10-1_ _-10-008000 fig. 6 specify # of pins 01-64 fig. 6 fig. 5 fig. 4 fig. 3 .020 dia. .053 dia. .070 dia. .290 .125 .165 .110 fig. 2 .100 .100 .070 dia. .070 dia. .053 dia. .053 dia. .290 .290 .165 .165 .110 .110 .020 dia. .020 dia. .169 .169 fig. 1 .100 .226 .165 .176 .018 dia. .220 .110 .290 .090 hole .038 dia. .053 dia. .060 .110 .072 dia. .567 .441 .165 .126 .053 dia. .034 dia. .020 dia. .072 dia. .110 .382 .165 .217 .018 dia. .053 dia. .072 dia. .110 for electrical, mechanical & enviromental data, see pg. 4 spring-loaded connectors .100 grid target connectors for spring-loaded assemblies single row
www.mill-max.com 516-922-6000 series 419, 430, 499 ordering information series 419...041 surface mount 419-10-2_ _-30-041000 series 419...001 standard solder tails 419-10-2_ _-00-001000 series 419...002 long solder tails 419-10-2_ _-00-002000 series 419...005 elevated solder tails 419-10-2_ _-00-005000 fig. 1 fig. 2 fig. 3 fig. 4 specify # of pins 04-64 specify # of pins 04-64 specify # of pins 04-64 specify # of pins 04-64 series 430...240 solder cups 430-10-2_ _-10-240000 fig. 5 specify # of pins 04-64 pin plating 10 ?au plating code = 10 14 ? series 419, 430 and 499 double row strips may be cut to any length. ? spring target connectors present a large flat surface for making tangent connections to our standard .042? dia spring pin plungers. the target connectors provide an excellent gold plated conductive path back to the board mounted spring pin connector. ? target connectors use mm #1938, #1940, #1941, #1942 and #3024 pins. see page 185 for details. ? insulators are high temp. thermoplastic. series 499...008 right angle solder tails 499-10-2_ _-10-008000 fig. 6 specify # of pins 04-64 .01 8 dia. .16 5 .110 .220 .200 .100 .100 .276 .176 fig. 6 .100 .072 dia. .0 3 8 dia. hole .0 53 dia. .2 9 0 .0 9 0 .060 .110 fig. 5 .053 dia. .165 . 44 1 .567 .03 4 dia. .020 dia. .126 .100 .072 dia. .110 fig. 4 .100 .01 8 dia. .072 dia. .0 53 dia. .217 . 38 2 .16 5 .110 fig. 3 .100 .020 d i a. .0 7 0 d i a. .053 d i a. .125 .2 9 0 .165 .110 fig. 2 .100 .100 .070 dia. .070 dia. .053 dia. .053 dia. .169 .169 .110 .110 fig. 1 coplanarity .005?. for pin counts >20 positions consult technical support. rohs 2002/95/ec for electrical, mechanical & enviromental data, see pg. 4 spring-loaded connectors .100 grid target connectors for spring-loaded assemblies double row
|