Part Number Hot Search : 
MBR10 C3843 G12864 75000 NCE0208I IRHN3054 MX13150 K4T1G
Product Description
Full Text Search
 

To Download 15SMC300A-E3-57T Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1.5smc series www.vishay.com vishay general semiconductor revision: 14-dec-12 1 document number: 88303 for technical questions within your region: diodesamericas@vishay.com , diodesasia@vishay.com , diodeseurope@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 surface mount t rans z orb ? transient voltage suppressors devices for bi-direction applications for bi-directional devices use ca suffix (e.g. 1.5smc220ca). electrical characteristics apply in both directions. features ? low profile package ? ideal for automated placement ? glass passivated chip junction ? available in uni-directional and bi-directional ? 1500 w peak pulse power capability with a 10/1000 s waveform, repetitive rate (duty cycle): 0.01 % ? excellent clamping capability ? very fast response time ? low incremental surge resistance ? meets msl level 1, per j-st d-020, lf maximum peak of 260 c ? aec-q101 qualified ? material categorization: for definitions of compliance please see www.vishay.com/doc?99912 typical applications use in sensitive electronics protection against voltage transients induced by inductive load switching and lighting on ics, mosfet, signal lines of sensor units for consumer, computer, industrial, automo tive, and telecommunication. mechanical data case: do-214ab (smc) molding compound meets ul 94 v-0 flammability rating base p/n-e3 - rohs compliant and commercial grade base p/nhe3 - rohs compli ant and aec-q101 qualified base p/nhe3_x - rohs-comp liant and aec-q101 qualified (_x denotes revision code e.g. a, b, .....) terminals: matte tin plated leads, solderable per j-std-002 and jesd 22-b102 e3 suffix meets jesd 201 class 1a whisker test, he3 suffix meets jesd 201 class 2 whisker test polarity: for uni-directional types the band denotes cathode end, no marking on bi-directional types notes (1) non-repetitive current pulse, per fig. 3 and derated above t a = 25 c per fig. 2. (2) mounted on 0.31" x 0.31" (8.0 mm x 8.0 mm) copper pads to each terminal primary characteristics v wm 5.8 v to 459 v v br (uni-directional) 6.8 v to 540 v v br (bi-directional) 6.8 v to 220 v p ppm 1500 w p d 6.5 w i fsm (uni-directional only) 200 a t j max. 150 c polarity uni-directional, bi-directional package do-214ab (smc) do-214ab (smc) maximum ratings (t a = 25 c unless otherwise noted) parameter symbol value unit peak power dissipa tion with a 10/ 1000 s waveform (1)(2) (fig. 1) p ppm 1500 w peak pulse current with a 10/1000 s waveform (1) (fig. 3) i ppm see next table a power dissipation on infinite heatsink at t a = 50 c p d 6.5 w peak forward surge current 8.3 ms sing le half sine-wave uni-directional only (2) i fsm 200 a operating junction and storage temperature range t j , t stg - 65 to + 150 c
1.5smc series www.vishay.com vishay general semiconductor revision: 14-dec-12 2 document number: 88303 for technical questions within your region: diodesamericas@vishay.com , diodesasia@vishay.com , diodeseurope@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 notes (1) pulse test: t p ? 50 ms (2) surge current waveform per fig. 3 and derate per fig. 2 (3) all terms and symbols are consis tent with ansi/ieee ca62.35 (4) for bi-directional types with v r of 10 v and less, the i d limit is doubled (5) v f = 3.5 v at i f = 100 a (uni-directional only) electrical characteristics (t a = 25 c unless otherwise noted) part number device marking code breakdown voltage v br at i t (1) (v) test current i t (ma) stand-off voltage v wm (v) maximum reverse leakage at v wm i d (4) (a) maximum peak pulse current i ppm (2) (a) maximum clamping voltage at i ppm v c (v) maximum temperature coefficient of v br (%/c) uni bi min. max. 1.5smc6.8a 6v8a 6v8c 6.45 7.14 10 5.80 1000 143 10.5 0.057 1.5smc7.5a 7v5a 7v5c 7.13 7.88 10 6.40 500 133 11.3 0.061 1.5smc8.2a 8v2a 8v2c 7.79 8.61 10 7.02 200 124 12.1 0.065 1.5smc9.1a 9v1a 9v1c 8.65 9.55 1.0 7.78 50 112 13.4 0.068 1.5smc10a 10a 10c 9.50 10.5 1.0 8.55 10 103 14.5 0.073 1.5smc11a 11a 11c 10.5 11.6 1.0 9.40 5.0 96.2 15.6 0.075 1.5smc12a 12a 12c 11.4 12.6 1.0 10.2 5.0 89.8 16.7 0.078 1.5smc13a 13a 13c 12.4 13.7 1.0 11.1 5.0 82.4 18.2 0.081 1.5smc15a 15a 15c 14.3 15.8 1.0 12.8 1.0 70.8 21.2 0.084 1.5smc16a 16a 16c 15.2 16.8 1.0 13.6 1.0 66.7 22.5 0.086 1.5smc18a 18a 18c 17.1 18.9 1.0 15.3 1.0 59.5 25.2 0.089 1.5smc20a 20a 20c 19.0 21.0 1.0 17.1 1.0 54.2 27.7 0.090 1.5smc22a 22a 22c 20.9 23.1 1.0 18.8 1.0 49.0 30.6 0.092 1.5smc24a 24a 24c 22.8 25.2 1.0 20.5 1.0 45.2 33.2 0.090 1.5smc27a 27a 27c 25.7 28.4 1.0 23.1 1.0 40.0 37.5 0.096 1.5smc30a 30a 30c 28.5 31.5 1.0 25.6 1.0 36.2 41.4 0.097 1.5smc33a 33a 33c 31.4 34.7 1.0 28.2 1.0 32.8 45.7 0.098 1.5smc36a 36a 36c 34.2 37.8 1.0 30.8 1.0 30.1 49.9 0.099 1.5smc39a 39a 39c 37.1 41.0 1.0 33.3 1.0 27.8 53.9 0.100 1.5smc43a 43a 43c 40.9 45.2 1.0 36.8 1.0 25.3 59.3 0.101 1.5smc47a 47a 47c 44.7 49.4 1.0 40.2 1.0 23.1 64.8 0.101 1.5smc51a 51a 51c 48.5 53.6 1.0 43.6 1.0 21.4 70.1 0.102 1.5smc56a 56a 56c 53.2 58.8 1.0 47.8 1.0 19.5 77.0 0.103 1.5smc62a 62a 62c 58.9 65.1 1.0 53.0 1.0 17.6 85.0 0.104 1.5smc68a 68a 68c 64.6 71.4 1.0 58.1 1.0 16.3 92.0 0.104 1.5smc75a 75a 75c 71.3 78.8 1.0 64.1 1.0 14.6 104 0.105 1.5smc82a 82a 82c 77.9 86.1 1.0 70.1 1.0 13.3 113 0.105 1.5smc91a 91a 91c 86.5 95.5 1.0 77.8 1.0 12.0 125 0.106 1.5smc100a 100a 100c 95.0 105 1.0 85.5 1.0 10.9 137 0.106 1.5smc110a 110a 110c 105 116 1.0 94.0 1.0 9.9 152 0.107 1.5smc120a 120a 120c 114 126 1.0 102 1.0 9.1 165 0.107 1.5smc130a 130a 130c 124 137 1.0 111 1.0 8.4 179 0.107 1.5smc150a 150a 150c 143 158 1.0 128 1.0 7.2 207 0.106 1.5smc160a 160a 160c 152 168 1.0 136 1.0 6.8 219 0.108 1.5smc170a 170a 170c 162 179 1.0 145 1.0 6.4 234 0.108 1.5smc180a 180a 180c 171 189 1.0 154 1.0 6.1 246 0.108 1.5smc200a 200a 200c 190 210 1.0 171 1.0 5.5 274 0.108 1.5smc220a 220a 220c 209 231 1.0 185 1.0 4.6 328 0.108 1.5smc250a 250a - 237 263 1.0 214 1.0 4.4 344 0.110 1.5smc300a 300a - 285 315 1.0 256 1.0 3.6 414 0.110 1.5smc350a 350a - 333 368 1.0 300 1.0 3.1 482 0.110 1.5smc400a 400a - 380 420 1.0 342 1.0 2.7 548 0.110 1.5smc440a 440a - 418 462 1.0 376 1.0 2.5 602 0.110 1.5smc480a 480a - 456 504 1.0 408 1.0 2.28 658 0.110 1.5smc510a 510a - 485 535 1.0 434 1.0 2.15 698 0.110 1.5smc540a 540a - 513 567 1.0 459 1.0 2.03 740 0.110
1.5smc series www.vishay.com vishay general semiconductor revision: 14-dec-12 3 document number: 88303 for technical questions within your region: diodesamericas@vishay.com , diodesasia@vishay.com , diodeseurope@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 note (1) mounted on minimum recommended pad layout note (1) aec-q101 qualified ratings and characteristics curves (t a = 25 c unless otherwise noted) fig. 1 - peak pulse power rating curve fig. 2 - pulse power or current vs. initial junction temperature thermal characteristics (t a = 25 c unless otherwise noted) parameter symbol value unit typical thermal resistance, junction to ambient air (1) r ? ja 75 c/ w typical thermal resistance, junction to leads r ? jl 15 ordering information (example) preferred p/n unit weight (g) voltage range (v) package code base quantity delivery mode uni - bi - 1.5smc6.8a-e3/57t 0.211 6.8 to 540 6.8 to 220 57t 850 7" diameter plastic tape and reel 1.5smc6.8a-e3/9at 0.211 6.8 to 540 6.8 to 220 9at 3500 13" diameter plastic tape and reel 1.5smc6.8ahe3/57t (1) 0.211 6.8 to 540 6.8 to 220 57t 850 7" diameter plasti c tape and reel 1.5smc6.8ahe3/9at (1) 0.211 6.8 to 540 6.8 to 220 9at 3500 13" diameter plastic tape and reel 1.5smc250ahe3_a/h (1) 0.211 250 to 540 - h 850 7" diamet er plastic tape and reel 1.5smc250ahe3_a/i (1) 0.211 250 to 540 - i 3500 13" diamet er plastic tape and reel 0.1 1 10 100 0.31 x 0.31" (8.0 x 8.0 mm) copper pad areas 0.1 s 1.0 s 10 s 100 s 1.0 ms 10 ms p ppm - peak p u lse po w er (kw) t d - p u lse width (s) 0 25 50 75 100 100 75 50 25 0 125 150 175 200 t j - initial temperat u re (c) peak p u lse po w er (p pp ) or c u rrent (i pp ) derating in percentage, %
1.5smc series www.vishay.com vishay general semiconductor revision: 14-dec-12 4 document number: 88303 for technical questions within your region: diodesamericas@vishay.com , diodesasia@vishay.com , diodeseurope@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 fig. 3 - pulse w aveform fig. 4 - typical junction capac itance uni-directional fig. 5 - typical transient thermal impedance fig. 6 - maximum non-repetitive forward surge current uni-directional use only 0 50 100 150 t r = 10 s peak v al u e i ppm half v al u e - i ppm i pp 2 t d 10/1000 s wa v eform as defined b y r.e.a. 0 1.0 2.0 3.0 4.0 t - time (ms) i ppm - peak p u lse c u rrent, % i rsm t j = 25 c p u lse width (t d ) is defined as the point w here the peak c u rrent decays to 50 % of i ppm 10 100 1000 10 000 20 000 10 1 100 400 uni-directional bi-directional t j = 25 c f = 1.0 mhz v sig = 50 m v p-p meas u red at zero bias v r , meas u red at stand-off v oltage v wm c j - j u nction capacitance (pf) v wm - re v erse stand-off v oltage ( v ) 0.1 1.0 10 100 0.001 0.01 0.1 100 10 1 1000 t p - p u lse d u ration (s) transient thermal impedance (c/w) 1 10 100 10 100 200 t j = t j max. 8.3 ms single half sine-wa v e nu m b er of cycles at 60 hz peak for w ard s u rge c u rrent (a)
1.5smc series www.vishay.com vishay general semiconductor revision: 14-dec-12 5 document number: 88303 for technical questions within your region: diodesamericas@vishay.com , diodesasia@vishay.com , diodeseurope@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 package outline dimensions in inches (millimeters) 0.260 (6.60) 0.280 (7.11) 0.006 (0.152) 0.012 (0.305) 0.030 (0.76) 0.060 (1.52) 0.008 (0.2) 0.305 (7.75) 0.320 (8.13) 0.220 (5.59) 0.246 (6.22) 0.079 (2.06) 0.103 (2.62) 0.114 (2.90) 0.126 (3.20) cathode band do-214ab (smc) 0.320 ref. mounting pad layout 0 (0) 0.185 (4.69) max. 0.126 (3.20) mi n . 0.060 (1.52) mi n .
legal disclaimer notice www.vishay.com vishay revision: 02-oct-12 1 document number: 91000 disclaimer all product, product specifications and data are subject to change without notice to improve reliability, function or design or otherwise. vishay intertechnology, inc., its affiliates, agents, and employee s, and all persons acting on it s or their behalf (collectivel y, vishay), disclaim any and all liability for any errors, inaccuracies or incompleteness contained in any datasheet or in any o ther disclosure relating to any product. vishay makes no warranty, repres entation or guarantee regarding the suitabilit y of the products for any particular purpose or the continuing production of any product. to the maximum extent permitted by applicable law, vi shay disclaims (i) any and all liability arising out of the application or use of any product, (ii) any and all liability, including without limitation specia l, consequential or incidental damages, and (iii) any and all i mplied warranties, including warra nties of fitness for particular purpose, non-infringement and merchantability. statements regarding the suitability of products for certain type s of applications are based on vishays knowledge of typical requirements that are often placed on vishay products in generic applications. such statements are not binding statements about the suitability of products for a particular application. it is the customers responsib ility to validate that a particu lar product with the properties descri bed in the product specification is suitable fo r use in a particular application. parameters provided in datasheets and/or specification s may vary in different applications an d performance may vary over time. all operating parameters, including typical pa rameters, must be validated for each customer application by the customers technical experts. product specifications do not expand or otherwise modify vish ays terms and condit ions of purchase, including but not limited to the warranty expressed therein. except as expressly indicate d in writing, vishay products are not designed for use in medical, life-saving, or life-sustaining applications or for any other application in which the failure of the vi shay product could result in personal injury or death. customers using or selling vishay products not expressly indicated for use in such applications do so at their own risk. pleas e contact authorized vishay personnel to ob tain written terms and conditions regarding products designed for such applications. no license, express or implied, by estoppel or otherwise, to any intellectual prope rty rights is granted by this document or by any conduct of vishay. product names and markings noted herein may be trad emarks of their respective owners. material category policy vishay intertechnology, inc. hereby certi fies that all its products that are id entified as rohs-compliant fulfill the definitions and restrictions defined under directive 2011/65/eu of the euro pean parliament and of the council of june 8, 2011 on the restriction of the use of certain hazardous substances in electrical and electronic equipment (eee) - recast, unless otherwis e specified as non-compliant. please note that some vishay documentation may still make reference to rohs directive 2002/95/ ec. we confirm that all the products identified as being compliant to directive 2002 /95/ec conform to directive 2011/65/eu. vishay intertechnology, inc. hereby certifi es that all its products that are identified as ha logen-free follow halogen-free requirements as per jedec js709a stan dards. please note that some vishay documentation may still make reference to the iec 61249-2-21 definition. we co nfirm that all the products identified as being compliant to iec 61249-2-21 conform to jedec js709a standards.


▲Up To Search▲   

 
Price & Availability of 15SMC300A-E3-57T

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X